Part Number Hot Search : 
PD25012 SR860 5233B MMSZ52 1N5819TR 120EI PAC1000 HIP4082
Product Description
Full Text Search
 

To Download 2880150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2880150 06.11.2013???page? 1 ?/? 5 surge protection device?-?d-lan-19"-12?-?2880150 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) 19" rack with 12 surge protected ports for data interfaces in ethernet (1000base-t), token ring and fddi/cddi networks in acc. with class d/en 50173 (cat5e), connection on the protective device: rj45 sockets the illustration shows the version with 24 ports product features ?19" rack for installation in storey distributors ?protection of all eight signal wires of the data cable ?reliable transmission speeds up to 1 gbps ?up to 24 ports with rj45 connection ?indirect grounding via a gas-filled surge arrester in the housing ?direct grounding via a connection on the housing ? key commercial data packing unit 1 1 weight per piece (excluding packing) 3115.1 grm custom tariff number 85363010 country of origin germany technical data dimensions height 44 mm width 483 mm depth 160 mm height unit 1 u ambient conditions ambient temperature (operation) -40 c ... 80 c degree of protection ip20 483 440 37,75 44 150 2 1 1 2 j2 j1 7 8 7 8 3 4 5 6 3 4 5 6 out in
https://www.phoenixcontact.com/us/products/2880150 06.11.2013???page? 2 ?/? 5 surge protection device?-?d-lan-19"-12?-?2880150 technical data general housing material sheet steel color beige standards for air and creepage distances din vde 0110-1 iec 60664-1 surge voltage category ii pollution degree 2 mounting type 19" rack design 19" rack patch module number of positions 12 direction of action line-line & line-signal ground/shield & signal ground/shield-earth ground protective circuit iec test classification c1 c2 c3 b3 maximum continuous voltage uc (wire-wire) 6 v dc maximum continuous voltage u c (wire-ground) 68 v dc (optional: +/- 6 v dc) nominal current i n 1.5 a (25 c) operating effective current i c at u c 1 ma residual current i pe 1 ma (jumper 2 unplugged) nominal discharge current i n (8/20) s (core-core) 350 a nominal discharge current i n (8/20) s (core-earth) 350 a nominal discharge current i n (8/20) s (shield-earth) 2.5 ka (with insulated housing) total surge current (8/20) s 10 ka nominal pulse current ian (10/1000) s (core-core) 100 a nominal pulse current ian (10/1000) s (core-earth) 100 a output voltage limitation at 1 kv/s (core-core) static 20 v output voltage limitation at 1 kv/s (core-earth) static 30 v (j2 plugged) 170 v (j2 unplugged) output voltage limitation at 1 kv/s (shield-earth) static 700 v (with insulated shield) residual voltage at i n , (conductor-conductor) 65 v residual voltage at i n , (conductor-ground) 45 v (j2 on) 220 v (j2 off) residual voltage at in, (shield-ground) 700 v voltage protection level u p (core-core) 50 v (c1, 500 v/250 a) 483 440 37,75 44 150 2 1 1 2 j2 j1 7 8 7 8 3 4 5 6 3 4 5 6 out in
https://www.phoenixcontact.com/us/products/2880150 06.11.2013???page? 3 ?/? 5 surge protection device?-?d-lan-19"-12?-?2880150 technical data protective circuit voltage protection level u p (core-earth) 40 v (c1, 500 v/250 a (j2 on)) 180 v (c1, 500 v/250 a (j2 off)) voltage protection level u p (shield-earth) 800 v (with insulated housing) response time ta (core-core) 1 ns response time ta (core-earth) 1 ns response time ta (core-gnd) 100 ns input attenuation ae, sym. typ. 1 db ( 100 mhz) near-end crosstalk attenuation typ. 36 db (100 system / 100 mhz) cut-off frequency fg (3 db), sym. in 100 ohm system > 100 mhz capacity (core-core) typ. 20 pf capacity (core-earth) typ. 1 pf surge carrying capacity in acc. with iec 61643-21 (core-core) c1 (500 v / 250 a) surge carrying capacity in acc. with iec 61643-21 (core-earth) c1 (500 a/250 a) surge carrying capacity in acc. with iec 61643-21 (shield-earth) c2 (4 kv / 2 ka) connection data connection method rj45 connection type in rj45 socket connection type out rj45 socket connection method network interfaces (e.g. ethernet, token ring and cddi/fddi) standards and regulations standards/regulations iec 61643-21 din en 50173-1 classifications ecl@ss ecl@ss 4.0 27140201 ecl@ss 4.1 27130801 ecl@ss 5.0 27130801 ecl@ss 5.1 27130801 ecl@ss 6.0 27130807 ecl@ss 7.0 27130807 ecl@ss 8.0 27130807 etim etim 2.0 ec000943 483 440 37,75 44 150 2 1 1 2 j2 j1 7 8 7 8 3 4 5 6 3 4 5 6 out in
https://www.phoenixcontact.com/us/products/2880150 06.11.2013???page? 4 ?/? 5 surge protection device?-?d-lan-19"-12?-?2880150 classifications etim etim 3.0 ec000943 etim 4.0 ec000943 etim 5.0 ec000943 unspsc unspsc 6.01 30212010 unspsc 7.0901 39121610 unspsc 11 39121610 unspsc 12.01 39121610 unspsc 13.2 39121620 approvals approvals approvals gost / gost ex approvals approvals submitted approval details gost? gost? drawings 483 440 37,75 44 150 2 1 1 2 j2 j1 7 8 7 8 3 4 5 6 3 4 5 6 out in
https://www.phoenixcontact.com/us/products/2880150 06.11.2013???page? 5 ?/? 5 surge protection device?-?d-lan-19"-12?-?2880150 dimensioned drawing circuit diagram ? phoenix contact 2013 - all rights reserved http://www.phoenixcontact.com 483 440 37,75 44 150 2 1 1 2 j2 j1 7 8 7 8 3 4 5 6 3 4 5 6 out in


▲Up To Search▲   

 
Price & Availability of 2880150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X