Part Number Hot Search : 
VCH1622 R2060 GL34A TS32GSSD 284943 KVX2122 40011 OP05Z
Product Description
Full Text Search
 

To Download 2835325 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact inc., usa page 1 / 6 http://www.phoenixcon.com mar 15, 2010 extract from the online catalog ? pi-ex-es-1/3 order no.: 2835325 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2835325 ? ? ex basic terminal block, with three terminal points to the field level (ex area) ? commercial data ean 4017918164218 pack 6 pcs. customs tariff 85369010 weight/piece 0.0894 kg catalog page information page 469 (if-2009) product notes weee/rohs-compliant since: 04/23/2007 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data general data nominal voltage u n 250 v nom. voltage 20 v dc ... 35 v dc (see nominal voltage, pi modules) width 17.5 mm
pi-ex-es-1/3 order no.: 2835325 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2835325 phoenix contact inc., usa page 2 / 6 http://www.phoenixcon.com mar 15, 2010 height 92 mm depth 127.5 mm height with coupling plug ns 32 147.5 mm height with coupling plug ns 35/7,5 142.5 mm height with coupling plug ns 35/15 150 mm housing insulation material polyamide pa non-reinforced, polycarbonate pc, pvc inflammability class acc. to ul 94 v0 / v2 color green conformity ce compliant atex ex ii (1) gd [eex ia] iic ex ii 3 g ex na ii t4 x ambient temperature (operation) -20 c ... 60 c ambient temperature (storage/transport) -40 c ... 85 c connection data connection 1 to the control system level type of connection pcb / screw terminal block (4-pos.) conductor cross section stranded min. 0.2 mm2 conductor cross section stranded max. 2.5 mm2 conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 4 mm2 conductor cross section awg/kcmil min. 24 conductor cross section awg/kcmil max 12 screw thread m3 connection 2 to the field level type of connection screw connection conductor cross section stranded min. 0.2 mm2 conductor cross section stranded max. 2.5 mm2 conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 2.5 mm2 conductor cross section awg/kcmil min. 24 conductor cross section awg/kcmil max 14 screw thread m3 stripping length 8 mm tightening torque, min 0.5 nm tightening torque max 0.6 nm
pi-ex-es-1/3 order no.: 2835325 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2835325 phoenix contact inc., usa page 3 / 6 http://www.phoenixcon.com mar 15, 2010 certificates / approvals certification gost certification ex: kema-ex, pxc-ex accessories item designation description bridges 2820916 db 50- 90 bk wire bridge, color: ? black 2821180 db 50- 90 bu wire bridge, color: ? blue 2820929 db 50- 90 gy wire bridge, color: ? gray diagrams/drawings dimensioned drawing
pi-ex-es-1/3 order no.: 2835325 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2835325 phoenix contact inc., usa page 4 / 6 http://www.phoenixcon.com mar 15, 2010 circuit diagram a = ex area b = control signal + c = control signal -
pi-ex-es-1/3 order no.: 2835325 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2835325 phoenix contact inc., usa page 5 / 6 http://www.phoenixcon.com mar 15, 2010 approbationslogos (ex-bereich)
pi-ex-es-1/3 order no.: 2835325 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2835325 phoenix contact inc., usa page 6 / 6 http://www.phoenixcon.com mar 15, 2010 address phoenix contact inc., usa 586 fulling mill road middletown, pa 17057,usa phone (800) 888-7388 fax (717) 944-1625 http://www.phoenixcon.com ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 2835325

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X