Part Number Hot Search : 
125HS ISL28 CAPA110 P0501 2N6028G M16A12T RTL8181 YG901C2R
Product Description
Full Text Search
 

To Download 2506031027Y0-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip beads (2506031027y0) part number: 2506031027y0 multi- layer chip bead ? ? ? ? ? fair- rite offers a broad selection of cost effective multi- layer chip beads to suppress conducted emi signals. chip beads can be used in an array of devices such as cellular phones, computers, laptops, pagers, etc. the small package sizes accommodate automated placements and allow for a dense packaging of circuit boards. chip beads are available in standard, high and ghz signal speeds. recommended soldering profile packaging options: - all multi- layer chip beads are supplied taped and reeled, if required bulk packed chip beads can be provided. the suggested land patterns are in accordance to the latest revision of ipc-7351. weight: 0.006 (g) package size: 0603 (1608) dim mm mm tol nominal inch inch misc. a 0.8 0.15 0.031 _ b 0.8 0.15 0.031 _ c 1.6 0.15 0.063 _ d 0.4 0.20 0.016 _ land patterns v w x y z 0.60 (0.024 ) 1.70 (0.067 ) 1.00 (0.039 ) 1.10 (0.043 ) _ reel information tape width mm pitch mm parts 7" reel parts 13" reel parts 14" reel 8 4 4000 10000 _
chart legend + test frequency typical impedance ( ) 50 mhz 653 100 mhz + 1000 25% 500 mhz 241 1000 mhz + - electrical properties max dcr ( ?) 0.55 max current (ma) 300 the impedance values listed are typical values. the nominal impedance with a +/- 25% tolerance is specified for the + marked 100 mhz. chip beads are measured for impedance on the hp 4291a and fixture hp 16192a. chip beads are 100% tested for impedance and dc resistance.
fair- rite products corp.?? ? ??one commercial row, wallkill, new york 12589-0288 888-324-7748 ?? ? ?? 845-895-2055 ?? ? ?? fax: 845-895-2629 ?? ? ?? ferrites@fair- rite.com ?? ? ??www.fair- rite.com


▲Up To Search▲   

 
Price & Availability of 2506031027Y0-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X