high frequency, high current power inductors document 893 -1 document 893-1 revised 10/05/17 inductance 2 q test dcr irms (a) 5 20% q 3 freq srf typ 4 (mohm) 20c 40c weight part number 1 (nh) typ (mhz) (mhz) typ max rise rise (g) 1010vs-23nme_ 23.5 95 100 923 1.05 1.20 18.0 26.0 0.49 1010vs-46nme_ 46.5 150 100 526 1.50 1.62 17.9 25.5 0.65 1010vs-79nme_ 79.0 135 50 386 1.95 2.11 17.8 25.0 0.82 1010vs-111me_ 111 150 50 382 2.53 2.73 15.7 22.0 0.98 1010vs-141me_ 146 140 50 433 3.08 3.33 14.1 19.3 1.23 1212vs-22nme_ 22.0 200 100 918 0.48 0.55 40.5 57.0 2.20 1212vs-42nme_ 42.0 195 50 557 0.70 0.77 38.0 52.0 2.70 1212vs-66nme_ 66.0 200 50 480 0.90 0.99 35.0 48.0 3.20 1212vs-90nme_ 90.0 175 50 444 1.10 1.21 33.0 45.0 3.70 1212vs-111me_ 117 165 50 399 1.30 1.43 32.0 44.0 4.20 2014vs-33nme_ 33 230 100 620 0.63 0.74 32.5 43.0 1.60 2014vs-66nme_ 66 200 50 413 0.90 1.00 31.5 42.5 2.30 2014VS-111ME_ 108 210 50 320 1.20 1.34 31.0 42.0 3.10 2014vs-151me_ 155 205 50 296 1.44 1.60 29.4 39.7 3.60 2014vs-201me_ 202 200 50 262 1.70 1.82 26.3 35.8 4.40 2014vs-251me_ 257 200 50 230 1.94 2.15 24.9 34.5 5.00 1. when ordering, please specify packaging code: 2014vs-251me c packaging: c = 7 machine-ready reel (standard for 1010vs.) eia- 481 embossed plastic tape. d = 13 machine-ready reel (standard for 1212vs and 2014vs; optional, factory order only, not stocked for 1010vs.) eia-481 embossed plastic tape. b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c for 1010vs; d for 1212vs and 2014vs instead. ? excellent q factors C up to 230 at 400 mhz! ? current handling as high as 57 amps ? inductance values from 22 to 257 nh environmental rohs compliant, halogen free terminations rohs compliant tin-silver over copper ambient temperature C40c to +125c with i rms current maximum part temperature +155c (ambient + temp rise). storage temperature component: C40c to +155c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles temperature coeffcient of inductance (tcl) +5 to +70 ppm/c moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) mean time between failures (mtbf) 1 billion hours pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . 2. inductance measured at 1.0 mhz, 0.1 vrms, 0 a using an agilent/hp hp4291a impedance analyzer with an agilent/hp 16193a test fxture or equivalents. 3. q measured at the specifed frequency using an agilent/hp 4291a impedance analyzer or equivalent. 4. srf measured using an agilent/hp 8753 network analyzer or equivalent and a coilcraft ccf1199 test fxture 5. current that causes the specifed temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. 6. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. sample & bu y suppor t & fa q we b page t ools & softw are us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2017 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 893-2 document 893-2 revised 10/05/17 l vs frequency q vs frequency 146 nh 111 nh 79 nh 46.5 nh 23.5 nh 0 25 50 75 100 125 150 175 200 225 300 250 q f actor 11 0 1000 100 frequenc y (mhz) 561ra u 22 nh 42 nh 66 nh 90 nh 117 nh 615ra u 0 25 50 75 100 125 150 175 200 225 300 250 q f actor 11 0 1000 100 frequenc y (mhz) 202 nh 155 nh 108 nh 66 nh 33 nh 0 25 50 75 100 125 150 175 200 225 300 250 q f actor 11 0 1000 100 frequenc y (mhz) 643ra u 257 nh 10 100 1000 inductance (nh) 11 0 1000 100 frequenc y (mhz) 146 nh 111 nh 79 nh 46.5 nh 23.5 nh 561ra u 10 100 1000 inductance (nh) 11 0 1000 100 frequenc y (mhz) 117 nh 90 nh 66 nh 42 nh 22 nh 615ra u 10 100 1000 inductance (nh) 11 0 1000 100 frequenc y (mhz) 643ra u 155 nh 202 nh 108 nh 66 nh 33 nh 257 nh 1010vs 1010vs 1212vs 1212vs 2014vs 2014vs us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2017 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. high frequency, high current power inductors C 1010vs, 1212vs, 2014vs
document 893-3 document 893-3 revised 10/05/17 1010vs 2014vs 1212vs all dimensions are in inches . mm packaging 1010vs-23n 250/7 reel; ; 1000/13 reel; 3.81 mm pocket depth 1010vs-46n 250/7 reel; ; 900/13 reel; 4.32 mm pocket depth 1010vs-79n 200/7 reel; ; 800/13 reel; 5.05 mm pocket depth plastic tape: 24 mm wide, 0.35 mm thick, 16 mm pocket spacing 1010vs-111 175/7 reel; ; 700/13 reel; 5.84 mm pocket depth 1010vs-141 150/7 reel; ; 600/13 reel; 6.35 mm pocket depth plastic tape: 24 mm wide, 0.40 mm thick, 16 mm pocket spacing 1212vs-22n 450/13 reel; 8.86 mm pocket depth 1212vs-42n 400/13 reel; 7.87 mm pocket depth 1212vs-66n 350/13 reel; 9.02 mm pocket depth 1212vs-90n 300/13 reel; 10.67 mm pocket depth 1212vs-111 250/13 reel; 11.68 mm pocket depth plastic tape: 24 mm wide, 0.50 mm thick, 20 mm pocket spacing 2014vs-33n 500/13 reel; 6,22 mm pocket depth 2014vs-66n 450/13 reel; 7,37 mm pocket depth 2014vs-111 400/13 reel; 8,56 mm pocket depth 2014vs-151 350/13 reel; 9,45 mm pocket depth 2014vs-201 300/13 reel; 10,67 mm pocket depth 2014vs-251 250/13 reel; 11,68 mm pocket depth plastic tape: 44 mm wide, 0.50 mm thick, 20 mm pocket spacing height w eight pa rt number inches mm (g) 1010vs-23n 0.142 3,60 1010vs-46n 0.161 4,10 1010vs-79n 0.189 4,80 1010vs-111 0.220 5,60 1010vs-141 0.240 6,10 0.49 0.65 0.82 0.98 1.23 0.069 1,75 0.211 5,36 height (see tab le) 0.100 2,54 0.375 9,53 0.311 7,91 0.394 10,0 max dash number 0.394 10,0 max min 0.336 0.01 8,55 0,25 recommended land p attern 0.004 / 0,10 xxx x inter nal code 0.453 11,5 max 0.472 12,0 max 0.357 0.040 9,07 1,02 height (see tab le) 0.10 2,54 0.004 / 0,10 0.130 3,30 0.407 10,34 0.348 8,84 recommended land p attern height w eight 2.2 1212vs-42n 0.299 7,60 2.7 1212vs-66n 0.346 8,80 3.2 1212vs-90n 0.409 10,4 3.7 1212vs-111 0.445 11,3 4.2 pa rt number inches mm (g) 1212vs-22n 0.260 6,60 dash number xxx x inter nal code 0.218 5,56 min 0.770 19,56 max 0.535 13,60 max height (see tab le) 0.004 / 0,10 0.10 2,54 0.13 3,30 0.10 2,54 0.515 16,08 0.150 3,81 0.410 10,41 0.185 4,70 0.643 16,33 0.205 5,21 recommended land p attern height w eight 1.6 2014vs-66n 0.279 7,09 2.3 2014vs-111 0.327 8,31 3.1 2014vs-151 0.362 9,19 3.6 2014vs-201 0.409 10,4 4.4 2014vs-251 0.449 11,4 5.0 pa rt number inches mm (g) 2014vs-33n 0.236 5,99 xxx x dash number inter nal code 0.160 4,06 0.290 7,37 0.296 7,52 min 1 2 3 caution: te r minal 3 is pro vided fo r mounting s tability o nly . this ter minal is c onnected to th e w inding of th e inductor an d m ust not be connected to g round or an y c ircuitr y. 12 3 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2017 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. high frequency, high current power inductors C 1010vs, 1212vs, 2014vs
|