Part Number Hot Search : 
LP28400 CPC1926Y 01GS1 1A105 SH7750 46N30 J110A 74180
Product Description
Full Text Search
 

To Download 1N5818G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5817 - 1n5819 schottky barrier rectifier diodes prv : 20 - 40 volts i o : 1.0 ampere features : * high current capability * high surge current capability * high reliability * high efficiency * low power loss * low cost * low forward voltage drop mechanical data : * case : do-41 molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 0.339 gram maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol 1n5817 1n5818 1n5819 unit maximum recurrent peak reverse voltage v rrm 20 30 40 volts maximum rms voltage v rms 14 21 28 volts maximum dc blocking voltage v dc 20 30 40 volts maximum average forward current 0.375", 9.5mm lead length at t l = 90 c i f(av ) 1.0 amp. peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) t l = 70 c i fsm 25 amps. maximum forward voltage at i f = 1.0 amp. v f 0.45 0.55 0.6 volt. maximum reverse current ta = 25 c i r 1.0 ma at rated dc blocking voltage (note 1) ta = 100 c i r(h) 10 ma typical thermal resistance (note 2) r q jl 15 c/w typical junction capacitance (note 3) c j 110 pf junction temperature range t j - 65 to + 125 c storage temperature range t stg - 65 to + 125 c notes : (1) pulse test : pulse width = 300 m s, duty cycle = 2%. (2) thermal resistance from junction to lead, pc board mounting with 0.375" (9.5mm) lead lengths and 1.5 in 2 (38.1mm 2 ) copper pads. (3) measured at 1 mhz and applied reverse voltage of 4.0 volts. update : september 12, 1998 rating do - 41 0.205 (5.20) 0.160 (4.10) 0.107 (2.74) 0.080 (2.03) 0.034 (0.86) 0.028 (0.71) 1.00 (25.4) min. 1.00 (25.4) min. dimensions in inches and ( millimeters )
rating and characteristic curves ( 1n5817 - 1n5819 ) fig.1 - forward current derating curve fig.2 - maximum non-repetitive peak forward surge current 0 20 40 60 80 100 120 140 1 2 4 6 10 20 40 60 100 lead temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig.4 - typical reverse characteristics 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 1n5819 0.8 0.6 0.4 0.2 1.0 20 0 25 0 15 10 5 1.0 0.1 10 peak forward surge current, amperes average forward current, amperes forward current, amperes 10 1.0 80 0.01 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) t j = 100 c t j = 25 c reverse current, milliamperes forward voltage, volts 20 1n5817 1n5818 t j = 25 c pulse width = 300 m s duty cycle = 1%


▲Up To Search▲   

 
Price & Availability of 1N5818G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X