Part Number Hot Search : 
MS256 6106P FSM23PT 215025P GPLM393 2SC46 DTQS3 4B40B
Product Description
Full Text Search
 

To Download 0670688011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 10/26/2018 please check www.molex.com for latest part information part number: 0670688011 status: active overview: usb products and solutions description: universal serial bus (usb), shielded i/o, type b receptacle, right-angle with straight tabs, color black, 0.76m gold (au) plating, tray pack, lead-free documents: 3d model product specification ps-67998-0000 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family i/o connectors series 67068 application wire-to-board comments single component type receptacle overview usb products and solutions product name usb 2.0 type b upc 822348721603 physical boot color n/a circuits (loaded) 4 circuits (maximum) 4 flammability 94v-0 gender female lock to mating part yes material - plating mating gold material - plating termination tin net weight 3.466/g number of rows 2 orientation right angle pc tail length 2.80mm pcb locator yes pcb retention yes pcb thickness - recommended 1.60mm packaging type tray panel mount no pitch - mating interface 2.50mm pitch - termination interface 2.50mm plating min - mating 0.762m polarized to mating part yes polarized to pcb yes ports 1 surface mount compatible (smc) yes temperature range - operating 0 to +50c termination interface: style through hole waterproof / dustproof no wire size awg n/a electrical current - maximum per contact 1.5a series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/61/2018 (27 june 2018) halogen-free status not low-halogen for more information, please visit contact us china rohs green image elv not relevant rohs phthalates not contained search parts in this series 67068 series mates with usb type b plug
shield type full shield shielded yes voltage - maximum 30v (rms) solder process data duration at max. process temperature (seconds) 005 lead-freeprocess capability wave max. cycles at max. process temperature 001 process temperature max. c 260 material info reference - drawing numbers product specification ps-67998-0000 sales drawing sd-67068-003 this document was generated on 10/26/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0670688011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X