Part Number Hot Search : 
PI3HD ADR02BR 78083 25X40AV 10101 BDT41 TSH22I 6KE400CA
Product Description
Full Text Search
 

To Download UNR9114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 transistors with built-in resistor un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj silicon pnp epitaxial planer transistor for digital circuits n features l costs can be reduced through downsizing of the equipment and reduction of the number of parts. l ss-mini type package, allowing automatic insertion through tape packing and magazine packing. n resistance by part number marking symbol (r 1 )(r 2 ) l un9111 6a 10k w 10k w l un9112 6b 22k w 22k w l un9113 6c 47k w 47k w l un9114 6d 10k w 47k w l un9115 6e 10k w l un9116 6f 4.7k w l un9117 6h 22k w l un9118 6i 0.51k w 5.1k w l un9119 6k 1k w 10k w l un9110 6l 47k w l un911d 6m 47k w 10k w l un911e 6n 47k w 22k w l un911f 6o 4.7k w 10k w l un911h 6p 2.2k w 10k w l un911l 6q 4.7k w 4.7k w l unr911aj 6x 100k w 100k w l unr911bj 6y 100k w l unr911cj 6z 47k w n absolute maximum ratings (ta=25?c) unit: mm internal connection parameter symbol ratings unit collector to base voltage v cbo C50 v collector to emitter voltage v ceo C50 v collector current i c C100 ma total power dissipation p t 125 mw junction temperature t j 125 ?c storage temperature t stg C55 to +125 ?c b c r1 r2 e 1 : base 2 : emitter 3 : collector ss?ini type pakage 1.6 0.15 1.6 0.1 1.0 0.1 0.75 0.15 0.45 0.1 0.5 0.3 0 to 0.1 0.5 0.8 0.1 0.4 0.4 0.2 +0.1 -0.05 0.15 +0.1 -0.05 1 2 3 0.2 0.1 unit: mm 1 : base 2 : emitter 3 : collector ss?ini flat type pakage (j type) 1.60 +0.05 ?.03 0.70 +0.05 ?.03 0.12 +0.03 ?.01 0 to 0.1 0.80 0.80 0.50 0.50 1.60 0.05 0.80 0.05 0.80 0.425 0.425 1.00 0.05 0.27 0.02 0.85 +0.05 ?.03
2 transistors with built-in resistor n electrical characteristics (ta=25?c) parameter symbol conditions min typ max unit collector cutoff current i cbo v cb = C50v, i e = 0 C 0.1 m a i ceo v ce = C50v, i b = 0 C 0.5 m a un9111 C 0.5 un9112/9114/911e/911d C 0.2 un9113/unr911aj C 0.1 un9115/9116/9117/9110/unr911bj i ebo v eb = C6v, i c = 0 C 0.01 ma un911f/911h C1.0 un9119 C1.5 un9118/911l/911cj C2.0 collector to base voltage v cbo i c = C10 m a, i e = 0 C50 v collector to emitter voltage v ceo i c = C2ma, i b = 0 C50 v un9111 35 un9112/911e 60 un9113/9114/unr911aj/911cj h fe v ce = C10v, i c = C5ma 80 un9115*/9116*/9117*/9110*unr911bj 160 460 un911f/911d/9119/911h 30 un9118/911l 20 collector to emitter saturation voltage v ce(sat) i c = C10ma, i b = C 0.3ma C 0.25 v output voltage high level v oh v cc = C5v, v b = C 0.5v, r l = 1k w C4.9 v output voltage low level v cc = C5v, v b = C2.5v, r l = 1k w C 0.2 un9113/unr911bj v cc = C5v, v b = C3.5v, r l = 1k w C 0.2 un911d v ol v cc = C5v, v b = C10v, r l = 1k w C 0.2 v un911e v cc = C5v, v b = C6v, r l = 1k w C 0.2 unr911aj v cc = C5v, v b = C5.0v, r l = 1k w C 0.2 transition frequency 150 unr911aj f t v cb = C10v, i e = 2ma, f = 200mhz 80 mhz un9111/9114/9115 10 un9112/9117 22 un9113/9110/911d/911e 47 un9116/911f/911l r 1 (C30%) 4.7 (+30%) k w un9118 0.51 un9119 1 un911h 2.2 unr911aj/911bj 100 emitter cutoff current forward current transfer ratio input resis- tance un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj * h fe rank classification (un9115/9116/9117/9110) rank q r s h fe 160 to 260 210 to 340 290 to 460
3 transistors with built-in resistor un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj n electrical characteristics (continued) (ta=25?c) parameter symbol conditions min typ max unit un9111/9112/9113/911l 0.8 1.0 1.2 un9114 0.17 0.21 0.25 un9118/9119 0.08 0.1 0.12 un911d r 1 /r 2 4.7 un911e 2.14 un911f 0.47 un911h 0.17 0.22 0.27 unr911aj 1.0 resistance between emitter to base unr911cj r 2 C30% 47 30% resis- tance ratio
4 transistors with built-in resistor common characteristics chart p t ta characteristics charts of un9111 i c v ce v ce(sat) i c h fe i c c ob v cb i o v in v in i o un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj 0 0 ?2 2 ?0 ? ? ? ?0 ?20 ?0 ?60 ?40 ?00 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 40 80 120 160 ?0 30 100 300 1000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c 25?c 0 0.1 0.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? 3 ?.4 ?0 ?0 ?00 300 ?000 ?000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 ?.1 ?.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c 0 0 160 20 60 100 140 40 120 80 150 125 100 75 50 25 ambient temperature ta ( ?c ) total power dissipation p t ( mw )
5 transistors with built-in resistor characteristics charts of un9112 i c v ce v ce(sat) i c h fe i c c ob v cb i o v in v in i o characteristics charts of un9113 i c v ce v ce(sat) i c h fe i c un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj 0 0 ?2 2 ?0 ? ? ? ?0 ?20 ?0 ?60 ?40 ?00 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 100 200 300 400 ?0 30 ?00 300 ?000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c ?5?c 0 0.1 0.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.4 ?0 ?0 ?00 300 ?000 3000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c 0 0 ?2 2 ?0 ? ? ? ?0 ?20 ?0 ?60 ?40 ?00 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 100 200 300 400 ?0 30 ?00 300 ?000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c 25?c
6 transistors with built-in resistor un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj c ob v cb i o v in v in i o characteristics charts of un9114 i c v ce v ce(sat) i c h fe i c c ob v cb i o v in v in i o 0 0.1 0.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.4 ?0 ?0 ?00 300 ?000 ?000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 ?.1 ?.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c 0 0 ?2 2 ?0 ? ? ? ?0 ?20 ?0 ?60 ?40 ?00 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma 0.01 0.03 ?.1 ?.3 ?.1 ?.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 100 200 300 400 ?0 30 ?00 300 ?000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c 25?c 0 0.1 0.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.4 ?0 ?0 ?00 300 ?000 3000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.1 0.3 ?.1 ?.3 ? ? ?0 ?0 ?00 300 ?000 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c
7 transistors with built-in resistor un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj characteristics charts of un9115 i c v ce v ce(sat) i c h fe i c c ob v cb i o v in v in i o characteristics charts of un9116 i c v ce v ce(sat) i c h fe i c 0 0 ?2 2 ?0 ? ? ? ?0 ?20 ?0 ?60 ?40 ?00 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 100 200 300 400 ?0 30 ?00 300 ?000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c 25?c 0 0.1 0.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.4 ?0 ?0 ?00 300 ?000 3000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c 0 0 ?2 2 ?0 ? ? ? ?0 ?20 ?0 ?60 ?40 ?00 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 100 200 300 400 ?0 30 ?00 300 ?000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c 25?c
8 transistors with built-in resistor c ob v cb i o v in v in i o characteristics charts of un9117 i c v ce v ce(sat) i c h fe i c c ob v cb i o v in v in i o un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj 0 ?.1 ?.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.4 ?0 ?0 ?00 300 ?000 ?000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 ?.1 ?.3 ?.1 ?.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o =0.2v ta=25?c 0 0 ?2 ? ?0 ? ? ? ?20 ?00 ?0 ?0 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 100 200 300 400 ?0 30 100 300 1000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c 25?c 0 ?.1 ?.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.4 ?0 ?0 ?00 300 ?000 3000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 ?.1 ?.3 ?.1 ?.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o =0.2v ta=25?c
9 transistors with built-in resistor un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj characteristics charts of un9118 i c v ce v ce(sat) i c h fe i c c ob v cb i o v in v in i o characteristics charts of un9119 i c v ce v ce(sat) i c h fe i c 0 0 ?2 2 ?0 ? ? ? 240 200 ?60 ?20 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.4ma 0.3ma 0.2ma 0.1ma 0.5ma 0.6ma 0.01 0.03 ?.1 ?.3 ?.1 ?.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 40 80 120 160 ?0 30 100 300 ?000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c ?5?c 0 0.1 0.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.4 ?0 ?0 ?00 300 ?000 3000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c 0 0 ?2 2 ?0 ? ? ? 240 200 ?60 ?20 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma ?.4ma ?.3ma ?.6ma 0.9ma 0.8ma 0.7ma ?.5ma ?.2ma ?.1ma 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 40 80 120 160 ?0 30 ?00 300 ?000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c ?5?c
10 transistors with built-in resistor c ob v cb i o v in v in i o characteristics charts of un9110 i c v ce v ce(sat) i c h fe i c c ob v cb i o v in v in i o un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj 0 ?.1 ?.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.4 ?0 ?0 ?00 300 ?000 3000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c 0 0 ?2 2 ?0 ? ? ? ?20 ?00 ?0 ?0 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma ?.9ma ?.8ma ?.7ma ?.6ma ?.5ma ?.4ma ?.3ma 0.2ma 0.1ma 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c ?5?c 0 ? 3 100 200 300 400 ?0 30 100 300 1000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c 25?c 0 ?.1 ?.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.4 ?0 ?0 ?00 300 ?000 3000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c
11 transistors with built-in resistor un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj characteristics charts of un911d i c v ce v ce(sat) i c h fe i c c ob v cb i o v in v in i o characteristics charts of un911e i c v ce v ce(sat) i c h fe i c 0 0 ?2 2 ?0 ? ? ? ?0 ?0 ?0 ?0 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma 0.01 0.03 ?.1 ?.3 ?.1 ?.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 40 80 120 160 ?0 30 ?00 300 ?000 forward current transfer ratio h fe collector current i c ( ma ) v ce = 10v ta=75?c 25?c ?5?c 0 0.1 0.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.5 ?0 ?0 ?00 300 ?000 ?000 ?0000 ?.0 ?.5 ?.0 ?.5 ?.0 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 ?.1 ?.3 0.1 0.3 ? ? ?0 ?0 ?00 ? ? ?0 ?0 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c 0 0 ?2 2 ?0 ? ? ? ?0 ?0 ?0 ?0 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 100 200 300 400 ?0 30 ?00 300 ?000 forward current transfer ratio h fe collector current i c ( ma ) v ce =?0v ta=75?c 25?c 25?c
12 transistors with built-in resistor c ob v cb i o v in v in i o characteristics charts of un911f i c v ce v ce(sat) i c h fe i c c ob v cb i o v in v in i o un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj 0 ?.1 ?.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.5 ?0 ?0 ?00 300 ?000 3000 ?0000 ?.0 ?.5 ?.0 ?.5 ?.0 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 ?.1 ?.3 ?.1 ?.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o =0.2v ta=25?c 0 0 ?2 2 ?0 ? ? ? 240 200 ?60 ?20 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.9ma 0.8ma 0.7ma 0.6ma 0.1ma 0.2ma 0.3ma 0.4ma 0.5ma 0.01 0.03 0.1 0.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 40 80 120 160 ?0 30 100 300 1000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c 25?c 0 0.1 0.3 6 5 4 3 2 1 ? 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c ? ? ?.4 ?0 ?0 ?00 300 ?000 3000 ?0000 ?.4 ?.2 ?.0 ?.8 ?.6 output current i o ( a ) input voltage v in ( v ) v o =?v ta=25?c 0.01 0.03 ?.1 ?.3 0.1 0.3 ? ? ?0 ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c
13 transistors with built-in resistor un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj characteristics charts of un911h i c v ce v ce(sat) i c h fe i c c ob v cb v in i o characteristics charts of un911l i c v ce v ce(sat) i c h fe i c 0 0 ?2 2 ?0 ? ? ? ?20 ?00 ?0 ?0 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b = 0.5ma 0.3ma 0.4ma 0.2ma 0.1ma 0.01 ? 3 ?.1 ? ?0 ?00 ?0 30 ?00 300 ?000 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 0.1 0.3 240 200 160 120 80 40 ? 3 ?0 30 ?00 forward current transfer ratio h fe collector current i c ( ma ) v ce =?0v ta=75?c 25?c 25?c 0 ? 6 5 4 3 2 1 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c 0.01 ?.1 ?.3 ?.1 ? ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o =0.2v ta=25?c 0 0 ?2 2 ?0 ? ? ? 240 200 ?60 ?20 ?0 ?0 collector to emitter voltage v ce ( v ) collector current i c ( ma ) ta=25?c i b =?.0ma 0.2ma 0.4ma 0.6ma 0.8ma 0.01 0.03 ? 3 ?.1 ?.3 ? ? ?0 ?0 ?00 ?0 30 ?00 300 ?000 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) i c /i b =10 ta=75?c 25?c 25?c 0 ? 3 240 200 160 120 80 40 ?0 30 100 300 ?000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?0v ta=75?c 25?c 25?c
14 transistors with built-in resistor c ob v cb v in i o un9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/ 911d/911e/911f/911h/911l/unr911aj/911bj/911cj 0 ? 6 5 4 3 2 1 3 ?0 30 ?00 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) f=1mhz i e =0 ta=25?c 0.01 0.1 0.3 0.1 ? ?0 ?00 ? 3 ?0 30 ?00 input voltage v in ( v ) output current i o ( ma ) v o = 0.2v ta=25?c


▲Up To Search▲   

 
Price & Availability of UNR9114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X