Part Number Hot Search : 
KBP1010 DT74FCT 2R2M2 DT74AL X60250 HIP40 2N2906A 18F43K
Product Description
Full Text Search
 

To Download UGF1004G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ret y rt - high efficiency, low vf - high current capability - high reliability - high surge current capability - ul recognized file # e-326243 - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test v rrm v v rms v v dc v i f(av) a trr ns r jc o c/w t j o c t stg o c document number: ds_d1309052 version: d13 UGF1004G thru ugf1008g taiwan semiconductor isolated ultra fast rectifiers feat u res - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mounting torque: 5 in-lbs maximum weight: 1.7 g (approximately) m ax i m u m rat i n gs an d elect ri cal ch aract eri st i cs (t a =25 unless otherwise noted) m ech an i cal dat a case: ito-220ab polarity: as marked ito-220ab 1.70 maximum dc blocking voltage maximum average forward rectified current 10 maximum repetitive peak reverse voltage maximum rms voltage 500 600 140 210 25 v maximum instantaneous forward voltage (note 1) i f = 5 a v f peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 70 a 0.95 1.25 - 55 to +150 - 55 to +175 - 55 to +150 a 100 maximum reverse current @ rated vr t j =25 t j =125 i r 10 maximum reverse recovery time (note 2) 20 note 1: pulse test with pw=300 s, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 200 300 400 typical thermal resistance 6.0 operating junction temperature range storage temperature range - 55 to +175 280 350 420 200 300 400 500 600 u n i t u gf 1 0 0 5 g u gf 1 0 0 6 g u gf 1 0 0 7 g u gf 1 0 0 8 g param et er sy m bol u gf 1 0 0 4 g downloaded from: http:///
part n o. part n o. UGF1004G UGF1004G (ta=25 unless otherwise noted) document number: ds_d1309052 version: d13 green compound descri pt i on 50 / tube pack i n g UGF1004G thru ugf1008g taiwan semiconductor orderi n g i n form at i on pack i n g code green com pou n d code pack age ugf100xg (note 1) c0 suffix "g" ito-220ab note 1: "xx" defines voltage from 200v (UGF1004G) to 600v (ugf1008g) UGF1004G c0g c0 g rat i n gs an d ch aract eri st i cs cu rv es ex am ple preferred p/n pack i n g code green com pou n d code UGF1004G c0 c0 0 2 4 6 8 10 12 0 2 55 07 51 0 01 2 51 5 01 7 5 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductive load with heatsink ugf1007g-08g UGF1004G-06g 0 20 40 60 80 100 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 instantaneous reverse current ( a) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics tj = 25 tj=125 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) forward voltage (v) fig. 4 typical forward characteristics tj=25 tj=125 04g 05g-06g 07g-08g downloaded from: http:///
min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1309052 version: d13 m ark i n g di agram UGF1004G thru ugf1008g taiwan semiconductor pack age ou t li n e di m en si on s dim. unit (mm) unit (inch) 10 100 1000 0.1 1 10 100 capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance f=1.0mhz vsig=50mvp-p downloaded from: http:///
ret y rt assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1309052 version: d13 UGF1004G thru ugf1008g taiwan semiconductor n ot ic e specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of UGF1004G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X