Part Number Hot Search : 
E43CA SRP18U MC4052 BZX84C39 T600D TK11816 MCM6709 2ZNU03
Product Description
Full Text Search
 

To Download STTH2R02-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  october 2010 doc id 17934 rev 1 1/8 8 STTH2R02-Y automotive ultrafast recovery diode features very low conduction losses negligible switching losses low forward and reverse recovery times high junction temperature aec-q101 qualified description the stth2r02 uses st's new 200 v planar pt doping technology, and it is specially suited for switching mode base drive and transistor circuits. packaged in smb, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection for automotive applications. table 1. device summary symbol value i f(av) 2 a v rrm 200 v t j (max) 175 c v f (typ) 0.7 v t rr (typ) 15 ns k a smb stth2r02uy k a www.st.com
characteristics STTH2R02-Y 2/8 doc id 17934 rev 1 1 characteristics to evaluate the conduction losses use the following equation: p = 0.68 x i f(av) + 0.06 i f 2 (rms) table 2. absolute ratings (limiting values at t j = 25 c, unless otherwise specified) symbol parameter value unit v rrm repetitive peak reverse voltage 200 v i frm repetitive peak forward current t p = 5 s, f = 5 khz 60 a i f(rms) forward rms current 60 a i f(av) average forward current, = 0.5 t c = 90 c 2 a i fsm surge non repetitive forward current t p = 10 ms sinusoidal 75 a t stg storage temperature range -65 to +175 c t j operating junction temperature range -40 to +175 c table 3. thermal parameters symbol parameter value unit r th(j-c) junction to case 30 c/w table 4. static electrical characteristics symbol parameter test conditions min. typ. max. unit i r (1) 1. pulse test: t p = 5 ms, < 2 % reverse leakage current t j = 25 c v r = v rrm --3 a t j = 125 c - 2 20 v f (2) 2. pulse test: t p = 380 s, < 2 % forward voltage drop t j = 25 c i f = 6 a - - 1.20 v t j = 25 c i f = 2 a - 0.89 1.0 t j = 100 c - 0.76 0.85 t j = 150 c - 0.70 0.80
STTH2R02-Y characteristics doc id 17934 rev 1 3/8 table 5. dynamic characteristics symbol parameter test conditions min. typ max. unit t rr reverse recovery time i f = 1 a, di f /dt = -50 a/s, v r = 30 v, t j = 25 c -2330 ns i f = 1 a, di f /dt = -100 a/s, v r = 30 v, t j = 25 c -1520 i rm reverse recovery current i f = 2 a, di f /dt = -200 a/s, v r = 160 v, t j = 125 c -34a t fr forward recovery time i f = 2 a, di f /dt = 100 a/s v fr = 1.1 x v fmax , t j = 25 c -40- ns v fp forward recovery voltage i f = 2 a, di f /dt = 100 a/s, t j = 25 c -2.0- v figure 1. peak current versus duty cycle figure 2. forward voltage drop versus forward current (typical values) i m (a) 0 20 40 60 80 100 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 t d =tp/t tp i m t =tp/t tp i m p = 2 w p = 2 w p = 1 w p = 1 w p = 5 w p = 5 w 0 10 20 30 40 50 0.0 0.5 1.0 1.5 2.0 2.5 i fm (a) t j =25c t j =150c v fm (v) figure 3. forward voltage drop versus forward current (maximum values) figure 4. relative variation of thermal impedance junction to case versus pulse duration 0 10 20 30 40 50 0.0 0.5 1.0 1.5 2.0 2.5 i fm (a) t j =25c t j =150c v fm (v) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 z th(j-a) /r th(j-a) single pulse sma s cu =1cm2 t p (ms)
characteristics STTH2R02-Y 4/8 doc id 17934 rev 1 figure 5. junction capacitance versus reverse applied voltage (typical values) figure 6. reverse recovery charges versus di f /dt (typical values) 1 10 100 1 10 100 1000 c (pf) f=1mhz v osc =30mv rms t j =25c v r (v) 0 10 20 30 40 50 60 10 100 1000 q rr (nc) i f =2a v r =160v t j =125c t j =25c di f /dt(a/s) figure 7. reverse recovery time versus di f /dt (typical values) figure 8. peak reverse recovery current versus di f /dt (typical values) 0 10 20 30 40 50 60 10 100 1000 t rr (ns) i f =2a v r =160v t j =125c t j =25c di f /dt(a/s) 0 1 2 3 4 5 6 10 100 1000 i rm (a) i f =2a v r =160v t j =125c t j =25c di f /dt(a/s) figure 9. dynamic parameters versus junction temperature figure 10. thermal resistance, junction to ambient, versus copper surface under each lead 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 25 50 75 100 125 150 q rr ;i rm [t j ]/q rr ;i rm [t j =125c] i rm q rr i f =2a v r =160v t j (c) 0 20 40 60 80 100 120 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 r th(j-a) (c/w) s cu (cm2) epoxy printed circuit board, copper thickness = 35 m
STTH2R02-Y ordering information scheme doc id 17934 rev 1 5/8 2 ordering information scheme figure 11. ordering information scheme stth 2 r 02 xx ultrafast switching diode average forward current 2 = 2 a 02 = 200 v u = smb in tape and reel y = automotive grade model r package repetitive peak reverse voltage
package information STTH2R02-Y 6/8 doc id 17934 rev 1 3 package information epoxy meets ul94, v0 lead-free package in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 12. smb footprint (dimensions in mm) table 6. smb dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a1 1.90 2.15 2.45 0.075 0.085 0.096 a2 0.05 0.15 0.20 0.002 0.006 0.008 b 1.95 2.20 0.077 0.087 c 0.15 0.41 0.006 0.016 e 5.10 5.40 5.60 0.201 0.213 0.220 e1 4.05 4.30 4.60 0.159 0.169 0.181 d 3.30 3.60 3.95 0.130 0.142 0.156 l 0.75 1.15 1.60 0.030 0.045 0.063 d e e1 c a1 a2 b l 2.22 1.75 1.75 1.75 5.25
STTH2R02-Y ordering information doc id 17934 rev 1 7/8 4 ordering information 5 revision history table 7. ordering information order code marking package weight base qty delivery mode stth2r02uy r2uy smb 0.12 g 2500 tape and reel table 8. document revision history date revision changes 20-oct-2010 1 initial release.
STTH2R02-Y 8/8 doc id 17934 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STTH2R02-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X