Part Number Hot Search : 
M7S24FAJ MZ8810C MB54501 10V8X1 MURS405 UPA2705 TS971ILT AT24WC
Product Description
Full Text Search
 

To Download STL150N3LLH6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  november 2010 doc id 15345 rev 3 1/12 12 STL150N3LLH6 n-channel 30 v, 0.0016 , 33 a powerflat? (5x6) stripfet? vi deepgate? power mosfet features r ds(on) * q g industry benchmark extremely low on-resistance r ds(on) high avalanche ruggedness low gate drive power losses very low switching gate charge application switching applications description the STL150N3LLH6 is a n-channel 30 v. this product utilizes the 6 th generation of design rules of st?s proprietary stripfet? technology, with a new gate structure.the resulting power mosfet exhibits the lowest r ds(on) in all packages. figure 1. internal schematic diagram type v dss r ds(on) max i d STL150N3LLH6 30 v 0.002 33 a (1) 1. the value is rated according r thj-pcb powerflat? ( 5x6 ) table 1. device summary order code marking package packaging STL150N3LLH6 150n3llh6 powerflat? (5x6) tape and reel www.st.com
contents STL150N3LLH6 2/12 doc id 15345 rev 3 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
STL150N3LLH6 electrical ratings doc id 15345 rev 3 3/12 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 30 v v gs gate-source voltage 20 v i d (1) 1. the value is rated according r thj-c drain current (continuous) at t c = 25 c 150 a i d (1) drain current (continuous) at t c = 100 c 93 a i d (2) 2. the value is rated according r thj-pcb drain current (continuous) at t c = 25 c 33 a i d (2) drain current (continuous) at t c =100 c 20.8 a i dm (3) 3. pulse width limited by safe operating area drain current (pulsed) 132 a p tot (1) total dissipation at t c = 25 c 80 w p tot (3) total dissipation at t c = 25 c 4 w derating factor 0.03 w/c t j t stg operating junction temperature storage temperature -55 to 150 c table 3. thermal resistance symbol parameter value unit r thj-case thermal resistance junction-case (drain) (steady state) 1.56 c/w r thj-pcb (1) 1. when mounted on fr-4 board of 1inch2, 2oz cu, t < 10 sec thermal resistance junction-ambient 31.3 c/w table 4. avalanche data symbol parameter value unit i av not-repetitive avalanche current, (pulse width limited by tj max) 20 a e as single pulse avalanche energy (starting t j = 25 c, i d = i av ) 200 mj
electrical characteristics STL150N3LLH6 4/12 doc id 15345 rev 3 2 electrical characteristics (t case = 25 c unless otherwise specified) table 5. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 30 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating, v ds = max rating @125 c 1 10 a a i gss gate body leakage current (v ds = 0) v gs = 20 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 1 v r ds(on) static drain-source on resistance v gs = 10 v, i d = 16.5 a v gs = 4.5 v, i d = 16.5 a 0.0016 0.0025 0.002 0.0034 table 6. dynamic symbol parameter test conditions min. typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v, f=1 mhz, v gs =0 - 4040 740 425 - pf pf pf q g q gs q gd total gate charge gate-source charge gate-drain charge v dd =15 v, i d = 33 a v gs =4.5 v (see figure 14) - 40 16.3 15.8 - nc nc nc r g gate input resistance f=1 mhz gate dc bias = 0 test signal level = 20 mv open drain -1.4 -
STL150N3LLH6 electrical characteristics doc id 15345 rev 3 5/12 table 7. switching times symbol parameter test conditions min. typ. max. unit t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd =15 v, i d = 16.5 a, r g =4.7 , v gs =10 v (see figure 13) - 17 18 75 46 - ns ns ns ns table 8. source drain diode symbol parameter test conditions min. typ. max. unit i sd source-drain current - 33 a i sdm (1) 1. pulse width limited by safe operating area source-drain current (pulsed) - 132 a v sd (2) 2. pulsed: pulse duration=300s, duty cycle 1.5% forward on voltage i sd = 33 a, v gs =0 - 1.1 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 33 a, di/dt = 100 a/s, v dd =25 v - 34 35 2.1 ns nc a
electrical characteristics STL150N3LLH6 6/12 doc id 15345 rev 3 2.1 electrical characteristics (c urves) figure 2. safe operating area figure 3. thermal impedance figure 4. output characteristics figure 5. transfer characteristics figure 6. normalized bv dss vs temperature figure 7. static drain-source on resistance i d 100 10 1 0.1 0.1 1 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 1 s 100m s 10m s tj=150c tc=25c s inlge p u l s e 0.01 am0495 3 v1 i d 150 100 50 0 0 2 v d s (v) 4 (a) 200 250 5v 3 v 4v v g s =10v 3 00 3 50 am0 3 99 8 v1 i d 150 100 50 0 0 4 v g s (v) 8 (a) 2 6 10 200 3 00 250 v d s =1v am0 3 999v1 bv d ss -50 0 t j (c) (norm) 50 100 0.94 0.96 0.9 8 1.00 1.02 1.04 150 1.06 i d= 250 a am0490 3 v1 r d s (on) 1.5 1.0 0.5 0.0 0 20 i d (a) (m ) 2.0 2.5 3 .0 3 .5 40 60 8 0 4.0 4.5 v g s =10v am04905v1
STL150N3LLH6 electrical characteristics doc id 15345 rev 3 7/12 figure 8. gate charge vs gate-source voltage figure 9. capacitance variations figure 10. normalized gate threshold voltage vs temperature figure 11. normalized on resistance vs temperature figure 12. source-drain diode forward characteristics v g s 6 4 2 0 0 20 q g (nc) (v) 8 0 8 40 60 10 v dd =15v i d = 8 0a 100 12 am04000v1 c 4600 3 100 1600 100 0 10 v d s (v) (pf) 5 15 ci ss co ss cr ss 6100 20 25 f=1mhz am00 8 9 3 v1 v g s (th) 1.0 0.6 0.4 0.2 -50 0 t j (c) (norm) 1.1 50 100 0. 8 150 i d= 250 a am04901v1 r d s (on) 1.4 0. 8 0.4 0 -50 0 t j (c) (norm) -25 75 25 50 100 0.2 0.6 1.2 1.0 1.6 i d= 40a v g s = 10v am04902v1 v s d 0 40 i s d (a) (v) 20 60 8 0 0.4 0.5 0.6 0.7 0. 8 0.9 1.0 t j =-50c t j =175c t j =25c am04906v1
test circuits STL150N3LLH6 8/12 doc id 15345 rev 3 3 test circuits figure 13. switching times test circuit for resistive load figure 14. gate charge test circuit figure 15. test circuit for inductive load switching and diode recovery times figure 16. unclamped inductive load test circuit figure 17. unclamped inductive wavefor m figure 18. switching time waveform am0146 8 v1 v g s p w v d r g r l d.u.t. 2200 f 3 . 3 f v dd am01469v1 v dd 47k 1k 47k 2.7k 1k 12v v i =20v=v gmax 2200 f p w i g =con s t 100 100nf d.u.t. v g am01470v1 a d d.u.t. s b g 25 a a b b r g g fa s t diode d s l=100 h f 3 . 3 1000 f v dd am01471v1 v i p w v d i d d.u.t. l 2200 f 3 . 3 f v dd am01472v1 v (br)d ss v dd v dd v d i dm i d am0147 3 v1 v d s t on td on td off t off t f t r 90 % 10 % 10 % 0 0 90 % 90 % 10 % v g s
STL150N3LLH6 package mechanical data doc id 15345 rev 3 9/12 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com. ecopack is an st trademark.
package mechanical data STL150N3LLH6 10/12 doc id 15345 rev 3 dim. mm. inch min. typ. max. min. typ. max. a 0.80 0.83 0.93 0.031 0.32 0.036 a1 0.02 0.05 0.0007 0.0019 a3 0.20 0.007 b 0.35 0.40 0.47 0.013 0.015 0.018 d5.00 0.196 d1 4.75 0.187 d2 4.15 4.20 4.25 0.163 0.165 0.167 e6.00 0.236 e1 5.75 0.226 e2 3.43 3.48 3.53 0.135 0.137 0.139 e4 2.58 2.63 2.68 0.103 0.105 e 1.27 0.050 l 0.70 0.80 0.90 0.027 0.031 0.035 powerflat ? (5x6) mechanical data
STL150N3LLH6 revision history doc id 15345 rev 3 11/12 5 revision history table 9. document revision history date revision changes 21-jan-2009 1 first release 08-sep-2009 2 document status promoted from preliminary data to datasheet 11-nov-2010 3 corrected title in first page r ds(on) max value has been corrected.
STL150N3LLH6 12/12 doc id 15345 rev 3 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STL150N3LLH6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X