|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
for further information contact your local stmicroelectronics sales office. january 2013 doc id 024140 rev 1 1/11 11 STEVAL-ISA113V1 wide range single-output demonstration board based on the viper06hs data brief features universal input mains range: ? input voltage 90 - 265 v ac ? frequency 45 - 65 hz single-output voltage: 12 v at 0.35 a continuous operation standby mains consumption: < 30 mw at 230 v ac average efficiency: > 74% fully protected against faults (overload, feedback disconnection and overheating) emi: according to en55022-class-b rohs compliant description the STEVAL-ISA113V1 demonstration board is a 12 v-0.35 a power supply set in non-isolated flyback topology using the new viper06hs offline high-voltage converter by stmicroelectronics. the features of the device include an 800 v avalanche rugged power section, pwm operation at 115 khz with frequency jittering for lower emi, current limiting with adjustable set point, onboard soft-start, a safe auto-restart after a fault condition and a low standby power. the protection features available include a thermal shutdown with hysteresis, delayed overload protection, and open loop failure protection. s teval-i s a11 3 v1 www.st.com
adapter features STEVAL-ISA113V1 2/11 doc id 024140 rev 1 1 adapter features the electrical specifications are given in table 1 , the schematic in figure 1 , and the bill of material in table 2 . table 1. electrical specifications parameter symbol value input voltage range v in [90 v ac ; 265 v ac ] output voltage v out 12 v max. output current i out 0.35 a precision of output regulation v out_lf 5% high frequency output voltage ripple v out_hf 50 mv max. ambient operating temperature t amb 60 c table 2. bill of material ref. part description package manufacturer cin1 2.2 f, 400 v nhg series electrolytic capacitor cin2 4.7 f, 400 v ax series electrolytic capacitor saxon cvdd 1 f, 50 v electrolytic capacitor 1206 murata cfilt1 100 nf, 50 v ceramic capacitor 0805 cfilt2 not mounted cc 10 nf, 50 v ceramic capacitor 1206 cp 1 nf, 50 v ceramic capacitor 1206 cfb 1 nf, 50 v ceramic capacitor 0805 cout 330 f, 16 v zl series ultra-low esr electrolytic cap. rubycon d0 mb6s 600 v, 1 a diode bridge to-269aa vishay d2 stps2h100 100 v, 2 a power schottky rectifier sma st daux 1n4148w surface mount fast switching diode sod-123 zetex r0 4.7 3/4 w resistor rlim 15 k 5% 1/4 w resistor 0805 rc 47 k 5% 1/4 w resistor 0805 rfbh1 33 k 1% 1/4 w resistor 0805 rfbh2 0 1206 rfbl1 12 k 1% 1/4 w resistor 1206 rfbl2 0.47 k 1% 1/4 w resistor 0805 STEVAL-ISA113V1 adapter features doc id 024140 rev 1 3/11 the transformer core is a standard e13. the output voltage value is set in a simple way through the rfbh-rfbl voltage divider between the output terminal and the fb pin, according to the following formula: equation 1 in the schematic, rfbh has been split into rfbh1 and rfbh2; and rfbl into rfbl1 and rfbl2 in order to allow a better tuning of the output voltage value. if the jumper j1 is not selected, the ic is biased through the internal hv-startup current generator (?self-biasing?). if low standby consumption and good efficiency performance are required, the hv-startup current generator must be excluded. this can be done selecting the jumper j1, which connects the output terminal to the v dd pin through a small signal diode. the ic biasing through the output is referred to as ?external biasing?. ic1 viper06hs offline high-voltage pwm controller sso-10 st t1 1921.0040 transformer magnetica lin b82144a2105j 1 mh inductor lbc series epcos table 2. bill of material (continued) ref. part description package manufacturer ? ? ? ? ? ? ? ? + ? = rfbl rfbh v v out 1 3 . 3 adapter features STEVAL-ISA113V1 4/11 doc id 024140 rev 1 figure 1. application schematic d2 comp drain viper06 s h gnd fb lim vdd drain drain drain drain cf ilt2 j1 rf b h1 rf b l1 rf b l2 d au x rlim + cvdd cf ilt1 cf b cp rc cc + cin1 rf b h2 lin - + cin2 ac in vout + co u t t1 - + d0 r0 ac in am1 33 2 8 v1 STEVAL-ISA113V1 measurements doc id 024140 rev 1 5/11 2 measurements figure 2. line regulation at different loads: ic externally biased (j1 selected) figure 3. line regulation at different loads: ic self-biased (j1 not selected) am116 88 v1 11.7 11. 8 11.9 12 12.1 12.2 8 0 105 1 3 0 155 1 8 0 205 2 3 0 255 v out [v] v in [v ac ] 0 25 % 50 % 75 % 100 % am11691v1 11.7 11. 8 11.9 12 12.1 12.2 0 0.05 0.1 0.15 0.2 0.25 0. 3 0. 3 50.4 v out [v] i out [a] 90 115 2 3 0 265 figure 4. efficiency vs. v in ic externally biased (j1 selected) figure 5. efficiency vs. v in ic self-biased (j1 not selected) am11696v1 50 55 60 65 70 75 8 0 8 5 8 0 110 140 170 200 2 3 0 260 eff [ % ] v in [v ac ] 25 % 50 % 75 % 100 % am115 3 7v1 50 55 60 65 70 75 8 0 8 5 8 0 110 140 170 200 2 3 0 260 eff [ % ] v in [v ac ] 25 % 50 % 75 % 100 % figure 6. efficiency at different input voltages: ic externally biased (j1 selected) figure 7. efficiency at different input voltages: ic self-biased (j1 not selected) am116 3 2v1 am116 33 v1 measurements STEVAL-ISA113V1 6/11 doc id 024140 rev 1 figure 8. active mode efficiency vs. v in ic externally biased (j1selected) figure 9. active mode efficiency vs. v in ic self-biased (j1 not selected) am115 38 v1 60 65 70 75 8 0 8 5 8 0 110 140 170 200 2 3 0 260 eff [ % ] v in [v ac ] am115 3 9v1 60 65 70 75 8 0 8 5 8 0 110 140 170 200 2 3 0260 eff [ % ] v in [v ac ] figure 10. input voltage averaged efficiency vs. load ic externally biased (j1 selected) figure 11. input voltage averaged efficiency vs. load ic self-biased (j1 not selected) am11540v1 60 65 70 75 8 0 8 5 0.05 0.1 0.15 0.2 0.25 0. 3 0. 3 50.4 eff [ % ] i out [a] am11541v1 60 65 70 75 8 0 8 5 0.05 0.1 0.15 0.2 0.25 0. 3 0. 3 50.4 eff [ % ] i out [a ] figure 12. p in vs. v in at no load and light load: ic externally biased (j1 selected) figure 13. p in vs. v in at no load and light load: ic self-biased (j1 not selected) am1154 3 v1 0 50 100 150 200 8 01051 3 01551 8 02052 3 0255 p in [mw] v in [v ac ] 0 25mw 50mw am11544v1 0 50 100 150 200 250 3 00 3 50 400 8 01051 3 01551 8 02052 3 0255 p in [mw] v in [v ac ] 0 25mw 50mw STEVAL-ISA113V1 measurements doc id 024140 rev 1 7/11 figure 14. efficiency at p in = 1 w: ic externally biased (j1 selected) figure 15. efficiency at p in = 1 w: ic self- biased (j1 not selected) am11545v1 40 45 50 55 60 65 70 75 8 0 8 0 110 140 170 200 2 3 0260 eff [ % ] v in [v ac ] am11546v1 3 5 40 45 50 55 60 65 70 75 8 0 8 0 110 140 170 200 2 3 0260 eff [ % ] v in [v ac ] figure 16. p in at p out = 250 mw: ic externally biased (j1 selected) figure 17. p in at p out = 250 mw: ic self- biased (j1 not selected) am1 3 10 8 v1 0.25 0. 3 0. 3 5 0.4 0.45 0.5 8 0 110 140 170 200 2 3 0260 p in [w] v in [v ac ] am1 3 10 8 v1 0.25 0. 3 0. 3 5 0.4 0.45 0.5 8 0 110 140 170 200 2 3 0260 p in [w] v in [v ac ] am1 3 109v1 0.25 0. 3 0. 3 5 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0. 8 8 0 110 140 170 200 2 3 0260 p in [w] v in [v ac ] board layout STEVAL-ISA113V1 8/11 doc id 024140 rev 1 3 board layout figure 18. board layout - complete figure 19. board layout - top layer + top overlay am1 333 9v1 am1 33 40v1 STEVAL-ISA113V1 board layout doc id 024140 rev 1 9/11 figure 20. board layout - bottom layer + top overlay am1 33 41v1 revision history STEVAL-ISA113V1 10/11 doc id 024140 rev 1 4 revision history table 3. document revision history date revision changes 10-jan-2013 1 initial release. STEVAL-ISA113V1 doc id 024140 rev 1 11/11 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in military, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or register ed trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com |
Price & Availability of STEVAL-ISA113V1 |