Part Number Hot Search : 
HCT00 CXA35 RT2515A HEM385B PKD43A C03GV GS6B60KD SI531
Product Description
Full Text Search
 

To Download NT128D64S88A2GM-75B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 1 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. 200pin one bank unbuffered ddr so - dimm based on ddr266/200 16mx8 sdram features ? jedec standard 200 - pin small outline dual in - line memory module (so - dimm) ? 16 mx64 double unbuffered ddr s o - dimm based on 16mx8 ddr sdram. ? performance : pc1600 pc2100 speed sort - 8b - 75b - 7k dimm cas latency 2 2.5 2 unit f ck clock frequency 100 133 133 mhz t ck clock cycle 10 7.5 7.5 ns f dq dq burst frequency 200 266 266 mhz ? intended for 100 mhz and 133 mhz applications ? inputs and outputs are sstl - 2 compatible ? v dd = 2.5volt 0.2, v ddq = 2.5volt 0.2 ? single pulsed ras interface ? sdrams have 4 internal banks for concurrent operation ? module has one physical bank ? differential clock inputs ? data is read or written on both clock edges ? dram d ll aligns dq and dqs transitions with clock t ransitions. ? address and control signals are fully synchronous to positive clock edge ? programmable operation: - dimm cas latency: 2, 2.5 - burst type: sequential or interleave - burst length: 2, 4, 8 - operation: burst read and write ? auto refresh (cbr) and self refresh modes ? automatic and controlled precharge commands ? 12/10/2 addressing (row/column/bank) ? 15.6 m s max. average period ic refresh interval ? serial presence detect ? gold contacts ? sdrams in 66 - pin tsop type ii package description nt128d64s88a2gm is an unbuffered 200 - pin double data rate (ddr) synchronous dram dual in - line memory module (dimm), organized as a one - ban k high - speed memory array. the 16mx64 module is a single - bank dimm that uses eight 16mx8 ddr sdrams in 400 mil tsop packages. the dimm achieves high - speed data transfer rates of up to 266mhz. the dimm is intended for use in applications operating from 100 mhz to 133 mhz clock speeds with data rates of 200 to 266 mhz. clock enable cke0 controls all devices on the dimm. prior to any access operation, the device cas latency and burst type/ length/operation type must be programmed into the di mm by address inputs a0 - a11 and i/o inputs ba0 and ba1 using the mode register set cycle. these dimms are manufactured using raw cards developed for broad industry use as reference designs. the use of these common design files minimizes electrical variatio n between suppliers. the dimm uses serial presence detects implemented via a serial eeprom using the two - pin iic protocol. the first 128 bytes of serial pd data are programmed and locked during module assembly. the last 128 bytes are available to the custo mer. all nanya 200 ddr sdram dimms provide a high - performance, flexible 8 - byte interface in a 2.66 ? long space - saving footprint. ordering information part number speed organization leads power 143mhz (7ns @ cl = 2.5 ) nt128d64s88a2gm - 7k 133mhz (7.5ns @ cl= 2 ) pc2100 133mhz (7.5ns @ cl= 2.5 ) nt128d64s88a2gm ? 75b 100mhz (10ns @ cl = 2 ) pc2100 125mhz (8ns @ cl = 2.5 ) nt128d64s88a2gm ? 8b 100mhz (10ns @ cl = 2 ) pc1600 16mx64 gol d 2.5v
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 2 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. pin description ck0, ck 1, ck2 ck0 , ck1 , ck2 differential clock inputs dq0 - dq63 data input/output cke0 clock enable dqs0 - dqs7 bidirectional data strobes ras row address strobe dm0 - dm7 data masks cas column address strobe vdd power ( 2.5 v) we write enable v ddq supply voltage for dqs(2.5v) s0 chip selects v ss ground a0 - a9, a11 address inputs nc no connect a10/ap address input/autoprecharge scl serial pr esence detect clock input ba0, ba1 sdram bank address inputs sda serial presence detect data input/output v ref ref. voltage for sstl_2 inputs sa0 - 2 serial presence detect address inputs v ddid v dd identification flag. (not used when v dd =v ddq) v ddspd seri al eeprom positive power supply(2.5v) pinout pin front pin back pin front pin back pin front pin back pin front pin back 1 v ref 2 v ref 51 v ss 52 v ss 101 a9 102 a8 151 dq42 152 dq46 3 v ss 4 v ss 53 dq19 54 dq23 103 v ss 104 v ss 153 dq43 154 dq47 5 d q 0 6 dq 4 55 dq24 56 dq28 105 a7 106 a6 155 v dd 156 v dd 7 dq 1 8 dq 5 57 v dd 58 v dd 107 a5 108 a4 157 v dd 158 ck1 9 v dd 10 v dd 59 dq25 60 dq29 109 a3 110 a2 159 v ss 160 ck1 11 dq s0 12 dm0 61 dqs3 62 dm3 111 a1 112 a0 161 v ss 162 v ss 13 dq 2 14 dq6 63 v ss 64 v ss 113 v dd 114 v dd 163 dq48 164 dq52 15 v ss 16 v ss 65 dq26 66 dq30 115 a10/ap 116 ba1 165 dq49 166 dq53 17 dq3 18 dq7 67 dq27 68 dq31 117 v dd 118 ras 167 v dd 168 v dd 19 dq8 20 dq12 69 v dd 70 v dd 119 we 120 cas 169 dqs6 170 dm6 21 v dd 22 v dd 71 nc 72 nc 121 s0 122 du 171 dq50 172 dq54 23 dq9 24 dq13 73 nc 74 nc 123 du 124 du 173 v ss 174 v ss 25 dqs1 26 dm1 75 v ss 76 v ss 125 v ss 126 v ss 175 dq51 176 dq55 27 v ss 28 v ss 77 nc 78 nc 127 dq32 128 dq36 177 dq56 178 dq60 29 dq10 30 dq14 79 nc 80 nc 129 dq33 130 dq37 179 v dd 180 v dd 31 dq11 32 dq15 81 v dd 82 v dd 131 v dd 132 v dd 181 dq57 182 dq61 33 v dd 34 v dd 83 nc 84 nc 133 dqs4 134 dm4 183 dqs7 184 dm7 35 ck0 36 v dd 85 du 86 du 135 dq34 136 dq38 185 v ss 186 v ss 37 ck0 38 v ss 87 v ss 88 v ss 137 v ss 138 v ss 187 dq58 188 dq62 39 v ss 40 v ss 89 nc 90 v ss 139 dq35 140 dq39 189 dq59 190 dq63 41 dq16 42 dq20 91 nc 92 v dd 141 dq40 142 dq44 191 v dd 192 v dd 43 dq17 44 dq21 93 v dd 94 v dd 143 v dd 144 v dd 193 sda 194 sa0 45 v dd 46 v dd 95 cke1 96 cke0 145 dq41 146 dq45 195 scl 196 sa1 47 dqs2 48 dm2 97 nc 98 du 147 dqs5 148 dm5 197 v ddspd 198 sa2 49 dq18 50 dq22 99 nc 100 a11 149 v ss 150 v ss 199 v ddid 200 du note: all pin assignments are consistent for all 8 - byte unbuffered versions.
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 3 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. input/output functional description symbol type polarity function ck0 , ck1, ck 2 (sstl) positive edge the positive line of the differential pair of system clock inputs which drives the input to the on - dimm pll. all the ddr sdram address and control inputs are sampled on the rising edge of their associated clocks. ck0 , ck1 , ck2 (sstl) negative edge the negative line of the differential pair of system clock inputs which drives the input to the on - dimm pll. cke0 (sstl) active high activates the sdram ck signal when high and deactivates the ck signal when low. by deactivating the clocks, cke low initiates the power down mode, or the self refresh mode. s0 (sstl) active low enables the associated sdram command decoder when low and disables the command decoder when high. when the command decoder is disabled, new commands are ign ored but previous operations continue. ras , cas , we (sstl) active low when sampled at the positive rising edge of the clock, ras , cas , we define the operation to be executed by the sdram. v ref supply reference voltage for sstl - 2 inputs v ddq supply isolated power supply for the ddr sdram output buffers to provide improved noise immunity ba0, ba1 (sstl) - selects which sdram bank is to be active. a0 - a9 a10/ap a11 (sstl) - during a bank activate command cycle, a0 - a11 defines the row address (ra0 - ra11) when sampled at the rising clock edge. during a read or write command cycle, a0 - a 9 defines the column address (ca0 - ca 9 ) when sampled at the rising clock edge. in addition to the column address, ap is used to invoke autoprecharge operation at the end of the burst read or write cycle. if ap is high, autoprecharge is selected and ba0/ba1 define the bank to be precharged. if ap is low, autopr echarge is disabled. during a precharge command cycle, ap is used in conjunction with ba0/ba1 to control which bank(s) to precharge. if ap is high all 4 banks will be precharged regardless of the state of ba0/ba1. if ap is low, then ba0/ba1 are used to def ine which bank to pre - charge. dq0 - dq63 , (sstl) - data and check bit input/output pins operate in the same manner as on conventional drams. dqs0 - dqs7 (sstl) active high data strobes: output with read data, input with write data. edge aligned with read data, centered on write data. used to capture write data. dm0 ? dm7 input active high the data write masks, associated with one data byte. in write mode, dm operates as a byte mask by allowing input data to be written if it is low but blocks the write op eration if it is high. in read mode, dm lines have no effect. dm8 is associated with check bits cb0 - cb7, and is not used on x64 modules. v dd , v ss supply power and ground for the ddr sdram input buffers and core logic sa0 ? sa2 - address inputs. conn ected to either v dd or v ss on the system board to configure the serial presence detect eeprom address. sda - this bidirectional pin is used to transfer data into or out of the spd eeprom. a resistor must be connected from the sda bus line to v dd to act as a pullup. scl - this signal is used to clock data into and out of the spd eeprom. a resistor may be connected from the scl bus time to v dd to act as a pullup. v ddspd supply serial eeprom positive power supply.
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 4 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. functional block diagra m ( 1 bank, 16 mx8 ddr sdrams ) s0 dm0 dq0 dq1 dq2 dq7 dq4 dq6 dq5 dq3 dq8 dq9 dq10 dq15 dq12 dq14 dq13 dq11 s0 a0-a12 ras ba0-ba1 cs : sdrams d0 -d7 ba0 - ba1 : sdrams d0 -d7 a0 - a12: sdrams d0 -d7 ras : sdrams d0 -d7 dq16 dq17 dq18 dq23 dq20 dq22 dq21 dq19 dq24 dq25 dq26 dq31 dq28 dq30 dq29 dq27 i/o 0 i/o 1 i/o 6 i/o 5 i/o 4 i/o 3 i/o 2 i/o 7 dm cs d3 i/o 0 i/o 1 i/o 6 i/o 5 i/o 4 i/o 3 i/o 2 i/o 7 dm cs d2 i/o 0 i/o 1 i/o 6 i/o 5 i/o 4 i/o 3 i/o 2 i/o 7 dm cs d4 v ddq v ss d0 - d7 serial pd a0 a2 a1 scl wp sda sa0 sa2 sa1 dqs0 dm4 dqs4 dqs i/o 0 i/o 1 i/o 6 i/o 5 i/o 4 i/o 3 i/o 2 i/o 7 dm cs d0 dqs dm1 dqs1 dqs dm2 dqs2 dm3 dqs3 dqs dq32 dq33 dq34 dq39 dq36 dq38 dq37 dq35 dq40 dq41 dq42 dq47 dq44 dq46 dq45 dq43 i/o 0 i/o 1 i/o 6 i/o 5 i/o 4 i/o 3 i/o 2 i/o 7 dm cs d1 dqs i/o 0 i/o 1 i/o 6 i/o 5 i/o 4 i/o 3 i/o 2 i/o 7 dm cs d5 dqs dqs5 dm5 dq48 dq49 dq50 dq55 dq52 dq54 dq53 dq51 i/o 0 i/o 1 i/o 6 i/o 5 i/o 4 i/o 3 i/o 2 i/o 7 dm cs d6 dqs dq56 dq57 dq58 dq63 dq60 dq62 dq61 dq59 i/o 0 i/o 1 i/o 6 i/o 5 i/o 4 i/o 3 i/o 2 i/o 7 dm cs d7 dqs dqs6 dm6 dqs7 dm7 cke0 we cas cas : sdrams d0 -d7 cke0 : sdrams d0 -d7 we : sdrams d0 -d7 120 ohm sdram x 4 ck0 ck0 120 ohm sdram x 4 ck1 ck1 120 ohm sdram x 0 ck2 ck2 d0 - d7 d0 - d7 d0 - d7 v dd v ref v ddid notes : 1. dq-to-i/o wring may be changed within a byte. 2. dq/dqs/dm/cke/s relationships are maintained as shown. 3. dq/dqs/dm/dqs resistors are 22 ohms. 4. vddid strap connections (for memory device vdd, vddq): strap out (open): vdd = vddq strap in (vss): vdd is not equal to vddq. strap: see note 4
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 5 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. serial presence detect -- part 1 of 2 spd entry value serial pd data entry (hexadecimal) note byte description ddr266a - 7k ddr266b - 75b ddr200 - 8b ddr266a - 7k ddr266b - 75 ddr200 - 8b 0 num ber of serial pd bytes written during production 128 80 1 total number of bytes in serial pd device 256 08 2 fundamental memory type ddr sdram 07 3 number of row addresses on assembly 12 0c 4 number of column addresses on assembly 10 0a 5 number of dimm bank 1 01 6. data width of assembly x64 40 7 data width of assembly (cont?) x64 00 8 voltage interface level of this assembly sstl 2.5v 04 9 ddr sdram device cycle time at cl=2.5 7ns 7.5ns 8ns 70 75 80 10 ddr sdram device access time fro m clock at cl=2.5 0.75ns 0.75ns 0.8ns 75 75 80 11 dimm configuration type non - parity 00 12 refresh rate/type sr/1x(15.625us) 80 13 primary ddr sdram width x8 08 14 error checking ddr sdram device width n/a 00 15 ddr sdram device attr: min c l k del ay, random col access 1 clock 01 16 ddr sdram device attributes: burst length supported 2,4,8 0e 17 ddr sdram device attributes: number of device banks 4 04 18 ddr sdram device attributes: cas latencies supported 2/2.5 2/2.5 2/2.5 0c 0c 0c 19 ddr sdram device attributes: cs latency 0 01 20 ddr sdram device attributes: we latency 1 02 21 ddr sdram device attributes: differential clock 20 22 ddr sdram device attributes: general +/ - 0.2v voltage tolerance 00 23 minimum clock cycle at cl=2 7.5ns 10ns 10ns 75 a0 a0 24 maximum data access time from clock at cl=2 0.75ns 0.75ns 0.8ns 75 75 80 25 minimum clock cycle time at cl=1 n/a 00 26 maximum data access time from clock at cl=1 n/a 00 27 minimum row precharge time( t r p ) 20ns 20ns 20ns 50 50 50 28 minimum row active to row active delay ( t r rd ) 15ns 15ns 15ns 3c 3c 3c 29 minimum ras to cas delay ( t r cd ) 20ns 20ns 20ns 50 50 50 30 minimum ras pulse width ( t ras ) 45ns 45ns 50ns 2d 2d 32 31 module bank density 128mb 20 32 address and comma nd setup time before clock 0.9ns 0.9ns 1.1ns 90 90 b0 33 address and command hold time after clock 0.9ns 0.9ns 1 .1 ns 90 90 b0 34 data input setup time before clock 0.5ns 0.5ns 0.6ns 50 50 60 35 data input hold time after clock 0.5ns 0.5ns 0.6ns 50 50 60 36 - 61 reserved undefined 00 62 spd revision initial initial initial 00 00 00 63 checksum data 6c 9c 22
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 6 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. serial presence detect -- part 2 of 2 spd entry value serial pd data entry (hexadecimal) byte description ddr266a - 7k ddr266b - 75 b ddr200 - 8b ddr266a - 7k ddr266b - 75 ddr200 - 8b note 64 - 71 manufacturer?s jeded id code nanya 7f7f7f0b 00000000 72 module manufacturing location n/a 00 73 - 90 module part number n/a n/a n/a 00 00 00 91 - 92 module revision code n/a 00 93 - 94 module manufa cturing data year/week code yy/ww 1,2 95 - 98 module serial number serial number 00 99 - 255 reserved undefined 00 1. yy= binary coded decimal year code, 0 - 99(decimal) , 00 - 63(hex) 2. ww= binary coded decimal year code, 01 - 52(decimal) , 01 - 34(hex)
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 7 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. absolute maximum ratings symbol parameter rating units v in , v out voltage on i/o pins relative to vss - 0.5 to vddq+0.5 v v in voltage on input relative to vss - 0.5 to +3.6 v v dd voltage on vdd supply relative to vss - 0.5 to +3.6 v v dd q voltage on vddq supply relative to vss - 0.5 to +3.6 v t a operating temperature (ambient) 0 to+70 c t stg storage temperature (plastic) - 55 to +150 c p d power dissipation 8 w i out short circuit output current 50 ma note : stresses gre ater than those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is stress rating only, and functional operation of the device at these or any other conditions above those indicated in the operational sec ti ons of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. capacitance parameter symbol max. units notes input capacitance: ck0, ck0 , ck1, ck1 , ck2 , ck2 c i1 12 pf 1 input capacitance: a0 - a11, ba0, ba1, we , ras , cas , cke0, s0 , c i2 30 pf 1 input capacitance: sa0 - sa2, scl c i4 9 pf 1 input/output capacitance d q0 - 63; dqs0 - 7 c io1 7 pf 1,2 input/output capacitance: sda c io3 11 pf 1. v ddq = v dd = 2.5v 0.2v, f = 100 mhz, t a = 2 5 c , v out (dc) = v ddq/2 , v out (peak to peak) = 0.2v. 2. dqs inputs are grouped with i/o pins reflecting the fact that they are match ed in loading to dq and dqs to facilitate trace matching at the board level.
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 8 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. dc electrical characteristics and operating conditions ( t a = 0 c ~ 7 0 c ; v ddq = 2.5v 0 .2v; v dd = 2.5v 0.2 v, see ac characteristics) symb ol parameter min max units notes v dd supply voltage 2.3 2.7 v 1 v dd q i/o supply voltage 2.3 2.7 v 1 v ss , v ssq supply voltage , i/o supply voltage 0 0 v v ref i /o reference voltage 0.49 x v dd q 0.51 x v dd q v 1,2 v tt i/o termination voltage (system) v re f ? 0 .04 v ref + 0.04 v 1,3 v ih(dc) input high (logic1) voltage v ref + 0.15 v ddq + 0.3 v 1 v il(dc) input low (logic0) voltage - 0.3 v ref - 0. 15 v 1 v in(dc) input voltage level, ck and ck inputs - 0.3 v ddq + 0.3 v 1 v id(dc) input differe ntial voltage, ck and ck inputs 0.30 v ddq + 0.6 v 1,4 address and control inputs - 40 40 dq0 - 63; dqs0 - 7 - 5 5 i i input leakage current any input 0v < = v in < = v dd (all other pins not under test = 0v) ck0, ck0 ck1, ck1 ck2, ck2 - 15 15 ua 1 dq0 - 63; dqs0 - 7 - 5 5 ua 1 i oz output leakage current (dqs are disabled; 0v < = v out < = v ddq sda - 1 1 i oh output high current (v out = v ddq - 0.373v, min v ref , min v tt ) - 16.8 - ma 1 i ol output low current (v out = 0 .373, max v ref , max v tt ) 16.8 - ma 1 1. inputs are not recognized as valid until v ref stabilizes. 2. v ref is expected to be equal to 0.5 v ddq of the transmitting device, and to track variations in the dc level of the same. peak - to - peak noise on v ref may not exceed 2% of the dc value. 3. v tt is not applied directly to the dimm. v tt is a system supply for signal termination resistors, is expected to be set equal to v ref , and must track variations in the dc level of v ref . 4. v id is the magnitude of the difference between the input level on ck and the input level on ck .
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 9 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. ac characteristics (notes 1 - 5 apply to the following tables; electrical characteristics and dc opera ting conditions, ac operating conditions, operating, standby, and refresh currents, and electrical characteristics and ac timing.) 1. all voltages referenced to v ss . 2. tests for ac timing, i dd , and electrical, ac and dc characteristics, may be conducted at nominal reference/supply voltage levels, but the related specifications and device operation are guaranteed for the full voltage range specified. 3. outputs measured with equivalent load. refer to the ac output load circuit below. 4. ac timing and i dd tests may use a v il to v ih swing of up to 1.5v in the test environment, but input timing is still referenced to v ref (or to the crossing point for ck, ck), and parameter specifications are guaranteed for the specified ac input levels under normal use cond itions. the minimum slew rate for the input signals is 1v/ns in the range between v il(ac) and v ih(ac) unless otherwise specified. 5. the ac and dc input level specifications are as defined in the sstl_2 standard (i.e. the receiver effectively switches as a result of the signal crossing the ac input level, and remains in that state as long as the signal does not ring back above (below) the dc input low (high) level. ac output load circuits timing reference point v tt 50 ohms 30 pf output v out ac operating conditions ( t a = 0 c ~ 7 0 c ; v ddq = 2.5v 0 .2v; v dd = 2.5v 0.2 v, see ac characteristics) symbol parameter/condition min max unit notes v ih(ac) input high (logic 1) voltage. v ref + 0.31 v 1, 2 v il(ac) input low (logic 0) voltage. v ref ? - 0.31 v 1, 2 v id(ac) inpu t differential voltage, ck and ck inputs 0.62 v ddq + 0.6 v 1, 2, 3 v ix(ac) input differential pair cross point voltage, ck and ck inputs (0.5*v ddq ) - 0 .2 (0.5*v ddq ) + ? 0.2 v 1, 2, 4 1. input slew rate = 1v/ n s . 2. inputs are not recognized as valid until v ref stabilizes. 3. v id is the magnitude of the difference between the input level on ck and the input level on ck. 4. the value of v ix is expected to equal 0.5*v ddq of the transmitting device and must tr ack variations in the dc level of the same.
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 10 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. operating, standby, and refresh currents ( t a = 0 c ~ 7 0 c ; v ddq = 2.5v 0 .2v; v dd = 2.5v 0.2 v, see ac characteristics) symbol parameter/condition pc1600 pc2100 unit notes i dd0 operati ng curren t: one bank; active / precharge; t rc =t rc ( min ) ; t ck = t ck ( min ) ; dq, dm, and dqs inputs changing twice per clock cycle; address and control inputs changing once per clock cycle 600 680 ma 1,2 i dd1 operating curren t: one bank; active / read / precharge; burst = 2; t rc = t rc ( min ) ; cl = 2.5; t ck = t ck ( min ) ;i out = 0ma; address and control inputs changing once per clock cycle 720 880 ma 1,2 i dd 2p precharge power - down standby curren t: all banks idle; power - down mode; cke <= v il ( max ) ; t ck = t ck ( min ) 120 120 ma 1,2 i dd2n idle standby current: cs >= v ih ( min ) ; all banks idle; cke >= v ih ( min ) ; t ck = t ck ( min ) ; address and control inputs changing once per clock cycle 240 280 ma 1,2 i dd3p active power - down standby curren t: o ne bank active; power - down mode; cke <= v il ( max ) ; t ck = t ck ( min ) 120 120 ma 1,2 i dd3n active standby curren t: one bank; active / precharge; cs >= v ih ( min ) ; cke >= v ih ( min ) ; t rc = t ras ( max ) ; t ck = t ck ( min ) ; dq, dm, and dqs inputs chang ing twice per clock cycle; address and control inputs changing once per clock cycle 400 480 ma 1,2 i dd4r operating current: one bank; burst = 2; reads; continuous burst; address and control inputs changing once per clock cycle; dq and dqs outputs chan ging twice per clock cycle; cl = 2.5; t ck = t ck ( min ) ; i out = 0ma 1040 1320 ma 1,2 i dd4w operating curren t: one bank; burst = 2; writes; continuous burst; address and control inputs changing once per clock cycle; dq and dqs inputs changing twice p er clock cycle; cl=2.5; t ck = t ck ( min ) 920 1200 ma 1,2 t rc = t rfc ( min ) 1280 1360 ma 1,2 i dd 5 auto - refresh curren t: t rc = 15.625 m s 126 126 ma 1,2,4 i dd6 self - refresh curren t: cke <= ?0.2v 16 16 ma 1,2,3 1. i dd specifications are tested aft er the device is properly initialized. 2. input slew rate = 1v/ n s . 3. enables on - chip refresh and address counters. 4. current at 15.625 s is time averaged value of i dd5 at t rfc min and i dd2p over 15.625 s.
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 11 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. ac timing speci fi cations for ddr sdram devices used on module ( t a = 0 c ~ 7 0 c ; v ddq = 2.5v 0 .2v; v dd = 2.5v 0.2 v, see ac characteristics) (part 1 of 2) - 7k - 75b - 8b symbol parameter min. max. min. max. min. max. unit note s t ac dq output access time from ck/ ck - 0.75 +0.75 - 0.75 +0.75 - 0.8 +0.8 ns 1,2,3,4 t dqsck dqs output access time from ck/ ck - 0.75 +0.75 - 0.75 +0.75 - 0.8 +0.8 ns 1,2,3,4 t ch ck high - level width 0.45 0.55 0.45 0.55 0.45 0.55 t ck 1,2,3,4 t cl ck low - level wi dth 0.45 0.55 0.45 0.55 0.45 0.55 t ck 1,2,3,4 t ck cl=2.5 7 12 7.5 12 8 12 ns 1,2,3,4 t ck clock cycle time cl=2 7.5 12 10 12 10 12 ns 1,2,3,4 t dh dq and dm input hold time 0.5 0.5 0.6 ns 1,2,3,4 ,1 5 , 16 t ds dq and dm input setup time 0.5 0.5 0.6 ns 1,2,3,4 ,1 5 , 16 t dipw dq and dm input pulse width (each input) 1.75 1.75 2 ns 1,2,3,4 t hz data - out high - impedance time from ck/ ck - 0.75 +0.75 - 0.75 +0.75 - 0.8 +0.8 ns 1, 2, 3, 4, 5 t lz data - out low - impedance time from ck / ck - 0.75 +0.75 - 0.75 +0.75 - 0.8 +0.8 ns 1, 2, 3, 4, 5 t dqsq dqs - dq skew (dqs & associated dq signals) 0.5 0.5 0.6 ns 1,2,3,4 t dqsqa dqs - dq skew (dqs & all dq signals) 0.5 0.5 0.6 ns 1,2,3,4 t hp minimum half clk period for any given cyc le; defined by clk high (t ch ) or clk low (t cl ) time t ch or t cl t ch or t cl t ch or t cl t ck 1,2,3,4 t qh data output hold time from dqs t hp - 0.75ns t hp - 0.75ns t hp - 1.0ns t ck 1,2,3,4 t dqss write command to 1st dqs latching transition 0.75 1.25 0.7 5 1.25 0.75 1.25 t ck 1,2,3,4 t dqsl,h dqs input low (high) pulse width (write cycle) 0.35 0.35 0.35 t ck 1,2,3,4 t dss dqs falling edge to ck setup time (write cycle) 0.2 0.2 0.2 t ck 1,2,3,4 t dsh dqs falling edge hold time from ck (write cycle) 0.2 0.2 0.2 t ck 1,2,3,4 t mrd mode register set command cycle time 14 15 16 ns 1,2,3,4 t wpres write preamble setup time 0 0 0 ns 1, 2, 3, 4, 7 t wpst write postamble 0.40 0.60 0.40 0.60 0.40 0.60 t ck 1, 2, 3, 4, 6 t wpre write preamble 0.25 0.25 0. 25 t ck 1,2,3,4 t ih address and control input hold time (fast slew rate) 0.9 1.1 1.1 ns 2, 3, 4, 9 , 1 1 , 1 2 t is address and control input setup time (fast slew rate) 0.9 1.1 1.1 ns 2, 3, 4, 9 , 11 , 1 2 t ih address and control input hold time (slow slew rate) 1.0 1.1 1.1 ns 2, 3, 4, 1 0 , 1 1 , 1 2 , 14
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 12 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. ac timing specifications for ddr sdram devices used on module ( t a = 0 c ~ 7 0 c ; v ddq = 2.5v 0 .2v; v dd = 2.5v 0.2 v, see ac characteristics) (part 2 of 2) - 7k - 75b - 8b symbol parameter min. max. min. max. min. max. unit note s t is address and control input setup time (slow slewrate) 1.0 1.0 1.1 ns 2, 3, 4, 1 0 , 1 1 , 12 , 14 t ipw input pulse width 2.2 2.2 - ns 2, 3, 4, 12 t rpre read preamble 0.9 1.1 0.9 1.1 0.9 1.1 t ck 1,2,3,4 t rps t read postamble 0.40 0.60 0.40 0.60 0.40 0.60 t ck 1,2,3,4 t ras active to precharge command 45 120,000 45 120,000 50 120,000 ns 1,2,3,4 t rc active to active/auto - refresh command period 65 65 70 ns 1,2,3,4 t rfc auto - refresh to active/auto - refresh comm and period 75 75 80 ns 1,2,3,4 t rcd active to read or write delay 20 20 20 ns 1,2,3,4 t rap active to read command with autoprecharge 20 20 20 ns 1,2,3,4 t rp precharge command period 20 20 20 ns 1,2,3,4 t rrd active bank a to active bank b co mmand 15 15 15 ns 1,2,3,4 t wr write recovery time 15 15 15 ns 1,2,3,4 t dal auto precharge write recovery + precharge time (t wr / t ck ) + (t rp / t ck ) (t wr / t ck ) + (t rp / t ck ) (t wr / t ck ) + (t rp / t ck ) t ck 1, 2, 3, 4, 1 3 t wtr internal write to read command delay 1 1 1 t ck 1,2 , 3,4 t xsnr exit self - refresh to non - read command 75 75 80 ns 1,2 , 3,4 t xsrd exit self - refresh to read command 200 200 200 t ck 1,2 , 3,4 t refi average periodic refresh interval 15.6 15.6 15.6 s 1, 2, 3, 4, 8
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 13 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. ac timing specification notes 1. input slew rate = 1v/ns. 2. the ck/ ck input reference level (for timing reference to ck/ ck ) is the point at which ck and ck cross: the input reference le vel for signals other than ck/ ck , is v ref . 3. inputs are not recognized as valid until v ref stabilizes. 4. the output timing reference level, as measured at the timing reference point indicated in ac characteristics (note 3) is v tt . 5 . t hz and t lz transitions occur in the same access time windows as valid data transitions. these parameters are not referred to a specific voltage level, but specify when the device is no longer driving (hz), or begins driving (lz). 6. the maximum limit f or this parameter is not a device limit. the device operates with a greater value for this parameter, but system performance (bus turnaround) degrades accordingly. 7. the specific requirement is that dqs be valid (high, low, or some point on a valid transi tion) on or before this ck edge. a valid transition is defined as monotonic and meeting the input slew rate specifications of the device. when no writes were previously in progress on the bus, dqs will be transitioning from hi - z to logic low. if a previous write was in progress, dqs could be high, low, or transitioning from high to low at this time, depending on t dqss . 8. a maximum of eight auto refresh commands can be posted to any given ddr sdram device. 9 . for command/address input slew rate >= 1.0 v/ns . slew rate is measured between v oh (ac) and v ol (ac). 10 . for command/address input slew rate >= 0.5 v/ns and < 1.0 v/ns. slew rate is measured between v oh (ac) and v ol (ac). 1 1 . ck/ ck slew rates are >= 1.0 v/ns. 1 2 . these parameters g uarantee device timing, but they are not necessarily tested on each device, and they may be guaranteed by design or tester characterization. 1 3 . for each of the terms in parentheses, if not already an integer, round to the next highest integer. t ck is equ al to the actual system clock cycle time. for example, for pc2100 at cl= 2.5, t dal = (15ns/7.5ns) +(20ns/7.0ns) = 2 + 3 = 5. 1 4 . an input setup and hold time derating table is used to increase t is and t ih in the case where the input slew rate is below 0 .5 v/ns. input slew rate ? delta ( t i s ) delta ( t ih ) unit note 0.5 v/ns 0 0 ps 1,2 0. 4 v/ns +50 0 ps 1,2 0. 3 v/ns +100 0 ps 1,2 1. input slew rate is based on the lesser of the slew rates determined by either v ih (ac) to v il (ac) or v ih (dc) to v il (dc) , similarly for ri sing transitions. 2. these derating parameters may be guaranteed by design or tester characterization and are not necessarily tested on each device. 1 5 . an input setup and hold time derating table is used to increase t ds and t dh in the case where the i/ o slew rate is below 0.5 v/ns. input slew rate delta ( t d s ) delta ( t dh ) unit note 0.5 v/ns 0 0 ps 1,2 0. 4 v/ns +75 +75 ps 1,2 0. 3 v/ns +150 +150 ps 1,2 1. i/o slew rate is based on the lesser of the slew rates determined by either v ih (ac) to v il (ac) or v ih (dc) to v il (dc) , similarly for rising transitions. 2. these derating parameters may be guaranteed by design or tester characterization and are not necessarily tested on each device. 1 6 . an i/o delta rise, fall derating table is used to inc rease t ds and t dh in the case where dq, dm, and dqs slew rates differ. delta rise and fall rate delta ( t d s ) delta ( t dh ) unit note 0.0 ns/v 0 0 ps 1,2,3,4 0.25 ns/v +50 +50 ps 1,2,3,4 0.5 ns/v +100 +100 ps 1,2,3,4 1. input slew rate is based on th e lesser of the slew rates determined by either v ih (ac) to v il (ac) or v ih (dc) to v il (dc) , similarly for rising transitions. 2. input slew rate is based on the larger of ac to ac delta rise, fall rate and dc to dc delta rise, fall rate. 3. the delt a rise, fall rate is calculated as: [1/(slew rate 1)] - [1/(slew rate 2)] for example: slew rate 1 = 0.5 v/ns; slew rate 2 = 0.4 v/ns . delta rise, fall = (1/0.5) - (1/0.4) [ns/v] = - 0.5 ns/v using the table above, this would result in an increase in t ds a nd t dh of 100 ps. 4. these derating parameters may be guaranteed by design or tester characterization and are not necessarily tested on each device.
nt 128d64s88a2gm 128mb : 16 m x 64 pc2100 / pc1600 unbuffered ddr so - dimm preliminary 01/ 2002 14 ? nanya technology corp. nanya technology corp. reserves the right to change pr oducts and specifications without notice. package dimensions note : all dimensions are typical unless otherwise stated. 67.60 63.60 4.00+/-0.10 1.00+/- 0.1 front side 1.00+/- 0.10 detail a 2.55 0.60 detail b 0.45 0.25 max 199 1 39 41 detail a detail b unit : millimeters 4.00 20.00 31.75 6.00 2.15 11.40 4.20 1.80 47.40 3.80 max (2x) q 1.80 2.45 2 40 42 200 back


▲Up To Search▲   

 
Price & Availability of NT128D64S88A2GM-75B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X