Part Number Hot Search : 
STEVA 1N6327US S012K R5150 BBY62 DB300S 2PFT2 NLX1G11
Product Description
Full Text Search
 

To Download NSR0140P2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 may, 2009 ? rev. 3 1 publication order number: NSR0140P2/d NSR0140P2t5g schottky barrier diode these schottky barrier diodes are designed for high ? speed switching applications, circuit protection, and voltage clamping. extremely low forward voltage reduces conduction loss. miniature surface mount package is excellent for hand ? held and portable applications where space is limited. features ? extremely fast switching speed ? extremely low forward voltage ? 0.28 v (typ) @ i f = 1.0 ma ? low reverse current ? lead ? free plating ? this is a pb ? free device maximum ratings rating symbol value unit repetitive peak reverse voltage v rm 40 v continuous reverse voltage (dc) v r 30 v continuous forward current (dc) i f 70 ma non ? repetitive peak forward surge current i fsm 500 ma esd rating: class 1c per human body model class a per machine model stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. thermal characteristics characteristic symbol max unit total device dissipation fr ? 5 board, (note 1) t a = 25 c derate above 25 c p d 100 1.0 mw mw/ c thermal resistance, junction ? to ? ambient r  ja 1000 c/w junction and storage temperature range t j , t stg ? 55 to +125 c 1. fr ? 5 minimum pad. 40 v schottky barrier diode 1 cathode 2 anode http://onsemi.com device package shipping ? ordering information NSR0140P2t5g sod ? 923 (pb ? free) 8000/tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. sod ? 923 case 514aa plastic m = specific device code* (character is rotated 270 clockwise) m = month code  = pb ? free package (note: microdot may be in either location) marking diagram m m   1 2 12
NSR0140P2t5g http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit reverse breakdown voltage (i r = 10  a) v (br)r 30 ? ? v total capacitance (v r = 1.0 v, f = 1.0 mhz) c t ? 2.0 2.5 pf reverse leakage (v r = 30 v) i r ? 300 500 na forward voltage (i f = 1.0 ma) v f ? 0.28 0.35 v 25 c 125 c 85 c t a = 150 c 0 0.05 v f , forward voltage (volts) 0.1 10 1.0 0.1 85 c 10 0 v r , reverse voltage (volts) 1.0 0.1 0.01 0.001 5 0 v r , reverse voltage (volts) 0.5 0 c t , capacitance (pf) 2.0 4.0 i f , forward current (ma) figure 1. typical forward voltage figure 2. reverse current versus reverse voltage figure 3. typical capacitance -40 c 25 c i r , reverse current ( a) -55 c 150 c 125 c 1000 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 10 15 20 25 30 35 1.0 1.5 2.0 2.5 3.0 6.0 8.0 10 12 14 16 18 100
NSR0140P2t5g http://onsemi.com 3 package dimensions sod ? 923 case 514aa ? 01 issue d notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. dim min nom max millimeters a 0.34 0.39 0.43 b 0.15 0.20 0.25 c 0.07 0.12 0.17 d 0.75 0.80 0.85 e 0.55 0.60 0.65 0.95 1.00 1.05 l 0.05 0.10 0.15 h e 0.013 0.015 0.017 0.006 0.008 0.010 0.003 0.005 0.007 0.030 0.031 0.033 0.022 0.024 0.026 0.037 0.039 0.041 0.002 0.004 0.006 min nom max inches d e b c a l 2x ? y ? ? x ? 0.08 (0.0032) xy h e 0.40 0.30 0.90 dimensions: millimeters *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 2 1 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 NSR0140P2/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NSR0140P2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X