Part Number Hot Search : 
XLUGR2 DTQS3 AG668FT MC145 ST72C216 DTQS3 M215FAN SMAJ4480
Product Description
Full Text Search
 

To Download NC7SVL04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  november 2010 ? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.4 NC7SVL04 ? tinylogic ? low-i cct inverter NC7SVL04 tinylogic ? low-i cct inverter features ? 0.9v to 3.6v v cc supply operation ? 3.6v over-voltage tolerant i/os at v cc from 0.9v to 3.6v ? power-off high impedance inputs and outputs ? proprietary quiet series? noise / emi reduction circuitry ? ultra-small micropak? package ? ultra-low dynamic power description the NC7SVL04 is a single inverter with a low-i cct input design from fairchild?s ultr a-low power (ulp-a) series of tinylogic ? . the NC7SVL04 features very low quiescent current, even when the input voltage is lower than the v cc supply. this feature services mobile handset applications very well, allowing for direct interface with baseband processor general-purpose i/os. since mobile devices rely on a battery supply, the NC7SVL04 facilitates lower power consumption in mixed-voltage rail environments. this product is designed on an advanced cmos technology for a wide low-voltage operating range (0.9v to 3.6v v cc ), high drive needs (up to 24ma), and speed (maximum propagation delay of 3.5ns, v cc =3.3v). it achieves this performance while maintaining low cmos power dissipation. ordering information part number top mark package packing method NC7SVL04p5x l04 5-lead sc70, eiaj sc-88a, 1.25mm wide 3000 units on tape & reel NC7SVL04l6x cd 6-lead micropak?, 1.00mm wide 5000 units on tape & reel NC7SVL04fhx cd 6-lead, micropak2? , 1x1mm body, .35mm pitch 5000 units on tape & reel
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.4 2 NC7SVL04 ? tinylogic ? low i cct inverter connection diagram ieee/iec figure 1. logic symbol pin configurations figure 2. sc70 (top view) figure 3. micropak? (top through view) pin definitions pin # sc70 pin # micropak? name description 1 1 nc no connect 2 2 a input 3 3 gnd ground 4 4 y output 5 6 v cc supply voltage 5 nc no connect function table y=/a inputs output a y l h h l h = high logic level l = low logic level
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.4 3 NC7SVL04 ? tinylogic ? low i cct inverter absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. in addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. symbol parameter min. max. unit v cc supply voltage -0.5 4.6 v v in dc input voltage -0.5 4.6 v v out dc output voltage high or low state (1) -0.5 v cc + 0.5 v v cc =0v -0.5 4.6 i ik dc input diode current v in < 0v -50 ma i ok dc output diode current v out < 0v -50 ma v out > v cc +50 i oh / i ol dc output source/sink current 50 ma i cc or i gnd dc v cc or ground current per supply pin 50 ma t stg storage temperature range -65 +150 c t j junction temperature under bias +150 c t l junction lead temperature, soldering 10 seconds +260 c p d power dissipation at +85c sc70-5 150 mw micropak?-6 130 micropak2?-6 120 esd human body model, jedec:jesd22-a114 4000 v charge device model, jedec:jesd22-c101 2000 note: 1. i o absolute maximum ratings must be observed. recommended operating conditions the recommended operating conditions table defines the conditions for actual device operation. recommended operating conditions are specified to ens ure optimal performance to the datasheet specifications. fairchild does not recommend exceeding them or designing to absolute maximum ratings. symbol parameter conditions min. max. unit v cc supply voltage 0.9 3.6 v v in input voltage 0 3.6 v v out output voltage v cc =0v 0 3.6 v high or low state 0 v cc i oh /i ol output current in i oh /i ol v cc =3.0v to 3.6v 24.0 ma v cc =2.3v to 2.7v 18.0 v cc =1.65v to 1.95v 6.0 v cc =1.4v to 1.6v 4.0 v cc =1.1v to 1.3v 2.0 v cc =0.9v 0.1 t a operating temperature, free air -40 +85 c t/ v minimum input edge rate v in =0.8v to 2.0v, v cc =3.0v 10 ns/v ja thermal resistance sc70-5 425 c/w micropak?-6 500 micropak2?-6 560 note: 2. unused inputs must be held high or low. they may not float.
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.4 4 NC7SVL04 ? tinylogic ? low i cct inverter dc electrical characteristics symbol parameter v cc conditions t a =25c t a =-40 to +85c units min. max. min. max. v ih high level input voltage 0.90 .65 x v cc .65 x v cc v 1.10 v cc 1.30 .65 x v cc .65 x v cc 1.40 v cc 1.60 .65 x v cc .65 x v cc 1.65 v cc 1.95 0.90 .0.90 2.30 v cc 2.70 1.50 1.50 2.70 v cc 3.60 1.50 1.50 v il low level input voltage 0.90 .25 x v cc .25 x v cc v 1.10 v cc 1.30 .25 x v cc .25 x v cc 1.40 v cc 1.60 .25 x v cc .25 x v cc 1.65 v cc 1.95 .25 x v cc .25 x v cc 2.30 v cc 2.70 0.70 0.70 2.70 v cc 3.60 0.80 0.80 v oh high level output voltage 0.90 i oh =-100a v cc -0.10 v cc -0.10 v 1.10 v cc 1.30 v cc -0.10 v cc -0.10 1.40 v cc 1.60 v cc -0.20 v cc -0.20 1.65 v cc 1.95 v cc -0.20 v cc -0.20 2.30 v cc 2.70 v cc -0.20 v cc -0.20 2.70 v cc 3.60 v cc -0.20 v cc -0.20 1.10 v cc 1.30 i oh =-2ma .75 x v cc .75 x v cc 1.40 v cc 1.60 i oh =-4ma .75 x v cc .75 x v cc 1.65 v cc 1.95 i oh =-6ma 1.25 1.25 2.30 v cc 2.70 2.00 2.00 2.30 v cc 2.70 i oh =-12ma 1.80 1.80 2.70 v cc 3.60 2.20 2.20 2.30 v cc 2.70 i oh =-18ma 1.70 1.70 2.70 v cc 3.60 2.40 2.40 2.70 v cc 3.60 i oh =-24ma 2.20 2.20 continued on the following page?
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.4 5 NC7SVL04 ? tinylogic ? low i cct inverter dc electrical characteristics (continued) symbol parameter v cc conditions t a =25c t a =-40 to 85c units min. max. min. max. v ol low level output voltage 0.90 i ol =100a 0.10 0.10 v 1.10 v cc 1.30 0.10 0.10 1.40 v cc 1.60 0.20 0.20 1.65 v cc 1.95 0.20 0.20 2.30 v cc 2.70 0.20 0.20 2.70 v cc 3.60 0.20 0.20 1.10 v cc 1.30 i ol =2ma 0.25 x v cc 0.25 x v cc 1.40 v cc 1.60 i ol =4ma 0.25 x v cc 0.25 x v cc 1.65 v cc 1.95 i ol =6ma 0.30 0.30 2.30 v cc 2.70 i ol =12ma 0.40 0.40 2.70 v cc 3.60 0.40 0.40 2.30 v cc 2.70 i ol =18ma 0.60 0.60 2.70 v cc 3.60 0.40 0.40 2.70 v cc 3.60 i ol =24ma 0.55 0.55 i in input leakage current 0.90 to 3.60 0 v in 3.60v 0.1 0.5 a i off power off leakage current 0 0 (v in, v o ) 3.60v 0.5 0.5 a i cc quiescent supply current 0.90 to 3.60 v in =v cc or gnd 0.9 0.9 a v cc v in 3.60v 0.9 i cct increase in i cc per input 1.95 v in =0.9v 6 8 a 3.60 v in =1.5v 6 8 ac electrical characteristics symbol parameter v cc conditions t a =25c t a =-40 to 85c units figure min. typ. max. min. max. t phl , t plh propagation delay 0.90 c l =15pf, r l =1m 34.0 ns figure 4 figure 5 1.10 v cc 1.30 c l =15pf, r l =2k 3.5 8.1 16.5 3.0 27.8 1.40 v cc 1.60 1.5 3.7 7.0 1.5 7.5 1.65 v cc 1.95 c l =30pf, r l =500 1.1 2.8 5.8 1.0 6.3 2.30 v cc 2.70 0.6 2.0 4.0 0.6 4.5 2.70 v cc 3.60 0.5 1.5 3.5 0.5 4.0 c in input capacitance 0 3 pf c pd power dissipation capacitance 0.90 to 3.60 v in =0v or v cc , f=10mhz 5 pf
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.4 6 NC7SVL04 ? tinylogic ? low i cct inverter ac loadings and waveforms figure 4. ac test circuit figure 5. ac waveforms symbol v cc 3.3v 0.3v 2.5v 0.2v 1.8v 0. 15v 1.5v 0.1v 1.2v 0.1v 0.9v v mi 1.5v v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 v mo 1.5v v cc /2 v cc /2 v cc /2 v cc /2 v cc /2
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.4 7 NC7SVL04 ? tinylogic ? low i cct inverter physical dimensions figure 6. 5-lead, sc70, eiaj sc-88a, 1.25mm wide package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and condition s, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . tape and reel specifications please visit fairchild semiconductor?s online packaging area for the most recent tape and reel specifications: http://www.fairchildsemi.com/products/analog/pdf/sc70-5_tr.pdf . package designator tape section cavity number cavity status cover type status p5x leader (start end) 125 (typical) empty sealed carrier 3000 filled sealed trailer (hub end) 75 (typical) empty sealed
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.4 8 NC7SVL04 ? tinylogic ? low i cct inverter physical dimensions 2. dimensions are in millimeters 1. conforms to jedec standard m0-252 variation uaad 4. filename and revision: mac06arev4 notes: 3. drawing conforms to asme y14.5m-1994 top view recommened land pattern bottom view 1.45 1.00 a b 0.05 c 0.05 c 2x 2x 0.55max 0.05 c (0.49) (1) (0.75) (0.52) (0.30) 6x 1x 6x pin 1 detail a 0.075 x 45 chamfer 0.25 0.15 0.35 0.25 0.40 0.30 0.5 (0.05) 1.0 5x detail a pin 1 terminal 0.40 0.30 0.45 0.35 0.10 0.00 0.10 cba 0.05 c c 0.05 c 0.05 0.00 5x 5x 6x (0.13) 4x 6x pin 1 identifier (0.254) 5. pin one identifier is 2x length of any 5 other line in the mark code layout. figure 7. 6-lead, micropak?, 1.0mm wide package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and condition s, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . tape and reel specifications please visit fairchild semiconductor?s online packaging area for the most recent tape and reel specifications: http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf . package designator tape section cavity number cavity status cover type status l6x leader (start end) 125 (typical) empty sealed carrier 5000 filled sealed trailer (hub end) 75 (typical) empty sealed
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.4 9 NC7SVL04 ? tinylogic ? low i cct inverter physical dimensions 1.00 b. dimensions are in millimeters. c. dimensions and tolerances per asme y14.5m, 1994 notes: a. complies to jedec mo-252 standard 0.05 c a b 0.55max 0.05 c c 0.35 0.09 0.19 123 0.35 0.25 5x 6x detail a 0.60 (0.08) 4x (0.05) 6x 0.40 0.30 0.075x45 chamfer 5x 0.40 0.35 1x 0.45 6x 0.19 top view bottom view 0.66 0.10 cba .05 c 0.89 pin 1 0.05 c 2x 2x 1.00 d. landpattern recommendation is based on fsc e. drawing filename and revision: mgf06arev3 0.52 0.73 0.57 0.20 6x 1x 5x recommended land pattern for space constrained pcb detail a pin 1 lead scale: 2x alternative land pattern for universal application design. 0.90 min 250um 6 54 0.35 (0.08) 4x side view figure 8. 6-lead, micropak2?, 1x1mm body, .35mm pitch package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and condition s, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . tape and reel specifications please visit fairchild semiconductor?s online packaging area for the most recent tape and reel specifications: http://www.fairchildsemi.com/packaging/micropak2_6l_tr.pdf . package designator tape section cavity number cavity status cover type status fhx leader (start end) 125 (typical) empty sealed carrier 5000 filled sealed trailer (hub end) 75 (typical) empty sealed
? 2008 fairchild semiconductor corporation www.fairchildsemi.com NC7SVL04 ? rev. 1.0.4 10 NC7SVL04 ? tinylogic ? low i cct inverter


▲Up To Search▲   

 
Price & Availability of NC7SVL04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X