Part Number Hot Search : 
ADF41 5ETTT SP236AET 5CX3000 10PKXXXX LVC3G34G 2412AT OSY5PA
Product Description
Full Text Search
 

To Download NBXSBA025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 october, 2009 ? rev. 1 1 publication order number: NBXSBA025/d NBXSBA025 2.5 v / 3.3 v, 425.00mhz lvpecl clock oscillator the NBXSBA025, single frequency, crystal oscillator (xo) is designed to meet today?s requirements for 2.5 v / 3.3 v lvpecl clock generation applications. the device uses a high q fundamental crystal and phase lock loop (pll) multiplier to provide 425.00 mhz, ultra low jitter and phase noise lvpecl differential output. this device is a member of on semiconductor?s pureedge  clock family that provides accurate and precision clock solutions. available in 5 mm x 7 mm smd (clcc) package on 16 mm tape and reel in quantities of 1,000 and 100. features ? lvpecl differential output ? uses high q fundamental mode crystal and pll multiplier ? ultra low jitter and phase noise ? 0.5 ps (12 khz ? 20 mhz) ? output frequency ? 425.00 mhz ? hermetically sealed ceramic smd package ? rohs compliant ? operating range: 2.5 v 5% or 3.3 v 10% ? total frequency stability ?  50 ppm ? this is a pb ? free device applications ? 4x fiber channel ? host bus adapter figure 1. simplified logic diagram pll clock multiplier crystal gnd nc oe clk clk v dd 654 123 http://onsemi.com device package shipping ? ordering information ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. NBXSBA025ln1tag clcc ? 6 (pb ? free) 1000/tape & reel marking diagram NBXSBA025 = NBXSBA025 ( 50 ppm) 425.00 = output frequency (mhz) aa = assembly location wl = wafer lot yy = year ww = work week g = pb ? free package 6 pin clcc ln suffix case 848ab NBXSBA025 425.0000 aawlyywwg NBXSBA025lnhtag clcc ? 6 (pb ? free) 100/tape & reel
NBXSBA025 http://onsemi.com 2 nc oe gnd clk v dd clk 1 2 3 6 5 4 figure 2. pin connections (top view) table 1. pin description pin no. symbol i/o description 1 ? inverted clock output. typically loaded with 50  receiver termination resistor to v tt = v dd ? 2 v.  receiver termination resistor to v tt = v dd ? 2 v. 5% or 3.3 v 10%. table 2. output enable tri ? state function oe pin output pins open active high level active low level high z table 3. attributes characteristic value internal default state resistor 170 k  esd protection human body model machine model 2 kv 200 v meets or exceeds jedec standard eia/jesd78 ic latchup test 1. for additional moisture sensitivity information, refer to application note and8003/d. table 4. maximum ratings symbol parameter condition 1 condition 2 rating units v dd positive power supply gnd = 0 v 4.6 v i out lvpecl output current continuous surge 25 50 ma t a operating temperature range ? 40 to +85 c t stg storage temperature range ? 55 to +120 c t sol wave solder see figure 5 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability.
NBXSBA025 http://onsemi.com 3 table 5. dc characteristics (v dd = 2.5 v 5%, 3.3 v 10%, gnd = 0 v, t a = ? 40 c to +85 c) (note 2) symbol characteristic conditions min. typ. max. units i dd power supply current 95 105 ma v ih oe input high voltage 2000 v dd mv v il oe input low voltage gnd ? 300 800 mv i ih input high current oe ? 100 +100  a i il input low current oe ? 100 +100  a v oh output high voltage v dd ? 1195 v dd ? 945 mv v ol output low voltage v dd ? 1945 v dd ? 1600 mv v outpp output voltage amplitude 700 mv note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 ifpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. measurement taken with outputs terminated with 50  to v dd ? 2.0 v. see figure 4. table 6. ac characteristics (v dd = 2.5 v 5%, 3.3 v 10%, gnd = 0 v, t a = ? 40 c to +85 c) (note 3) symbol characteristic conditions min. typ. max. units f clkout output clock frequency 425.0000 mhz  f frequency stability (note 4) 50 ppm  noise phase ? noise performance f clkout = 425.00 mhz (see figure 3) 100 hz of carrier ? 97 dbc/hz 1 khz of carrier ? 11 2 dbc/hz 10 khz of carrier ? 11 8 dbc/hz 100 khz of carrier ? 120 dbc/hz 1 mhz of carrier ? 126 dbc/hz 10 mhz of carrier ? 153 dbc/hz t jit (  ) rms phase jitter 12 khz to 20 mhz 0.5 0.7 ps t jitter cycle to cycle, rms 1000 cycles 1.5 8 ps cycle to cycle, peak ? to ? peak 1000 cycles 9 30 ps period, rms 10,000 cycles 0.9 4 ps period, peak ? to ? peak 10,000 cycles 7 20 ps t oe/od output enable/disable time 200 ns t duty_cycle output clock duty cycle (measured at cross point) 48 50 52 % t r output rise time (20% and 80%) 250 400 ps t f output fall time (80% and 20%) 250 400 ps t start start ? up time 1 5 ms aging 1 st year 3 ppm every year after 1 st 1 ppm note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 ifpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 3. measurement taken with outputs terminated with 50  to v dd ? 2.0 v. see figure 4. 4. parameter guarantee 10 years aging. includes initial stability at 25 c, shock, vibration, and first year aging.
NBXSBA025 http://onsemi.com 4 figure 3. typical phase noise plot @ 3.3 v table 7. reliability compliance parameter standard method shock ? std ? 833, method 2002, condition b ? std ? 833, method 2003 ? std ? 833, method 2007, condition a ? std ? 202, method 215 ? std ? 833, method 1011, condition a c per ipc/jedec j ? std ? 020d
NBXSBA025 http://onsemi.com 5 figure 4. typical termination for output driver and device evaluation (see application note and8020/d ? termination of ecl logic devices.) driver device receiver device qd q d z o = 50  z o = 50  50  50  v tt v tt = v dd ? 2.0 v NBXSBA025 260 217 175 150 temperature ( c) temp. 260 c 20 ? 40 sec. max. time 60  180 sec. 3 c/sec. max. cooling 6 c/sec. max. 60  150 sec. reflow peak pre ? heat ramp ? up figure 5. recommended reflow soldering profile
NBXSBA025 http://onsemi.com 6 package dimensions 6 pin clcc, 7x5, 2.54p case 848ab ? 01 issue c notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. a b e d bottom view b e 6x 0.10 b 0.05 a c c 0.15 c terminal 1 indicator top view a a1 a3 0.10 c c seating plane side view l 6x 1 2 5 6 d3 dim a min nom max millimeters 1.70 1.80 1.90 a1 0.70 ref b 1.30 1.40 1.50 d1 6.17 6.20 6.23 d2 6.66 6.81 6.96 e1 4.37 4.40 4.43 r 0.70 ref l 1.17 1.27 1.37 a2 0.36 ref a3 0.08 0.10 0.12 d 7.00 bsc d3 5.08 bsc e 5.00 bsc e2 4.65 4.80 4.95 e3 3.49 bsc e 2.54 bsc d1 e1 d2 e2 a2 3 4 e3 r 4x *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* pitch 2.54 1.50 6x 5.06 1.50 6x dimension: millimeters h h 1.80 ref on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 NBXSBA025/d pureedge is a trademark of semiconductor industries, llc (scillc). literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NBXSBA025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X