Part Number Hot Search : 
00209 10400 XC2267M 90ECB D1975 L74HC DG406C BFC46
Product Description
Full Text Search
 

To Download MSK5041-33E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4707 dey road liverpool, n.y. 13088 m.s.kennedy corp. (315) 701-6751 features: 5041 series iso-9001 certified by dscc high efficiency, 8 amp 1% accurate surface mount switching regulators up to 95% efficiency for 5v version 8 amp output current 4.5v to 30v input range preset 1.9v, 2.5v, 3.3v or 5.0v output versions 300khz switching frequency @ 1 amp and above user programmable soft-start quiescent current < 2.5ma user programmable current limit description: equivalent schematic the msk 5041 series are high efficiency, 8 amp, surface mount switching regulators. the output voltage is configured for 1.9v, 2.5v, 3.3v or 5.0v internally with a tolerance of 1% at 3 amps. the operating frequency of the msk 5041 is 300khz and is internally set. an external "soft start" capacitor allows the user to control how quickly the output comes up to regulation voltage after the application of an input. an extremely low quiescent current of typically less than 2.5ma and nearly 95% operating efficiency keep the total internal power dissipation of the msk 5041 down to an absolute minimum. mil-prf-38534 qualified typical applications pin-out information step-down switching regulator microprocessor power source high efficiency low voltage subsystem power supply case sense high sense low n/c rf high n/c n/c 1 2 3 4 5 6 7 34-44 23-33 11-22 10 9 8 vout ground vin enable n/c cton preliminary rev. - 6/01 1
within soa 1.0a i out 8.0a i out =3.0a 6v v in 20v internal i out 3 1.5a high low v en =v in v en =0v v en =0v v in =30v positive negative source fault sink v in =5.0v i out =3.0a v in =5.0v i out =3.0a v in =5.0v i out =3.0a v in =6v i out =3.0a enable input voltage enable input current current limit threshold cton current efficiency 8 5041-1.9 5041-2.5 5041-3.3 5041-5.0 v v v v v v v v v a % %/v khz v v a a ma mv mv a ma % % % % t st t ld t c t j storage temperature range lead temperature range (10 seconds) case operating temperature msk5041 series msk5041h/e series junction temperature absolute maximum ratings -65c to +150c 300c -40c to +85c -55c to +125c +150c input voltage enable voltage output current sense pin voltage thermal resistance (each mosfet) -0.3v, +36v -0.3v, +36v 9.0 amps -0.3v, +7v 12c/w 1,2,3 1 2,3 1 2,3 1 2,3 1 2,3 1 - 1,2,3 - 1,2,3 1,2,3 1 1 1 1 1 1 1 1 1 1 1 input supply range output current load regulation line regulation oscillator frequency disabled quiescent current - 1.9 - 2.5 - 3.3 - 5.0 - 9.0 tbd 0.06 300 - - 0.5 0.2 2.0 100 -100 4.0 - 70 80 90 95 electrical specifications 4.75 1.88 tbd 2.47 tbd 3.27 tbd 4.95 tbd 8.0 - - 270 2.0 - - - - 80 -50 2.5 2.0 - - - - - 1.9 1.9 2.5 2.5 3.3 3.3 5.0 5.0 9.0 tbd 0.06 300 - - 0.5 0.2 2.0 100 -100 4.0 - 70 80 90 95 30 1.92 tbd 2.53 tbd 3.33 tbd 5.05 tbd - - 0.10 330 - 0.5 2.0 2.0 2.5 120 -160 6.5 - - - - - 4.75 1.86 - 2.45 - 3.23 - 4.9 - 8.0 - - 270 2.0 - - - - 75 -45 2.5 2.0 - - - - 30 1.94 - 2.55 - 3.37 - 5.1 - - - 0.12 330 - 0.5 2.0 2.0 2.5 125 -165 6.5 - - - - - group a subgroup min. typ. max. min. typ. max. msk 5041 series msk 5041h series units test conditions parameter 1 2 2 2 2 2 2 2 7 1 2 3 4 5 6 7 8 v in =enable, 5mv (sense high-sense low) 25mv, i l =0a, c out =10x330f, c in =10x220f, c ton =0.01f unless otherwise specified. this parameter is guaranteed by design but need not be tested. typical parameters are representative of actual device performa nce but are for reference only. all output parameters are tested using a low duty cycle pulse to maintain t j = t c . industrial grade and 'e' suffix devices shall be tested to subgroup 1 unless otherwise specified. military grade devices ('h' suffix) shall be 100% tested to subgroups 1,2 and 3. subgroup 1 subgroup 2 subgroup 3 actual switching frequency can be load dependent if output current is low. refer to typical performance curves. alternate output voltages are available. please contact the factory. t a =t c =+25c t a =t c =+125c t a =t c =-55c notes: preliminary rev. - 6/01 2 8 2 8 8 output voltage 5041-1.9 output voltage 5041-2.5 output voltage 5041-3.3 output voltage 5041-5.0 i out =3.0a v in =5.0v i out =3.0a v in =5.0v i out =3.0a v in =5.0v i out =3.0a v in =6v
the output capacitor values are generally determined by the esr and voltage rating requirements rather than capaci- tance requirements for stability. low esr capacitors that meet the esr requirement usually have more output capacitance than required for stability. only specialized low-esr capacitors in- tended for switching-regulator applications, such as avx tps, sprague 595d, sanyo os-con, nichicon pl series or kemet t510 series should be used. the capacitor must meet mini- mum capacitance and maximum esr values as given in the following equations: c f > 2.5v(1 + v out /v in(min) ) v out x r sense x f r esr < r sense x v out 2.5v application notes current limiting: the msk 5041 is equipped with a pair of sense pins that are used to sense the load current using an external resistor (rs). the current-limit circuit resets the main pwm latch and turns off the internal high-side mosfet switch whenever the voltage difference between sense high and sense low ex- ceeds 100mv. this limiting occurs in both current flow direc- tions, putting the threshold limit at 100mv. the tolerance on the positive current limit is 20%. the external low-value sense resistor must be sized for 80mv/rs to guarantee enough load capacity. load components must be designed to with- stand continuous current stresses of 120mv/rs. for very high-current applications, it may be useful to wire the sense inputs with a twisted pair instead of pcb traces. this twisted pair needn't be anything unique, perhaps two pieces of wire-wrap wire twisted together. low inductance current sense resistors, such as metal film surface mount styles are best. soft start/cton: the internal soft-start circuitry allows a gradual increase of the internal current-limit level at start-up for the purpose of reducing input surge currents, and possibly for power-supply sequencing. in disable mode, the soft-start circuit holds the cton capacitor discharged to ground. when enable goes high, a 4a current source charges the cton capacitor up to 3.2v. the resulting linear ramp causes the internal current-limit thresh- old to increase proportionally from 20mv to 100mv. the out- put capacitors charge up relatively slowly, depending on the cton capacitor value. the exact time of the output rise de- pends on output capacitance and load current and is typically 1ms per nanofarad of soft-start capacitance. with no capaci- tor connected, maximum current limit is reached typically within 10s. enable function: the msk 5041 is enabled by applying a logic level high to the enable pin. a logic level low will disable the device and quiescent input current will reduce to approximately 2ma. the enable threshold voltage is 1v. if automatic start up is re- quired, simply connect the pin to v in . maximum enable volt- age is +36v. input capacitor selection: output capacitor selection: these equations provide 45 degrees of phase margin to ensure jitter-free fixed-frequency operation and provide a damped output response for zero to full-load step charges. lower qual- ity capacitors can be used if the load lacks large step charges. bench testing over temperature is recommended to verify ac- ceptable noise and transient response. as phase margin is reduced, the first symptom is timing jitter, which shows up in the switching waveforms. technically speaking, this typically harmless jitter is unstable operation, since the swithcing fre- quency is non-constant. as the capacitor esr is increased, the jitter becomes worse. eventually, the load-transient wave- form has enough ringing on it that the peak noise levels exceed the output voltage tolerance. with zero phase margin and in- stability present, the output voltage noise never gets much worse than i peak x r esr (under constant loads). designers of industrial temperature range digital systems can usually multi- ply the calculated esr value by a factor of 1.5 without hurting stability or transient response. the output ripple is usually dominated by the esr of the filter capacitors and can be approximated as i ripple x r esr . including the capacitive term, the full equation for ripple in the continuous mode is v noise(p-p) =i ripple x (r esr + 1/(2 p fc)). in idle mode, the inductor current becomes discontinuous with high peaks and widely spaced pulses, so the noise can actually be higher at light load compared to full load. in idle mode, the output ripple can be calculated as follows: v noise(p-p) = 0.02 x r esr + 0.0003 x 2.35h x [1/v out + 1/(v in -v out )] r sense (r sense )2 x c preliminary rev. - 6/01 3 power dissipation: in high current applications, it is very important to ensure that both mosfets are within their maximum junction tem- perature at high ambient temperatures. temperature rise can be calculated based on package thermal resistance and worst case dissipation for each mosfet. these worst case dissipa- tions occur at minimum voltage for the high side mosfet and at maximum voltage for the low side mosfet. calculate power dissipation using the following formulas: pd (upper fet)=i load 2 x 0.022 w x duty + v in x i load x f x v in x c rss +20ns i gate pd (lower fet)=i load 2 x 0.022 w x (1-duty) duty= (v out +v q2 ) (v in -v q1 ) where: v q1 or v q2 (on state voltage drop)=i load x 0.022 w c rss =94pf i gate =1a during output short circuit, q2, the synchronous-rectifier mosfet, will have an increased duty factor and will see addi- tional stress. this can be calculated by: q2 duty=1- v q2 v in(max) -v q1 where: v q1 or v q2 =(120 mv /r sense )x0.022 the msk 5041 has an internal high frequency ceramic ca- pacitor (0.1uf) between v in and gnd. connect a low-esr bulk capacitor directly to the input pin of the msk 5041. se- lect the bulk input filter capacitor according to input ripple- current requirements and voltage rating, rather than capacitor value. electrolytic capacitors that have low enough esr to meet the ripple-current requirement invariably have more than adequate capacitance values. aluminum-electrolytic capaci- tors are preferred over tantalum types, which could cause power- up surge-current failure when connecting to robust ac adapt- ers or low-impedance batteries. rms input ripple current is determined by the input voltage and load current, with the worst possible case occuring at v in = 2 x v out : i rms = i load x ? v out (v in -v out ) v in
application notes cont'd rf high: it is very important that the dc voltage returned to the rf high pin from the output be as noise and oscillation free as p ossible. this voltage helps to determine the final output and therefore must be a clean voltage. excessive noise or oscillation can cau se the device to have an incorrect output voltage. proper pc board layout techniques can help to achieve a noise free voltage at the rf high pin. under heavy loads, the msk 5041 operates in full pwm mode. each pulse from the oscillator sets the internal pwm latch tha t turns on the high-side mosfet. as the high-side switch turns off, the synchronous rectifier latch is set. 60ns later the low- side mosfet turns on until the start of the next clock cycle or until the inductor current crosses zero. under fault conditions the current exceeds the 100mv current-limit threshold and the high-side switch turns off. at light loads the inductor current does not exceed the 30mv threshold set by the minimum-current comparator. when this occurs, the msk 5041 goes into idle mode, skipping most of the oscillator pulses in order to reduce the switching frequency and cut back gate-charge losses. the oscillator is gated off at light loads because the minimum-current comparator immediately res ets the high-side latch at the start of each cycle. refer to table 1 for the operational characteristics. device disabled pulse skipping mode discontinuous inductor current pulse skipping mode continuous inductor current constant freq. pwm mode continuous inductor current description 0 1 1 1 enable load x low <10% med <30% high >30% operational characteristics table 1 typical 2.5v application circuit preliminary rev. - 6/01 4 modes of operation:
typical performance curves preliminary rev. - 6/01 5 performance curves are currently under development
the information contained herein is believed to be accurate at the time of printing. msk reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. please visit our website for the latest revision of this datasheet. mechanical specifications m.s. kennedy corp. 4707 dey road, liverpool, new york 13088 phone (315) 701-6751 fax (315) 701-6752 www.mskennedy.com preliminary rev. - 6/01 screening blank= industrial; h= mil-prf-38534 e = extended reliability output voltage 1.9v=+1.9v; 2.5=+2.5v; 3.3=+3.3v; 5.0=+5.0v general part number the above example is a +3.3v, mil-prf-38534 class h regulator. esd triangle indicates pin 1. note: all dimensions are 0.010 inches unless otherwise labeled. special lead forming is available. please contact factory if required. msk5041-3.3 h ordering information 6


▲Up To Search▲   

 
Price & Availability of MSK5041-33E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X