Part Number Hot Search : 
LMA419 HC5503 MBRB1 45170D XFTEL5 58LT00F LM7912J DL472
Product Description
Full Text Search
 

To Download MIC-6313-A1A4E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 5th generation intel ? core ? processor, up to 4 cores / 8 threads ? intel ? qm87 pch ? triple independent display support ? openvpx mod6-pay-4f1q2u2t-12.2.1-2 profle compliant ? onboard and so-dimm ddr3l-1600, up to 16 gb, with ecc support ? four sriox4 ports and two pciex8 ports on fabric interface ? four 1000base-t ports on base interface (two confgurable to serdes) ? two 1000base-t front panel ports ? one cfast and one onboard fash storage device mic-6313 openvpx cpu blade with intel ? 4th/ 5th generation core ? processor introduction the mic-6313 is advantechs next generation single processor 6u vpx blade, based on the intel ? 4th/ 5th generation core ? and xeon ? e3 lv4 embedded platform. to enable the highest performance available in the 6u vpx form factor for workstation and compute intense applications, the four serial rapidio ports in the vpx data plane offer high speed up to 5gb/s, low latency, scalable, error recoverable deterministic interconnectivity to digital front ends such as dsp and fpga cards. in addition, two pci express ports x8 lanes in the vpx expansion plane, with up to pci express gen. 2 (5gb/s) throughput offer a high performance interface to mainstream peripherals and i/o cards. with a so-dimm socket and additional soldered, onboard dram with ecc in a dual channel design running up to 1600mt/s, the mic-6313 can be integrated into various harsh environments while maintaining maximum memory throughput, and supports memory expansion by using the latest so-dimm technology simultaneously. in addition, the intel ? 4th/ 5th generation core ? and xeon ? e3 lv4 embedded processors offer increased cache size and effciency, as well as instruction set improvements, which make the mic-6313 a high performance compute engine with outstanding foating point and vector processing performance. tailored for rugged environments, the mic-6313 has a native conduction-cooled heat sink adaptable to various chassis environments; with the alternated optional air cooled heat sink, additional i/o is provided on the front panel. an onboard soldered, industrial ssd is included for maximum reliability, and a cfast/ ssd socket is also available for a cost-effcient, modular storage. by using intels powerful pch (lynx point) with its advanced sata controller, the mic-6313 offers high storage capacity at up to 6gbps transfer speed. an onboard xmc site with pcie x8 gen.3 connectivity can host high speed offoad or i/o mezzanines. two usb 3.0 ports on the front panel can connect to external devices with up to 5gbps data rate. network and remote connectivity can be achieved via a rs-232 console (rj-45) and two gbe rj-45 ports, powered by intels latest gigabit ethernet controller. intels next generation graphics engine iris pro offers up to 2x the graphic performance compared to previous generation solutions. triple independent display support can be implemented by using the mic-6313s dvi front panel port and two dvi interfaces on rear transition modules. audio is powered by a alc892 controller via the backplane interface, and provides media support. four sata ports (sataiii) and four usb ports (2x usb 3.0, 2x usb 3.0) are also connected to the backplane to fulfll the demand for extra io ports or storage. four gbe ports (two serdes selectable) support system level ip connectivity, and four uart interfaces (rs232/422/485 selectable) can be leveraged to interface to legacy devices and consoles. specifcations processor system cpu intel e3-12x8lv4/ i7-5xx0eq / i5-4402e max. speed 3.3 ghz chipset intel lynx point (qm87) bios redundant ami uefi based 8mbyte spi fash memory technology dual channel ddr3l 1600mhz w/ ecc max. capacity confgurable up to 16 gb socket 8gb memory soldered onboard, 1x 204-pin sodimm socket max. to 8gb vpx interface p1 4x sriox4 gen2 p2 2x pciex8 (1 port nt capable) p4 8d+12d xmc io;, 2x 10/100/1000bt (alternative of serdes) from i350 p5 2x usb3.0; 2x usb 2.0; 3x sata-iii; dvi x2; 2x uart(rs-232/422/485 switchable) p6 2x 10/100/1000bt; audio from alc892; 2x usb 2.0; kb/mouse from sio;1x sata ii graphics controller intel embedded graphic controller iris (3 independent displays) ethernet controller intel i350-am4 quad port gigabit ethernet controller to backplane; 2x i210 to front panel front i/o interface serial (com) 1 rs-232 on rj-45 connector, ethernet 2 x rj-45 10/100/1000base-t usb 2x usb 3.0, 1x usb2.0 miscellaneous xmc, dvi operating system compatibility linux; windows7 storage cfast sata iii onboard flash 64g sataii power requirement consumption to-be-measured w total power envelope with 47w cpu physical characteristics pcb dimensions 6hp, 233.35 x 160 mm (9.2" x 6.3") (w x d) weight 0.95kg without peripherals rohs compliant 2002/95/ec preliminary all product specifications are subject to change without notice last updated : 28-oct-2015 features
mic-6313 specifcations (cont.) environment operating (with tbd cfm airfow) non-operating temperature grade 1: 0 ~ 55 c grade 2: -40 ~ 85 c* -40 ~ 85 c humidity 95% @ 40 c, non-condensing 95% @ 60 c, non-condensing bump 40g, 6ms (conduction cooled) 25g, 6ms (air cooled) vibration (5 ~ 500 hz) 4.4grms (conduction cooled) 2grms (air cooled) altitude 50,000ft @ -40 c above sea level compliance vpx openvpx (vita 65), redi (vita 48), ipmi 2.0 safety fcc class a, ce, rohs emc fcc47 cfr part15, class a, ce mark (en55022/en55024/en300386) ordering information** model number confguration MIC-6313-A1A4E mic-6313 with e3-12x8lv4, air-cooled heat sink, 64g onboard fash mic-6313-b2c4e mic-6313 with i5-4402e, conduction-cooled heat sink, 64g onboard fash, 2.5" ssd carrier. *: for the grade 2 wide temperature sku availability, please contact your local sales offce. **: for the other intel 4th/5th generation core family cpu availability, please contact your local sales offce. vita and openvpx logo are trademarks of vita front panel main on-board features part number display usb ethernet (rj45) console (rj45) cpu onboard memory onboard flash external storage sodimm socket ipmi management MIC-6313-A1A4E dvi x1 2.0x1; 3.0x2 2 1 e3-1278lv4 8gb 64gb cfast socket yes no mic-6313-b1c4e vga x1 3.0x2 0 0 i5-4402e 8gb 64gb ssd site no yes one cfast socket memory sodimm socket front panel (from left to right): two rj-45 (gbe) usb2.0 two usb3.0 xmc rj-45 (console) dvi one passive cpu heat sink block diagram 1600 w/ ecc 8gb ddr3 onboard intel broadwell-h 4/2 core / gt2 ecc/bga intel pch bmc fpga pcie to srio bridge pcie gen3 switch codec onboard flash intel quad gbe nic xmc srio switch p6 p5 p4 p3 (n/a) p2 p1 p0 tpm intel gbe nic 8gb ddr3 onboard 1600 w/ ecc dvi-d 2x pciex1 nc-si intel quadgbe spi / uart uart (2x) sataii (3gbps) 2x 1gbase-t 2x 1gbase-t 8d +12d xmc io nc-si from bmc pciex4 pciex8 dvi pciex8 2x pciex4 srio gen2 x4 srio gen2 x4 power+ipmb srio gen2 x4 srio gen2 x4 srio gen2 x4 srio gen2 x4 gpiox16 to p2, p4, p6 2x 1gbase-t (serdes selectable) 2x pciex8 (nt selectable on one port) audio line-in line-out mic to rtm uart x2 lpc to p5 to p6 usb 2.0 (3x) to p6 p6 from quad gbe dvi x2 3x sataiii (6gbps) usb 2.0 (2x) usb 3.0 (2x) from cpu usb 2.0 (3x) from pch kb/ms from sio uart (2x) from sio uart (2x) from fpga usb 2.0 / 3.0 usb 2.0 / 3.0 usb 2.0 sataiii (6gbps) sataii (3gbps) rs232 daughter board or www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of MIC-6313-A1A4E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X