Part Number Hot Search : 
DDTA113 3NK80 K2200 HC21F RM13TR DDTA143 KBL608G BU1571KN
Product Description
Full Text Search
 

To Download MAX5069DAUE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max5069 is a high-frequency, current-mode, pulse-width modulation (pwm) controller (with dual mosfet drivers) that integrates all the building blocks necessary for implementing ac-dc or dc-dc fixed-fre- quency power supplies. isolated or nonisolated push- pull and half/full-bridge power supplies are easily constructed using either primary- or secondary-side regulation. current-mode control with leading-edge blanking simplifies control-loop design and a program- mable internal slope-compensation circuit stabilizes the current loop when operating at duty cycles above 50%. an input undervoltage lockout (uvlo) programs the input-supply startup voltage and ensures proper opera- tion during brownout conditions. a single external resistor programs the oscillator frequen- cy from 50khz to 2.5mhz. the max5069a/d provide a sync input for synchronization to an external clock. the maximum fet-driver duty cycle for the max5069 is 50%. programmable dead time allows additional flexibility in optimizing magnetic design and overcoming parasitic effects. programmable hiccup current limit provides additional protection under severe faults. the max5069 is specified over the -40? to +125? auto- motive temperature range and is available in a 16-pin thermally enhanced tssop-ep package. refer to the max5068 data sheet for single fet-driver applications. warning: the max5069 is designed to work with high voltages. exercise caution. applications universal-input ac power supplies isolated telecom power supplies networking system power supplies server power supplies industrial power conversion features ? current-mode control with 47? (typ) startup current ? oscillator frequency programmable to 2.5mhz ? resistor-programmable ?.5% accurate switching frequency ? dual gate-drive output for half/full-bridge or push-pull applications ? rectified 85vac to 265vac, or 36vdc to 72vdc input (max5069a/b) ? input directly driven from 10.8v to 24v (max5069c/d) ? programmable dead time and slope compensation ? programmable startup voltage (uvlo) ? programmable uvlo hysteresis (max5069b/c) ? frequency synchronization input (max5069a/d) ? -40? to +125? automotive temperature range ? 16-pin thermally enhanced tssop-ep package max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers ________________________________________________________________ maxim integrated products 1 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 rt reg5 in v cc ndrva ndrvb pgnd agnd cs top view max5069 tssop-ep sync(hyst*) scomp fb dt uvlo/en comp fltint *max5069b/c. pin configuration ordering information 19-3175; rev 1; 7/04 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. * ep = exposed pad. part temp range pin-package max5069aaue -40? to +125? 16 tssop-ep* max5069baue -40? to +125? 16 tssop-ep* max5069caue -40? to +125? 16 tssop-ep* MAX5069DAUE -40? to +125? 16 tssop-ep* selector guide appears at end of data sheet.
max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v in = +12v for the max5069c/d, v in = +23.6v for the max5069a/b at startup, then reduces to +12v, c in = c reg5 = 0.1?, c vcc = 1?, r rt = 100k ? , ndrv_ = floating, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. in to pgnd ............................................................-0.3v to +30v in to agnd.............................................................-0.3v to +30v v cc to pgnd..........................................................-0.3v to +13v v cc to agnd..........................................................-0.3v to +13v fb, comp, cs, hyst, sync, reg5 to agnd ........-0.3v to +6v uvlo/en, rt, dt, scomp, fltint to agnd .........-0.3v to +6v ndrva, ndrvb to pgnd ..........................-0.3v to (v cc + 0.3v) agnd to pgnd .....................................................-0.3v to +0.3v continuous power dissipation (t a = +70?) 16-pin tssop-ep (derate 21.3mw/? above +70?) ...1702mw operating temperature range..........................-40c to +125c maximum junction temperature .....................................+150c storage temperature range .............................-60c to +150c lead temperature (soldering, 10s) .................................+300c parameter symbol conditions min typ max units undervoltage lockout/startup bootstrap uvlo wake-up level v suvr v in rising, max5069a/b 19.68 21.6 23.60 v bootstrap uvlo shutdown level v suvf v in falling, max5069a/b 9.05 9.74 10.43 v uvlo/en wake-up threshold v ulr2 uvlo/en rising 1.205 1.230 1.255 v uvlo/en shutdown threshold v ulf2 uvlo/en falling 1.18 v hyst fet on-resistance r d s ( on ) _h max5069b/c only, sinking 50ma, v uvlo/en = 0v 10 ? hyst fet leakage current i leak_h v uvlo/en = 2v, v hyst = 5v 3 na in supply current in undervoltage lockout i start v in = +19v, v uvlo/en < v ulf2 47 90 ? in range v in 10.8 24.0 v internal supplies (v cc and reg5) v cc regulator set point v ccsp v in = + 10.8v to + 24v , v c c sour ci ng 1a to 25m a 7.0 10.5 v reg5 output voltage v reg5 i reg5 = 0 to 1ma 4.85 5.00 5.15 v reg5 short-circuit current limit i reg5_sc 18 ma f sw = 1.25mhz 7 in supply current after startup i in v in = +24v f sw = 100khz 3 ma shutdown supply current i vin_sd 90 ? gate driver (ndrva, ndrvb) z out ( low ) ndrva/ndrvb sinking 100ma 2 4 driver output impedance z out ( high ) ndrva/ndrvb sourcing 25ma 3 6 ? sinking 1000 driver peak output current i ndrv sourcing 650 ma pwm comparator comparator offset voltage v os_pwm v comp > v cs 1.30 1.60 2.00 v comparator propagation delay t pd_pwm v cs = 0.1v 40 ns minimum on-time t on ( min ) includes t cs_blank 110 ns current-limit comparator current-limit trip threshold v cs 298 314 330 mv
max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers _______________________________________________________________________________________ 3 parameter symbol conditions min typ max units cs input bias current i b_cl v cs = 0v 0 +2 ? cs blanking time t cs_blank 70 ns propagation delay from comparator input to ndrv_ t pd_cl 50mv overdrive 40 ns in clamp voltage in clamp voltage v in_clamp in sinking 2ma (note 2) 24.0 26.0 29.0 v error amplifier (fb, comp) voltage gain a v r comp = 100k ? to agnd 80 db unity-gain bandwidth bw r comp = 100k ? to agnd, c load = 100pf to agnd 5 mhz phase margin pm r comp = 100k ? to agnd, c load = 100pf to agnd 65 d eg r ees fb input offset voltage v os_fb 3mv high 2.6 3.8 comp clamp voltage v comp low 0.4 1.1 v error-amplifier output current i comp sinking or sourcing 0.5 ma +25? t a +125? (note 3) 1.215 1.230 1.245 reference voltage v ref -40? t a +125? (note 3) 1.205 1.230 1.242 v input bias current i b_ea 100 300 na comp short-circuit current i comp_sc 12 ma thermal shutdown thermal-shutdown temperature t sd +170 ? thermal hysteresis t hyst 25 ? oscillator sync input (max5069a/d only) sync high-level voltage v ih_sync 2.4 v sync low-level voltage v il_sync 0.4 v sync input bias current i b_sync 10 na maximum sync frequency f sync f osc = 2.5mhz (note 4) 3.125 mhz sync high-level pulse width t sync_hi 30 ns sync low-level pulse width t sync_lo 30 ns digital soft-start soft-start duration t ss (note 5) 2047 cycles reference-voltage step v step 9.7 mv reference-voltage steps during soft-start 127 steps oscillator oscillator frequency range f osc f osc = (10 11 / r rt ) 50 2500 khz electrical characteristics (continued) (v in = +12v for the max5069c/d, v in = +23.6v for the max5069a/b at startup, then reduces to +12v, c in = c reg5 = 0.1?, c vcc = 1?, r rt = 100k ? , ndrv_ = floating, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1)
max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers 4 _______________________________________________________________________________________ note 1: the max5069 is 100% tested at t a = +25?. all limits over temperature are guaranteed by design. note 2: the max5069a/b are intended for use in universal-input power supplies. the internal clamp circuit is used to prevent the bootstrap capacitor (c1 in figure 1) from charging to a voltage beyond the absolute maximum rating of the device when uvlo/en is low. the maximum current to v in (hence to clamp) when uvlo is low (device is in shutdown) must be external- ly limited to 2ma. clamp currents higher than 2ma may result in clamp voltages higher than 30v, thus exceeding the absolute maximum rating for v in . for the max5069c/d, do not exceed the 24v maximum operating voltage of the device. note 3: reference voltage (v ref ) is measured with fb connected to comp (see the functional diagram ). note 4: the sync frequency must be at least 25% higher than the programmed oscillator frequency. note 5: the internal oscillator clock cycle. parameter symbol conditions min typ max units ndrv_ switching frequency f sw f sw = 10 11 / (2 x r rt )25 1250 khz rt voltage v rt 40k ? < r rt < 500k ? 2.0 v f osc 500khz -2.5 +2.5 t a = +25 c f osc > 500khz -4 +4 f osc 500khz -4.5 +4.5 oscillator accuracy t a = -40 c to +125 c f osc > 500khz -6 +6 % maximum duty cycle d max dt connected to reg5 100 % dead-time control (dt) dead time t dt r dt = 24.9k ? 60 ns dead-time disable voltage v dt_disable v reg5 - 0.5v v dead-time regulation voltage v dt 1.23 v integrating fault protection (fltint) fltint source current i fltint v fltint = 0v 60 ? fltint shutdown threshold v fltint_sd v fltint rising 2.8 v fltint restart threshold v fltint_rs v fltint falling 1.6 v slope compensation slope compensation v slope c slope = 100pf, rt = 110k ? 15 mv/? slope-compensation range v sloper 090 mv/? slope-compensation voltage range v scomp 0 2.7 v electrical characteristics (continued) (v in = +12v for the max5069c/d, v in = +23.6v for the max5069a/b at startup, then reduces to +12v, c in = c reg5 = 0.1?, c vcc = 1?, r rt = 100k ? , ndrv_ = floating, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1)
max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers _______________________________________________________________________________________ 5 21.0 21.2 21.1 21.4 21.3 21.5 21.6 -40 35 60 -15 10 85 110 bootstrap uvlo wake-up level vs. temperature max5069 toc01 temperature ( c) v in (v) max5069a/b 9.5 9.6 9.8 9.7 9.9 10.0 -40 35 60 -15 10 85 110 bootstrap uvlo shutdown level vs. temperature max5069 toc02 temperature ( c) v in (v) max5069a/b 1.220 1.225 1.235 1.230 1.240 1.245 -40 35 60 -15 10 85 110 uvlo/en wake-up threshold vs. temperature max5069 toc03 temperature ( c) uvlo/en (v) uvlo/en rising 1.10 1.19 1.18 1.17 1.16 1.15 1.14 1.13 1.12 1.11 1.20 -40 35 60 -15 10 85 110 uvlo/en shutdown threshold vs. temperature max5069 toc04 temperature ( c) uvlo/en (v) uvlo/en falling 40 44 52 48 56 60 -40 35 60 -15 10 85 110 v in supply current in undervoltage lockout vs. temperature max5069 toc05 temperature ( c) i start ( a) v in = 19v when in bootstrap uvlo (max5069a/b) uvlo/en (max5069c/d) is low v in supply current after startup vs. temperature max5069 toc06 temperature ( c) i in (ma) 85 60 35 10 -15 3 2 4 6 5 7 8 1 -40 110 v in = 24v f sw = 1.25mhz f sw = 50khz f sw = 500khz f sw = 100khz f sw = 250khz v cc vs. temperature max5069 toc07 temperature ( c) v cc (v) 85 60 35 10 -15 7.6 7.3 8.2 7.9 8.8 8.5 9.4 9.1 9.7 10.0 7.0 -40 110 v in = 19v, i in = 25ma v in = 19v, i in = 10ma v in = 10.8v, i in = 10ma v in = 10.8v, i in = 25ma reg5 output voltage vs. output current max5069 toc08 output current (ma) reg5 (v) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 4.955 4.960 4.965 4.970 4.975 4.980 4.950 0 2.0 r rt = 100k ? 4.90 4.99 4.98 4.97 4.96 4.95 4.94 4.93 4.92 4.91 5.00 -40 35 60 -15 10 85 110 reg5 vs. temperature max5069 toc09 temperature ( c) reg5 (v) v in = 10.8v 100 a load 1ma load typical operating characteristics (v in = +23.6v for max5069a/b at startup, then reduces to +12v, v in = +12v for the max5069c/d, c in = c reg5 = 0.1?, c vcc = 1?, r rt = 100k ? , ndrv_ = floating, v fb = 0v, v comp = floating, v cs = 0v, t a = +25?, unless otherwise noted.)
max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers 6 _______________________________________________________________________________________ typical operating characteristics (continued) (v in = +23.6v for max5069a/b at startup, then reduces to +12v, v in = +12v for the max5069c/d, c in = c reg5 = 0.1?, c vcc = 1?, r rt = 100k ? , ndrv_ = floating, v fb = 0v, v comp = floating, v cs = 0v, t a = +25?, unless otherwise noted.) reg5 output voltage vs. v in max5069 toc10 v in (v) reg5 (v) 22 20 16 18 14 12 10 24 4.976 4.977 4.978 4.979 4.980 4.981 4.982 4.983 4.984 4.985 4.975 i reg5 = 100 a cs trip threshold vs. temperature max5069 toc11 temperature ( c) cs trip threshold (mv) 110 85 60 35 10 -15 306 303 309 315 312 321 318 327 324 330 300 -40 switching frequency vs. temperature max5069 toc12 temperature ( c) switching frequency (khz) 110 85 60 35 -15 10 490 485 495 505 500 515 510 525 520 530 480 -40 f sw = 500khz total number of devices = 200 mean -3 +3 propagation delay from cs comparator input to ndrv vs. temperature max5069 toc13 temperature ( c) propagation delay (ns) 110 85 35 60 10 -15 32 34 36 38 40 42 44 46 48 50 30 -40 input current vs. input clamp voltage max5069 toc14 input clamp voltage (v) input current (ma) 27.5 25.0 22.5 20.0 17.5 15.0 12.5 2 4 6 8 10 12 14 0 10.0 30.0 input clamp voltage vs. temperature max5069 toc15 temperature ( c) input clamp voltage (v) 110 85 35 60 10 -15 25.2 25.4 25.6 25.8 26.0 26.2 26.4 26.6 26.8 27.0 25.0 -40 i sink = 2ma 1.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 3.0 -40 35 60 -15 10 85 110 ndrva/ndrvb output impedance vs. temperature max5069 toc16 temperature ( c) r on ( ? ) v in = 24v sinking 100ma 2.0 3.8 3.6 3.4 3.2 3.0 2.8 2.6 2.4 2.2 4.0 -40 35 60 -15 10 85 110 ndrva/ndrvb output impedance vs. temperature max5069 toc17 temperature ( c) r on ( ? ) v in = 24v sourcing 25ma error amplifier open-loop gain and phase vs. frequency max5069 toc18 frequency (hz) gain (db) phase (degrees) 10m 10 100k 1k -20 0 20 40 60 80 100 120 -40 -180 -150 -120 -90 -60 -30 0 30 -210 0.1 gain phase
max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers _______________________________________________________________________________________ 7 62.0 62.9 62.8 62.7 62.6 62.5 62.4 62.3 62.2 62.1 63.0 -40 35 60 -15 10 85 110 fltint current vs. temperature max5069 toc19 temperature ( c) fltint current ( a) 8.0 12.5 12.0 11.5 11.0 10.5 10.0 9.5 9.0 8.5 13.0 -40 35 60 -15 10 85 110 hyst r on vs. temperature max5069 toc20 temperature ( c) r on ( ? ) v in = 24v sinking 50ma 0.01 0.1 1 2 0.03 0.1 1 2 ndrva switching frequency (f sw) vs. r rt max5069 toc21 r rt (m ? ) f sw (mhz) ndrv switching frequency vs. temperature max5069 toc22 temperature ( c) ndrv switching frequency (khz) 110 85 35 60 10 -15 48.4 48.8 49.2 49.6 50.0 50.4 50.8 51.2 51.6 52.0 48.0 -40 f sw = 50khz ndrv switching frequency vs. temperature max5069 toc23 temperature ( c) ndrv switching frequency (khz) 100 125 75 50 25 0 -25 497 496 498 500 499 502 501 504 503 505 495 -50 f sw = 500khz f sw = 500khz dead time vs. temperature max5069 toc25 temperature ( c) time (ns) 110 85 60 35 10 -15 45 50 55 60 65 70 40 -40 v in = 24v r dt = 24.9k ? r rt = 100k ? ndrv switching frequency vs. temperature max5069 toc24 temperature ( c) ndrv switching frequency (khz) 110 85 60 35 10 -15 1.15 1.20 1.25 1.30 1.35 1.40 1.10 -40 f sw = 1.25mhz dead time vs. r dt max5069 toc26 r dt (k ? ) time (ns) 10 20 40 60 80 100 120 140 160 180 200 0 1 100 typical operating characteristics (continued) (v in = +23.6v for max5069a/b at startup, then reduces to +12v, v in = +12v for the max5069c/d, c in = c reg5 = 0.1?, c vcc = 1?, r rt = 100k ? , ndrv_ = floating, v fb = 0v, v comp = floating, v cs = 0v, t a = +25?, unless otherwise noted.)
max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers 8 _______________________________________________________________________________________ pin description pin max5069a max5069d max5069b max5069c name function 11rt oscillator-timing resistor. connect a resistor from rt to agnd to set the internal oscillator frequency. 2 sync external-clock sync input. connect sync to agnd when not using an external clock. 2 hyst hysteresis input 33 scomp slope-compensation capacitor connection 44dt dead-time resistor connection. connect a resistor from dt to agnd to program the output dead time. connect to reg5 for ndrva and ndrvb maximum 50% duty cycle. 55 uvlo/en externally programmable undervoltage lockout. uvlo/en programs the input start voltage. connect uvlo/en to agnd to disable the output. 6 6 fb error-amplifier inverting input 7 7 comp error-amplifier output 88 fltint fault-integration input. a capacitor connected to fltint charges with an internal 60? current source during persistent current-limit faults. switching terminates when v fltint is 2.8v. an external resistor connected in parallel discharges the capacitor. switching resumes when v fltint drops to 1.6v. 9 9 cs current-sense resistor connection 10 10 agnd analog ground. connect to pgnd. 11 11 pgnd power ground. connect to agnd through a ground plane. 12 12 ndrvb g ate- d r i ver o utp ut b. c onnect n d rv b to the g ate of the exter nal n - channel fe t. 13 13 ndrva gate-driver output a. connect ndrva to the gate of the external n-channel fet. 14 14 v cc 9v linear-regulator output. decouple v cc with a minimum 1f ceramic capacitor to agnd; also internally connected to the fet drivers. 15 15 in power-supply input. in provides power for all internal circuitry except the gate driver. decouple in with 0.1f to agnd (see the typical operating circuit ). 16 16 reg5 5v linear-regulator output. decouple reg5 to agnd with 0.1f ceramic capacitor. ep ep pad exposed paddle. connect to gnd.
detailed description the max5069 is a current-mode, dual mosfet driver, pwm controller designed for isolated and nonisolated push-pull or half-/full-bridge power-supply applications. a bootstrap uvlo with a programmable hysteresis, very low startup, and low operating current result in high-efficiency universal-input power supplies. in addi- tion to the internal bootstrap uvlo, the device also offers programmable input startup and turn-off volt- ages, programmed through the uvlo/en pin. the max5069 includes a cycle-by-cycle current limit that turns off the gate drive to the external mosfet during an overcurrent condition. the max5069 integrat- ing fault protection reduces average power dissipation during persistent fault conditions (see the integrating fault protection section). the max5069 features a very accurate, wide-range, programmable oscillator that simplifies and optimizes the design of the magnetics. the max5069a/b are well suited for universal-input (rectified 85vac to 265vac) or telecom (-36vdc to -72vdc) power supplies. the max5069c/d are well suited for low-input voltage (10.8vdc to 24vdc) power supplies. the max5069 high-frequency, universal input, offline/telecom, current-mode pwm controller integrates all the building blocks necessary for implementing ac- dc and dc-dc fixed-frequency power supplies. push- pull and half-/full-bridge isolated or nonisolated power supplies are easily constructed using either primary- or secondary-side regulation. current-mode control with leading-edge blanking simplifies control-loop design and the programmable slope compensation stabilizes the current loop when operating both fet drivers at a combined 100% duty cycle. an input uvlo programs the input-supply startup volt- age and ensures proper operation during brownout con- ditions. an external voltage-divider programs the supply startup voltage. the max5069b/c feature a programma- ble uvlo hysteresis. the max5069a/b feature an addi- tional internal bootstrap uvlo with large hysteresis that requires a minimum startup voltage of 23.6v. the max5069a/d start up from a minimum voltage of 10.8v. internal digital soft-start reduces output-voltage over- shoot at startup. a single external resistor programs the switching fre- quency of each mosfet driver from 25khz to 1.25mhz. the max5069a/d provide a sync input for synchronization to an external clock. the maximum fet driver duty cycle for each driver is limited to 50%. programmable dead time allows additional flexibility in optimizing magnetic design and overcoming parasitic effects. integrating fault protection ignores transient overcurrent conditions for a set length of time. the length of time is programmed by an external capacitor. the internal thermal-shutdown circuit protects the device should the junction temperature exceed +170?. power supplies designed with the max5069a/b use a high-value startup resistor, r1, which charges a reser- voir capacitor, c1 ( figure 1). during this initial period, while the voltage is less than the internal bootstrap uvlo threshold, the device typically consumes only 47? of quiescent current. this low startup current and the large bootstrap uvlo hysteresis help to minimize the power dissipation across r1 even at the high end of the universal ac input voltage (265vac). the max5069 includes a cycle-by-cycle current limit that turns off the gates to both external mosfets dur- ing an overcurrent condition. when using the max5069a/b in the bootstrap mode (if the power-sup- ply output is shorted), the tertiary winding voltage drops below the 9.74v threshold, causing the uvlo to turn off the gate to the external power mosfets. this reinitiates a startup sequence with soft-start. current-mode control the max5069 offers a current-mode control operation feature, such as leading-edge blanking with a dual internal path that only blanks the sensed current signal applied to the input of the pwm controller. the current- limit comparator monitors cs at all times and provides cycle-by-cycle current limit without being blanked. the leading-edge blanking of the cs signal prevents the pwm comparator from prematurely terminating the on cycle. the cs signal contains a leading-edge spike that results from the mosfet? gate charge current, and the capacitive and diode reverse-recovery current of the power circuit. since this leading-edge spike is normally lower than the current-limit comparator thresh- old, current limiting is provided under all conditions. use the max5069 in push-pull and half-/full-bridge appli- cations where a large duty cycle is desired. the large duty cycle results in much lower operating primary rms currents through the mosfet switches, and in most cases it results in a smaller inductor and output filter capacitor. the max5069 adjusted slope compensation allows for easy stabilization of the inner current loop. max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers _______________________________________________________________________________________ 9
max5069 undervoltage lockout the max5069 features an input voltage uvlo/en func- tion to enable the pwm controller before any operation can begin. the max5069a/d shut down if the voltage at uvlo/en falls below its 1.18v threshold. the max5069b/c also incorporate a uvlo hysteresis input to set the desired turn-off voltage. max5069a/d uvlo adjustment the max5069a/d have an input voltage uvlo/en with a 1.231v threshold. before any operation can com- mence, the uvlo/en voltage must exceed the 1.231v threshold. the uvlo circuit keeps the pwm compara- tor, ilim comparator, oscillator, and output drivers shut- down to reduce current consumption (see the functional diagram) . calculate r6 in figure 2 by using the following formula: where v ulr2 is the uvlo/en? 1.231v rising threshold and v on is the desired startup voltage. choose an r7 value in the 20k ? range. after a successful startup, the max5069a/d shut down if the voltage at uvlo/en drops below its 1.18v fall- ing threshold. max5069b/c uvlo with programmable hysteresis in addition to programmable undervoltage lockout dur- ing startup, the max5069b/c incorporate a uvlo/en r v v r on ulr 617 2 = ? ? ? ? ? ? ? high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers 10 ______________________________________________________________________________________ max5069b in ndrva ndrvb hyst uvlo/en cs comp v cc agnd pgnd reg5 rt fb dt fltint r1 c1 q1 q2 v in c2 c3 c4 r3 r4 r9 r2 r8 v out scomp c5 c7 d1 d3 d2 r5 c6 r10 r6 r hyst r7 figure 1. nonisolated power supply with programmable input supply voltage
hysteresis that allows the user to set a voltage (v off ) to disable the controller (see figure 3). at the beginning of the startup sequence, uvlo/en is below the 1.23v threshold, and q1 turns on connecting r hyst to gnd ( figure 4). once the uvlo 1.23v thresh- old is crossed, q1 turns off, resulting in the series com- bination of r6, r hyst , and r7, placing the max5069 in normal operating condition. calculate the turn-on voltage (v on ) by using the fol- lowing formula: where v ulr2 is the uvlo/en? 1.23v rising threshold. choose an r hyst value in the 20k ? range. the max5069 turns off when the max5069 uvlo/en falls below the 1.18v falling threshold. the turn-off volt- age (v off ) is then defined as: where v ulf2 is the 1.18v uvlo/en falling threshold. bootstrap undervoltage lockout (max5069a/b) in addition to the externally programmable uvlo func- tion offered by the max5069, the max5069a/b feature an additional internal bootstrap uvlo for use in high- voltage power supplies (see the functional diagram ). this allows the device to bootstrap itself during initial power-up. the max5069a/b start when v in exceeds the bootstrap uvlo threshold of 23.6v. during startup, the uvlo circuit keeps the pwm com- parator, ilim comparator, oscillator, and output drivers shut down to reduce current consumption. once v in reaches 23.6v, the uvlo circuit turns on both the pwm and ilim comparators, as well as the oscillator, and allows the output driver to switch. if v in drops below 9.7v, the uvlo circuit shuts down the pwm compara- tor, ilim comparator, oscillator, and output drivers, returning the max5069a/b to the startup mode. rr v v r off ulf hyst 76 1 2 / = ? ? ? ? ? ? ?? r v v r on ulr hyst 61 2 = ? ? ? ? ? ? ? max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers ______________________________________________________________________________________ 11 max5069a/d 1.23v 1.18v uvlo/en r7 r6 v in figure 2. setting the max5069a/d undervoltage lockout threshold v hyst = v on - v off v off v on figure 3. max5069 hysteresis max5069b/c 1.23v 1.18v uvlo/en hyst r hyst r6 r7 v in q1 figure 4. setting the max5069b/c turn-on/turn-off voltages
max5069 max5069a/b startup operation normally, v in is derived from the tertiary winding of the transformer. however, at startup there is no energy delivered through the transformer; hence, a special bootstrap sequence is required. figure 5 shows the voltages on v in and v cc during startup. initially, both v in and v cc are 0v. after the input voltage is applied, c1 charges through the startup resistor, r1, to an inter- mediate voltage (see figure 1). at this point, the inter- nal regulator begins charging c3 (see figure 5). only 47? of the current supplied by r1 is used by the max5069a/b. the remaining input current charges c1 and c3. the charging of c3 stops when the v cc volt- age reaches approximately 9.5v. the voltage across c1 continues rising until it reaches the wake-up level of 23.6v. once v in exceeds the bootstrap uvlo thresh- old, ndrva/ndrvb begin switching the mosfets and energy is transferred to the secondary and tertiary out- puts. if the voltage on the tertiary output builds to high- er than 9.74v (the bootstrap uvlo lower threshold), startup ends and sustained operation commences. if v in drops below 9.74v before startup is complete, the device goes back to low-current uvlo. if this occurs, increase the value of c1 to store enough energy to allow for the voltage at the tertiary winding to build up. startup time considerations for power supplies using the max5069a/b the v in bypass capacitor, c1, supplies current imme- diately after wakeup (see figure 1). the size of c1 and the connection configuration of the tertiary winding determine the number of cycles available for startup. large values of c1 increase the startup time and also supply extra gate charge for more cycles during initial startup. if the value of c1 is too small, v in drops below 9.74v because ndrva/ndrvb do not have enough time to switch and build up sufficient voltage across the tertiary output that powers the device. the device goes back into uvlo and does not start. use low-leakage capacitors for c1 and c3. generally, offline power supplies keep typical startup times to less than 500ms, even in low-line conditions (85vac input for universal offline applications or 36vdc for telecom applications). size the startup resis- tor, r1, to supply both the maximum startup bias of the device (90?) and the charging current for c1 and c3. the bypass capacitor, c3, must charge to 9.5v, and c1 must charge to 24v, within the desired time period of 500ms. because of the internal soft-start time of the max5069, c1 must store enough charge to deliver cur- rent to the device for at least 2047 oscillator clock cycles. to calculate the approximate amount of capaci- tance required, use the following formula: where i in is the max5069? internal supply current after startup (3.3ma, typ), q gtot is the total gate charge for q1 and q2, f sw is the max5069? programmed output switching frequency, v hyst is the bootstrap uvlo hys- teresis (12v), and t ss is the internal soft-start time (2047 clock cycles x 1 / f osc ). example: i g = (16nc) (250khz) ? 4ma f osc = 500khz t ss = 2047 x (1 / f osc ) = 4.1ms use a 4.7? ceramic capacitor for c1. assuming c1 > c3, calculate the value of r1 as follows: where v suvr is the bootstrap uvlo wakeup level (23.6v max), v in(min) is the minimum input supply volt- age for the application (36v for telecom), and i start is the v in supply current at startup (90?, max). i vc ms r vxv ii c suvr in min suvr c start 1 1 1 500 1 05 . () ? ? ? + c ma ma ms v f 1 33 4 41 12 25 (. ) (. ) . = + = iqxf c iixt v g gtot sw in g ss hyst ( ) = = + 1 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers 12 ______________________________________________________________________________________ 100ms/div max5069 v in pin v cc 2v/div 0v 5v/div figure 5. v in and v cc during startup when using the max5069 in bootstrapped mode (see figure 1)
for example: to minimize power loss on this resistor, choose a high- er value for r1 than the one calculated above (if a longer startup time can be tolerated). the above startup method applies to a circuit similar to the one shown in figure 1. in this circuit, the tertiary winding has the same phase as the secondary wind- ings. thus, the voltage on the tertiary winding at any given time is proportional to the output voltage. the minimum discharge time of c1 from 22v to 10v must be greater than the soft-start time (t ss ). i vx f ms a r vv aa k c1 24 4 7 500 225 1 36 12 225 90 76 . == ? + = ? ? ? max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers ______________________________________________________________________________________ 13 in uvlo/en ndrva ndrvb v cc fb cs pgnd agnd reg5 fltint rt dt scomp comp hyst r1 c1 c2 c3 c4 r2 r3 r4 c5 r6 r7 r5 r8 v out v in q2 q1 c6 r hyst c7 c8 r9 c10 max8515 r13 r14 ps2913 v cc r10 r11 r12 max5069b figure 6. secondary-side, regulated, isolated power supply
max5069 oscillator/switching frequency use an external resistor at rt to program the max5069 internal oscillator frequency from 50khz to 2.5mhz. the max5069 ndrva/ndrvb switching frequency is one half of the programmed oscillator frequency with a maximum 50% duty cycle. use the following formula to calculate the internal oscil- lator frequency: where f osc is the oscillator frequency and r rt is a resistor connected from rt to agnd. choose the appropriate resistor at rt to calculate the desired switching frequency (f sw ): for the maximum 50% duty cycle at ndrva/ndrvb, connect dt to reg5. dual n-channel mosfet switch driver the max5069 drives two external n-channel mosfets in push-pull isolated power supplies. each mosfet driver operates with a maximum 50% duty cycle. the ndrv_ outputs are supplied by the internal regulator (v cc ), which is internally set to approximately 9.5v. for the universal input voltage range, the mosfets used must be able to withstand at least twice the dc level of the high-line input voltage. both ndrva and ndrvb can source and sink in excess of 650ma and 1000ma peak current, respectively. dead-time control in typical push-pull designs, it is desirable to add some extra delay between the turning off of one mosfet and the turning on of the next mosfet (figure 7). the extra time ensures that the first mosfet is fully off when the other mosfet starts to turn on. this prevents both mosfets from being on simultaneously, thus avoiding shorting out the transformer? primary. the max5069 allows the dead-time delay required to turn on the ndrvb fet after the ndrva fet turns off. the dead time can be programmed to a minimum of 30ns to 1 / (0.5 x f sw ). connect a resistor between dt and agnd to set the desired dead time. calculate the dead time using the following formula: where r dt is in k ? and the dead time is in ns. external synchronization (max5069a/d) the max5069a/d can be synchronized using an exter- nal clock at the sync input. for proper frequency syn- chronization, the sync? input frequency must be at least 25% higher than the max5069a/d programmed internal oscillator frequency. connect sync to agnd when not using an external clock. integrating fault protection the integrating fault-protection feature allows transient overcurrent conditions to be ignored for a programma- ble amount of time, giving the power supply time to behave like a current source to the load. for example, this can occur under load-current transients when the control loop requests maximum current to keep the out- put voltage from going out of regulation. program the fault-integration time by connecting an external suitably sized capacitor to the fltint. under sustained over- current faults, the voltage across this capacitor ramps up towards the fltint shutdown threshold (typically 2.8v). once the threshold is reached, the power supply shuts down. a high-value bleed resistor connected in parallel with the fltint capacitor allows it to discharge towards the restart threshold (typically 1.6v). once this threshold is reached, the supply restarts with a new soft-start cycle. dead time r ns dt . () = 60 29 4 rt sw r f = 10 2 11 f r osc rt = 10 11 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers 14 ______________________________________________________________________________________ dead time ndrva pwm pwm <50% <50% ndrvb t dt figure 7. max5069 dead-time timing diagram max5069a/d agnd rt sync figure 8. external synchronization of the max5069a/d
note that cycle-by-cycle current limiting is provided at all times by cs with a threshold of 314mv (typ). the fault-integration circuit forces a 60? current onto fltint each time that the current-limit comparator is tripped (see the functional diagram ). use the following formula to calculate the value of the capacitor neces- sary for the desired shutdown time of the circuit: where i fltint = 60?, t sh is the desired fault-integra- tion time during which current-limit events from the cur- rent-limit comparator are ignored. for example, a 0.1? capacitor gives a fault-integration time of 4.7ms. this is an approximate formula. some testing may be required to fine-tune the actual value of the capacitor. to calculate the recovery time, use the following formula: where t rt is the desired recovery time. choose t rt = 10 x t sh . typical values for t sh range from a few hundred microseconds to a few milliseconds. soft-start the max5069 soft-start feature allows the load voltage to ramp up in a controlled manner, eliminating output- voltage overshoot. soft-start begins after uvlo is deasserted. the voltage applied to the noninverting node of the amplifier ramps from 0 to 1.23v in 2047 oscillator clock cycles (soft-start timeout period). unlike other devices, the max5069 reference voltage to the internal amplifier is soft-started. this method results in superior control of the output voltage under heavy- and light-load conditions. internal regulators two internal linear regulators power the max5069 inter- nal and external control circuits. v cc powers the exter- nal n-channel mosfets and is internally set to approximately 9.5v. the reg5 5v regulator has a 1ma sourcing capability and may be used to provide power to external circuitry. bypass v cc and reg5 with 1f and 0.1? high quality capacitors, respectively. use lower value ceramics in parallel to bypass other unwanted noise signals. bootstrapped operation requires startup through a bleed resistor. do not exces- sively load the regulators while the max5069 is in the power-up mode. overloading the outputs may cause the max5069 to fail upon startup. error amplifier the max5069 includes an internal error amplifier that can regulate the output voltage in the case of a noniso- lated power supply ( figure 1). calculate the output volt- age using the following equation: where v ref = 1.23v. the amplifier? noninverting input internally connects to a digital soft-start reference voltage. this forces the output voltage to come up in an orderly and well-defined manner under all load conditions. slope compensation the max5069 uses an internal-ramp generator for slope compensation. the internal-ramp signal resets at the beginning of each cycle and slews at the rate pro- grammed by the external capacitor connected at scomp and the resistor at rt. adjust the max5069 slew rate up to 90mv/? using the following equation: where r rt is the external resistor at rt that sets the oscil- lator frequency and c scomp is the capacitor at scomp. pwm comparator the pwm comparator uses the instantaneous current, the error amplifier, and the slope compensation to determine when to switch ndrva and ndrvb off. in normal operation, the n-channel mosfets turns off when: i primary x r cs > v ea ?v offset - v scomp where i primary is the current through the n-channel mosfets, v ea is the output voltage of the internal amplifier, v offset is the 1.6v internal dc offset, and v scomp is the ramp function starting at zero and slew- ing at the programmed slew rate (sr). when using the max5069 in a forward-converter configuration, the fol- lowing conditions must be met to avoid current-loop subharmonic oscillations: where k = 0.75 and n s and n p are the number of turns on the secondary and primary side of the transformer, respectively. l is the secondary filter inductor. when optimally compensated, the current loop responds to input-voltage transients within one cycle. s p cs out n n k rv l sr = sr rc mv s rt scomp (/) = ? 165 10 6 v r r xv out ref =+ ? ? ? ? ? ? 1 9 10 r t c fltint rt fltint . ? 0 595 c ixt v fltint fltint sh . ? 28 max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers ______________________________________________________________________________________ 15
max5069 current limit the current-sense resistor (r cs ), connected between the source of the mosfet and ground, sets the current limit. the cs input has a voltage trip level (v cs ) of 314mv. use the following equation to calculate the value of r cs : where i pri is the peak current in the primary that flows through the mosfet at full load. when the voltage produced by this current (through the current-sense resistor) exceeds the current-limit com- parator threshold, the mosfet drivers (ndrva/ ndrvb) quickly terminate the current on-cycle. in most cases, a small rc filter is required to filter out the lead- ing-edge spike on the sense waveform. set the corner frequency to a few mhz above the switching frequency. applications information layout recommendations keep all pc board traces carrying switching currents as short as possible, and minimize current loops. for universal ac input design, follow all applicable safe- ty regulations. offline power supplies may require ul, vde, and other similar agency approvals. contact these agencies for the latest layout and component rules. typically, there are two sources of noise emission in a switching power supply: high di/dt loops and high dv/dt surfaces. for example, traces that carry the drain cur- rent often form high di/dt loops. similarly, the heatsink of the mosfet presents a dv/dt source, thus minimize the surface area of the heatsink as much as possible. to achieve best performance and to avoid ground loops, use a solid ground-plane connection. r v i cs cs pri = high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers 16 ______________________________________________________________________________________ selector guide part bootstrap uvlo startup voltage (v) programmable uvlo hysteresis oscillator sync max5069a yes 23.6 no yes max5069b yes 23.6 yes no max5069c no 10.8 yes no max5069d no 10.8 no yes
max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers ______________________________________________________________________________________ 17 max5069b max8515aezk-t r19 r5 r3 r4 r8 c8 c10 c11 r10 pgnd rt uvlo/en scomp dt hyst fb comp fltint reg5 c1 pgnd pgnd pgnd pgnd pgnd r20 c12 c13 c14 r14 r15 r13 r12 r11 c2 c3 c4 q1 si7450dp q2 si7450dp 6t 6t 3t 3t d3 d2 n4148 n4148 d5 d4 n4148 n4148 l2 1mh pgnd d1 25ctq45 c5 c6 c7 l1 10 h ps2911 c15 r17 c16 c17 pgnd gnd out fb in r1 r2 v out 12v up to 15a v cc r21 r16 r17 reg5 in v cc ndrva ndrvb pgnd agnd cs t1 typical operating circuit
max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers 18 ______________________________________________________________________________________ max5069 ndrva ndrvb s q r osc out out dead time thermal shutdown pgnd dt rt error amp pwm comparator current-limit comparator 2.8v/ 1.6v 5k ? 70ns blanking comp fb cs agnd r q s 60 a fltint digital soft-start 314mv 1.23v regulator v cc in reg_ok in v cc 1.23v reference uvlo 1.23v/ 1.18v uvlo/en 21.6v/ 9.74v v in clamp 26v bootstrap uvlo hyst** reg5 1.6v 5v out sync* slope compensation scomp + + * *max5069a/d **max5069b/c functional diagram chip information transistor count: 4266 process: bicmos
max5069 high-frequency, current-mode pwm controller with accurate oscillator and dual fet drivers maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 19 2004 maxim integrated products printed usa is a registered trademark of maxim integrated products. package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .) tssop 4.4mm body.eps d 1 1 21-0108 package outline, tssop, 4.40 mm body exposed pad


▲Up To Search▲   

 
Price & Availability of MAX5069DAUE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X