1 publication date: april 2002 skl00006bed pin diodes note) the part number in the parenthesis shows conventional part number. MA6X556 (ma556) silicon epitaxial planar type for uhf and shf bands agc features ? small diode capacitance c d ? large variable range of forward dynamic resistance r f ? mini type package, allowing downsizing of equipment and automatic insertion through the taping package and magazine package absolute maximum ratings t a = 25 c unit: mm marking symbol: m2t 1: cathode 1 4: anode 3 2: cathode 2 5: anode 2 3: cathode 3 6: anode 1 mini6-g1 package parameter symbol rating unit reverse voltage (dc) v r 40 v peak reverse voltage v rm 45 v forward current (dc) i f 100 ma power dissipation p d 150 mw operating ambient temperature t opr ? 25 to + 85 c storage temperature t stg ? 55 to + 150 c parameter symbol conditions min typ max unit reverse current (dc) i r v r = 40 v 100 na forward voltage (dc) v f i f = 100 ma 1.05 1.2 v diode capacitance c d v r = 15 v, f = 1 mhz 0.3 0.5 pf forward dynamic resistance * r f1 i f = 10 a, f = 100 mhz 1 2 k ? r f2 i f = 10 ma, f = 100 mhz 6 10 ? electrical characteristics t a = 25 c note) 1. rated input/output frequency: 100 mhz 2. each characteristic is a standard for individual diode 3. * : measuring instrument; yhp model 4191a rf impedance analyzer 2.90 1.9 0.1 0.16 +0.10 ?0.06 2.8 +0.2 ?0.3 1.1 +0.3 ?0.1 1.1 0 to 0.1 +0.2 ?0.1 1.50 (0.65) 0.4 0.2 +0.25 ?0.05 (0.95) 0.30 +0.10 ?0.05 0.50 +0.10 ?0.05 (0.95) 6 5 4 1 32 +0.20 ?0.05 5? 10? internal connection 1 2 5 3 6 4
MA6X556 2 skl00006bed 0.1 0 0.4 0.8 1.2 1.6 2.0 1 10 100 1 000 forward voltage v f ( v ) forward current i f ( ma ) t a = 25 c 1 2 0.1 0.02 0.2 0.03 0.3 0.05 0.5 0 8 16 24 32 4 1220283640 reverse voltage v r ( v ) diode capacitance c d ( pf ) f = 1 mhz t a = 25 c 0.01 0 40 80 120 160 20 60 100 140 0.1 1 10 100 ambient temperature t a ( c) reverse current i r ( na ) v r = 40 v 1 0.01 10 10 2 10 3 10 4 0.1 1 10 forward current i f ( ma ) forward dynamic resistance r f ( ? ) f = 100 mhz t a = 25 c r f ? i f i f ? v f c d ? v r i r ? t a
please read the following notes before using the datasheets a. these materials are intended as a reference to assist customers with the selection of panasonic semiconductor products best suited to their applications. due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. b. panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. therefore, panasonic will not assume any liability for any damages arising from any errors etc. that may ap- pear in this material. c. these materials are solely intended for a customer's individual use. therefore, without the prior written approval of panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the internet or in any other way, is prohibited. request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese govern- ment if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative character- istics and applied circuit examples of the products. it does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) the products described in this material are intended to be used for standard applications or gen- eral electronic equipment (such as office equipment, communications equipment, measuring in- struments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. at the final stage of your design, purchas- ing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) when using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) no part of this material may be reprinted or reproduced by any means without written permission from our company. 2001 mar
|