Part Number Hot Search : 
MPC949 WFP640 CXX0G 328BJ WFP640 PT2262S 1N4764 EL2257CN
Product Description
Full Text Search
 

To Download LT1764AEQ-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 lt1764a series 1764af 3a, fast transient response, low noise, ldo regulators n optimized for fast transient response n output current: 3a n dropout voltage: 340mv at 3a n low noise: 40 m v rms (10hz to 100khz) n 1ma quiescent current n wide input voltage range: 2.7v to 20v n no protection diodes needed n controlled quiescent current in dropout n fixed output voltages: 1.5v, 1.8v, 2.5v, 3.3v n adjustable output from 1.21v to 20v n <1 m a quiescent current in shutdown n stable with 10 m f output capacitor n stable with ceramic capacitors n reverse battery protection n no reverse current n thermal limiting the lt ? 1764a is a low dropout regulator optimized for fast transient response. the device is capable of supplying 3a of output current with a dropout voltage of 340mv. operating quiescent current is 1ma, dropping to < 1 m a in shutdown. quiescent current is well controlled; it does not rise in dropout as it does with many other regulators. in addition to fast transient response, the lt1764a has very low output voltage noise which makes the device ideal for sensitive rf supply applications. output voltage range is from 1.21v to 20v. the lt1764a regulators are stable with output capacitors as low as 10 m f. small ceramic capacitors can be used without the neces- sary addition of esr as is common with other regulators. internal protection circuitry includes reverse battery pro- tection, current limiting, thermal limiting and reverse cur- rent protection. the device is available in fixed output voltages of 1.5v, 1.8v, 2.5v, 3.3v and as an adjustable device with a 1.21v reference voltage. the lt1764a regu- lators are available in 5-lead to-220 and dd packages. dropout voltage 3.3v in to 2.5v out regulator n 3.3v to 2.5v logic power supply n post regulator for switching supplies , ltc and lt are registered trademarks of linear technology corporation. features descriptio u applicatio s u typical applicatio u in shdn 10 f* *tantalum, ceramic or aluminum electrolytic 1764 ta01 out v in > 3v sense gnd lt1764a-2.5 2.5v 3a 10 f* + + load current (a) 0 0.5 dropout voltage (mv) 1.0 2.0 1.5 2.5 3.0 1764 ta02 400 350 300 250 200 150 100 50 0
2 lt1764a series 1764af parameter conditions min typ max units minimum input voltage i load = 0.5a 1.7 v (notes 3, 11) i load = 1.5a 1.9 v i load = 3a l 2.3 2.7 v regulated output voltage lt1764a-1.5 v in = 2.21v, i load = 1ma 1.477 1.500 1.523 v (note 4) 2.7v < v in < 20v, 1ma < i load < 3a l 1.447 1.500 1.545 v lt1764a-1.8 v in = 2.3v, i load = 1ma 1.773 1.800 1.827 v 2.8v < v in < 20v, 1ma < i load < 3a l 1.737 1.800 1.854 v lt1764a-2.5 v in = 3v, i load = 1ma 2.462 2.500 2.538 v 3.5v < v in < 20v, 1ma < i load < 3a l 2.412 2.500 2.575 v lt1764a-3.3 v in = 3.8v, i load = 1ma 3.250 3.300 3.350 v 4.3v < v in < 20v, 1ma < i load < 3a l 3.183 3.300 3.400 v adj pin voltage lt1764a v in = 2.21v, i load = 1ma 1.192 1.210 1.228 v (notes 3, 4) 2.7v < v in < 20v, 1ma < i load < 3a l 1.168 1.210 1.246 v line regulation lt1764a-1.5 d v in = 2.21v to 20v, i load = 1ma l 2.5 10 mv lt1764a-1.8 d v in = 2.3v to 20v, i load = 1ma l 310mv lt1764a-2.5 d v in = 3v to 20v, i load = 1ma l 410mv lt1764a-3.3 d v in = 3.8v to 20v, i load = 1ma l 4.5 10 mv lt1764a (note 3) d v in = 2.21v to 20v, i load = 1ma l 210mv absolute m axi m u m ratings w ww u package/order i n for m atio n w u u (note 1) in pin voltage ........................................................ 20v out pin voltage .................................................... 20v input to output differential voltage (note 12) ....... 20v sense pin voltage ............................................... 20v adj pin voltage ...................................................... 7v the l denotes specifications which apply over the full operating temperature range, otherwise specifications are t a = 25 c. (note 2) electrical characteristics order part number lt1764aeq lt1764aeq-1.5 lt1764aeq-1.8 lt1764aeq-2.5 lt1764aeq-3.3 t jmax = 150 c, q ja = 30 c/ w shdn pin voltage ................................................. 20v output short-circuit duration ......................... indefinite operating junction temperature range C 40 c to 125 c storage temperature range ................. C 65 c to 150 c lead temperature (soldering, 10 sec).................. 300 c *pin 5 = sense for lt1764a-1.5/lt1764a1.8/ lt1764a-2.5/lt1764a-3.3 = adj for lt1764a order part number q package 5-lead plastic dd tab is gnd front view sense/adj* out gnd in shdn 5 4 3 2 1 lt1764aet lt1764aet-1.5 lt1764aet-1.8 lt1764aet-2.5 lt1764aet-3.3 *pin 5 = sense for lt1764a-1.5/ lt1764a-1.8/ lt1764a-2.5/lt1764a-3.3 = adj for lt1764a t jmax = 150 c, q ja = 50 c/ w t package 5-lead plastic to-220 front view 5 4 3 2 1 tab is gnd sense/adj* out gnd in shdn consult ltc marketing for parts specified with wider operating temperature ranges.
3 lt1764a series 1764af load regulation lt1764a-1.5 v in = 2.7v, d i load = 1ma to 3a 3 7 mv v in = 2.7v, d i load = 1ma to 3a l 23 mv lt1764a-1.8 v in = 2.8v, d i load = 1ma to 3a 4 8 mv v in = 2.8v, d i load = 1ma to 3a l 25 mv lt1764a-2.5 v in = 3.5v, d i load = 1ma to 3a 4 10 mv v in = 3.5v, d i load = 1ma to 3a l 30 mv lt1764a-3.3 v in = 4.3v, d i load = 1ma to 3a 4 12 mv v in = 4.3v, d i load = 1ma to 3a l 40 mv lt1764a (note 3) v in = 2.7v, d i load = 1ma to 3a 2 5 mv v in = 2.7v, d i load = 1ma to 3a l 20 mv dropout voltage i load = 1ma 0.02 0.05 v v in = v out(nominal) i load = 1ma l 0.10 v (notes 5, 6, 11) i load = 100ma 0.07 0.13 v i load = 100ma l 0.18 v i load = 500ma 0.14 0.20 v i load = 500ma l 0.27 v i load = 1.5a 0.25 0.33 v i load = 1.5a l 0.40 v i load = 3a 0.34 0.45 v i load = 3a l 0.66 v gnd pin current i load = 0ma l 1 1.5 ma v in = v out(nominal) + 1v i load = 1ma l 1.1 1.6 ma (notes 5, 7) i load = 100ma l 3.5 5 ma i load = 500ma l 11 18 ma i load = 1.5a l 40 75 ma i load = 3a l 120 200 ma output voltage noise c out = 10 m f, i load = 3a, bw = 10hz to 100khz 40 m v rms adj pin bias current (notes 3, 8) 310 m a shutdown threshold v out = off to on l 0.9 2 v v out = on to off l 0.25 0.75 v shdn pin current v shdn = 0v 0.01 1 m a (note 9) v shdn = 20v 730 m a quiescent current in shutdown v in = 6v, v shdn = 0v 0.01 1 m a ripple rejection v in C v out = 1.5v (avg), v ripple = 0.5v p-p ,5563db f ripple = 120hz, i load = 1.5a current limit v in = 7v, v out = 0v 4 a lt1764a-1.8, lt1764a-2.5, lt1764a-3.3; l 3.1 a v in = v out(nominal) + 1v, d v out = C 0.1v lt1764a, lt1764a-1.5; l 3.1 a v in = 2.7v, d v out = C 0.1v electrical characteristics parameter conditions min typ max units the l denotes specifications which apply over the full operating temperature range, otherwise specifications are t a = 25 c. (note 2)
4 lt1764a series 1764af note 1: absolute maximum ratings are those values beyond which the life of a device may be impaired. note 2: the lt1764a regulators are tested and specified under pulse load conditions such that t j ? t a . the lt1764a is 100% tested at t a = 25 c. performance at C 40 c and 125 c is assured by design, characterization and correlation with statistical process controls. note 3: the lt1764a (adjustable version) is tested and specified for these conditions with the adj pin connected to the out pin. note 4. operating conditions are limited by maximum junction temperature. the regulated output voltage specification will not apply for all possible combinations of input voltage and output current. when operating at maximum input voltage, the output current range must be limited. when operating at maximum output current, the input voltage range must be limited. note 5: to satisfy requirements for minimum input voltage, the lt1764a (adjustable version) is tested and specified for these conditions with an external resistor divider (two 4.12k resistors) for an output voltage of 2.42v. the external resistor divider will add a 300 m a dc load on the output. note 6: dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output current. in dropout, the output voltage will be equal to: v in C v dropout . note 7: gnd pin current is tested with v in = v out(nominal) + 1v or v in = 2.7v (whichever is greater) and a current source load. the gnd pin current will decrease at higher input voltages. note 8: adj pin bias current flows into the adj pin. note 9: shdn pin current flows into the shdn pin. note 10: reverse output current is tested with the in pin grounded and the out pin forced to the rated output voltage. this current flows into the out pin and out the gnd pin. note 11. for the lt1764a, lt1764a-1.5 and lt1764a-1.8 dropout voltage will be limited by the minimum input voltage specification under some output voltage/load conditions. note 12. all combinations of absolute maximum input voltage and absolute maximum output voltage cannot be achieved. the absolute maximum differential from input to output is 20v. for example, with v in = 20v, v out cannot be pulled below ground. input reverse leakage current v in = C 20v, v out = 0v l 1ma reverse output current (note 10) lt1764a-1.5 v out = 1.5v, v in < 1.5v 600 1200 m a lt1764a-1.8 v out = 1.8v, v in < 1.8v 600 1200 m a lt1764a-2.5 v out = 2.5v, v in < 2.5v 600 1200 m a lt1764a-3.3 v out = 3.3v, v in < 3.3v 600 1200 m a lt1764a (note 3) v out = 1.21v, v in < 1.21v 300 600 m a electrical characteristics parameter conditions min typ max units the l denotes specifications which apply over the full operating temperature range, otherwise specifications are t a = 25 c. (note 2) typical perfor a ce characteristics uw typical dropout voltage output current (a) 0 0 dropout voltage (mv) 100 200 300 400 600 0.5 1.0 1.5 2.0 1764 g01 2.5 3.0 500 t j = 125 c t j = 25 c guaranteed dropout voltage output current (a) 0 700 600 500 400 300 200 100 0 1.5 2.5 1764 g02 0.5 1.0 2.0 3.0 guaranteed dropout voltage (mv) = test points t j 125 c t j 25 c temperature ( c) ?0 dropout voltage (mv) 400 500 600 25 75 1764 g03 300 200 ?5 0 50 100 125 100 0 i l = 3a i l = 1.5a i l = 0.5a i l = 100ma i l = 1ma dropout voltage
5 lt1764a series 1764af typical perfor a ce characteristics uw quiescent current lt1764a-1.8 output voltage temperature ( c) ?0 0.8 1.0 1.4 25 75 1764 g04 0.6 0.4 ?5 0 50 100 125 0.2 0 1.2 quiescent current (ma) lt1764a-1.5/1.8/2.5/3.3 lt1764a v in = 6v r l = i l = 0 v shdn = v in temperature ( c) ?0 output voltage (v) 25 1756 g05 ?5 0 50 1.84 1.83 1.82 1.81 1.80 1.79 1.78 1.77 1.76 75 100 125 i l = 1ma lt1764a-3.3 output voltage lt1764a adj pin voltage lt1764a-1.8 quiescent current temperature ( c) ?0 output voltage (v) 25 1756 g07 ?5 0 50 3.38 3.36 3.34 3.32 3.30 3.28 3.26 3.24 3.22 75 100 125 i l = 1ma temperature ( c) ?0 adj pin voltage (v) 25 1756 g08 ?5 0 50 1.230 1.225 1.220 1.215 1.210 1.205 1.200 1.195 1.190 75 100 125 i l = 1ma input voltage (v) 0 quiescent current (ma) 40 35 30 25 20 15 10 5 0 8 1764 g09 246 10 7 135 9 t j = 25 c r l = v shdn = v in lt1764a-2.5 quiescent current input voltage (v) 0 quiescent current (ma) 40 35 30 25 20 15 10 5 0 8 1764 g10 246 10 7 135 9 t j = 25 c r l = v shdn = v in temperature ( c) ?0 output voltage (v) 1.53 25 1764a g40 1.50 1.48 ?5 0 50 1.47 1.46 1.54 1.52 1.51 1.49 75 100 125 i l = 1ma lt1764a-2.5 output voltage temperature ( c) ?0 output voltage (v) 25 1756 g06 ?5 0 50 2.58 2.56 2.54 2.52 2.50 2.48 2.46 2.44 2.42 75 100 125 i l = 1ma lt1764a-1.5 output voltage lt1764a-1.5 quiescent current input voltage (v) 0 quiescent current (ma) 40 35 30 25 20 15 10 5 0 8 1764 g41 246 10 7 135 9 t j = 25 c r l = v shdn = v in
6 lt1764a series 1764af typical perfor a ce characteristics uw lt1764a-1.8 gnd pin current lt1764a-2.5 gnd pin current lt1764a-3.3 gnd pin current lt1764a gnd pin current lt1764a-1.8 gnd pin current input voltage (v) 1 0 gnd pin current (ma) 20.0 17.5 15.0 12.5 10.0 7.5 5.0 2.5 0 9 1764 g13 3578 246 10 t j = 25 c v shdn = v in *for v out = 1.8v r l = 3.6 i l = 500ma* r l = 18 i l = 100ma* r l = 6 i l = 300ma* input voltage (v) 1 0 gnd pin current (ma) 40 35 30 25 20 15 10 5 0 9 1764 g14 3578 246 10 t j = 25 c v shdn = v in *for v out = 2.5v r l = 5 i l = 500ma* r l = 25 i l = 100ma* r l = 8.33 i l = 300ma* input voltage (v) 1 0 gnd pin current (ma) 80 70 60 50 40 30 20 10 0 9 1764 g15 3578 246 10 t j = 25 c v shdn = v in *for v out = 3.3v r l = 6.6 i l = 500ma* r l = 33 i l = 100ma* r l = 11 i l = 300ma* input voltage (v) 0 gnd pin current (ma) 9 12 15 8 1764 g16 6 3 0 2 4 6 19 3 5 7 10 r l = 2.42 i l = 500ma* r l = 12.1 i l = 100ma* r l = 4.33 i l = 300ma* t j = 25 c v shdn = v in *for v out = 1.21v input voltage (v) 0 gnd pin current (ma) 90 120 150 8 1764 g17 60 30 0 2 4 6 19 3 5 7 10 r l = 0.6 i l = 3a* r l = 2.57 i l = 0.7a* r l = 1.2 i l = 1.5a* t j = 25 c v shdn = v in *for v out = 1.8v lt1764a-3.3 quiescent current lt1764a quiescent current input voltage (v) 0 quiescent current (ma) 40 35 30 25 20 15 10 5 0 8 1764 g11 246 10 7 135 9 t j = 25 c r l = v shdn = v in input voltage (v) 0 quiescent current (ma) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 16 1764 g12 4 8 12 20 14 2 6 10 18 t j = 25 c r l = 4.3k v shdn = v in lt1764a-1.5 gnd pin current input voltage (v) 0 gnd pin current (ma) 20.0 17.5 15.0 12.5 10.0 7.5 5.0 2.5 0 8 1764 g42 246 10 7 135 9 t j = 25 c v shdn = v in *for v out = 1.5v r l = 3 i l = 500ma* r l = 15 i l = 100ma* r l = 5 i l = 300ma* lt1764a-1.5 gnd pin current input voltage (v) 0 gnd pin current (ma) 90 120 150 8 1764a g43 60 30 0 123 45 67 9 10 t j = 25 c v shdn = v in *for v out = 1.5v r l = 0.5 i l = 3a* r l = 1 i l = 1.5a* r l = 2.14 i l = 0.7a*
7 lt1764a series 1764af typical perfor a ce characteristics uw shdn pin threshold (on-to-off) shdn pin input current shdn pin input current adj pin bias current temperature ( c) ?0 0 shdn pin threshold (v) 0.1 0.3 0.4 0.5 1.0 0.7 0 50 75 1764 g22 0.2 0.8 0.9 0.6 ?5 25 100 125 i l = 1ma shdn pin threshold (off-to-on) temperature ( c) ?0 0 shdn pin threshold (v) 0.1 0.3 0.4 0.5 1.0 0.7 0 50 75 1764 g23 0.2 0.8 0.9 0.6 ?5 25 100 125 i l = 3a i l = 1ma shdn pin voltage (v) 0 shdn pin input current ( a) 6 8 10 16 1764 g24 4 2 5 7 9 3 1 0 4 8 12 218 6 10 14 20 temperature ( c) ?0 0 shdn pin input current ( a) 1 3 4 5 10 7 0 50 75 1764 g25 2 8 9 6 ?5 25 100 125 v shdn = 20v temperature ( c) ?0 adj pin bias current ( a) 25 1756 g26 ?5 0 50 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 75 100 125 lt1764a-2.5 gnd pin current lt1764a-3.3 gnd pin current lt1764a gnd pin current gnd pin current vs i load input voltage (v) 0 gnd pin current (ma) 120 160 200 8 1764 g18 80 40 0 2 4 6 19 3 5 7 10 r l = 0.83 i l = 3a* r l = 3.57 i l = 0.7a* r l = 1.66 i l = 1.5a* t j = 25 c v shdn = v in *for v out = 2.5v input voltage (v) 0 gnd pin current (ma) 120 160 200 8 1764 g19 80 40 0 2 4 6 19 3 5 7 10 r l = 1.1 i l = 3a* r l = 2.2 i l = 1.5a* t j = 25 c v shdn = v in *for v out = 3.3v r l = 4.71 i l = 0.7a* input voltage (v) 0 gnd pin current (ma) 90 120 150 8 1764 g20 60 30 0 2 4 6 19 3 5 7 10 r l = 0.4 i l = 3a* r l = 0.81 i l = 1.5a* t j = 25 c v shdn = v in *for v out = 1.21v r l = 1.73 i l = 0.7a* output current (a) 0 gnd pin current (ma) 60 80 100 1.5 2.5 1764 g21 40 20 0 0.5 1.0 2.0 120 140 160 3.0 v in = v out(nom) + 1v
8 lt1764a series 1764af typical perfor a ce characteristics uw ripple rejection ripple rejection lt1764a minimum input voltage load regulation output noise spectral density frequency (hz) 20 ripple rejection (db) 30 50 70 80 10 1k 10k 1m 1764 g31 10 100 100k 60 40 0 c out = 100 f tantalum + 10 1 f ceramic c out = 10 f tantalum i l = 1.5a v in = v out(nom) + 1v + 50mv rms ripple temperature ( c) 50 ?5 50 ripple rejection (db) 60 75 0 50 75 1764 g32 55 70 65 25 100 125 i l = 1.5a v in = v out(nom) + 1v + 0.5v p-p ripple at f = 120hz temperature ( c) ?0 minimum input voltage (v) 2.0 2.5 3.0 25 75 1764 g33 1.5 1.0 ?5 0 50 100 125 0.5 0 i l = 3a i l = 1.5a i l = 100ma i l = 500ma temperature ( c) ?0 load regulation (mv) 25 1764 g34 ?5 0 50 10 5 0 ? ?0 ?5 ?0 ?5 ?0 75 100 125 lt1764a lt1764a-3.3 lt1764a-2.5 lt1764a-1.8 ? i l = 1ma to 3a v in = 2.7v (lt1764a/lt1764a-1.5) v in = v out(nom) + 1v (lt1764a-1.8/-2.5/-3.3) lt1764a-1.5 frequency (hz) 10 0.01 output noise spectral density ( v/ hz) 0.1 1 100 1k 10k 100k 1764 g35 lt1764a-3.3 lt1764a-2.5 lt1764a-1.8 lt1764a-1.5 lt1764a c out = 10 f i load = 3a current limit current limit reverse output current reverse output current input/output differential (v) 0 current limit (a) 2 4 6 1 3 5 4 8 12 16 1764 g27 20 2 0 6 10 14 18 t j = 50 c t j = 125 c t j = 25 c temperature ( c) ?0 current limit (a) 4 5 6 25 75 1764 g28 3 2 ?5 0 50 100 125 1 0 v in = 7v v out = 0v output voltage (v) 0 reverse output current (ma) 3.0 4.0 5.0 8 1764 g29 2.0 1.0 2.5 3.5 4.5 1.5 0.5 0 2 4 6 19 3 5 7 10 t j = 25 c v in = 0v current flows into output pin v out = v adj (lt1764a) v out = v fb (lt1764a-1.5/1.8/-2.5/-3.3) lt1764a lt1764a-1.8 lt1764a-2.5 lt1764a-3.3 lt1764a-1.5 temperature ( c) ?0 0 reverse output current (ma) 0.1 0.3 0.4 0.5 1.0 0.7 0 50 75 1764 g30 0.2 0.8 0.9 0.6 ?5 25 100 125 v out = 1.21v (lt1764a) v out = 1.5v (lt1764a-1.5) v out = 1.8v (lt1764a-1.8) v out = 2.5v (lt1764a-2.5) v out = 3.3v (lt1764a-3.3) v in = 0v lt1764a-1.5/1.8/-2.5/-3.3 lt1764a
9 lt1764a series 1764af rms output noise vs load current (10hz to 100khz) lt1764a-3.3 10hz to 100khz output noise lt1764a-3.3 transient response load current (a) 10 output noise ( v rms ) 15 25 35 40 0.0001 0.01 0.1 10 1764 g36 5 0.001 1 30 20 0 lt1764a-3.3 lt1764a-2.5 lt1764a-1.8 lt1764a c out = 10 f lt1764a-1.5 v out 100 m v/div c out = 10 m f 1ms/div 1764a g37 i l = 3a time ( s) 0 output voltage deviation (v) load current (a) 0.1 0.1 0.2 0 0.2 16 1764 g38 1.00 0.50 0.75 0.25 0 46 2 8 12 14 18 10 20 v in = 4.3v c in = 3.3 f tantalum c out = 10 f tantalum lt1764a-3.3 transient response time ( s) 0 output voltage deviation (v) load current (a) 0.1 0.1 0.2 0 0.2 16 1764 g39 2 3 1 0 46 2 8 12 14 18 10 20 v in = 4.3v c in = 33 f c out = 100 f tantalum + 10 1 f ceramic typical perfor a ce characteristics uw uu u pi fu ctio s shdn (pin 1): shutdown. the shdn pin is used to put the lt1764a regulators into a low power shutdown state. the output will be off when the shdn pin is pulled low. the shdn pin can be driven either by 5v logic or open- collector logic with a pull-up resistor. the pull-up resistor is required to supply the pull-up current of the open- collector gate, normally several microamperes, and the shdn pin current, typically 7 m a. if unused, the shdn pin must be connected to v in . the device will be in the low power shutdown state if the shdn pin is not connected. in (pin 2): input. power is supplied to the device through the in pin. a bypass capacitor is required on this pin if the device is more than six inches away from the main input filter capacitor. in general, the output impedance of a battery rises with frequency, so it is advisable to include a bypass capacitor in battery-powered circuits. a bypass capacitor in the range of 1 m f to 10 m f is sufficient. the lt1764a regulators are designed to withstand reverse voltages on the in pin with respect to ground and the out pin. in the case of a reverse input, which can happen if a battery is plugged in backwards, the device will act as if there is a diode in series with its input. there will be no reverse current flow into the regulator and no reverse voltage will appear at the load. the device will protect both itself and the load.
10 lt1764a series 1764af gnd (pin 3): ground. out (pin 4): output. the output supplies power to the load. a minimum output capacitor of 10 m f is required to prevent oscillations. larger output capacitors will be required for applications with large transient loads to limit peak voltage transients. see the applications information section for more information on output capacitance and reverse output characteristics. sense (pin 5): sense. for fixed voltage versions of the lt1764a (lt1764a-1.5/lt1764a-1.8/lt1764a-2.5/ lt1764a-3.3), the sense pin is the input to the error amplifier. optimum regulation will be obtained at the point where the sense pin is connected to the out pin of the regulator. in critical applications, small voltage drops are caused by the resistance (r p ) of pc traces between the regulator and the load. these may be eliminated by con- necting the sense pin to the output at the load as shown in figure 1 (kelvin sense connection). note that the voltage drop across the external pc traces will add to the figure 1. kelvin sense connection in shdn 1764 f01 r p out v in sense gnd lt1764a r p 3 5 4 1 2 + + load uu u pi fu ctio s dropout voltage of the regulator. the sense pin bias current is 600 m a at the nominal rated output voltage. the sense pin can be pulled below ground (as in a dual supply system where the regulator load is returned to a negative supply) and still allow the device to start and operate. adj (pin 5): adjust. for the adjustable lt1764a, this is the input to the error amplifier. this pin is internally clamped to 7v. it has a bias current of 3 m a which flows into the pin. the adj pin voltage is 1.21v referenced to ground and the output voltage range is 1.21v to 20v. applicatio s i for atio wu uu the lt1764a series are 3a low dropout regulators opti- mized for fast transient response. the devices are capable of supplying 3a at a dropout voltage of 340mv. the low operating quiescent current (1ma) drops to less than 1 m a in shutdown. in addition to the low quiescent current, the lt1764a regulators incorporate several protection fea- tures which make them ideal for use in battery-powered systems. the devices are protected against both reverse input and reverse output voltages. in battery backup applications where the output can be held up by a backup battery when the input is pulled to ground, the lt1764a-x acts like it has a diode in series with its output and prevents reverse current flow. additionally, in dual supply applica- tions where the regulator load is returned to a negative supply, the output can be pulled below ground by as much as 20v and still allow the device to start and operate. adjustable operation the adjustable version of the lt1764a has an output voltage range of 1.21v to 20v. the output voltage is set by the ratio of two external resistors as shown in figure 2. the device servos the output to maintain the voltage at the adj pin at 1.21v referenced to ground. the current in r1 is then equal to 1.21v/r1 and the current in r2 is the current in r1 plus the adj pin bias current. the adj pin bias current, 3 m a at 25 c, flows through r2 into the adj pin. the output voltage can be calculated using the formula in figure 2. the value of r1 should be less than 4.17k to minimize errors in the output voltage caused by the adj pin bias current. note that in shutdown the output is turned off and the divider current will be zero. figure 2. adjustable operation in 1764 f02 r2 out v in v out adj gnd lt1764a r1 + vv r r ir vv ia out adj adj adj =+ ? ? ? ? + ()() = = 121 1 2 1 2 121 3 . . m at 25 c output range = 1.21v to 20v
11 lt1764a series 1764af the adjustable device is tested and specified with the adj pin tied to the out pin for an output voltage of 1.21v. specifications for output voltages greater than 1.21v will be proportional to the ratio of the desired output voltage to 1.21v: v out /1.21v. for example, load regulation for an output current change of 1ma to 3a is C 3mv typical at v out = 1.21v. at v out = 5v, load regulation is: (5v/1.21v)(C3mv) = C 12.4mv output capacitance and transient response the lt1764a regulators are designed to be stable with a wide range of output capacitors. the esr of the output capacitor affects stability, most notably with small capaci- tors. a minimum output capacitor of 10 m f with an esr of 3 w or less is recommended to prevent oscillations. larger values of output capacitance can decrease the peak devia- tions and provide improved transient response for larger load current changes. bypass capacitors, used to decouple individual components powered by the lt1764a-x, will increase the effective output capacitor value. extra consideration must be given to the use of ceramic capacitors. ceramic capacitors are manufactured with a variety of dielectrics, each with different behavior over temperature and applied voltage. the most common dielectrics used are z5u, y5v, x5r and x7r. the z5u and y5v dielectrics are good for providing high capacitances in a small package, but exhibit strong voltage and tem- perature coefficients as shown in figures 3 and 4. when used with a 5v regulator, a 10 m f y5v capacitor can exhibit figure 3. ceramic capacitor dc bias characteristics dc bias voltage (v) change in value (%) 1764 f03 20 0 ?0 ?0 ?0 ?0 100 0 4 8 10 26 12 14 x5r y5v 16 both capacitors are 16v, 1210 case size, 10 f applicatio s i for atio wu uu figure 4. ceramic capacitor temperature characteristics temperature ( c) ?0 40 20 0 ?0 ?0 ?0 ?0 100 25 75 1764 f04 ?5 0 50 100 125 y5v change in value (%) x5r both capacitors are 16v, 1210 case size, 10 f an effective value as low as 1 m f to 2 m f over the operating temperature range. the x5r and x7r dielectrics result in more stable characteristics and are more suitable for use as the output capacitor. the x7r type has better stability across temperature, while the x5r is less expensive and is available in higher values. voltage and temperature coefficients are not the only sources of problems. some ceramic capacitors have a piezoelectric response. a piezoelectric device generates voltage across its terminals due to mechanical stress, similar to the way a piezoelectric accelerometer or micro- phone works. for a ceramic capacitor the stress can be induced by vibrations in the system or thermal transients. overload recovery like many ic power regulators, the lt1764a-x has safe operating area protection. the safe area protection de- creases the current limit as input-to-output voltage in- creases and keeps the power transistor inside a safe operating region for all values of input-to-output voltage. the protection is designed to provide some output current at all values of input-to-output voltage up to the device breakdown. when power is first turned on, as the input voltage rises, the output follows the input, allowing the regulator to start up into very heavy loads. during the start-up, as the input voltage is rising, the input-to-output voltage differential is small, allowing the regulator to supply large output cur- rents. with a high input voltage, a problem can occur
12 lt1764a series 1764af wherein removal of an output short will not allow the output voltage to recover. other regulators, such as the lt1085, also exhibit this phenomenon, so it is not unique to the lt1764a series. the problem occurs with a heavy output load when the input voltage is high and the output voltage is low. com- mon situations are immediately after the removal of a short circuit or when the shdn pin is pulled high after the input voltage has already been turned on. the load line for such a load may intersect the output current curve at two points. if this happens, there are two stable output oper- ating points for the regulator. with this double intersec- tion, the input power supply may need to be cycled down to zero and brought up again to make the output recover. output voltage noise the lt1764a regulators have been designed to provide low output voltage noise over the 10hz to 100khz band- width while operating at full load. output voltage noise is typically 50nv ? hz over this frequency bandwidth for the lt1764a (adjustable version). for higher output voltages (generated by using a resistor divider), the output voltage noise will be gained up accordingly. this results in rms noise over the 10hz to 100khz bandwidth of 15 m v rms for the lt1764a increasing to 37 m v rms for the lt1764a-3.3. higher values of output voltage noise may be measured when care is not exercised with regards to circuit layout and testing. crosstalk from nearby traces can induce unwanted noise onto the output of the lt1764a-x. power supply ripple rejection must also be considered; the lt1764a regulators do not have unlimited power supply rejection and will pass a small portion of the input noise through to the output. thermal considerations the power handling capability of the device is limited by the maximum rated junction temperature (125 c). the power dissipated by the device is made up of two compo- nents: 1. output current multiplied by the input/output voltage differential: (i out )(v in C v out ), and 2. gnd pin current multiplied by the input voltage: (i gnd )(v in ). the gnd pin current can be found using the gnd pin current curves in the typical performance characteris- tics. power dissipation will be equal to the sum of the two components listed above. the lt1764a series regulators have internal thermal lim- iting designed to protect the device during overload con- ditions. for continuous normal conditions, the maximum junction temperature rating of 125 c must not be exceeded. it is important to give careful consideration to all sources of thermal resistance from junction to ambient. additional heat sources mounted nearby must also be considered. for surface mount devices, heat sinking is accomplished by using the heat spreading capabilities of the pc board and its copper traces. surface mount heatsinks and plated through-holes can also be used to spread the heat gener- ated by power devices. the following table lists thermal resistance for several different board sizes and copper areas. all measurements were taken in still air on 1/16" fr-4 board with one ounce copper. table 1. q package, 5-lead dd copper area thermal resistance topside* backside board area (junction-to-ambient) 2500mm 2 2500mm 2 2500mm 2 23 c/w 1000mm 2 2500mm 2 2500mm 2 25 c/w 125mm 2 2500mm 2 2500mm 2 33 c/w *device is mounted on topside. t package, 5-lead to-220 thermal resistance (junction-to-case) = 2.5 c/w calculating junction temperature example: given an output voltage of 3.3v, an input voltage range of 4v to 6v, an output current range of 0ma to 500ma and a maximum ambient temperature of 50 c, what will the maximum junction temperature be? the power dissipated by the device will be equal to: i out(max) (v in(max) C v out ) + i gnd (v in(max) ) applicatio s i for atio wu uu
13 lt1764a series 1764af applicatio n s i n for m atio n wu u u where, i out(max) = 500ma v in(max) = 6v i gnd at (i out = 500ma, v in = 6v) = 10ma so, p = 500ma(6v C 3.3v) + 10ma(6v) = 1.41w using a dd package, the thermal resistance will be in the range of 23 c/w to 33 c/w depending on the copper area. so the junction temperature rise above ambient will be approximately equal to: 1.41w(28 c/w) = 39.5 c the maximum junction temperature will then be equal to the maximum junction temperature rise above ambient plus the maximum ambient temperature or: t jmax = 50 c + 39.5 c = 89.5 c protection features the lt1764a regulators incorporate several protection features which make them ideal for use in battery-powered circuits. in addition to the normal protection features associated with monolithic regulators, such as current limiting and thermal limiting, the devices are protected against reverse input voltages, reverse output voltages and reverse voltages from output to input. current limit protection and thermal overload protection are intended to protect the device against current overload conditions at the output of the device. for normal opera- tion, the junction temperature should not exceed 125 c. the input of the device will withstand reverse voltages of 20v. current flow into the device will be limited to less than 1ma and no negative voltage will appear at the output. the device will protect both itself and the load. this provides protection against batteries which can be plugged in backward. the output of the lt1764a-x can be pulled below ground without damaging the device. if the input is left open circuit or grounded, the output can be pulled below ground by 20v. for fixed voltage versions, the output will act like a large resistor, typically 5k or higher, limiting current flow to typically less than 600 m a. for adjustable versions, the output will act like an open circuit; no current will flow out of the pin. if the input is powered by a voltage source, the output will source the short-circuit current of the device and will protect itself by thermal limiting. in this case, grounding the shdn pin will turn off the device and stop the output from sourcing the short-circuit current. the adj pin of the adjustable device can be pulled above or below ground by as much as 7v without damaging the device. if the input is left open circuit or grounded, the adj pin will act like an open circuit when pulled below ground and like a large resistor (typically 5k) in series with a diode when pulled above ground. in situations where the adj pin is connected to a resistor divider that would pull the adj pin above its 7v clamp voltage if the output is pulled high, the adj pin input current must be limited to less than 5ma. for example, a resistor divider is used to provide a regulated 1.5v output from the 1.21v reference when the output is forced to 20v. the top resistor of the resistor divider must be chosen to limit the current into the adj pin to less than 5ma when the adj pin is at 7v. the 13v difference between out and adj pins divided by the 5ma maximum current into the adj pin yields a minimum top resistor value of 2.6k. in circuits where a backup battery is required, several different input/output conditions can occur. the output voltage may be held up while the input is either pulled to ground, pulled to some intermediate voltage, or is left open circuit. current flow back into the output will follow the curve shown in figure 5. figure 5. reverse output current output voltage (v) 012345678910 reverse output current (ma) 1764 f05 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 lt1764a-2.5 lt1764a-3.3 lt1764a-1.8 lt1764a t j = 25 c v in = ov current flows into output pin v out = v adj (lt1764a) v out = v fb (lt1764a-1.5 lt1764a-1.8, lt1764a-2.5, lt1764a-3.3) lt1764a-1.5
14 lt1764a series 1764af typical applicatio s u + a1 lt1006 + c1b 1/2 lt1018 + c1a 1/2 lt1018 lt1004 1.2v 1764 ta03 1 f 1n4148 1n4148 10k 10k 750 750 2.4k 22 f 1n4002 to all ? + points 200k 34k* 12.1k* 0.1 f v + v + v + v + 10k v + 0.033 f + 10000 f + 22 f v out 3.3v 3a + 1n4002 1n4002 1k 10v ac at 115v in 1n4148 l1 500 h 90v ac to 140v ac 10v ac at 115v in lt1764a-3.3 gnd in shdn out fb l1: coiltronics ctx500-2-52 l2: stancor p-8560 *1% film resistor nte5437 l2 nte5437 ?ync scr preregulator provides efficiency over line variations adjustable current source lt1764a-1.8 gnd in shdn r8 100k out fb + r7 470 4 8 1764 ta04 c2 3.3 f c3 1 f r1 1k r3 2k c1 10 f v in > 2.7v lt1004-1.2 r5 0.01 r2 40.2k r4 2.2k 2 3 1 r6 2.2k + load 1/2 lt1366 adjust r1 for 0a to 3a constant current applicatio n s i n for m atio n wu u u when the in pin of the lt1764a-x is forced below the out pin or the out pin is pulled above the in pin, input current will typically drop to less than 2 m a. this can happen if the input of the device is connected to a discharged (low voltage) battery and the output is held up by either a backup battery or a second regulator circuit. the state of the shdn pin will have no effect on the reverse output current when the output is pulled above the input.
15 lt1764a series 1764af package descriptio n u information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. q package 5-lead plastic dd pak (reference ltc dwg # 05-08-1461) t package 5-lead plastic to-220 (standard) (reference ltc dwg # 05-08-1421) q(dd5) 1098 0.028 ?0.038 (0.711 ?0.965) 0.143 +0.012 0.020 () 3.632 +0.305 0.508 0.067 (1.70) bsc 0.013 ?0.023 (0.330 ?0.584) 0.095 ?0.115 (2.413 ?2.921) 0.004 +0.008 0.004 () 0.102 +0.203 0.102 0.050 0.012 (1.270 0.305) 0.059 (1.499) typ 0.045 ?0.055 (1.143 ?1.397) 0.165 ?0.180 (4.191 ?4.572) 0.330 ?0.370 (8.382 ?9.398) 0.060 (1.524) typ 0.390 ?0.415 (9.906 ?10.541) 15 typ 0.300 (7.620) 0.075 (1.905) 0.183 (4.648) 0.060 (1.524) 0.060 (1.524) 0.256 (6.502) bottom view of dd pak hatched area is solder plated copper heat sink t5 (to-220) 0399 0.028 ?0.038 (0.711 ?0.965) 0.067 (1.70) 0.135 ?0.165 (3.429 ?4.191) 0.700 ?0.728 (17.78 ?18.491) 0.045 ?0.055 (1.143 ?1.397) 0.095 ?0.115 (2.413 ?2.921) 0.013 ?0.023 (0.330 ?0.584) 0.620 (15.75) typ 0.155 ?0.195* (3.937 ?4.953) 0.152 ?0.202 (3.861 ?5.131) 0.260 ?0.320 (6.60 ?8.13) 0.165 ?0.180 (4.191 ?4.572) 0.147 ?0.155 (3.734 ?3.937) dia 0.390 ?0.415 (9.906 ?10.541) 0.330 ?0.370 (8.382 ?9.398) 0.460 ?0.500 (11.684 ?12.700) 0.570 ?0.620 (14.478 ?15.748) 0.230 ?0.270 (5.842 ?6.858) bsc seating plane * measured at the seating plane
16 lt1764a series 1764af lt/tp 0602 2k ? printed in usa ? linear technology corporation 2002 linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 l fax: (408) 434-0507 l www.linear.com related parts part number description comments lt1120 125ma low dropout regulator with 20 m a i q includes 2.5v reference and comparator lt1121 150ma micropower low dropout regulator 30 m a i q , sot-223 package lt1129 700ma micropower low dropout regulator 50 m a quiescent current lt1175 500ma negative low dropout micropower regulator 45 m a i q , 0.26v dropout voltage, sot-223 package lt1374 4.5a, 500khz step-down converter 4.5a, 0.07 w internal switch, so-8 package lt1521 300ma low dropout micropower regulator with shutdown 15 m a i q , reverse battery protection lt1529 3a low dropout regulator with 50 m a i q 500mv dropout voltage lt1573 ultrafast tm transient response low dropout regulator drives external pnp lt1575 ultrafast transient response low dropout regulator drives external n-channel mosfet ltc1735 synchronous step-down converter high efficiency, opti-loop ? compensation lt1761 series 100ma, low noise, low dropout micropower regulators in sot-23 20 m a quiescent current, 20 m v rms noise, thinsot tm package lt1762 series 150ma, low noise, ldo micropower regulators 25 m a quiescent current, 20 m v rms noise, msop package lt1763 series 500ma, low noise, ldo micropower regulators 30 m a quiescent current, 20 m v rms noise, so-8 package lt1962 300ma, low noise, ldo micropower regulator 20 m v rms noise, msop package lt1963a 1.5a, low noise, fast transient response ldo 40 m v rms noise, sot-223 package lt1964 200ma, low noise, negative ldo micropower regulator 30 m v rms noise, thinsot package opti-loop is a registered trademark of linear technology corporation. ultrafast and thinsot are trademarks of linear technology corporation. typical applicatio u paralleling of regulators for higher output current lt1764a-3.3 gnd in shdn out fb lt1764a gnd in r6 6.65k c2 22 f 3.3v 6a shdn out adj shdn + r7 4.12k r5 1k c3 0.01 f 3 r4 2.2k r2 0.01 r3 2.2k 2 1 8 1764 ta05 4 + c1 100 f + 1/2 lt1366 r1 0.01 v in > 3.7v


▲Up To Search▲   

 
Price & Availability of LT1764AEQ-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X