Part Number Hot Search : 
HCT555 CONDUCTO EA09834 GP210 BH55471F 4HCT37 ATMEGA16 HMS87C1
Product Description
Full Text Search
 

To Download KBPC310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage range: 50 - 1000v 1 of 2 single phase silicon bridge rectifier kbpc3005-KBPC310 d i m e n s i o n s i n i n c h e s an d ( m il i m e t e r s) kbpc3 c h arac t er i s t i c s y m bo l kb p c 30 05 kb p c 30 1 kb p c 30 2 kb p c 30 4 kb p c 30 6 kb p c 30 8 kb p c 31 0 u n i t p ea k repe t i t i v e rever s e v o l t ag e w o rk i ng p e a k rever s e v o l t ag e dc b l oc k i ng v o l t ag e v rr m v r w m v r 5 0 10 0 20 0 40 0 60 0 80 0 100 0 v r m s rever s e v o l t ag e v r ( r m s ) 3 5 7 0 14 0 28 0 42 0 56 0 70 0 v a v erage re c t i f i ed o u t pu t curren t (n o t e 1) @ t c = 50 c i o 3 . 0 a non-repe t i t i v e p eak for w ard s urge curren t 8 . 3 m s s i ng l e ha l f s i ne- w ave s uper i m posed on r a t ed l oa d ( j e d e c m e t hod ) i f s m a forward v o l t age per l eg @ i f = 1.5 a v f m 1 . 1 v p ea k r e v e r s e c u rr en t @ t a = 25 c a t ra t e d dc b l oc k i ng v o l t age @ t a = 12 5 c i r 5 . 0 50 0 a i 2 t ra t i n g f or fu s i n g ( t <8 . 3 m s ) (no t e 2 ) i 2 t a 2 s t y p i c a l j u n c t i on capa c i t an c e (no t e 3 ) c j p f t y p i c a l the r m a l re s i s t a n c e per l eg (no t e 1 ) r jc c / w opera t i ng and s t orage t e m pera t ure rang e t j , t s t g -65 t o +12 5 c no t e : 1 . m oun t ed on m e t a l c h a s s i s . 2 . non-repe t i t i v e , f o r t > 1 m s an d < 8 . 3 m s . 3 . m ea s u r ed a t 1 . 0 m h z and app li ed r e v e r s e v o l t ag e o f 4 . 0 v d . c . 5 0 1 0 25 1 0 www.sunmate.tw maximum ratings and electrical characteristics t a = 25 c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. features ! diffused junction ! high current capability ! ! high surge current capability ! ! mechanical data ! ! terminals: plated leads solderable per mil-std-202, method 208 ! ! ! mounting position: through hole for #6 screw ! mounting torque: 5.0 inch-pounds maximum ! marking: type number high case dielectric strength flammability classification 94v-o plastic material has underwriters laboratory ideal for printed circuit board application case: molded plastic weight: 3.8 grams (approx.) polarity: marked on body current: 3.0 a
2 of 2 0 . 01 0.1 1.0 10 0 0. 4 0.8 1.2 1.6 i , o f w r d r a c u r t n e r ) a ( m s f v , in s t a n t a n eou s for w ar d vo l t ag e (v) fig . 2 t y pica l for w ar d c hara c teri s tics, per element f t = 25 c j p u ls e w i d t h = 3 0 0 s 0 1. 0 1 0 100 i , peak o f r w d r a e g r u s t n e r r u c ) a ( f numbe r o f cycl e s a t 60hz fig . 3 ma x non-repetitive peak fwd surge current sin g l e half sine-wave je d e c method t = 50c c 10 20 30 40 50 60 0 1.0 2.0 3.0 25 50 7 5 100 125 i , a v e g a r e w r o f u c t u p t u o d r a t n e r r ) a ( v a e t , c a s e temp e r a t u r e (c) fig. 1 forwar d curren t derating curve c m ounte d on p c board re s i st i v e or ind u ctiv e load m ounte d on m eta l chassis 0.01 0.1 1.0 10 0 4 0 8 0 1 2 0 i , s n i t a n t an s u o e e s r e v e r t n e r r u c ( a) r perc e n t o f r a te d pea k r e vers e vo l t ag e (%) fig . 4 t ypica l revers e characteristics , per element t = 25c j t = 100c j www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of KBPC310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X