Part Number Hot Search : 
20PFB LC040 100CA BULK380D 2000D STV8226D KBU3506 UCY7408
Product Description
Full Text Search
 

To Download J114AF1CHS24VDC53 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. rohs compliant j114af 29.0 x 12.7 x 20 mm ? switching capacity 16a ? 20mm height ? pc board mounting ? ul/cul certi? ed coil voltage vdc coil resistance +/- 10% pick up voltage vdc (max) 75% of rated voltage release voltage vdc (min) 10% of rated voltage coil power w operate time ms release time ms rated max .53w .72w 3 3.9 17 13 2.25 .3 .53 .72 20 10 5 6.5 47 35 3.75 .5 6 7.8 67 50 4.50 .6 9 11.7 150 110 6.75 .9 12 15.6 270 200 9.00 1.2 24 31.2 1050 800 18.00 2.4 48 57.6 4250 3200 36.00 4.8 coil data* e197851 contact arrangement 1a = spst n.o. 1c = spdt 2a = dpst n.o. 2c = dpdt contact rating 1a: 16a @ 250vac; 30vdc, resistive, 70c 1c: 16a @ 250vac; 30vdc, resistive, 70c 1ah: 16a @ 240vac; 30vdc, resistive 1ch: 16a @ 240vac; 30vdc, resistive 2a: 8a @ 250vac; 5a @ 30vdc, resistive, 70c 2c: 8a @ 250vac; 5a @ 30vdc, resistive, 70c contact resistance < 50 milliohms initial contact material agsno 2 maximum switching power 480w, 4000va maximum switching voltage 380vac, 110vdc maximum switching current 16a contact data* general data* electrical life @ rated load 100k cycles, average mechanical life 10m cycles, average insulation resistance 100m min. @ 500vdc initial dielectric strength, coil to contact 5000v rms min. @ sea level initial contact to contact 1000v rms min. @ sea level initial shock resistance 500m/s 2 for 11 ms vibration resistance 1.50mm double amplitude 10~40hz operating temperature -55 o c to +105 o c storage temperature -55 o c to +155 o c solderability 260 o c for 5 s weight 14g features * values can change due to the switching frequency, desired reli- ability levels, environmental conditions and in-rush load levels. it is recommended to test actual load conditions for the application. it is the user?s responsibility to determine the performance suitability for their speci c application. the use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j114af page 2 dimensions units = mm (2x) 4.30 [.17] 3.90 typ [.15] 29.32 [1.15] 2.22 [.09] 2.55 [.10] 20.58 [.81] 12.60 [.50] 20.00 [.79] 7.50 [.30] (2x) ? 0.63 [.02] (2x) 1.05 [.04] 0.92 [.04] 0.35 [.01] 0.37 [.01] 0.54 [.02] 3.50 [.14] 3.50 [.14] 29.32 [1.15] 12.60 [.50] 20.58 [.81] 2.55 [.10] 2.20 [.09] 5.00 [.20] 5.00 [.20] (2x) 4.30 [.17] 20.00 [.79] (2x) 0.60 [.02] 1.02 typ [.04] (4x) 0.35 [.01] 7.50 [.30] [.02] (2x) 0.60 1c 2c 1. series j114af 1c s 12vdc .53 j114af 2. contact arrangement 1a = spst n.o. 1c = spdt 1ah = spst n.o. alternate pc layout 1ch = spdt alternate pc layout 2a = dpst n.o. 2c = dpdt 3. sealing option s = sealed 4. contact voltage 3vdc 5vdc 6vdc 9vdc 12vdc 24vdc 48vdc 5. coil power .53 = .53w .72 = .72w ordering information
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. page 3 j114af bottom views schematics & pc layouts 20.00 [.79] 7.50 [.30] 3.50 [.14] (4x) ?1.30 [.05] 20.00 [.79] 7.50 [.30] 3.50 [.14] 3.50 [.14] (5x) ?1.30 [.05] 1a 1c 7.50 [.30] 20.00 [.79] 5.00 [.20] (6x) ?1.30 [.05] 7.50 [.30] 20.00 [.79] 5.00 [.20] 5.00 [.20] (8x) ?1.30 [.05] 1ah 1ch 7.50 [.30] 20.00 [.79] 5.00 [.20] (6x) ?1.30 [.05] 7.50 [.30] 20.00 [.79] 5.00 [.20] 5.00 [.20] (8x) ?1.30 [.05] 2a 2c


▲Up To Search▲   

 
Price & Availability of J114AF1CHS24VDC53

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X