Part Number Hot Search : 
NTE3029B SBL103 NW6006 2SJ220L WSD551H 02052 KF902FU 2SA988F
Product Description
Full Text Search
 

To Download IRFIZ46NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    
            ?    s d g to-220 fullpak  
                  !
"# $%&&  '(  )'
  


    

       

  
     

  
   
  
    
      !   "     #  $ %       &   $
' $  # 
 #  !    !!      !   (# )*  # +#
'     ! #  , - 
   
    #    - 
   &   *%../  +      
     ! #   %        &    !       !     $  -   #     $ #  $  ,    +&      "    !  0//     $  #   *%../   &    +        +  !   !   $-   ! #
, !&  
      ! 

 "#
 ##
$%  &%      !& 

 "#
 ##
$%  &%     ' ()"#
 ##
 ?  &* '    ! '+# "  , 
  -
#"#
./ #   %  0  1 #  %( . 2 % 3  1
.(' (4(
53
#.6      4(
5  ##
 &  3  , 4 4(
5 3
#.6    )4) '7" ) 4#6)4)    %
  8,#
.


)  9&  
 1 #. ,# #
.  1()#
. ,# #$:#&  
)  ;&:# < =

. #> $#= #+ &(:?
;&&@?< 
    
www.irf.com 1 downloaded from: http:///
  2 www.irf.com  


      %  "#
 1 #  a#7)+
 %( .    % %  !%$  !b ?    ?   a#7)+
 %( . , :: 
 &  % :#
 $  !&     1   "#
 1 #  8
  
    ? %  !&%$  !&c  %   0  5#5()%( .    % %  !%  $  !b .  /#+#) #
 
) 
 &   1 %  !%$  !*     %  !%$%  !%    %  !%$%  !%$  !& 0  1 #  /#+#) -7.   & %  !% 0  1 #  4# -7.   & %  !% d   (0 5#.   &   !* d  0  1 #  5#.   &
 %  !% d  0  "#
;e= ((#e<5#.    %  !&%$1/ .
)&    #
8
"(6   &  %  !*%      *    !*   #
8::"(6       !& ?  /((       !c* ?, 1/ .&  a +
 ()$ ;
< :# , 7. 
) 
# : )  
   
, , 
  &  %  !%   8 , , 
    %  !%   4# #
:# , 
  &  f!&=gh$1/ .   "#
 1
7, 
  &  f!&=gh
g b
   "#
 1 # -7. ##
  -  
#
(1 # 
) 
  
 s d g      

   
 

 ! "#  -  
#
("#

) 
    ,/   


        

 1 #  ##
=81/3 6( ;a)6" )< 5+
.  5   ' ()1 #  ##

.#( # 4# ;a)6" )<  ,
i

) ) %  " ) /#+#) %( .   & %  !$  !&c$%  !%   4# 4#6    &&
  !$  !* d  4#  4#6 5#.  & &
 ) ) ! &b   $%   
 " 

   &*    s d g   , 4#
.j, (+ ) 5(  )6  ki

 ,# #;1: .&&<  !$f!gh  uses irfz46n data and test conditions  i sd *$) )  b$%  %  $   &  %  !%$ #
.  !$-!&bg   ! ? $  !*;1/ . #&<  ' (+ ) 5 bj) 6 6 ( l downloaded from: http:///
  www.irf.com 3  

             
   

    1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 20s pulse width t = 25c c a 4.5v 1 10 100 1000 0.1 1 10 100 4.5v i , drain-to-source current (a) d v , drain-to-source voltage (v) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 20s pulse width t = 175c c a 1 10 100 1000 4567891 0 t = 25c j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) t = 175c j a v = 25v 20s pulse width ds 0.0 0.5 1.0 1.5 2.0 2.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) v = 10v gs a i = 28a d   downloaded from: http:///
  4 www.irf.com 
 
          
     !"
   #   $    $  
   0 400 800 1200 1600 2000 2400 2800 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 4 8 12 16 20 0 1 02 03 04 05 06 0 q , total gate charge (nc) g v , gate-to-source voltage (v) gs a for test circuit see figure 13 v = 44v v = 28v i = 28a d dsds 1 10 100 1000 0.4 0.8 1.2 1.6 2.0 2. 4 t = 25c j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) 10s 100s 1ms 10ms a t = 25c t = 175c single pulse cj downloaded from: http:///
  www.irf.com 5  !"

  
       
 v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f     %&  !"
' &  ()*
     %   1   ! 0.1 %   %    "m  &% + - %  25 50 75 100 125 150 175 0 5 10 15 20 25 30 35 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) downloaded from: http:///
  6 www.irf.com   +(
 &  
   +(
 &%& v ds l d.u.t. v d d i as t p 0.01 ? r g + - t p v ds i as v dd v (br)dss "#$ q g q gs q gd v g charge ,- d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -  .$   %&   !"
#& '  
  $     
 0 100 200 300 400 500 25 50 75 100 125 150 17 5 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) v = 25v i top 11a 20a bottom 28a dd d downloaded from: http:///
  www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - / %  !%:#-. -4("4       %  ? )4)  
#(()6  ? "# 4# 6,"m  ?    
#(()6" 6/ #e"e ? "m "4 m
)#  

 # -6 
 )# 
 ? -+1 #6
) 
  ? 0#
)'(
  ? -+-7.
) 
  ##
 # 
:##  /   0'1'  
       downloaded from: http:///
  8 www.irf.com data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 07/04 to-220 full-pak part marking information with assembly example: this is an irfi840g lot code 3432 assembled on ww 24 1999 in the assembly line "k" part number lot code assembly int e r nat ional r e ct if ie r logo 34 32 924k irf i840g dat e code year 9 = 1999 week 24 line k note: "p" in assembly line position indicates "lead-free" to-220 full-pak package outlinedimensions are shown in millimeters (inches) downloaded from: http:///
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/ downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRFIZ46NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X