Part Number Hot Search : 
DF28D C106M 2405E 48S3V MP6508 LH22440 GBJ10 2200A
Product Description
Full Text Search
 

To Download IRF8788TRPBF-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet   power mosfet notes   through  are on page 9 top view 8 12 3 4 5 6 7 d d d d g s a s s a so-8 absolute maximum ratings parameter units v ds drain-to-source voltage v gs gate-to-source voltage i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v i dm pulsed drain current p d @t a = 25c power dissipation p d @t a = 70c power dissipation linear derating factor w/c t j operating junction and t stg storage temperature range thermal resistance parameter typ. max. units r jl junction-to-drain lead  CCC 20 r ja junction-to-ambient  CCC 50 c/w va w c max. 2419 190 20 30 -55 to + 150 2.5 0.02 1.6 
v ds 30 v r ds(on) max (@v gs = 10v) 2.8 r ds(on) max (@v gs = 4.5v) 3.8 q g (typical) 44 nc i d (@t a = 25c) 24 a m features benefits industry-standard pinout so-8 package ? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant, halogen-free environmentally friendlier msl1, industrial qualification increased reliability form quantity tube/bulk 95 irf8788pbf-1 tape and reel 4000 IRF8788TRPBF-1 package type standard pack orderable part number irf8788pbf-1 so-8 base part number   
  
       !  downloaded from: http:///
 
  
       !  
s d g static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 30 CCC CCC v ? v dss / ? t j breakdown voltage temp. coefficient CCC 0.024 CCC v/c r ds(on) static drain-to-source on-resistance CCC 2.3 2.8 CCC 3.04 3.8 v gs(th) gate threshold voltage 1.35 1.80 2.35 v ? v gs(th) gate threshold voltage coefficient CCC -6.59 CCC mv/c i dss drain-to-source leakage current CCC CCC 1.0 CCC CCC 150 i gss gate-to-source forward leakage CCC CCC 100 gate-to-source reverse leakage CCC CCC -100 gfs forward transconductance 95 CCC CCC s q g total gate charge CCC 44 66 q gs1 pre-vth gate-to-source charge CCC 12 CCC q gs2 post-vth gate-to-source charge CCC 4.7 CCC q gd gate-to-drain charge CCC 14 CCC q godr gate charge overdrive CCC 13.3 CCC see figs. 17a & 17b q sw switch charge (q gs2 + q gd ) CCC 18.7 CCC q oss output charge CCC 22 CCC nc r g gate resistance CCC 0.54 1.09 t d(on) turn-on delay time CCC 23 CCC t r rise time CCC 24 CCC t d(off) turn-off delay time CCC 23 CCC t f fall time CCC 11 CCC c iss input capacitance CCC 5720 CCC c oss output capacitance CCC 980 CCC c rss reverse transfer capacitance CCC 450 CCC avalanche characteristics parameter units e as single pulse avalanche energy mj i ar avalanche current  a diode characteristics parameter min. typ. max. units i s continuous source current CCC CCC (body diode) i sm pulsed source current CCC CCC (body diode)  v sd diode forward voltage CCC CCC 1.0 v CCC CCC 0.75 v t rr reverse recovery time CCC 24 36 ns q rr reverse recovery charge CCC 33 50 nc t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) m a 3.1 190 a CCC i d = 19a v gs = 0v v ds = 15v nc ns pf v gs = 4.5v, i d = 19a  v gs = 4.5v typ. CCC v ds = v gs , i d = 100 a r g = 1.8 v ds = 15v, i d = 19a v ds = 24v, v gs = 0v, t j = 125c a na t j = 25c, i f = 19a, v dd = 15v di/dt = 230a/ s  t j = 25c, i s = 19a, v gs = 0v  showing the integral reverse p-n junction diode. t j = 25c, i s = 2.2a, v gs = 0v  mosfet symbol v ds = 16v, v gs = 0v v dd = 15v, v gs = 4.5v i d = 19a v ds = 15v v gs = 20v v gs = -20v v ds = 24v, v gs = 0v conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 24a  conditions see fig. 15a & 15b max. 230 19 ? = 1.0mhz downloaded from: http:///
 
  
       !  
fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 1 2 3 4 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 15v 60 s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 24a v gs = 10v 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 2.3v 60 s pulse width tj = 150c vgs top 10v 5.0v 4.5v 3.5v 3.0v 2.7v 2.5v bottom 2.3v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 5.0v 4.5v 3.5v 3.0v 2.7v 2.5v bottom 2.3v 60 s pulse width tj = 25c 2.3v downloaded from: http:///
  
  
       !  
fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 20 40 60 80 100 120 q g , total gate charge (nc) 0 4 8 12 16 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 24v v ds = 15v i d = 19a 0.2 0.4 0.6 0.8 1.0 1.2 v sd , source-to-drain voltage (v) 1.0 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v 0 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) t a = 25c tj = 150c single pulse 100 sec 10msec 1msec downloaded from: http:///
"  
  
       !  
fig 11. maximum effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. ambient temperature fig 10. threshold voltage vs. temperature -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 1.0 1.5 2.0 2.5 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250 a i d = 100 a 25 50 75 100 125 150 t a , ambient temperature (c) 0 4 8 12 16 20 24 i d , d r a i n c u r r e n t ( a ) 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 100 t 1 , rectangular pulse duration (sec) 0.01 0.1 1 10 100 t h e r m a l r e s p o n s e ( z t h j a ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthja + tc ri (c/w) ? (sec) 0.0141064 0.000057 0.0210000 0.000286 0.2184000 0.000375 0.8204000 0.001902 4.7558194 0.004544 0.4648000 0.013931 28.9076170 0.038563 15.1191958 2.069546 j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci i ri ci= i / ri a 4 4 r 4 r 4 5 5 r 5 r 5 6 6 r 6 r 6 7 7 r 7 r 7 8 8 r 8 r 8 downloaded from: http:///
#  
  
       !  
fig 13. maximum avalanche energy vs. drain current fig 12. on-resistance vs. gate voltage fig 15b. switching time waveforms fig 15a. switching time test circuit v ds 90%10% v gs t d(on) t r t d(off) t f $  
 1      0.1 %   $    %& $  + - $  fig 14b. unclamped inductive waveforms t p v (br)dss i as fig 14a. unclamped inductive test circuit r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v   2.0 4.0 6.0 8.0 10.0 v gs , gate-to-source voltage (v) 2 3 4 5 6 7 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ) t j = 25c t j = 125c i d = 19a 25 50 75 100 125 150 starting t j , junction temperature (c) 0 200 400 600 800 1000 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 6.4a 7.4a bottom 19a downloaded from: http:///
'  
  
       !  
fig 16. 
  

  for n-channel hexfet   power mosfets       ?       ?   ?        ! p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period  $  ("$
)
* )++   + - + + + - - -      $  ? "#   $ %  ?  " ! &  '('' ?     $     )) ? '('' * "  (     fig 17a. gate charge test circuit vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 17b. gate charge waveform 1k vcc dut 0 l s 20k downloaded from: http:///
,  
  
       !  
so-8 package outline (mosfet & fetky) e1 de y b aa1 h k l .189 .1497 0 .013 .050 bas ic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 b asic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 mi n max millimeters inches mi n max dim 8 e c .0075 .0098 0.19 0.25 .025 bas ic 0.635 b as ic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] 4 3 12 footprint 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 8x 1.78 [ .070 ] 4 . ou t l i ne conf or ms t o j e de c ou t l i ne ms - 012aa. not e s : 1. dimens ioning & t ole rancing pe r as me y14.5m-1994. 2. controlling dimension: millimeter 3. dimens ions are s hown in mil l imet e rs [inche s ]. 5 dimens ion doe s not incl ude mol d prot rus ions . 6 dimens ion doe s not incl ude mol d prot rus ions . mold prot rus ions not t o e xce e d 0.25 [.010]. 7 dimens ion is t he l engt h of l ead f or s ol de ring t o a s ubs t rat e. mold prot rus ions not t o e xce e d 0.15 [.006]. dimensions are shown in milimeters (inches) so-8 part marking information p = disgnates lead - free example: this is an irf7101 (mos fet ) f 7101 xxxx international logo rect ifier part number lot code product (optional) dat e code (yww) y = last digit of the year ww = we e k a = as s e mb l y s i t e cod e note: for the most current drawing please refer to ir website at: http://www.irf.com/package/ downloaded from: http:///
-  
  
       !  

  repetitive rating; pulse width limited by max. junction temperature.   starting t j = 25c, l = 1.25mh, r g = 25 , i as = 19a.   pulse width 400 s; duty cycle 2%.   when mounted on 1 inch square copper board.  r is measured at t j of approximately 90c. 330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel (dimensions are shown in milimeters (inches) note: for the most current drawing please refer to ir website at: http://www.irf.com/package/ ? qualification standards can be found at international rectifiers web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release ms l 1 (per je de c j-s t d-020d ?? ) rohs c ompliant yes qualification information ? qualification level industrial (per jedec jesd47f ?? guidelines) moisture sensitivity level so-8 ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRF8788TRPBF-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X