Part Number Hot Search : 
48R502 5671A4 ADF06ST CDBQR40 TLUR6400 SB1630CT AN7015S 16541DT
Product Description
Full Text Search
 

To Download IRF7807VD1PBF-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  so-8 fetky  mosfet / schottky diode top vie w 8 12 3 4 5 6 7 a/s a/s a/s g k/d k/d d k/d k/d 

v ds 30 v r ds(on) max (@v gs = 4.5v) 25 m q g (typical) 9.5 nc q sw (typical) 3.4 nc q oss (typical) 12 nc i d (@t a = 25c) 8.3 a 
  co-pack n-channel hexfet ? power mosfet and schottky diode   ideal for synchronous rectifiers in dc-dc absolute maximum ratings parameter symbol units drain-to-source voltage v ds v gate-to-source voltage v gs continuous output current 25c a (v gs 4.5v) 70c pulsed drain current i dm 25c70c schottky and body diode 25c average forward current  70c junction & storage temperature range t j , t stg c thermal resistance parameter symbol typ max units maximum junction-to-ambient  r ja CCC 50 maximum junction-to-lead  r jl CCC 20 c/w 2.5 -55 to 150 i d p d i f (av) 3.5 2.2 w power dissipation  1.6 max 8.3 66 30 20 6.6 form quantity tube/bulk 95 IRF7807VD1PBF-1 tape and reel 4000 irf7807vd1trpbf-1 package type standard pack orderable part number IRF7807VD1PBF-1 so-8 base part number features benefits industry-standard pinout so-8 package ? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant, halogen-free environmentally friendlier msl1, industrial qualification increased reliability   
  
        !"  downloaded from: http:///


 
  
        !"  notes:  repetitive rating; pulse width limited by max. junction temperature.  pulse width 400 s; duty cycle 2%.  when mounted on 1 inch square copper board  50% duty cycle, rectangular  typical values of r ds (on) measured at v gs = 4.5v, q g , q sw and q oss measured at v gs = 5.0v, i f = 7.0a.     #  $$
%  ! &' * device are 100% tested to these parameters. electrical characteristics parameter symbol min typ max units drain-source breakdown voltage bv dss 30 CCC CCC v static drain-source on-resistance r ds(on) CCC 17 25 m gate threshold voltage v gs(th) 1.0 CCC 3.0 v CCC CCC 100 a CCC CCC 20 a CCC CCC 2.0 ma gate-source leakage current i gss CCC CCC 100 na total gate charge* q g CCC 9.5 14 pre-vth gate-source charge q gs1 CCC 2.3 CCC post-vth gate-source charge q gs2 CCC 1.0 CCC gate-to-drain charge q gd CCC 2.4 CCC switch charge (q gs2 + q gd )q sw CCC 3.4 5.2 output charge* q oss CCC 12 16.8 v ds = 16v, v gs = 0 gate resistance r g 0.9 CCC 2.8 turn-on delay time t d(on) CCC 6.3 CCC rise time t r CCC 1.2 CCC turn-off delay time t d(off) CCC 11 CCC fall time t f CCC 2.2 CCC diode characteristics parameter symbol min typ max units diode forward voltage v sd CCC CCC 0.5 CCC CCC 0.39 di/dt = 700a/ s v dd = 16v, v gs = 0v, i d = 15a t j = 25c, i s = 1.0a ,v gs = 0v  conditions v gs = 0v, i d = 250 a v gs = 4.5v, i d = 7.0a v ds = v gs , i d = 250 a v ds = 30v, v gs = 0v v gs = 20v CCC conditions v nc ns v ds = 24v, v gs = 0v v ds = 24v, v gs = 0v, t j = 100c drain-source leakage current i dss v ds = 4.5v i d = 7.0a v ds = 16v t = 125c, i s = 1.0a, v gs = ov resistive load v dd = 16v, i d = 7.0v v gs = 5v, r g = 2 nc ns reverse recovery charge  t j = 25c, i s = 7.0a ,v ds = 16v di/dt = 100a/ s CCC t rr reverse recovery time  CCC 51 q rr CCC 51 downloaded from: http:///


(  
  
        !"  control fet special attention has been given to the power losses in the switching elements of the circuit - q1 and q2.power losses in the high side switch q1, also called the control fet, are impacted by the r ds(on) of the mosfet, but these conduction losses are only about one half of the total losses. power losses in the control switch q1 are given by;p loss = p conduction + p switching + p drive + p output this can be expanded and approximated by; p loss = i rms 2 r ds(on ) ( ) + i q gd i g v in f ? ? ? ? ? ? + i q gs 2 i g v in f ? ? ? ? ? ? + q g v g f () + q oss 2 v in f ? ? ? ? this simplified loss equation includes the terms q gs2 and q oss which are new to power mosfet data sheets. q gs2 is a sub element of traditional gate-source charge that is included in all mosfet data sheets.the importance of splitting this gate-source charge into two sub elements, q gs1 and q gs2 , can be seen from fig 1. q gs2 indicates the charge that must be supplied by the gate driver between the time that the thresholdvoltage has been reached (t1) and the time the drain current rises to i dmax (t2) at which time the drain volt- age begins to change. minimizing q gs2 is a critical fac- tor in reducing switching losses in q1. q oss is the charge that must be supplied to the out- put capacitance of the mosfet during every switch-ing cycle. figure 2 shows how q oss is formed by the parallel combination of the voltage dependant (non- linear) capacitances c ds and c dg when multiplied by the power supply input buss voltage. figure 1: typical mosfet switching waveform synchronous fet the power loss equation for q2 is approximated by; p loss = p conduction + p drive + p output * p loss = i rms 2 r ds(on) () + q g v g f () + q oss 2 v in f ? ? ? ? ? + q rr v in f ( ) *dissipated primarily in q1. power mosfet selection for dc/dcconverters 4 12 drain current gate voltage drain voltage t3 t2 t1 v gth q gs1 q gs2 q gd t0 downloaded from: http:///


  
  
        !"  typical mobile pc application the performance of these new devices has been tested in circuit and correlates well with performance predic- tions generated by the system models. an advantage of this new technology platform is that the mosfets it produces are suitable for both control fet and synchro- nous fet applications. this has been demonstrated with the 3.3v and 5v converters. (fig 3 and fig 4). in these applications the same mosfet irf7807v was used for both the control fet (q1) and the synchronous fet (q2). this provides a highly effective cost/performance solution. figure 3 figure 4 figure 2: q oss characteristic for the synchronous mosfet q2, r ds(on) is an im- portant characteristic; however, once again the im- portance of gate charge must not be overlooked since it impacts three critical areas. under light load the mosfet must still be turned on and off by the con- trol ic so the gate drive losses become much more significant. secondly, the output charge q oss and re- verse recovery charge q rr both generate losses that are transfered to q1 and increase the dissipation in that device. thirdly, gate charge will impact the mosfets susceptibility to cdv/dt turn on. the drain of q2 is connected to the switching node of the converter and therefore sees transitions be-tween ground and v in . as q1 turns on and off there is a rate of change of drain voltage dv/dt which is ca-pacitively coupled to the gate of q2 and can induce a voltage spike on the gate that is sufficient to turn the mosfet on, resulting in shoot-through current .the ratio of q gd /q gs1 must be minimized to reduce the potential for cdv/dt turn on. spice model for irf7807v can be downloaded in machine readable format at www.irf.com. 
    
    83 84 85 86 87 88 89 90 91 92 93 12345 load current (a) efficiency (%) vin=24v vin=14v vin=10v 86 87 88 89 90 91 92 93 94 95 12345 load current (a) efficiency (%) vin=24v vin=14v vin=10v downloaded from: http:///


)  
  
        !"  fig 5. normalized on-resistance vs. temperature fig 7. on-resistance vs. gate voltage -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 4.5v 7.0a 0 0.2 0.4 0.6 0.8 1 v sd , source-to-drain voltage (v) 0 10 20 30 40 50 60 70 i s , s o u r c e - t o - d r a i n c u r r e n t ( a ) 380 s pulse width tj = 150c vgs top 4.5v 3.5v 3.0v 2.5v 2.0v bottom 0.0v 0.0v fig 8. typical reverse output characteristics fig 7. typical reverse output characteristics 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 v gs, gate -to -source voltage (v) 0.010 0.015 0.020 0.025 0.030 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ) i d = 7.0a 0 0.2 0.4 0.6 0.8 1 v sd , source-to-drain voltage (v) 0 10 20 30 40 50 60 i s , s o u r c e - t o - d r a i n c u r r e n t ( a ) 380 s pulse width tj = 25c vgs top 4.5v 3.5v 3.0v 2.5v 2.0v bottom 0.0v 0.0v downloaded from: http:///


*  
  
        !"  figure 9. maximum effective transient thermal impedance, junction-to-ambient 0.1 1 10 100 0.00001 0.0001 0.001 0.01 0.1 1 10 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 0 2 4 6 8 10 12 0 1 2 3 4 5 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 7.0a v = 16v ds fig 10. typical gate charge vs. gate-to-source voltage downloaded from: http:///


+  
  
        !"  mosfet , body diode & schottky diode characteristics fig. 12 - typical values of reverse current vs. reverse voltage fig. 11 - typical forward voltage drop characteristics 0 5 10 15 20 25 30 reverse voltage - v r (v) 0.0001 0.001 0.01 0.1 1 10 100 r e v e r s e c u r r e n t - i r ( m a ) 125c 100c tj = 150c 75c 50c 25c 0.0 0.2 0.4 0.6 0.8 1.0 1.2 forward voltage drop - v f ( v ) 0.1 1 10 100 i n s t a n t a n e o u s f o r w a r d c u r r e n t - i f ( a ) tj = 125c tj = 25c downloaded from: http:///


,  
  
        !"  so-8 part marking information (lead - free) p = disgnates lead - free example: this is an irf7101 (mos fet ) f 7101 xxxx international logo rect ifier part number lot code product (optional) dat e code (yww) y = last digit of the year ww = we e k a = as s e mb l y s i t e cod e note: for the most current drawing please refer to ir website at http://www.irf.com/package/ e1 de y b aa1 h k l .189 .1497 0 .013 .050 basic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 bas ic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 mi n max millimeters inches mi n max dim 8 e c .0075 .0098 0.19 0.25 .025 basic 0.635 basic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] cab e1 a a1 8x b c 0.10 [.004] 43 12 footprint 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 8x 1.78 [ .070 ] 4 . ou t l i ne conf or ms t o j e de c ou t l i ne ms - 012aa. not e s : 1. dimens ioning & t ole rancing pe r as me y14.5m-1994. 2. controlling dimension: millimeter 3. dimens ions are s hown in mil l imet e rs [inche s ]. 5 dimens ion doe s not incl ude mol d prot rus ions . 6 dimens ion doe s not incl ude mol d prot rus ions . mold prot rus ions not t o e xce e d 0.25 [.010]. 7 dimens ion is t he l engt h of l ead f or s ol de ring t o a s ubs t rat e. mold prot rus ions not t o e xce e d 0.15 [.006]. so-8 package outline(mosfet & fetky)dimensions are shown in milimeters (inches) downloaded from: http:///


!  
  
        !"  330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel ( dimensions are shown in milimeters (inches)) note: for the most current drawing please refer to ir website at http://www.irf.com/package/ ? qualification standards can be found at international rectifiers web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release ms l 1 (per je de c j-s t d-020d ?? ) rohs c ompliant yes qualification information ? qualification level industrial (per jedec jesd47f ?? guidelines) moisture sensitivity level so-8 ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRF7807VD1PBF-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X