Part Number Hot Search : 
PD5011C GL3EG62 EMH75 HZS24L3 UL1480 LM8596 CEE124 2B2405XD
Product Description
Full Text Search
 

To Download IRF3709PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 07/01/04 symbol parameter max. units v ds drain-source voltage 30 v v gs gate-to-source voltage 20 v i d @ t c = 25c continuous drain current, v gs @ 10v 90  i d @ t c = 100c continuous drain current, v gs @ 10v 57 a i dm pulsed drain current  360 p d @t c = 25c maximum power dissipation  120 w p d @t a = 25c maximum power dissipation  3.1 w linear derating factor 0.9 6 mw/c t j , t stg junction and storage temperature range -55 to + 150 c IRF3709PBF irf3709spbfirf3709lpbf smps mosfet hexfet   power mosfet v dss r ds(on) max i d 30v 9.0m ? 90a  notes   through  are on page 11 absolute maximum ratings d 2 pak irf3709s to-220ab irf3709 to-262 irf3709l thermal resistance parameter typ. max. units r jc junction-to-case CCC 1.04 r cs case-to-sink, flat, greased surface  0.50 CCC c/w r ja junction-to-ambient  CCC 62 r ja junction-to-ambient (pcb mount)  CCC 40 applications benefits ultra-low gate impedance  very low rds(on) at 4.5v v gs  fully characterized avalanche voltage and current  high frequency isolated dc-dc converters with synchronous rectification for telecom and industrial use  high frequency buck converters for server processor power synchronous fet optimized for synchronous buck converters including capacitive induced turn-on immunity  lead-free pd - 95495 downloaded from: http:///
 
 2 www.irf.com symbol parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode)  CCC CCC p-n junction diode. CCC 0.88 1.3 v t j = 25c, i s = 30a, v gs = 0v  CCC 0.82 CCC t j = 125c, i s = 30a, v gs = 0v  t rr reverse recovery time CCC 48 72 ns t j = 25c, i f = 30a, v r =15v q rr reverse recovery charge CCC 46 69 nc di/dt = 100a/s   t rr reverse recovery time CCC 48 72 ns t j = 125c, i f = 30a, v r =15v q rr reverse recovery charge CCC 52 78 nc di/dt = 100a/s   dynamic @ t j = 25c (unless otherwise specified) ns symbol parameter typ. max. units e as single pulse avalanche energy  CCC 382 mj i ar avalanche current  CCC 30 a avalanche characteristics s d g diode characteristics 90  360  symbol parameter min. typ. max. units conditions g fs forward transconductance 53 CCC CCC s v ds = 15v, i d = 30a q g total gate charge CCC 27 41 i d = 15a q gs gate-to-source charge CCC 6.7 CCC nc v ds = 16v q gd gate-to-drain ("miller") charge CCC 9.7 CCC v gs = 5.0v  q oss output gate charge CCC 22 CCC v gs = 0v, v ds = 10v t d(on) turn-on delay time CCC 11 CCC v dd = 15v t r rise time CCC 171 CCC i d = 30a t d(off) turn-off delay time CCC 21 CCC r g = 1.8 ? t f fall time CCC 9.2 CCC v gs = 4.5v  c iss input capacitance CCC 2672 CCC v gs = 0v c oss output capacitance CCC 1064 CCC pf v ds = 16v c rss reverse transfer capacitance CCC 109 CCC ? = 1.0mhz v sd diode forward voltage parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 30 CCC CCC v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient CCC 0.029 CCC v/c reference to 25c, i d = 1ma CCC 6.4 9.0 v gs = 10v, i d = 15a   CCC 7.4 10.5 v gs = 4.5v, i d = 12a   v gs(th) gate threshold voltage 1.0 CCC 3.0 v v ds = v gs , i d = 250a CCC CCC 20 a v ds = 24v, v gs = 0v CCC CCC 100 v ds = 24v, v gs = 0v, t j = 125c gate-to-source forward leakage CCC CCC 200 v gs = 16v gate-to-source reverse leakage CCC CCC -200 na v gs = -16v static @ t j = 25c (unless otherwise specified) i gss i dss drain-to-source leakage current r ds(on) static drain-to-source on-resistance m ? downloaded from: http:///
 
 www.irf.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 10 100 1000 2.0 3.0 4.0 5.0 6.0 7.0 v = 15v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 16 0 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 90a 1 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v 2.7v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.7v 1 10 100 1000 0.1 1 10 100 20s pulse width t = 150 c j top bottom vgs 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v 2.7v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.7v downloaded from: http:///
 
 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 5 10 15 20 25 30 0 1 2 3 4 5 6 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 30a v = 6v ds v = 15v ds v = 24v ds 0.1 1 10 100 1000 0.2 0.8 1.4 2.0 2. 6 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 1 10 100 1000 10000 1 10 100 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 1 10 100 0 1000 2000 3000 4000 v , drain-to-source voltage (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss gs gd , ds rss gd oss ds gd c iss c oss c rss downloaded from: http:///
 
 www.irf.com 5 fig 10a. switching time test circuit v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms   
 1     0.1 %          + -   fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 15 0 0 20 40 60 80 100 t , case temperature ( c) i , drain current (a) c d limited by package downloaded from: http:///
 
 6 www.irf.com q g q gs q gd v g charge d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -   fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as fig 12c. maximum avalanche energy vs. drain current r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 0 200 400 600 800 1000 1200 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 13a 19a 30a downloaded from: http:///
 
 www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfet   power mosfets     
    
              ?     ?    ?      ! "" ? #   $   $    ?  %&    ? ' (  ?  %)  $      downloaded from: http:///
 
 8 www.irf.com lead assignments 1 - gate 2 - drain 3 - source 4 - drain - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) min 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.014) m b a m 4 1 2 3 notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 3 outline conforms to jedec outline to-220ab. 2 controlling dimension : inch 4 heatsink & lead measurements do n ot include burrs. hexfet 1- gate 2- drain 3- source 4- drain lead assignments igbts, copac k 1- gate 2- collector 3- emitter 4- collector 

 dimensions are shown in millimeters (inches) 

  
 example: in the assembly line "c" t his is an irf 1010 lot code 1789 as s emb le d on ww 19, 1997 part number assembly lot code date code year 7 = 1997 line c week 19 logo r e ct if ie r int e r nat ional note: "p" in assembly line position indicates "lead-free" downloaded from: http:///
 
 www.irf.com 9  


  
  


 dimensions are shown in millimeters (inches) note: "p" in ass embly line position indicates "lead-free" f530s t his is an irf530s with l ot code 8024 as s e mb le d on ww 02, 2000 in the as sembly line "l" assembly lot code internat ional rect ifier logo part numbe r dat e code ye ar 0 = 2000 we e k 0 2 line l  f 530s a = as s e mb l y s i t e code wee k 02 p = de s i gnat e s l e ad- f r e e product (opt ional) rectifier int ernational logo lot code as s e mb l y ye ar 0 = 2000 dat e code part number downloaded from: http:///
 
 10 www.irf.com to-262 part marking information to-262 package outline dimensions are shown in millimeters (inches) assembly lot code rect if ier int ernational as s e mb le d on ww 19, 1997 note: "p" in as sembly line pos ition indicates "lead-f ree" in the assembly line "c" logo t his is an irl3103l lot code 1789 example: line c dat e code week 19 ye ar 7 = 1997 part number part number logo lot code assembly international rect if ier product (optional) p = de signates lead-free a = assembly site code week 19 ye ar 7 = 1997 dat e code or downloaded from: http:///
 
 www.irf.com 11 data and specifications subject to change without notice. this product has been designed and qualified for the industrial market. qualification standards can be found on irs web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 07/04   repetitive rating; pulse width limited by max. junction temperature. 
  starting t j = 25c, l = 0.85mh r g = 25 ? , i as = 30a.  pulse width 400s; duty cycle 2%.   this is applied to d 2 pak, when mounted on 1" square pcb ( fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994.  calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a.  this is only applied to to-220ab package  

 
 dimensions are shown in millimeters (inches) 3 4 4 trr f eed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl f eed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957 ) 23.90 (.941 ) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362 ) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. downloaded from: http:///
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/ downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRF3709PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X