Part Number Hot Search : 
R127047 RL821 10ZF3M 2SJ551S 00159 NCP5359A MCR10 RL821
Product Description
Full Text Search
 

To Download GOA95014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  goa9xx14 three phase ac-switch fuse protection temperature sensors snubber for scr's protections line voltage up to 500 v rms output current 1400 a GOA95014 goa94014 line to line voltage 500 v 400 v characteristic conditions i rms r.m.s. output current cooling fans: 3 x w2s130-aa03 01 (ebm) @ ta=40c 1400 a v ins (rms) insulation voltage 3000 v thyristor triggering characteristics v gt gate trigger voltage t j = 25 c, v d = 5 v 3v i gt gate trigger current t j = 25 c, v d = 5 v 300 ma fuse type siba 2068132.1250 v nf rated voltage 690 v i nf rated current 1250 a p vf power loss at rated current 136 w i2t at 660v 1750 ka 2 s mechanical and thermal characteristics width 500 mm depth 480 mm height 320 mm mass 60 kg ta max max ambient operating temperature 40 c tstg storage temperature -40 / 60 c document goa9xx14t001 value gps - green power semiconductors spa factory: via ungaretti 10, 16157 genova, italy phone: +39-010-667 1307 fax: +39-010-667 2459 web: www.gpsemi.it e-mail: info@gpsemi.it green power semiconductors
three phase ac-switch goa9xx14 document goa9xx14t001 green power semiconductors i n the interest of product improvement green power semiconductors reserves the right to change any specification given in this data sheet without notice. r s t w v u f1 f2 f3 th1 th2 uf2 uf1 t1 t2 t4 t3 t5 t6 k1 g1 g2 k2 k4 g4 k3 g3 k5 g5 g6 k6 rs1 cs1 rs2 cs2 rs3 cs3 500 [19.7] 66 [2.6] 148 [5.8] 148 [5.8] 175 [6.9] 110 [4.3] 148 [5.8] 148 [5.8] 300 [11.8] 180 [7.1] 5 [0.2] 40 [1.6] 5 [0.2] 28 [1.1] 110 [4.3] 40 [1.6] 55 [2.2] 75 [3.0] 475 [18.7] dimensions: mm [inch]


▲Up To Search▲   

 
Price & Availability of GOA95014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X