gc118?r bar clamp for hockey puks various lenghts of bolts and insulators round shaped clamping head for optimal pre-loaded to the specific clamping force four clamps styles gold iridite plating user friendly clamping force indicator ul94 certified insulation material dimensions in millimeters t: max total height (see table) s: clearance allowed (see table) document gc118?rt001 clamping force application gps - green power semiconductors spa factory: via ungaretti 10, 16157 genova, italy phone: +39-010-667 8800 fax: +39-010-667 8812 web: www.gpsemi.it e-mail: info@gpsemi.it green power semiconductors t 145 s 29 14 118 12 118 12 t 145 14 s 48 12 118 145 14 t s 145 t s 118 14 12 gc1182bn...r gc118br...r gc118sr...r gc118sn...r 25 25 4 27.40.2 27.40.2 27.40.2 27.40.2 73
bar clamp for hockey puks gc118?r min max gc118s? 930 1030 gc118b? 1750 1870 gc118?22 gc118?24 gc118?30 gc118?32 v rms 1 min ul file: e121562 c c c * other clamping forces available: contact factory ordering information table clamps can be ordered using the following part numbering system gc118 b n a b 20 r s (1) (2) (3) (4) (5) (6) (1) construction type: (2) insulator position: (3) insulator code: (4) bolt code: (5) clamping force (in kn): (6) special accessories k : total thickness of the assembly to be clamped for thicknesses s' min < k < s min an additional 4 mm thick metal spacer is needed ( see list of special accessories) type gc118bn?: suggested insulator/bolt types s' min[mm]** s min [mm] smax [mm] (3) ins. lenght [mm] bolt lenght [mm] 15 19 25 b 70 25 29 35 b 70 35 39 45 b/c 70/95** 45 49 55 c 95 55 59 65 c 95 65 69 75 d 120 ** with additional metal spacer only type gc118br?: suggested insulator/bolt types s' min[mm]** s min [mm] smax [mm] (3) ins. lenght [mm] bolt lenght [mm] 15 19 25 a 50 25 29 35 a 50 35 39 45 a/b 50/70 45 49 55 b 70 55 59 65 b 70 65 69 75 c 95 ** with additional metal spacer only document gc118?rt001 values g weight types/testing conditions/notes unit parameter 32 insulation voltage 3000 insulating material noryl a clamping force* kn 22 24 30 max. working temperature 110 min. working temperature -30 storage temperature -40/110 b = with double bar s = with single bar n = upper side r = lower side see table below see table below 22 24 30 d = pressure disc in place of pressure bar 32 blank = no accessories s = extra metal spacer allowed clearance s insulator choice bolt choice max height (4) a e f b c d 160 130 e allowed clearance s insulator choice bolt choice f b c d 130 140 140 (4) a 150 t [mm] max height t [mm] 150 160 110 120 110 120 125 135 145 155 165 175 139 149 159 169 179 189 green power semiconductors i n the interest of product improvement green power semiconductors reserves the right to change any specification given in this data sheet without notice. k 3 4 k
bar clamp for hockey puks gc118?r type gc118sn?: suggested insulator/bolt types s' min[mm]** s min [mm] smax [mm] (3) ins. lenght [mm] bolt lenght [mm] 24 28 33 b 70 34 38 43 b 70 44 48 53 b/c 70/95 54 58 63 c 95 64 68 73 c/d 95/120 74 78 83 d 120 ** with additional metal spacer only type gc118sr?: suggested insulator/bolt types s' min[mm]** s min [mm] smax [mm] (3) ins. lenght [mm] bolt lenght [mm] 49 53 59 a 50 59 63 69 a 50 69 73 79 a/b 50/70 79 83 89 b 70 89 93 99 b 70 99 103 109 c 95 ** with additional metal spacer only special accessories the following special accessories are available metal spacer pressure disc useful for grooved heatsink suggested groove diameter 27mm +/- 0.5 document gc118?rt001 (4) c 130 d 140 a 110 b 120 e 150 f 160 f 160 allowed clearance s insulator choice bolt choice d 140 e 150 b 120 c 130 t [mm] max height t [mm] allowed clearance s insulator choice bolt choice max height (4) a 110 120 130 140 150 160 170 139 149 159 169 179 189 green power semiconductors i n the interest of product improvement green power semiconductors reserves the right to change any specification given in this data sheet without notice. 3 4
|