Part Number Hot Search : 
I506ERW 2CL71 100LVE MCT5210 DL4728 70430 NJU66 GP402
Product Description
Full Text Search
 

To Download DSTINIM400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 5 rev: 121406 general description the DSTINIM400# is a fully assembled and tested circuit board that evaluates the ds80c400 network microcontroller. in addition to the ds80c400, the DSTINIM400# includes a real-time clock, 1mb flash, 1mb static ram, and support for an external ethernet phy for connecting to a wide variety of networks. the circuit board is designed as a module to be plugged into a 144-pin sodimm connector. for evaluation, the DSTINIM400# can be inserted into the dstinis400 socket boar d. the combination of the two boards allows full evaluation of the features of the ds80c400 using an ethernet network. detailed information about the initial setup process and use of the tini platform is contained in application note 612: getting started with the tinim400 (ds80c400) verification module. ordering information part temp range dimensions DSTINIM400 replaced with DSTINIM400# DSTINIM400# room temp approx. 67mm x 48mm, 144 sodimm note: to evaluate the ds80c400, order the ds80c400-kit. the DSTINIM400 is an evaluation board and is only tested to prototype standards. it is not tested for use in a production product. # denotes a rohs-compliant device that may contain lead exempt under the rohs requirements. tini and 1-wire are registered trademarks of dallas semiconductor. features hosts the tini ? runtime environment in validated hardware design (in conjunction with the dstinis400) industry standard mii interface to connects to network interfaces including 10/100 base-t, optical, and homepna three hardware serial ports integrated 1-wire ? network master can 2.0b port real-time clock for time stamping 1mb flash rom for application storage 1mb nv sram for data storage 3.3v single-supply operation fully assembled and tested design component list designation qty description c1Cc5, c8Cc14, c17, c18 14 0.1 f, 20%, 10v ceramic capacitors (0805) c6, c7 2 27pf, 20%, 50v c0g ceramic capacitors (0805) c15 1 1.0 f, 20%, 10v ceramic capacitor (1206) c16 1 4.7 f, 20%, 10v ceramic capacitor (1206) c19, c20 2 47 f, 20%, tantalum capacitors (c) bt1 1 cr1632 3v lithium cell dn1 1 bat54s diode (sot23) designation qty description ds1 1 sml-lx23src lumex led q1, q3 2 bss84 p-channel fet (sot23) q2 1 2n7002 n-channel fet (sot23) r1, r4, r7, r8 4 10k ? , 5% resistors (0805) r2 1 1.5k ? , 5% resistor (0805) r3 1 1k ? , 5% resistor (0805) r5 1 2.2k ? , 5% resistor (0805) DSTINIM400 networked microcontrolle r evaluation board www.maxim-ic.com downloaded from: http:///
DSTINIM400 networked microcontroller evaluation board 2 of 5 maxim/dallas semiconductor cannot assume res ponsibility for use of any circuitry other than circuitry entirely embodied in a ma xim/dallas semiconductor product. no circuit patent licenses are implied. maxi m/dallas semiconductor reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ? 2006 maxim integrated products the maxim logo is a registered trademark of maxim integrated products, inc. the dallas logo is a registered trademark of dallas semiconductor corporation. component list (continued) designation qty description r6 1 10 ? , 5% resistor (0805) u1 1 ds80c400-fny# networked microcontroller u2, u3 2 r1lv0408csb-7lc 512kb ram u4 1 am29lv081b-70ec 1mb flash u5, u6 2 max6365pka31 reset controllers designation qty description u7 1 max1792eua18 voltage regulator u8 1 ds1672u-33 real-time clock u9 1 ds2502-e48 ieee mac address y1 1 14.7456mhz crystal y2 1 32khz crystal quick start it is highly recommended that the developer use the dstinis400 sockets board in conjunction with the DSTINIM400#. the dstinis400 was spec ifically designed to hold the ds tinim400# and provide the physical interconnects (ethernet phy), as well as the 1-wire, i 2 c, spi?, can, and four serial port connectors. if the developer wishes to implement his or her own de sign using the DSTINIM400#, a 144-pin sodimm connector such as the hirose sx6e-144s-0.8sh is required. the DSTINIM400# must be seated correctly into the dstinis400 to ensure a proper connection. insert the tinim400 into the connector at a 30-degree angle. pl ace index fingers behind the sodimm connector and place thumbs on the top edge of the DSTINIM400#, pressing firmly until it clicks into place or seats with only a millimeter of gold contact exposed. press the dsti nim400# down parallel to the dstinis 400 until the side arms latch into the center of the semicircular cutouts on the DSTINIM400#. note that the flash used on the dstinim 400# limits applications to a maximum of 2x clock multiplier mode with the included 14.7456mhz crystal. use of the 4x clock multiplier mode results in unstable operations. for more information tini platform details can be found at www.maxim-ic.com/tini . the tini specification and developers guide (addison-welsey, 2001) is an invaluable resource when developing with the ti ni platform. download a free copy from our website at www.maxim-ic.com/tiniguide . ds80c400 information for more information about the ds80c400 network microcontr oller, refer to the ds80c400 data sheet available on our website at www.maxim-ic.com/ds80c400 . additional resources for detailed information about the initial set up and use of the tini platform, refer to application note 612: getting started with the tinim400 (ds8 0c400) verification module at www.maxim-ic.com/an612 . ds80c400 networked microcontroller data sheet: www.maxim-ic.com/ds80c400 ds80c400 evaluation kit (ds80c400-kit): www.maxim-ic.com/ds80c400-kit dstinis400/dstinis-00x so ckets evaluation board: www.maxim-ic.com/dstinis400 microcontroller website: www.maxim-ic.com/microcontrollers spi is a trademark of motorola inc. downloaded from: http:///
                tini-400  tini-400 processor a 1 3 tuesday, february 12, 2002
          txd3txd2 txd1 txd0 rxd0rxd1 rxd2 rxd3  !  ! p51  !" p50 p53  ! #  "   $   % " &  $  $  " & &   %  # "   p30p31 p32 p33 p17p16 p15 p14 p13 p12 p11 p10 !" ! ! ! !& ! ! !$ p67p66 p52 txd[3:0] rxd[3:0] nwr nrd npce[0..3] ale nps en d[7:0] a[21:0] txen mdc txclk mdio rxdv rxclk rxer crs col sda sclk nstiffpu int1w p3[3:0] p1[7:0] reset nea p6[7:6] nce[7:0] nrstout p5[3:0] vcc1 vcc3 vcc3 vcc3 vcc3 vcc3 c5 0.1uf r2 1.5k u1 ds80c400 1 2 3 4 5 6 7 8 9 10 11 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 37 38 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 89 90 91 92 93 94 95 96 97 98 99 100 crscol txd.3 txd.2 txd.1 txd.0 tx_en txclk rx_er rxclk rx_dv rxd.0 rxd.1 rxd.2 rxd.3 mdc mdio p3.0/rxd0 p3.1/txd0 p3.2/int0* p3.3/int1* p3.4/t0 p3.5/t1/clko p3.6/wr*p3.7/rd* p5.7/pce3* p5.6/pce2* p5.5/pce1* p5.4/pce0* p5.3 p5.2/t3 p5.1/c0rx p5.0/c0tx xtal2 xtal1 mux* p4.7/a19 p4.6/a18 p4.5/a17 p4.4/a16 p4.3/ce3* p4.2/ce2* p4.1/ce1* p4.0/ce0* p6.7/txd2 p6.6/rxd2 p6.5/a21 p6.4/a20 p6.3/ce7* p6.2/ce6* p6.1/ce5* p6.0/ce4* p2.7/a15 p2.6/a14 p2.5/a13 p2.4/a12 p2.3/a11 p2.2/a10 p2.1/a9 p2.0/a8 psen* ale ea* vcc1 p7.7/a7 p7.6/a6 p7.5/a5 p7.4/a4 p7.3/a3 p7.2/a2 p7.1/a1 p7.0/a0 p0.7/d7 p0.6/d6 p0.5/d5 p0.4/d4 p0.3/d3 p0.2/d2 p0.1/d1 p0.0/d0 p1.0/t2 p1.1/t2ex p1.2/rxd1 p1.3/txd1 p1.4/int2 p1.5/int3* p1.6/int4 p1.7/int5* rst rstol ow owstp* c1 0.1uf c2 0.1uf c7 27pf r3 1k c3 0.1uf c6 27pf r110k c4 0.1uf ds1 led y1 14.7 456mhz copyright (c) 2003 dallas semiconductor / maxim downloaded from: http:///
                n.c.  tini-400  tini-400 memory a 2 3 tuesday, february 12, 2002
          a0a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 a13 a14 a15 a16 a17 a18 $   " & " "   "       &    $ $ $ &  %  & %  $ %  $    # & & "   $  &    "     % # "     # a20 a[20:0] d[7:0] nflashen np sen nwr nram2en nrstout nram1en nresetin reset mvcc2 mvcc1 vcc3 vcc3 mvcc2 mvcc1 mvcc2 mvcc1 vbat vcc3 vcc3 vcc3 r710k c100.1uf c80.1uf r810k c90.1uf u4 am2 9lv017d 12 40 14 15 16 17 18 19 20 21 22 23 24 25 30 35 39 1 2 3 4 5 6 36 7 8 9 10 26 27 28 32 33 34 13 37 31 38 ry/by a17 a7 a6 a5 a4 a3 a2 a1 a0ce gnd oe dq0 vcc dq7 gnd a16 a15 a14 a13 a12 a11 a10 a9 a8we rst dq1dq2 dq3 dq4 dq5 dq6 a18a19 vcc a20 u5 max6365 pka 1 2 3 4 8 7 6 5 rst cei gndmr ceo batt out vcc u6 max6365 pka 1 2 3 4 8 7 6 5 rst cei gndmr ceo batt out vcc u3 hm6 28512 16 32 12 11 10 9 8 7 6 5 27 26 23 13 14 15 17 18 19 20 21 3 28 25 4 31 2 30 1 24 29 22 gnd vcc a0a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 i/o0i/o1 i/o2 i/o3 i/o4 i/o5 i/o6 i/o7 a14 a13 a11a12 a15 a16 a17 a18 oe we cs bt1 3v lithium c120.1uf c13 0.1uf u2 hm6 28512 16 32 12 11 10 9 8 7 6 5 27 26 23 13 14 15 17 18 19 20 21 3 28 25 4 31 2 30 1 24 29 22 gnd vcc a0a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 i/o0i/o1 i/o2 i/o3 i/o4 i/o5 i/o6 i/o7 a14 a13 a11a12 a15 a16 a17 a18 oe we cs q3 bss 84 c110.1uf copyright (c) 2003 dallas semiconductor / maxim downloaded from: http:///
                tini-400  tini-400 connector b 3 3 tuesday, february 12, 2002
          int1w local1w nstiffpu vpullup sda sclk a8 nce0 rxd3 p14 nresetin d1 a7 a19 nrstout mdc a16 mdio p33 rxclk a13 npce2 p10 p52 d7 a3 ale a10 nwr nce4 a4 a6 txd0 p15 a5 nea a14 nce1 d2 p16 d3 rxer p66 nce6 rxdv rxd0 a21 p67 npce3 p11 p53 nram1en p12 col p30 txd2 a2 a17 crs txd1 p31 nflashen nce2 p17 d4 txclk a1 rxd1 nce3 a12 p13 nrd a20 d0 a18 local1w p32 npce0 nce5 txd3 p50 a9 npce1 nce7 d5 a15 txen p51 a11 d6 a0 vpullup rxd2 nram2en npsen vcc1 vcc3 vcc3 vbat vcc3 vcc3 j1 dimm144 1 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 2 pin1pin3 pin4 pin5 pin6 pin7 pin8 pin9 pin10pin11 pin12 pin13 pin14 pin15 pin16 pin17 pin18 pin19 pin20 pin21 pin22 pin23 pin24 pin25 pin26 pin27 pin28 pin29 pin30 pin31 pin32 pin33 pin34 pin35 pin36 pin37 pin38 pin39 pin40 pin41 pin42 pin43 pin44 pin45 pin46 pin47 pin48 pin49 pin50 pin51 pin52 pin53 pin54 pin55 pin56 pin57 pin58 pin59 pin60 pin61 pin62 pin63 pin64 pin65 pin66 pin67 pin68 pin69 pin70 pin71 pin72 pin73 pin74 pin75 pin76 pin77 pin78 pin79 pin80 pin81 pin82 pin83 pin84 pin85 pin86 pin87 pin88 pin89 pin90 pin91 pin92 pin93 pin94 pin95 pin96 pin97 pin98 pin99 pin100pin101 pin102 pin103 pin104 pin105 pin106 pin107 pin108 pin109 pin110 pin111 pin112 pin113 pin114 pin115 pin116 pin117 pin118 pin119 pin120 pin121 pin122 pin123 pin124 pin125 pin126 pin127 pin128 pin129 pin130 pin131 pin132 pin133 pin134 pin135 pin136 pin137 pin138 pin139 pin140 pin141 pin142 pin143 pin144 pin2 dn1 bat5 4s r52.2k c140.1uf q1 bss84 c18 0.1uf c15 1.0uf r410k  c1947uf q2 2n7002 y2 32khz c17 0.1uf c164.7uf u9 ds2502 2 1 data gnd u8 ds1672u-33 4 7 5 1 2 6 3 8 gnd rst sda x1x2 scl vbat vcc  c2047uf r610 u7 max1792eua18 2 3 4 8 7 6 5 1 inrst shdn out1out2 set gnd in copyright (c) 2003 dallas semiconductor / maxim downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DSTINIM400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X