Part Number Hot Search : 
F7631 CDRH73 X9221AWS FQP16N15 AOW12N60 ST62P55C MMSZ4700 13000
Product Description
Full Text Search
 

To Download DS3019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  controller DS3019 ? tt electronics plc issue a 07/2018 page 1 tt electronics | roxspur measurement & control 2 downgate drive, shefeld, south yorkshire, s4 8bt, uk |ph: +44 (0) 114 - 244 - 2521 www.telectronics.com | roxspursales@telectronics.com general note tt electronics reserves the right to make changes in product specifcaton without notce or liability. all informaton is subject to tt electronics own data and is considered accurate at tme of going to print. descripton: invensys eurotherm piccolo? controllers ofer precision pid control of temperature and other processes with many advanced features not normally found in this class of controllers. designed to ofer outstanding performance in an afordable package providing a complete soluton for a wide variety of applicatons, this range guarantees extremely easy access to parameterizaton and operaton in a high quality unit. despite their advanced features, the controllers are easy to use and apply and may be customised for ease of operaton. full autotune is provided. the piccolo controller is a high quality and high reliability unit from a world leading manufacturer with global support and service facilites. a 3 year warranty is provided as standard. features: ? outstanding performance ? afordable package ? easy to use ? customisable ? full autotune provided ? high quality and high reliability
controller DS3019 ? tt electronics plc general note tt electronics reserves the right to make changes in product specifcaton without notce or liability. all informaton is subject to tt electronics own data and is considered accurate at tme of going to print. issue a 07/2018 page 2 tt electronics | roxspur measurement & control 2 downgate drive, shefeld, south yorkshire, s4 8bt, uk |ph: +44 (0) 114 - 244 - 2521 www.telectronics.com | roxspursales@telectronics.com features p116 p108 p104 panel size (din) 1/16 1/8 1/14 ip ratng ip65 ip65 display type main: 4 digits lower: secondary 4 digits, amber main 4 digits lower: secondary 4 digits, amber third: 4 digits, amber supply voltage 24v ac/dc 85 - 264v ac 24v ac/dc 85 - 264v ac input type tc, rtd, mv, ma, ct tc, rtd, mv, ma, ct pv accuracy <0.25% <0.25% control types on/of. pid on/of. pid special features energy monitoring, recovery point energy monitoring, recovery point timer functons ramp/soak, delay, sof starter ramp/soak, delay, sof starter analogue ip/op in: 2 out: 1 in: 2 out: 1 digital ip/op in: 2 out: 3 in: 2 out: 4 digital comms modbus rtu C rs485 modbus rtu C rs485 alarm types hi, lo, dev, sensor break, event, heater fail hi, lo, dev, sensor break, event, heater fail industry certfca- tons ce, cul, rohs ce, cul, rohs pc confguraton wizard / itools wizard / itools


▲Up To Search▲   

 
Price & Availability of DS3019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X