1 of 5 041002 features automatically restarts a microprocessor after power failure maintains reset for 150 ms after v cc returns to an in-tolerance condition reduces need for discrete components precision temperature-compensated voltage reference and voltage sensor low-cost to-92 or space saving surface mount sot-23 packages available push-pull output for low current operation operating temperature -40c to +85c pin assignment pin description to-92 1 rst active low reset output 2 v cc power supply 3 gnd ground sot-23 1 rst active low reset output 2 v cc power supply 3 gnd ground description the ds1810 econoreset uses a precisi on temperature reference and comparator circuit to monitor the status of the power supply (v cc ). when an out-of-tolerance condition is detected, an internal power-fail signal is generated which forces reset to the active state. when v cc returns to an in-tolerance condition, the reset signal is kept in the active state for approximately 150 ms to allow the power supply and processor to stabilize. ds1810 5v econoreset with push-pull output www.maxim-ic.com 12 3 top view sot-23 package see mech. drawings section on website 1 2 3 1 2 3 bottom view to-92 package see mech. drawings section on website dallas ds1810 econo reset downloaded from: http:///
ds1810 2 of 5 operation - power monitor the ds1810 provides the function of detecting out-of- tolerance power supply conditions and warning a processor-based system of impending power failure. when v cc is detected as out-of-tolerance, the rst signal is asserted. on power-up, rst is kept active for approximately 150 ms after the power supply has reached the selected tolerance. this allows the power supply and microprocessor to stabilize before rst is released. block diagram (push-pull output) figure 1 application example figure 2 output valid conditions all versions of the ds1810 can mainta in a valid output as long as v cc remains above 1.2 volt. however, the rst outputs on the ds1810 use a push-pull structure which can maintain a valid output below 1.2 volts on an input. to sink current below 1.2 volts, a resistor can be connected from rst to ground (see figure 3). this arrangement will maintain a valid value on the rst outputs even it v cc approaches 0 volts. during both power-up and -down this arrangement will draw current when rst is in the high state. a value of about 100 k should be adequate to maintain a valid condition. downloaded from: http:///
ds1810 3 of 5 application diagram: rst valid to 0 volts vcc on the ds1810 figure 3 timing diagram: power-up figure 4 timing diagram: power-down figure 5 downloaded from: http:///
ds1810 4 of 5 absolute maximum ratings* voltage on v cc pin relative to ground -0.5v to +7.0v voltage on rst relative to ground -0.5v to v cc +0.5v operating temperature -40c to +85c storage temperature -55c to +125c soldering temperature 260c for 10 seconds * this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. recommended dc operating conditions (-40 c to +85 c) parameter symbol min typ max units notes supply voltage v cc 1.2 5.5 v 1 dc electrical characteristics (-40 c to +85 c; v cc =1.2v to 5.5v) parameter symbol min typ max units notes output voltage @ 0-500 a v oh v cc -0.5v v cc -0.1v v 1 output current @ 2.4v i oh 350 a 2 output current @ 0.4v i ol +10 ma 2 operating current v cc < 5.5 i cc 30 40 a 3 v cc trip point (ds1810-5) v cctp 4.50 4.62 4.75 v 1 v cc trip point (ds1810-10) v cctp 4.25 4.37 4.49 v 1 v cc trip point (ds1810-15) v cctp 4.00 4.12 4.24 v 1 output capacitance c out 10 pf ac electrical characteristics (-40 c to +85 c; v cc =1.2v to 5.5v) parameter symbol min typ max units notes reset active time t rst 100 150 300 ms v cc detect to rst t rpd 25 s v cc slew rate (v cctp (max) to v cctp (min)) t f 300 s v cc slew rate (v cctp (min) to v cctp (max)) t r 0n s v cc detect to rst t rpu 100 150 300 ms 4 downloaded from: http:///
ds1810 5 of 5 notes:1. all voltages are referenced to ground. 2. measured with v cc 2.7 volts. 3. measured with rst output open. 4. t r = 5 s. part marking codes a, b, &c represent the device type. 810 - ds1810 811 - ds1811 812 - ds1812 813 - ds1813 815 - ds1815 816 - ds1816 817 - ds1817 818 - ds1818 d represents the device tolerance. a - 5% b - 10% c - 15% d - 20% sot-23 package downloaded from: http:///
|