Part Number Hot Search : 
PN9402 9KXXX Z84C2010 A1744 D5100 RJK03 25D431K 2N50C3
Product Description
Full Text Search
 

To Download DDTA144WCA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ddta (r1 r2 series) ca pnp pre-biased small signal sot-23 surface mount transistor features ? epitaxial planar die construction ? complementary npn types available (ddtc) ? built-in biasing resistors, r1 r2 ? lead, halogen and antimony free, rohs compliant "green" device (notes 1 and 2) mechanical data ? case: sot-23 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020c ? terminal connections: see diagram ? terminals: solderable per mil-std-202, method 208 ? lead free plating (matte tin finish annealed over alloy 42 leadframe). ? marking and date code: see table below & page 4 ? ordering information: see page 4 ? weight: 0.008 grams (approximate) p/n r1 (nom) r2 (nom) marking ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca 1k 2.2k 2.2k 4.7k 4.7k 4.7k 10k 10k 22k 47k 47k 10k 10k 47k 10k 22k 47k 47k 4.7k 47k 10k 22k p02 p05 p06 p09 p10 p11 p14 p15 p18 p21 p22 sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180 0 8 all dimensions in mm a e j l top view m b c h g d d k new duc pro t r1 out b c e r2 3 2 1 in gnd(+) 1 3 2 gnd (+) c b in out e schematic and pin configuration equivalent inverter circuit maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit supply voltage, (3) to (2) v cc -50 v input voltage, (1) to (2) ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca v in +5 to -10 +5 to -12 +5 to -12 +7 to -20 +6 to -30 +5 to -30 +6 to -40 +10 to -30 +10 to -40 +15 to -40 +10 to -40 v output current ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca i o -100 -100 -100 -100 -100 -100 -70 -100 -50 -30 -30 ma output current all i c (max) -100 ma notes: 1. no purposefully added lead. halogen and antimony free. 2. product manufactured with data code v9 (week 33, 2008) and newer are built with green molding compound. product manufactured prior to date code v9 are built with non-green molding compound and may contain halogens or sb 2 o 3 fire retardants. ds30334 rev. 7 - 2 1 of 4 www.diodes.com ddta (r1 r2 series) ca ? diodes incorporated
ds30334 rev. 7 - 2 2 of 4 www.diodes.com ddta (r1 r2 series) ca ? diodes incorporated new product thermal characteristics characteristic symbol value unit power dissipation p d 200 mw thermal resistance, junction to ambient air (note 3) r ja 625 c/w operating and storage temperature range t j , t stg -55 to +150 c notes: 3. mounted on fr4 pc board with recommended pad layout at http://www.di odes.com/datasheets/ap02001.pdf. electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition input voltage ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca v l(off) -0.3 -0.3 -0.5 -0.3 -0.3 -0.5 -0.3 -0.8 -0.4 -1.0 -0.8 ? ? v cc = 5v, i o = 100 a input voltage ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca v l(on) ? ? -3.0 -3.0 -1.1 -2.5 -1.3 -1.3 -1.4 -3.0 -2.5 -5.0 -4.0 v v o = -0.3v, i o = -20ma v o = -0.3v, i o = -20ma v o = -0.3v, i o = -5ma v o = -0.3v, i o = -20ma v o = -0.3v, i o = -3ma v o = -0.3v, i o = -5ma v o = -0.3v, i o = -1ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma output voltage v o(on) ? -0.1 -0.3 v i o /i l = -5ma/-0.25ma ddta123jca i o /i l = -5ma/-0.25ma ddta143zca i o /i l = -5ma/-0.25ma ddta114yca i o /i l = -10ma/-0.5ma all others input current ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca i l ? ? -7.2 -3.8 -3.6 -1.8 -1.8 -1.8 -0.88 -0.88 -0.36 -0.16 -0.16 ma v i = -5v output current i o(off) ? ? -0.5 a v cc = -50v, v i = 0v dc current gain ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca g l -33 -33 -80 -30 -68 -80 -68 -24 -68 -33 -56 ? ? ? v o = -5v, i o = -10ma input resistor tolerance r 1 -30 ? +30 % ? resistance ratio tolerance r 2 /r 1 -20 ? +20 % ? gain-bandwidth product* f t ? 250 ? mhz v ce = -10v, i e = 5ma, f = 100mhz * transistor - for reference only
typical curves ?ddta123jca -50 050 100 150 250 200 150 50 100 0 t , ambient temperature ( c) fig. 1 derating curve a p , p o we r dissi p a t i o n (mw) d 0.001 0.01 0.1 1 0 10 20 30 40 50 v, c o lle c t o r emi t t e r saturation voltage (v) ce(sat) i , collector current (ma) fig. 2 v vs. i c ce(sat) c i/i = 10 cb t = -25c a t = 75c a t = 25c a 10 1,000 100 11 0 h, d new product 1 0 0 c c u r r e n t g ai n fe i , collector current (ma) fig. 3 dc current gain c 0 2 4 6 12 0 20 30 c , c a p a c i t a n c e (p f ) ob v , reverse bias voltage (v) fig. 4 output capacitance r 10 5 15 25 8 10 i = 0v e f = 1mhz 0.001 0.01 1 10 100 0 1 234 89 10 i, c o lle c t o r c u r r en t (ma) c v , input voltage (v) fig. 5 collector current vs. input voltage in 5 67 0.1 v = 5v o t = 75c a 0.1 1 10 010203040 i , collector current (ma) fig. 6 input voltage vs. collector current c 50 v = 0.2v o v , input voltage (v) in ds30334 rev. 7 - 2 3 of 4 www.diodes.com ddta (r1 r2 series) ca ? diodes incorporated
ordering information (note 4) device packaging shipping ddta113zca-7-f sot-23 3000/tape & reel ddta123yca-7-f sot-23 3000/tape & reel ddta123jca-7-f sot-23 3000/tape & reel ddta143xca-7-f sot-23 3000/tape & reel ddta143fca-7-f sot-23 3000/tape & reel ddta143zca-7-f sot-23 3000/tape & reel ddta114yca-7-f sot-23 3000/tape & reel ddta114wca-7-f sot-23 3000/tape & reel ddta124xca-7-f sot-23 3000/tape & reel ddta144vca-7-f sot-23 3000/tape & reel DDTA144WCA-7-F sot-23 3000/tape & reel new product notes: 4. for packaging details, go to our website at http://www.di odes.com/datasheets/ap02007.pdf. marking information xxx ym xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september date code key year 2004 2005 2006 2007 2008 2009 2010 2011 2012 code r s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated. ds30334 rev. 7 - 2 4 of 4 www.diodes.com ddta (r1 r2 series) ca ? diodes incorporated


▲Up To Search▲   

 
Price & Availability of DDTA144WCA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X