Part Number Hot Search : 
EG8306 2A710 60H3A2H SCL5604 E220A AN6612S ACTR433T S00DC13
Product Description
Full Text Search
 

To Download BYV28-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low cost diffus ed junction low leakage low forward voltage drop high current capability mechanical data case: jedec do-27,molded plastic terminals: axial lead ,solderable per mil- std-202,method 208 polarity: color band denotes cathode weight: 0.041 ounces,1.15 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. s i ngle p h a s e , half w a v e , 5 0 h z , r e s i s t i v e or i n d u c t i v e l o ad. f o r c a p a c i t i v e l o a d , d e r a t e by 20 % . byv28 -50 byv28 -150 byv28 -200 byv28 -300 byv28 -400 byv28 -600 units maximum recurrent peak reverse voltage v r r m 50 1 5 0 2 0 0 3 0 0 4 0 0 6 0 0 v max imum rms v oltage v rms 35 105 140 210 280 420 v max imum dc bloc king v oltage v dc 50 150 200 300 400 600 v maximum average forw ard rectified current 9.5mm lead length, @t a =75 peak forw ard surge current 10ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ i f =i f ( av ) v f 1.25 v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 maximum reverse recovery time (note1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating junction temperature range t j storage temperature range t stg 5.0 1.05 1.02 100 3.5 3.0 byv28-50 (z) - - - byv28-600 (z) s u pe r f a s t r e c t i f i e r s v o l t a g e r a n g e : 5 0 --- 60 0 v current: 3.5, 3.0 a 3. thermal resistance f rom junction to ambient. a 90.0 i r i fsm note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. 100.0 a - 55 ----- + 150 2. measured at 1.0mhz and applied rev erse v oltage of 4.1v dc. do - 2 7 a easily cleaned with alcohol,isopropanol and s im ilar s olvents 70 100 maximum ratings and electrical characteristics byv28 -100 - 55 ----- + 150 i f(av) 25 50 75 100 dimensions in millimeters www.diode.kr diode semiconductor korea
amperes amperes ambient temperature, average forward current instantaneous forward current fi g. 5-- peak forword surge current reverse voltage, volts peakforwordsurgecurrent junction capacitance, pf amperes number of cycles at 60h z b yv 2 8 - 5 0 (z) - b yv 2 8 - 6 0 0 (z) fi g. 1 -- test ci rcui t di agram and reverse recovery ti me characteri sti c instantaneous forward voltage, volts fi g. 4 -- typi cal juncti on capaci tance s e t t i m e b a s e f o r 1 0 n s / c m notes:1.rise time = 7ns max.input impedance =1m . 22pf. jjjj 2.rise time =10ns max.so urce impedance=50 . fi g. 2 -- typi cal forward characteri sti c fi g. 3 -- forward derati ng curve pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) -1.0a - 0 . 25a 0 + 0 . 5 a t rr 1cm 0 . 6 0 . 1 0 . 2 0 . 8 1 . 0 0 . 4 1 . 0 2 . 0 4 . 0 40 20 100 10 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 byv28-50 - byv28-200 t j =25 pulse width=300 s byv28-600 byv28-300 - byv28-400 t j =25 f=1.0mhz 10 20 40 100 200 400 1000 0.1 0.2 0.4 1 2 4 10 40 100 20 1 . 0 2 . 0 0 single phase half wave 60h z resistive or inductive load 0.375"(9.5mm)lead length 250 3 . 0 4.0 3 . 5 1 . 5 2 . 5 50 100 150 200 byv28-600 byv28-50 - byv28-400 8.3ms single half sine-w ave 1 2 5 10 2 0 50 100 50 60 70 80 90 40 100 www.diode.kr diode semiconductor korea


▲Up To Search▲   

 
Price & Availability of BYV28-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X