Part Number Hot Search : 
26000 MOC30 P4SMA75 SAA7185B UPD78064 FM24V1 HD74HC LL103A
Product Description
Full Text Search
 

To Download BU2508DF-1200V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors bu2508df d escription with to-3pfa package high voltage,high speed built-in damper diode applications for use in horizontal deflection circuits of colour tv pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1200 v v ceo collector-emitter voltage open base 700 v i c collector current (dc) 8 a i cm collector current (pulse) 15 a i b base collector current (dc) 4 a i bm base current (pulse) 6 a p tot total power dissipation t c =25 45 w t j junction temperature 150 t stg storage temperature -65~150 downloaded from: http:///
savantic semiconductor product specification 2 silicon npn power transistors bu2508df characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma ;i b =0,l=25mh 700 v v ebo emitter-base breakdown voltage i e =600ma ;i c =0 7.5 13.5 v v cesat collector-emitter saturation voltage i c =4.5a ;i b =1.12a 1.0 v v besat base-emitter saturation voltage i c =4.5a ;i b =1.7a 1.1 v i ces collector cut-off current v ce =bv ces; v be =0 t j =125 1.0 2.0 ma i ebo emitter cut-off current v eb =7.5v; i c =0 227 ma h fe-1 dc current gain i c =1a ; v ce =5v 13 h fe-2 dc current gain i c =4.5a ; v ce =1v 4 5.5 7.0 v f diode forward voltage i f =4.5a 1.6 2.0 v c c collector capacitance i e =0; f=1mhz;v cb =10v 80 pf downloaded from: http:///
savantic semiconductor product specification 3 silicon npn power transistors bu2508df package outline fig.2 outline dimensions (unindicated tolerance:0.30mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BU2508DF-1200V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X