Part Number Hot Search : 
TC1766 41010 XN06543 D27C4001 100MA 24006 87006 DG418LDY
Product Description
Full Text Search
 

To Download BR236D-15KXX-48V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  br236d miniature 25 amps 3pdt magnetic latching to mil - prf - 6106 dc suppressed coils specifications general contact arrangement .......................... 3pdt (3 form c) magnetic latching weight ................................................... ....... 3.0 oz approx. designed to meet the requirements of mil - prf - 6106 performance contact rating (note 1): resistive ................................... 25 amps @ 28 vdc or 115/208v 400 hz (case grounded) inductive ........................ 15 amps @ 115/208v 400 hz (case grounded) 12 amps @ 28 vdc (case grounded) motor ......................................... 10 amps @ 28 vdc or 115/208v 400 hz (case grounded) lamp .......................................... 5 amps @ 28 vdc or 115/208v 400 hz (case grounded) life ....................... 50,000 operations minimum @ rated resistive load, 125 o c latch/reset power .................................. 500 mw approx. latch/reset time: dc coil ac coil 15 ms max 50 ms max excluding bounce time at nominal coil voltage contact bounce time ....................................... 1 ms max @ rated contact load, 28 vdc contact voltage drop : before life ............................. 150 mv max @ 25 amps and 6 vdc after life ................................ 175 mv max @ 25 amps and 6 vdc environmental temperature range ............................... - 70 o c to +125 o c vibration (note 2) .............................. 0.12" da 10 - 70 hz 30 g's 70 - 3,000 hz shock (operating) (note 2) ......................... 200 g's 6 ms electrical characteristics duty cycle ................................................... ..... continuous insulation resistance ............................... 100 megohms @ 500v 25 o c dielectric strength: sea level: contact to case ................................... 1,250 vrms contact to coil ..................................... 1,250 vrms coil to case ......................................... 1,000 vrms across open contacts ........................ 1,250 vrms 80,000 feet: all points ................................................. 350 vrms notes: 1. for other ratings consult the factory. 3. ac coil line frequency 50 to 400 hz . 2. for applications requiring higher shock and vibration, consult the factory. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000 rev. 4 downloaded from: http:///
---------------------------------------------------------- relay type ------------------------------------------- nominal coil resistance -------------------------------- terminal style ------------------------- mounting type --------------- nominal coil voltage br236 - 450 c 2 - 28v br236d coil data: model br236d part number br236d - 28()() - 6v br236d - 112()() - 12v br236d - 450()() - 28v br236d - 1500()() - 48v (note 3) nominal coil voltage 6 vdc 12 vdc 28 vdc 48 vdc maximum coil voltage 8 vdc 15 vdc 29 vdc 59 vdc latch/re set voltage (max @ +125 o c) 4.5 vdc 9 vdc 18 vdc 36 vdc latch/reset voltage (max) 3 vdc 6 vdc 13 vdc 24 vdc coil resistance 10% @ 25 o c 28 ohms 112 ohms 450 ohms 1500 ohms schematic terminal view terminal styles mounting codes general notes unless otherwise specified, all tests made at nomin al coil voltages, @ 25 o c. for special coil variati ons, switching configurations, terminals styles and mounting types, consult the fa ctory. unless otherwise specified, tolerances on decimal dimensions are .010". specifications contained herein are subject to chan ge without notice. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000 rev. 4 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BR236D-15KXX-48V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X