Part Number Hot Search : 
CES2307 M3H71FBD NCHA6KAA EMD62T2R GAL20V8 CY8C24 APA2718 BG160128
Product Description
Full Text Search
 

To Download BD6222HFP-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc brush motor drivers (18v max) bd62 2x xx series general description these h - bridge drivers are full bridge drivers for brush motor applications. each ic can operate at a power supply voltage range of 6 v to 15 v, with output currents of up to 2a. mos transistors in the output stage allow pwm speed control. the integrated vref voltage control function allows direct replacement of d iscontinued motor driver ics. these highly efficient h - bridge driver ics facilita te low - power consumption design. features ? built - in selectable one channel or two channels configuration ? vref voltage setting pin enables pwm duty control ? cross- conduction prevention circuit ? four protection circuits provided : ocp, ovp, tsd and uvlo applic ations vtr; cd/dvd player s; audio - visual equipment ; optical disc drive s; pc peripheral s; oa equipment s key specifications supply voltage range: 18v(max) maximum output current: 0.5a / 1.0a / 2.0a output on - resistance: 1.5 / 1.5 / 1.0 pwm input frequency range: 20khz to 100khz standby current: 0a (typ) operating temperature range: - 40c to +85c packages w (typ) x d(typ) x h(max) sop8 5.00mm x 6.20mm x 1.71mm hsop25 13.60mm x 7.80mm x 2.11mm hrp7 9.395mm x 10.540mm x 2.005mm ordering information b d 6 2 2 x x x x - x x part n umber package packaging and forming specification e2: embossed tape and reel (so p8/hsop25) tr: embossed tape and reel (hrp7) f fp hfp : sop8 : hsop25 : hrp7 lineup v oltage rating (max) channels o utput c urrent (max) package orderable part number 18v 1ch 0.5a sop8 reel of 2 5 00 bd6220f -e2 1.0a sop8 reel of 2 5 00 bd6221f -e2 2.0a hsop25 reel of 2000 bd6222fp - e2 hrp7 reel of 2000 bd6222hfp - tr 2ch 0.5a hsop25 reel of 2000 bd6225fp -e2 1.0a hsop25 reel of 2000 bd6226fp -e2 hrp7 (pd=1.60w) sop8 (pd=0.69w) hsop25 (pd=1.45w) (note) pd : mounted on a 70mm x 70mm x 1.6mm glass - epoxy board. product structure silicon monolithic integrated circuit this product has no designed protection against radioactive rays. 1/ 21 tsz02201 - 0p2p0b300080 -1-2 09.sep.2014 rev.003 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. tsz22111 ? 14 ? 001 datashee t downloaded from: http:///
bd6 2 2x xx series block diagrams / p in configuration s / p in descrip tion s bd6220f/bd6221f fig ure 1. bd6220f / bd6221f fig ure 2. sop8 (top view) bd6222hfp fig ure 3. bd6222hfp figure 4. hrp7 (top view) table 1 bd6220f/bd622 1f pin no. pin name function 1 out1 driver output 2 vcc power supply 3 vcc power supply 4 fin control input (forward) 5 rin control input (reverse) 6 vref duty setting pin 7 out2 driver output 8 gnd ground ( note ) use all vcc pin by the same volta ge. table 2 bd62 2 2hfp pin no. pin name function 1 vref duty setting pin 2 out1 driver output 3 fin control input (forward) 4 gnd ground 5 rin control input (reverse) 6 out2 driver output 7 vcc power supply fin gnd ground out1 vcc vcc fin gnd out2 vref rin vref out1 fin gnd rin out2 vcc 3 2 7 1 4 5 ctrl protect fin rin vcc vcc out1 out2 8 gnd 6 vref duty 7 6 2 3 5 ctrl protect fin rin vcc out1 out2 4 gnd 1 vref duty fin gnd 2/ 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series block diagrams / p in configuration s / p in descrip tion s - continued bd6222fp fig ure 5 . bd6222fp fig ure 6. hsop25 (top view) bd6225fp / bd6226fp fig ure 7. bd6225fp / bd6226fp fig ure 8. hsop25 (top view) table 3 bd6222fp pin no. pin name function 1,2 out1 driver output 6 gnd small signal ground 7,8 rnf power stage ground 12,13 out2 driver output 17 vref duty setting pin 19 rin control input (reverse) 20 fin control input (forward) 21 vcc power supply 22,23 vcc power supply f in gnd ground ( note ) all pins not descri bed above are nc pins. note: use all vcc pin by the same voltage. table 4 bd6225fp/bd6226fp pin no. pin name function 1 out1a driver output 3 rnfa power stage ground 6 out2a driver output 8 gnd small signal ground 9 vrefa duty setting pin 10 rina control input (reverse) 11 fina control input (forward) 12 vcc power supply 13 vcc power supply 14 out1b driver output 16 rn fb power stage ground 19 out2b driver output 20 gnd small signal ground 21 vrefb duty setting pin 22 rinb control input (reverse) 23 finb control input (forward) 24 vcc power supply 25 vcc power supply fin gnd ground ( not e) all pins not descri bed above are nc pins. note: use all vcc pin by the same voltage. out1 out1 gnd nc nc nc gnd rnf rnf nc nc nc out2 out2 nc nc gnd vcc vcc vcc fin rin nc vref nc nc nc 24 25 11 10 ctrl protect fina rina vcc vcc 3 rnfa 9 vrefa duty 1 out1a 6 out2a 20 gnd 12 13 23 22 ctrl protect finb rinb vcc vcc 16 rnfb 21 vrefb duty 14 out1b 19 out2b 8 gnd fin gnd out1a nc gnd rnfa nc nc out2a nc gn d vrefa rina fina vcc vcc vcc vcc gnd finb rinb vrefb gnd out2b nc nc rnfb nc out1b 21 22 12 1 20 19 ctrl protect fin rin vcc vcc out1 out2 8 rnf 17 vref duty 6 gnd 2 13 7 23 fin gnd 3/ 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series absolute maximum ratings (ta=25c , all voltages are with respect to ground ) parameter symbol rating unit supply voltage v cc 18 v output current i omax 0.5 (note 1) / 1.0 (note 2) / 2.0 (note 3) a all other input pins v in - 0.3 to v cc v operating temperature t opr - 40 to +85 c storage temperature tstg - 55 to +150 c power dis sipation pd 0.68 (note 4) / 1.6 (note 5) / 1.4 (note 6) w junction temperature t jmax 150 c (note 1) bd6220 / bd6225. do not exceed pd or aso. (note 2) bd6221 / bd6226. do not exceed pd or aso. (note 3) bd6222. do not exceed pd or aso. (note 4) sop8 pack age. mounted on a 70mm x 70mm x 1.6mm glass - epoxy board. derate by 5.5mw/c for ta above 25c. (note 5) hrp7 package. mounted on a 70mm x 70mm x 1.6mm glass - epoxy board. derate by 12.8mw/c for ta above 25c. (note 6) hsop25 package. mounted on a 70mm x 70 mm x 1.6mm glass - epoxy board. derate by 11.6mw/c for ta above 25c. caution: operating the ic over the absolute maximum ratings may da mage the ic. the damage can either be a short circuit between pins or an open circuit between pins and the internal circuitry. therefore, it is importa nt to consider circuit protection measures, such as adding a fus e, in case the ic is operated o ver the absolute maximum ratings. recommended operating conditions (ta=25c) parameter symbol rating unit supply voltage v cc 6 to 15 v vref voltage v ref 3 to 15 v electrical characteristics (unless otherwise specified, ta=25c and v cc =v ref =12v) parameter symbol limit limit conditions min typ m ax supply current (1ch) i cc 0.8 1.3 2.5 ma forward / reverse / brake supply curre nt (2ch) i cc 1.3 2.0 3.5 ma forward / reverse / brake stand - by current i stby - 0 10 a stand - by input high voltage v ih 2.0 - - v input low voltage v il - - 0.8 v input bias current i ih 30 50 100 a v in =5.0v output on - resistance (note 7) r on 1.0 1.5 2 .5 ? i o ut =0.25a , vertically total output on - resistance (note 8) r on 1.0 1.5 2.5 ? i o ut =0.5a , vertically total output on - resistance (note 9) r on 0.5 1.0 1.5 ? i o ut =1.0a , vertically total vref bias current i vref - 10 0 + 10 a v ref = v cc carrier frequency f pwm 20 25 35 khz v ref =9v i nput frequency range f max 20 - 100 khz fin / rin (note 7) bd6220 / bd6225 (note 8) bd6221 / bd6226 (note 9) bd6222 4/ 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series typical performance curves (reference data) fig ure 12 . input bias current vs input voltage 0 100 200 300 400 0 6 12 18 input voltage: vin [v] input bias current: iih [a] _ 85c 25c - 40c input voltage : v in [v] input bias current : i ih [a] fig ure 10 . supply current vs supply voltage (2ch) 1.0 1.5 2 .0 2.5 6 9 12 15 18 supply voltage: vcc [v] circuit current: icc [ma] 85c 25c - 40c supply voltage : v cc [v] supply current : i cc [ma] fig u re 9. supply current vs supply voltage (1ch) 0.5 1.0 1.5 2.0 6 9 12 15 18 supply voltage: vcc [v] circuit current: icc [ma] 85c 25c -40c supply voltage : v cc [v] supply current : i cc [ma] fig ure 11 . internal logic vs input voltage (input threshold voltage ) -0.5 0.0 0 .5 1.0 1.5 1 1.2 1.4 1.6 1.8 2 input voltage: vin [v] internal logic: h/l [-] _ -40c 25c 85 c -40c 25c 85 c input vo ltage : v in [v] 5/ 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series t ypical performance curves (reference data) C continued fig ure 14 . switching duty vs input voltage (v cc =12v) 0.0 0.2 0.4 0 .6 0.8 1.0 0 0.2 0.4 0.6 0.8 1 input voltage: v ref / v cc [v] switching duty: d [ton/t] _ -40c 25c 85c input voltage : v ref / v cc [v] oscillation frequency: f pwm [khz] fig ure 16 . internal signal vs supply voltage ( under voltage lock out ) 0 3 6 9 4 4.5 5 5.5 6 supply voltage: v cc [v] internal signal: release [v] _ 85c 25c - 40c supply voltage : v cc [v] internal signal: release [v] fig ure 15 . oscillation frequency vs supply voltage (vcc- carrier frequency ) 10 20 30 40 6 9 12 15 18 supply voltage: v cc [v] oscillation frequency: f pwm [khz] 85c 25c -40c supply voltage : v cc [v] oscillation frequency : f pwm [khz] fig ure 13 . vref input bias current vs input voltage - 10 -5 0 5 10 0 6 12 18 - 40c 25c 85c input voltage : v ref [v] input bias current : i vref [a] 6/ 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series typical performance curves (reference data) C continued fig ure 18 . internal logic vs juncti on temperature ( thermal shutdown ) -0.5 0.0 0.5 1.0 1.5 125 150 175 200 junction temperature: t j [c] internal logic: h/l [-] junc tion temperature : tj [c] fig ure 19 . internal logic vs load current ( over - current protection , h side) -0.5 0.0 0.5 1.0 1.5 2 2.5 3 3.5 4 load current / iomax: normalized internal logic: h/l [-] 85c 25c -40c load current / i o max : normalized fig ure 20 . internal logic vs load current ( over - current protection , l side) -0.5 0.0 0.5 1.0 1.5 1 1.25 1.5 1.75 2 load current / iomax: normalized internal logic: h/l [-] 85c 25c -40c load current / i o max : normalized fig ure 17 . internal signal vs supply voltage (over voltage protection ) 0 7 14 21 28 35 20 24 28 32 supply voltage: v cc [v] internal signal: release [v] -40c 25c 85c supply voltage : v cc [v] internal signal : release [v] 7/ 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series typical performance curves (reference data) C continued output voltage: v cc -v out [v] output voltage: v cc -v out [v] fig ure 22 . output high voltage vs output current (bd6221/26) 0 0.2 0 .4 0.6 0.8 0 0.2 0.4 0.6 0.8 1 output current: i out [a] output voltage: v cc -v out [v] 85c 25c - 40c out put current : i out [a] output voltage : v cc -v out [v] fig ure 21 . output high voltage vs output current (bd6220/25) 0 0.1 0 .2 0.3 0.4 0 0.1 0.2 0.3 0.4 0.5 output current: i out [a] output voltage: v cc -v out [v] 85c 25c - 40c output current : i out [a] output voltage : v cc -v out [v] fig ure 24 . output voltage vs output current ( high side body diode , bd6220/25) 0 0.5 1 1 .5 2 0 0.1 0.2 0.3 0.4 0.5 output current: i out [a] output voltage:v cc- v out [v] -40c 25c 85 c output current : i out [a] output voltage : v cc -v out [v] fig ure 23 . output high voltage vs output current (bd6222) 0 0.1 0.2 0.3 0.4 0 0.1 0.2 0.3 0.4 0.5 output current: i out [a] output voltage: v cc -v out [v] 85c 25c -40c output current : i out [a] output voltage : v cc -v out [v] 8/ 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series typical performa nce curves (reference data) C continued fig ure 28 . output low voltage vs output curren t (bd6221/26) 0 0.3 0 .6 0.9 1.2 0 0.2 0.4 0.6 0.8 1 output current: i out [a] output voltage: v out [v] 85c 25c - 40c output current : i out [a] output voltage : v out [v] fig ure 27 . output low voltage vs output current (bd6220/25) 0 0.1 0.2 0.3 0.4 0 0.1 0.2 0.3 0.4 0.5 output current: i out [a] output voltage: v out [v] 85c 25c -40c output current : i out [a] output voltage : v out [v] fig ure 26 . output voltage vs output current ( high side body diode , bd6222) 0 0.5 1 1 .5 2 0 0.4 0.8 1.2 1.6 2 output current: i out [a] output voltage:v cc- v out [v] -40c 25c 85 c output current : i out [a] o utput voltage : v cc -v out [v] fig ure 25 . output voltage vs output current ( high side body diode , bd6221/26) 0 0.5 1 1.5 2 0 0.2 0.4 0.6 0.8 1 output current: i out [a] output voltage:v cc- v out [v] -40c 25c 85c output current : i out [a] output voltage : v cc -v out [v] 9/ 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series typical performance curves (reference data) C continued fig ure 31 . output voltage vs output current ( low side body diode , bd6221/26) 0 0.5 1 1 .5 2 0 0.2 0.4 0.6 0.8 1 output current: i out [a] output voltage: vout [v] -40c 25c 85 c output current : i out [a] output voltage : v out [v] fig ure 32 . output voltage vs output current ( low side body diode , bd6222) 0 0.5 1 1.5 2 0 0.4 0.8 1.2 1.6 2 output current: i out [a] output voltage: vout [v] -40c 25c 85c output current : i out [a] output voltage : v out [v] fig ure 30 . output voltage vs output current ( low side body diode , bd6220/25) 0 0.5 1 1 .5 2 0 0.1 0.2 0.3 0.4 0.5 output current: i out [a] output voltage: vout [v] -40c 25c 85 c output curren t : i out [a] output voltage : v out [v] fig ure 29 . output low voltage vs output current (bd6222) 0 0.3 0.6 0.9 1.2 0 0.4 0.8 1.2 1.6 2 output current: i out [a] output voltage: v out [v] 85c 25c -40c output current : i out [a] output voltage : v out [v] 10 / 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series application information 1. description of functions (1) operation modes table 5 log ic table mode fin rin vref out1 out2 operation a l l x hi -z (note) hi -z (note) stand - by (idling) b h l vcc h l forward (out1 > out2) c l h vcc l h reverse (out1 < out2) d h h x l l brake (stop) e pwm l vcc h pwm __________ forward (pwm control mode a ) f l pwm vcc pwm __________ h reverse (pwm control mode a) g h pwm vcc pwm __________ l forward (pwm contr ol mode b ) h pwm h vcc l pwm __________ reverse (pwm control mode b) i h l option h pwm __________ forward ( vref control) j l h option pwm __________ h reverse (vref control) (note) hi - z : all output transistors are off. please note that this is the state of the connected diodes , which differs from that of the mechanical relay. x : don t care mode (a) stand - by mode stand - by operates independently with the vref pin voltage. in stand - by mode, all internal circuits are turned off, including the output power transistors. m otor output goes to high impedance state. when the system is switched to stand - by mode while the motor is running, the system enters an idling state because of the body diodes . however, when the system switches to stand - by from any other mode (except the brake mode ) , the control logic remain in the high state for at least 50 s before shut ting do wn all circuits. mode (b) forward mode this operating mode is defined as the forward rotation of the motor when out1 pin is high and out2 pin is low. when the motor is connected between out1 and out2 pin s , the current flows from out1 to out2. to operat e i n this mode, connect the vref pin to the vcc pin. mode (c) reverse mode this operating mode is defined as the reverse rotation of the motor when out1 pin is low and out2 pin is high . when the motor is connected between the out1 and out2 pin s , the current flows from out 2 to out 1 . to operat e in this mode, connect the vref pin to the vcc pin. mode (d) brake mode this operating mode is used to quickly stop the motor (short circuit brake). it differs from the stand - by mode b ecause the internal control circuit is operat ing in the brake mode. please switch to stand - by mode (rather than the brake mode) to save power and reduce consumption. (a) stand - by mode (b) forward mode (c) reverse mode (d) brake mode figure 33. four basic operations (output stag e) m on off off on m off on on off m off on off on off off off off m 11 / 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series mode (e),(f) pwm control mode a the rotational speed of the motor can be controlled by the duty cycle of the pwm signal fed to the fin pin or the rin pin. in this mode, the high side output is fixed and the low side output is switching , c orresponding to the input signal. the state of the output toggles between "l" and "hi - z". the frequency of the input pwm signal can be between 20khz and 100khz. the circuit may not operate properly for pwm frequencies below 20khz and above 100khz. note that control may not be at tained by switching on duty at frequencies lower than 20khz, since the operation functions via the stand - by mode. to operate in this mode, connect the vref pin to the vcc pin. in addition, establish a current path for t he recovery current from the motor, by connect ing a bypass capacitor (10 f or higher is recommended) between vcc and ground. control input : h control input : l figure 34. pwm control mode a operation (output stage) figure 35. pwm control mode a operation (timing chart) mode (g),(h) pwm control mode b the rotational speed of the motor can be controlled by the duty cycle of the pwm signal fed to the fin pin or the rin pin. in this mode, the low side output is fixed and the high side output is switching , c o rresponding to the input signal. the state of the output toggles between "l" and "h". the frequency of the input pwm signal can be between 20khz and 100khz. the circuit may not operate properly for pwm frequencies below 20khz and above 100khz. to operate in this mode, connect the vref pin to the vcc pin. in addition, establish a current path for the recovery current from the motor, by connect ing a bypass capacitor (10 f or higher is recommended) between vcc and ground. control input : h control input : l figure 36. pwm control mode b operation (output stage) figure 37. pwm control mode b operation (timing chart) f i n rin out1 out2 f i n rin out1 out2 m on off off on m on off off off m on off off on m on off off off 12 / 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series mode (i),(j) vref control mode the built - in vref duty cycle conversion circuit provides a duty cycle corresponding to the voltage of the vref pin and the vcc voltage. the function offers the same level of control as the high voltage output setting function in previous modes. the duty cycle is calculated by the following equation. [ ] [ ] v v v v duty cc ref / for example , if vc c voltage is 12 v and vref pin voltage is 9 v, the duty cycle is about 75 percent. however, please note that the duty cycle might be limited by the range of the vref pin voltage (refer to the r ecommended operating conditions, shown on page 4 ). the pwm carrie r frequency in this mode is 25khz (nominal), and the switching operation is the same as the pwm control modes. when operating in this mode, do not input a pwm si gn al to the fin an d rin pins. in addition, establish a current path for the recovery current from the motor, by connecting a bypass capacitor (10 f or more is recommended) between vcc and ground. figure 38. vref control operation (timing chart) (2) cross- conduction protection circuit in the full bridge output stage, when the upper and lower transistors are turned on at the same time during high to low or low to high transition, a n inrush current flows from the power supply to ground, resulting to a loss . this circuit eliminates the inrush current by providing a dead time (about 400ns, nominal) during the transition . (3) output protection circuits (a) under voltage lock out (uvlo) circuit to ensure the lowest power supply voltage necessary to operate the controller , and to prevent under voltage ma lfunction s , a uvlo circuit has been built into th is driver . when t he power supply voltage falls to 5.0v (nominal) or below , the controller forces all driver outputs to high impedance state. when the voltage rises to 5.5v (nominal) or above , the uvlo circuit ends the lockout operation and returns the chip to its normal operation. (b) over voltage protection (ovp) circuit when the power supply voltage exceeds 30 v (nominal), the controller forces all driver outputs to high impedance state. the ovp circuit is released and its operation ends when the voltage drop s back to 25 v (nominal) or below . this protection circuit does not work in the stand - by mode. also , note that this circuit is supplementary, and thus if it is asserted, the absolute maximum rating will have been exceeded. therefore, do not continue to use the ic after this circuit is activated, and do not operate the ic in an environment where activation of the circuit is assumed. (c) thermal shutdown (tsd) circuit the tsd circuit operates when the junction temperature of the driver exceeds the preset temperature (175c nominal). at this time, the controller forces all driver outputs to high impedance state. since thermal hysteresis is provided by the tsd circuit, the chip returns to its normal operation when the junction temperatur e falls below the preset temperature (150c nominal). thus, it is a self - resetting circuit. the tsd circuit is designed only to shut the ic off to prevent thermal runawa y. it is not designed to protect the ic or guarantee its operation in the presence of extreme heat. do not continue to use the ic after the tsd circuit is activated, and do not operate the ic in an environment where activation of the circuit is assumed. vcc vref f i n rin out1 out2 0 13 / 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series (d) over current protection (ocp) circuit to protect this driver ic from ground fault s , power supply line fault s and load short circuit s , the ocp circuit monitors the output current for the circuit s monitoring time (10 s, nominal) . when the protection circuit detects an over current, the controller forces all driver outputs to high impedance state during the off time (290 s, nominal). the ic returns to its normal operation after the off time period has elapsed (self- retur n ing type). at the two channels type, this circuit works independently for each channel. figure 39. over - current protection (timi ng chart) i/o equivalent circuits figure 40. fin / rin figure 41. vref figure 42. out1 / out2 figure 43. out1 / out2 (sop8/hrp7) (hsop25) fin vcc rin 100k 100k vref vcc 10k out1 out2 vcc gnd vcc out1 out2 rnf gnd threshold iout ct rl input internal status mon itor / timer 0 off on mon. off timer on i out 14 / 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series operational notes 1. reverse c onnection of p ower s upply connectin g the power supply in reverse polarity can damage the ic. take pr ecautions against reverse polarity when connecting the power supply, such as mounting an external diode between the power supply and the ic s power supply pin s. 2. power s upply l ines design the pcb layout pattern to provide low impedance supply lines. s eparate the ground and supply lines of the digital and analog blocks to prevent noise in the ground and supply lines of the digital block from affecting the analog block . furthermore, connect a capacitor to ground at all power supply pins . consider the effect of temperature and aging on the capacitance value when using electrolytic capacitors. 3. g round voltage ensure that no pins are at a voltage below that of the ground pin at any time, even during transient condition. 4. g round w iring p attern when using both small - signal and large - current ground traces, the two ground traces should be routed separately but connected to a single ground at the reference point of the application board to avoid fluct uations in the small - signal ground caused by large currents. also ensure that the ground traces of external c omponents do not cause variations on the ground voltage. the ground lines must be as short and thick as possible to reduce line impedance. 5. thermal c on sideration should by any chance the power dissipation rating be exceeded the rise in t emperature of the chip may result in deterioration of the properties of the chip. in case of exceeding this absolute maximum rating, increase the board size and copper area to prevent exceeding the pd rating. 6. recommended o perating c onditions these conditions represent a range within which the expected characteristics of the ic can be approximately obtained . the electrical characteristics are guaranteed under the conditions of each parameter . 7. inrush current when power is first supplied to the ic, it is possible that the internal logic may be unstable and inru sh current may flow instantaneously due to the internal powering sequence and delays, especi ally if the ic has more than one power supply. therefore, give special consideration to power coupling capaci tance, power wiring, width of ground wiring, and routing of connections. 8. operation u nder s trong e lectromagnetic f ield operating the ic in the presence of a strong electromagnetic field may cause the ic to malfunction . 9. testing on a pplication b oards when testing the ic on an application board, connecting a capacitor directly to a low - impedance output pin may subject the ic to stress. always discharge capacitors completely after each process or st ep. the ics power supply should always be turned off completely before connecting or removing it from the test setup during the inspect ion process. to prevent damage from static discharge, ground the ic during assembly and use similar precautions during transport and storage. 10. inter - pin short and mounting errors ensure that the direction and position are correct when mounting the ic on the p cb. incorrect mounting may result in damaging the ic. avoid nearby pins being shorted to each other especially to ground, power supply and output pin . inter - pin shorts could be due to many reasons such as metal particles, water droplets (in very humid environment) and unintentional solder bridge deposited in between pins during assembly to name a f ew. 11. unused input pins input pins of an ic are often connected to the gate of a mos transistor. the gate has extremely high impedanc e and extremely low capacitance. if left unconnected, the electric field from the outside can easily charge it. the small ch arge acquired in this way is enough to produce a significant effect on the conduction through the transistor and cause unexpected operation of the ic. so unless otherwise specified, unused input pins should be connected to the power supply or ground line. 15 / 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series operational notes C continued 12. regarding the i nput p in of the ic this monolithic ic contains p+ isolation and p substrate layers between adjacent elements i n order to keep them isolated. p - n junctions are formed at the intersection of the p layers with the n l ayers of other elements, creating a parasitic diode or transistor. for example (refer to figure below): when gnd > pin a and gnd > pin b, the p - n junction operates as a parasitic diode. when gnd > pin b, the p - n junction operates as a parasitic tran sistor. parasitic diodes inevitably occur in the structure of the ic. the operation of parasitic diodes can result in mutual interference among circuits, operational faults, or physical damage. therefore , conditions that cause these diodes to operate, such as applying a voltage lower than the gnd voltage to an input pin (and thus to the p substr ate) should be avoided. fig ure 44. example of monolithic ic structure 13. area of safe operation (aso) operate the ic such that the output voltage, output current, and power diss ipation are all within the area of safe operation (aso). 14. power supply lines 2 r eturn current generated by the motor s back -emf requires countermeasures , such as providing a return current path by inserting capacitors across the power supply a nd gnd (10 f, ceramic capacitor is recommended) . in this case, it is important to conclusively confirm that none of the negative effects sometimes seen with electrolytic capacitors C including a capacitance drop at low temperatures - occurs. also, the conn ected power supply must have sufficient current absorbing capability. otherwise, the regenerate d current will increase voltage on the power supply line, which may in turn cause problems with the product, including peripheral circuits exceeding the absolute maximum rating. to help protect against damage or degradation, physical safety measures should be t aken, such as providing a voltage clamping diode across the power supply and gnd. 15. capacitor between output and ground if a large capacitor is connected between the output pin and ground pin, current from the charged capacit or can flow into the output pin and may destroy the ic when the vcc or vin pin is shorted to ground or pulled down to 0v. use a capacitor smaller than 10f between output and ground. 16. swit ching noise when the operation mode is in pwm control or vref control, pwm switching noi se may affect the control input pins and cause ic malfunctions. in this case, insert a pull down resistor (10k? is recommended) between each control input pin and groun d. n n p + p n n p + p substrate gnd n p + n n p + n p p substrate gnd gnd parasitic elements pin a pin a pin b pin b b c e parasitic elements gnd parasitic elements c be transistor (npn) resistor n region close-by parasitic elements 16 / 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd6 2 2x xx series marking diagrams part number package part number marking bd6220f sop8 6220 bd6221f sop8 6221 bd6222hfp hrp7 bd6222hfp bd6222fp hsop25 bd6222fp bd6225fp hsop25 bd622 5 fp bd6226fp hsop25 bd622 6 fp hrp 7 (top view) part number marking lot number 1pin mark sop8(top view) part number marking lot number 1pin mark hsop25 (top view) part number marking lot number 1pin mark 17 / 21 tsz02201 - 0p2p0b300080 -1-2 ? 2012 rohm co., ltd. all rights reserved. 09.sep.2014 rev.003 www.rohm.com tsz22111 ? 15 ? 001 downloaded from: http:///
bd622x xx series data s heet physic al dimension, tape and reel information package name sop8 (unit : mm) pkg : sop8 drawing no. : ex11 2- 5001 -1 (max 5.35 (include.burr)) 18 / 21 tsz02201 - 0p2p0b300080 -1-2 09.sep.2014 rev.003 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 downloaded from: http:///
bd622x xx series data s heet physical dimension, tape and reel information - continued package name hsop25 max 1 3.95 (include. burr) unit mm pkg hsop25 drawing: ex139-5001 19 / 21 tsz02201 - 0p2p0b300080 -1-2 09.sep.2014 rev.003 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 downloaded from: http:///
bd622x xx series data s heet physical dimension, tape and reel information - continued package name hrp7 20 / 21 tsz02201 - 0p2p0b300080 -1-2 09.sep.2014 rev.003 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 downloaded from: http:///
bd622x xx series data s heet revision history date revision changes 14.mar.2012 001 new release 25.dec.2012 002 improved the statement in all pages. deleted status of this document in page 16. 06.aug.2014 003 applied the rohm standard style. improved operational notes . 21 / 21 tsz02201 - 0p2p0b300080 -1-2 09.sep.2014 rev.003 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 downloaded from: http:///
datasheet datasheet notice C ge rev.002 ? 2013 rohm co., ltd. all rights reserved. notice precaution on using rohm products 1. our products are designed and manufac tured for application in ordinary elec tronic equipments (such as av equipment, oa equipment, telecommunication equipment, home electroni c appliances, amusement equipment, etc.). if you intend to use our products in devices requiring ex tremely high reliability (such as medical equipment (note 1) , transport equipment, traffic equipment, aircraft/spacecra ft, nuclear power controllers, fuel c ontrollers, car equipment including car accessories, safety devices, etc.) and whose malfunction or failure may cause loss of human life, bodily injury or serious damage to property (specific applications), please consult with the rohm sale s representative in advance. unless otherwise agreed in writing by rohm in advance, rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of any ro hms products for specific applications. (note1) medical equipment classification of the specific applications japan usa eu china class  class  class  b class  class | class  2. rohm designs and manufactures its products subject to strict quality control system. however, semiconductor products can fail or malfunction at a certain rate. please be sure to implement, at your own responsibilities, adequate safety measures including but not limited to fail-safe desi gn against the physical injury, damage to any property, which a failure or malfunction of our products may cause. the following are examples of safety measures: [a] installation of protection circuits or other protective devices to improve system safety [b] installation of redundant circuits to reduce the impact of single or multiple circuit failure 3. our products are designed and manufactured for use under standard conditions and not under any special or extraordinary environments or conditio ns, as exemplified below. accordin gly, rohm shall not be in any way responsible or liable for any damages, expenses or losses arising from the use of an y rohms products under any special or extraordinary environments or conditions. if you intend to use our products under any special or extraordinary environments or conditions (as exemplified below), your independent verification and confirmation of product performance, reliability, etc, prior to use, must be necessary: [a] use of our products in any types of liquid, incl uding water, oils, chemicals, and organic solvents [b] use of our products outdoors or in places where the products are exposed to direct sunlight or dust [c] use of our products in places where the products ar e exposed to sea wind or corrosive gases, including cl 2 , h 2 s, nh 3 , so 2 , and no 2 [d] use of our products in places where the products are exposed to static electricity or electromagnetic waves [e] use of our products in proximity to heat-producing components, plastic cords, or other flammable items [f] sealing or coating our products with resin or other coating materials [g] use of our products without cleaning residue of flux (ev en if you use no-clean type fluxes, cleaning residue of flux is recommended); or washing our products by using water or water-soluble cleaning agents for cleaning residue after soldering [h] use of the products in places subject to dew condensation 4. the products are not subjec t to radiation-proof design. 5. please verify and confirm characteristics of the final or mounted products in using the products. 6. in particular, if a transient load (a large amount of load applied in a short per iod of time, such as pulse. is applied, confirmation of performance characteristics after on-boar d mounting is strongly recomm ended. avoid applying power exceeding normal rated power; exceeding the power rating under steady-state loading c ondition may negatively affect product performance and reliability. 7. de-rate power dissipation (pd) depending on ambient temper ature (ta). when used in seal ed area, confirm the actual ambient temperature. 8. confirm that operation temperat ure is within the specified range described in the product specification. 9. rohm shall not be in any way responsible or liable for fa ilure induced under deviant condi tion from what is defined in this document. precaution for mounting / circuit board design 1. when a highly active halogenous (chlori ne, bromine, etc.) flux is used, the resi due of flux may negatively affect product performance and reliability. 2. in principle, the reflow soldering method must be used; if flow soldering met hod is preferred, please consult with the rohm representative in advance. for details, please refer to rohm mounting specification downloaded from: http:///
datasheet datasheet notice C ge rev.002 ? 2013 rohm co., ltd. all rights reserved. precautions regarding application examples and external circuits 1. if change is made to the constant of an external circuit, pl ease allow a sufficient margin considering variations of the characteristics of the products and external components, including transient characteri stics, as well as static characteristics. 2. you agree that application notes, re ference designs, and associated data and in formation contained in this document are presented only as guidance for products use. theref ore, in case you use such information, you are solely responsible for it and you must exercise your own independent verification and judgment in the use of such information contained in this document. rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of such information. precaution for electrostatic this product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. please take proper caution in your manufacturing process and storage so that voltage exceeding t he products maximum rating will not be applied to products. please take special care under dry condit ion (e.g. grounding of human body / equipment / solder iron, isolation from charged objects, se tting of ionizer, friction prevention and temperature / humidity control). precaution for storage / transportation 1. product performance and soldered connections may deteriora te if the products are stor ed in the places where: [a] the products are exposed to sea winds or corros ive gases, including cl2, h2s, nh3, so2, and no2 [b] the temperature or humidity exceeds those recommended by rohm [c] the products are exposed to di rect sunshine or condensation [d] the products are exposed to high electrostatic 2. even under rohm recommended storage c ondition, solderability of products out of recommended storage time period may be degraded. it is strongly recommended to confirm sol derability before using products of which storage time is exceeding the recommended storage time period. 3. store / transport cartons in the co rrect direction, which is indicated on a carton with a symbol. otherwise bent leads may occur due to excessive stress applied when dropping of a carton. 4. use products within the specified time after opening a humidity barrier bag. baking is required before using products of which storage time is exceeding the recommended storage time period. precaution for product label qr code printed on rohm products label is for rohms internal use only. precaution for disposition when disposing products please dispose them proper ly using an authorized industry waste company. precaution for foreign exchange and foreign trade act since our products might fall under cont rolled goods prescribed by the applicable foreign exchange and foreign trade act, please consult with rohm representative in case of export. precaution regarding intellectual property rights 1. all information and data including but not limited to application example contained in this document is for reference only. rohm does not warrant that foregoi ng information or data will not infringe any intellectual property rights or any other rights of any third party regarding such information or data. rohm shall not be in any way responsible or liable for infringement of any intellectual property rights or ot her damages arising from use of such information or data.: 2. no license, expressly or implied, is granted hereby under any intellectual property rights or other rights of rohm or any third parties with respect to the information contained in this document. other precaution 1. this document may not be reprinted or reproduced, in whol e or in part, without prior written consent of rohm. 2. the products may not be disassembled, converted, modified, reproduced or otherwise changed without prior written consent of rohm. 3. in no event shall you use in any wa y whatsoever the products and the related technical information contained in the products or this document for any military purposes, incl uding but not limited to, the development of mass-destruction weapons. 4. the proper names of companies or products described in this document are trademarks or registered trademarks of rohm, its affiliated companies or third parties. downloaded from: http:///
datasheet datasheet notice C we rev.001 ? 2014 rohm co., ltd. all rights reserved. general precaution 1. before you use our pro ducts, you are requested to care fully read this document and fully understand its contents. rohm shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny rohms products against warning, caution or note contained in this document. 2. all information contained in this docume nt is current as of the issuing date and subj ec t to change without any prior notice. before purchasing or using rohms products, please confirm the la test information with a rohm sale s representative. 3. the information contained in this doc ument is provi ded on an as is basis and rohm does not warrant that all information contained in this document is accurate an d/or error-free. rohm shall not be in an y way responsible or liable for an y damages, expenses or losses incurred b y you or third parties resulting from inaccur acy or errors of or concerning such information. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BD6222HFP-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X