Part Number Hot Search : 
RS407 N271MP PL3843B 5N50E S3330 XLU12 2SC4275 MFW2815D
Product Description
Full Text Search
 

To Download BD2221G-LB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datashee t product structure silicon monolithic integrated circuit this product has no designed protec tion against radioactive rays 1/20 www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 14 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 1ch small package high side switch ics for usb devices and memory cards bd2220g-lb BD2221G-LB general description this is the product guarantees long time support in industrial market. bd2220g and bd2221g are low on-resistance n-channel mosfet high-side power switches, optimized for universal serial bus (usb) applications. bd2220g and bd2221g are equipped with the function of over-current detection, thermal shutdown, under-voltage lockout and soft-start. features long time support a product for industrial applications. low on-resistance (typ. 160m ? ) n-channel mosfet built-in over-current detection (output off-latch operation) thermal shutdown open-drain fault flag output under-voltage lockout soft-start circuit control input logic ? active-high : bd2220g ? active-low : bd2221g reverse current protection when power switch off applications industrial equipment, usb hub in consumer appliances, car accessory, pc, pc peripheral equipment, and so forth key specifications ? input voltage range: 2.7v to 5.5v ? on resistance: 160m ? (typ.) ? over current threshold: 0.5a min., 1.0a max. ? standby current: 0.01 a (typ.) ? operating temperature range: -40 to +85 package w(typ.) d (typ.) h (max.) ssop5 2.90mm x 2.80mm x 1.25mm typical application circuit lineup over current detection control input logic package orderable part number min. typ. max. 0.5a - 1.0a high ssop5 reel of 3000 bd2220g C lbtr 0.5a - 1.0a low ssop5 reel of 3000 bd2221g C lbtr ssop5 10k ? ~ 100k ? c l c in vingnd en vou t / oc 5v (typ.) + - 3.3v downloaded from: http:///
2/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 ocd de la y counter sq r charge pump tsd uvl o /oc en vin vout gn d block diagram pin configurations vin gnd en 1 2 3 4 5 /oc vout vin gnd /en 12 34 5 /oc vout pin description pin no. symbol i/o function 1 vin - switch input and the supply voltage for the ic. 2 gnd - ground. 3 en, /en i enable input. en: high level input turns on the switch. (bd2220g) /en: low level input turns on the switch. (bd2221g) 4 /oc o over-current noti fication terminal. low level output during over-curr ent or over-temperature condition. open-drain fault flag output. 5 vout o switch output. bd2220g top view bd2221g top view downloaded from: http:///
3/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 absolute maximum ratings (ta=25 ) parameter symbol ratings unit vin supply voltage v in -0.3 to 6.0 v en(/en) input voltage v en(/en) -0.3 to 6.0 v /oc voltage v /oc -0.3 to 6.0 v /oc sink current i /oc 5 ma vout voltage v out -0.3 to 6.0 v storage temperature t stg -55 to 150 power dissipation pd 675 *1 mw *1 mounted on 70mm x 70mm x 1.6mm glass epoxy board. reduce 5.4mw per 1 o c above 25 o c. recommended operation range parameter symbol ratings unit min. typ. max. vin operating voltage v in 2.7 5.0 5.5 v operating temperature t opr -40 - 85 electrical characteristics (v in = 5v, ta= 25 , unless otherwise specified.) dc characteristics parameter symbol limits unit conditions min. typ. max. operating current i dd - 110 160 a v en = 5v (bd2220g) v /en = 0v (bd2221g) v out = open standby current i stb - 0.01 5 a v en = 0v (bd2220g) v /en = 5v (bd2221g) v out = open en(/en) input voltage v en(/en) 2.0 - - v high input v en(/en) - - 0.8 v low input en(/en) input leakage i en(/en) -1.0 0.01 1.0 a v en(/en) = 0v or 5v on-resistance r on - 160 210 m ? i out = 50ma switch leak current il sw - - 1.0 a v en(/en) = 0v, v out = 0v reverse leak current i rev - - 1.0 a v out = 5.5v, v in = 0v over-current threshold i th 0.5 - 1.0 a short circuit output current i sc 0.35 - - a v out = 0v, rms /oc output low voltage v /oc - - 0.4 v i /oc = 0.5ma uvlo threshold v tuvh 2.1 2.3 2.5 v v in increasing v tuvl 2.0 2.2 2.4 v v in decreasing ac characteristics parameter symbol limits unit conditions min. typ. max. output rise time t on1 - 1 6 ms r l = 20 ? output turn-on time t on2 - 1.5 10 ms r l = 20 ? output fall time t off1 - 1 20 s r l = 20 ? output turn-off time t off2 - 3 40 s r l = 20 ? /oc delay time t /oc 10 15 20 ms downloaded from: http:///
4/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 measurement circuit vin gnd en(/en) vout /oc v in v en(/en) a 1f vin gnd en(/en) vout /oc v in v en(/en) a 1f r l a. operating current b. en,/en i nput voltage, output rise/fall time vin gnd en(/en) vout /oc v in v en(/en) a 1f i out 10k ? vin gnd en(/en) vout /oc v in v en(/en) a 1f i oc c. on-resistance, over-current dete ction d. /oc output low voltage figure 1. measurement circuit timing diagram t on1 t off1 90% 10% 10% t on2 t off2 50% 50% 90% v en v out t on1 t off1 90% 10% 10% t on2 t off2 50% 50% 90% v /en v out figure 2. output rise/fall time (bd2220g) figure 3. output rise/fall time (bd2221g) downloaded from: http:///
5/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 typical performance curves 0 20 40 60 80 100 120 140 23456 supply voltage : v in [v] operating current : i [ a] ta = 2 5 c figure 4. operating current en,/en enable 0 20 40 60 80 100 120 140 - 5 005 01 0 0 ambient temperature : ta[ ] operating current : i dd [ a] v in =5. 0v figure 5. operating current en,/en enable 0.0 0.2 0.4 0.6 0.8 1.0 23456 supply voltage : v in [v] standby current : i stb [ a] ta = 2 5 c figure 6. standby current en,/en disable 0.0 0.2 0.4 0.6 0.8 1.0 -50 0 50 100 ambient temperature : ta[ ] standby current : i dd [ a] v in =5. 0 v figure 7. standby current en,/en disable downloaded from: http:///
6/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 typical performance curves - continued 0.0 0.5 1.0 1.5 2.0 23456 supply voltage : v in [v] enable input current : v en [v] ta = 2 5 c l ow to hi g h high to low figure 8. en,/en input voltage 0.0 0.5 1.0 1.5 2.0 -50 0 50 100 ambient temperature : ta[ ] enable input current : v en [v] v in =5. 0v low to high hi g h to l ow figure 9. en,/en input voltage 0 50 100 150 200 250 23 456 supply voltage : v in [v] on resistance : r on [m ? ] t a= 2 5 c figure 10. on-resistance 0 50 100 150 200 250 -50 0 50 100 ambient temperature : ta[ ] on resistance : r on [m ? ] v in =5. 0v figure 11. on-resistance downloaded from: http:///
7/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 typical performance curves - continued 0.5 0.6 0.7 0.8 0.9 1.0 23456 su ppl y vol tage : v in [v] overcurrent threshold : i th [a] ta = 2 5 c figure 12. over-current threshold 0.5 0.6 0.7 0.8 0.9 1.0 -50 0 50 100 ambient temperature : ta[ ] overcurrent threshold : i th [a] v in =5. 0 v figure 13. over-current threshold 0 20 40 60 80 100 23456 supply voltage : v in [v] /oc output low voltage : v /o c [mv] ta = 2 5 c figure 14. /oc output low voltage 0 20 40 60 80 100 -50 0 50 100 ambient temperature : ta[ ] /oc output low voltage : v /o c [mv] v in =5. 0 v figure 15. /oc output low voltage downloaded from: http:///
8/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 typical performance curves - continued 2.0 2.1 2.2 2.3 2.4 2.5 -50 0 50 100 ambient temperature : ta[ uvlo threshold : v tuvh , v tuvl [v] v in =5. 0v v tuvh v tuvl figure 16. uvlo threshold 0.0 1.0 2.0 3.0 4.0 5.0 23456 supply voltage : v in [v] rise time : t on1 [ms] t a= 2 5 c figure 18. output rise time 0.0 1.0 2.0 3.0 4.0 5.0 -50 0 50 100 ambient temperature : ta[ ] rise time : t on1 [ms] v in =5. 0v figure 19. output rise time 0.0 0.2 0.4 0.6 0.8 1.0 -50 0 50 100 ambient temperature : ta[ ] uvlo hysteresis voltage:v hsy [v] v in =5. 0 v figure 17. uvlo hysteresis voltage downloaded from: http:///
9/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 typical performance curves - continued 0.0 1.0 2.0 3.0 4.0 5.0 23456 supply voltage : v in [v] turn on time : t on2 [ms] t a= 2 5 c figure 20. output turn-on time 0.0 1.0 2.0 3.0 4.0 5.0 -50 0 50 100 ambient temperature : ta[ ] turn on time : t on2 [ms] v in =5. 0 v figure 21. output turn-on time 0.0 1.0 2.0 3.0 4.0 5.0 23456 supply voltage : v in [v] fall time : t off1 [ s] t a= 2 5 c figure 22. output fall time 0.0 1.0 2.0 3.0 4.0 5.0 -50 0 50 100 ambient temperature : ta[ ] fall time : t off1 [ s] v in =5. 0v figure 23. output fall time downloaded from: http:///
10/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 typical performance curves - continued 0.0 1.0 2.0 3.0 4.0 5.0 6.0 23 456 supply voltage : v in [v] turn off time : t off2 [ s] ta = 2 5 c figure 24. output turn-off time 0.0 1.0 2.0 3.0 4.0 5.0 6.0 -50 0 50 100 ambient temperature : ta[ ] turn off time : t off2 [ s] v in =5. 0 v figure 25. output turn-off time 10 12 14 16 18 20 23456 supply voltage : v in [v] /oc ddlay time : t /oc [ms] ta = 2 5 c figure 26. /oc delay time 10 12 14 16 18 20 -50 0 50 100 ambient temperature : ta[ ] /oc ddlay time : t /oc [ms] v in =5. 0 v figure 27. /oc delay time downloaded from: http:///
11/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 typical waveforms time(1ms/div.) figure 28. output rise characteristic v en (5v/div.) v /oc (5v/div.) v out (5v/div.) i out (0.5a/div.) v in =5v r l =20 v en (5v/div.) v / oc (5v/div.) v out (5v/div.) i out (0.5a/div.) v in =5v r l =20 time(2us/div.) figure 29. output fall characteristic time (1ms/div.) figure 30. inrush current response c l =47uf c l =100uf c l =220uf (5v/div.) v en i out (0.2a/div.) v /oc (5v/div.) v in =5v r l =20 time (2ms/div.) figure 31. over-current response ramped load v /oc (5v/div.) v out (5v/div.) i out (0.5a/div.) v in =5v 1a/10ms downloaded from: http:///
12/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 typical waveforms - continued time (10ms/div.) figure 32. over-current response r am p ed load v /oc (5v/div.) v out (5v/div.) i out (0.5a/div.) v in =5v 1a/50ms time (5ms/div.) figure 33. over-current response enable to short-circuit v en (5v/div.) v /oc (5v/div.) v out (5v/div.) i out (0.5a/div.) v in =5v time (5ms/div.) figure 34. over-current response 1 ? load connected at en v /oc (5v/div.) v out (5v/div.) i out (1a/div.) v in =5v r l =1 time (10ms/div.) figure 35. uvlo response an increasing v in v in (5v/div.) v out (5v/div.) i out (0.2a/div.) r l =20 downloaded from: http:///
13/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 typical wave forms - continued typical application circuit application information when excessive current flows due to output short-circuit or so, ringing occurs because of inductance between power source line to ic, and may cause bad influences on ic operations. in or der to avoid this case, connect a bypass capacitor across in terminal and gnd terminal of ic. 1 f or higher is recommended. pull up /oc output by a resistance value of 10k ? to 100k ? . set up value which satisfies t he application of either c l . this application circuit does not guarantee its operation. when using the circuit with changes to the external circuit c onstants, make sure to leave an adequate margin for external components including ac/dc characteristi cs as well as dispersion of the ic. v in (5v/div.) v out (5v/div.) i out (0.2a/div.) r l =20 time (10ms/div.) figure 36. uvlo response in a decreasing v in controlle r 10k ? to 100k ? c l c in vin gnd en(/en) vout /oc 5v (typ.) + - downloaded from: http:///
14/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 functional description 1. switch operation vin terminal and vout terminal are connected to the drain and the source of switch mosfet respectively. and the vin terminal is used also as power source input to internal control circuit. when the switch is turned on from en,/en control input, the switch is bidirectional. vin terminal and vout terminal are connected by a 160m ? (typical) switch., therefore, when the potential of vout termi nal is higher t han that of vin terminal, current flows from vout terminal to vin terminal. on the other hand, wh en the switch is turned off, it is possible to prevent current from flowing reversely from vout to vin since a parasitic diode between the drain and the source of switch mosfet is not present, 2. thermal shutdown circuit (tsd) if over current would continue, the tem perature of the ic would increase dras tically. if the junction temperature were beyond 170c (typ.) in the condition of over current detection, thermal shutdown circuit operates and makes power switch turn off and outputs fault flag (/oc). then, when the junc tion temperature decreases lower than 150c (typ.), power switch is turned on and fault flag (/oc) is cancelled. unle ss the increasing of the chips temperature is removed or the output of power switch is turned off, this operation repeats. note: the thermal shutdown circuit operates wh en the switch is on (en,/en signal is active). 3. over current detection (ocd) the over current detection circuit limits current (i sc ) and outputs a fault flag (/oc) when current flowing in each mosfet exceeds a specified va lue. there are three types of response against over curren t. the over current detection circuit works when the switch is on (en,/en signal is active). 3-1. when the switch is turned on while the output is in shortcircuit status when the switch is turned on while the out put is in short-circuit status, the sw itch goes into current limit status immediately. 3-2. when the output shortcircu its while the switch is on when the output short-circuits or high-current load is connec ted while the switch is on, ve ry large current flows until the over current limit circuit reacts. w hen the current detection and limit circuit works, current limitation is carried out. 3-3. when the output curre nt increases gradually when the output current increases gradually, current limitat ion does not work until the output current exceeds the over current detection value. when it exceeds the detection value, current limitation is carried out. 4. under voltage lockout (uvlo) uvlo circuit prevents the switch from turning on until the vin exceeds 2.3v(typical). if the vin drops below 2.2v(typical) while the switch is st ill on, then uvlo will shut off the powe r switch. uvlo has a hysteresis of 100mv(typical). note: under voltage lockout circuit works when the switch is on (en,/en signal is active). 5. fault flag (/oc) output fault flag output is an nmos open drain output. at detection of over current and/or thermal s hutdown, the output level is low. over current detection has delay filter. this delay filter prevents instantaneous curr ent detection such as inrush current at switch on, hot plug from being informed to outside. t /oc t / oc on off on ou tpu t cu rre nt swi tch st a tus v en flag output figure 37. over-current shutdown operation (reset at toggle of en (bd2220g) downloaded from: http:///
15/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 swi tch sta tus vin t /oc t / oc on off on output current v tuvh v tuvl fla g ou tp ut v en figure 38. over-current shutdown operat ion (reset at uvlo operation) (bd2220g) power dissipation (ssop5 package) figure 39. power dissipation curve (pd-ta curve) i/o equivalence circuit symbol pin no. equivalence circuit symbol pin no. equivalence circuit en (/en) 3 en (/en) /oc 4 /oc vout 5 vout - - - 0 100 200 300 400 500 600 700 0 25 50 75 100 125 150 a mbient tempera ture : ta [ ] power dissipation : pd [mw] 85 675mw * 70mm x 70mm x 1.6mm glass epoxy board downloaded from: http:///
16/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 operational notes (1) absolute maximum ratings operating the ic over the absolute maximum ratings may damage the ic. the damage can either be a short circuit between pins or an open circuit between pins. therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the ic is operated over the absolute maximum ratings. (2) recommended operating conditions these conditions represent a range within which the expected characteristics of the ic can be approximately obtained. the electrical characteristics are guaranteed under the conditions of each parameter. (3) reverse connection of power supply connecting the power supply in reverse polarity can damage the ic. take precautions against reverse polarity when connecting the power supply, such as mounting an external diode between the power supply and the ics power supply terminals (4) power supply lines design the pcb layout pattern to provide low impedance ground and supply lines. separate the ground and supply lines of the digital and analog blocks to prevent noise in the groun d and supply lines of the digital block from affecting the analog block. furthermore, connect a capacitor to ground at all power supply pins. consider the effect of temperature and aging on the capacitance value when using electrolytic capacitors. (5) ground voltage the voltage of the ground pin must be the lo west voltage of all pins of the ic at all operating conditions. ensure that no pins are at a voltage below the ground pin at any time, even during transient condition. (6) short between pins and mounting errors be careful when mounting the ic on printed circuit boards. the ic may be damaged if it is mounted in a wrong orientation or if pins are shorted together. short circuit may be caused by conductive particles caught between the pins. (7) operation under str ong electromagnetic field operating the ic in the presence of a strong electromagnetic field may cause the ic to malfunction. (8) testing on application boards when testing the ic on an application board, connecting a capa citor directly to a low-impedance output pin may subject the ic to stress. always discharge capaci tors completely after each process or step. the ics power supply should always be turned off completely before connecting or removing it from the test setup during the in spection process. to prevent damage from static discharge, ground the ic during assembly and use similar precautions during transport and storage. (9) regarding input pins of the ic this monolithic ic contains p+ isolati on and p substrate layers between adjacent elements in order to keep them isolated. p-n junctions are formed at the intersection of the p layers with the n layers of other elements, creating a parasitic diode or transistor. for example (refer to figure below): when gnd > pin a and gnd > pin b, the p-n junction operates as a parasitic diode. when gnd > pin b, the p-n junction operates as a parasitic transistor. parasitic diodes inevitably occur in t he structure of the ic. the operation of parasitic diodes can result in mutual interference among circuits, operational faults, or physical damage. therefore, conditions that c ause these diodes to operate, such as applying a voltage lower than the gnd voltage to an input pin (and thus to the p substrate) should be avoided. resistor transistor (npn) n n n p + p + p p substrate gnd parasitic element pin a n n p + p + p p substrate gnd parasitic element pin b c b e n gnd pin a pin b other adjacent elements e b c gnd parasitic element figure 40. example of monolithic ic structure downloaded from: http:///
17/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 (10) gnd wiring pattern when using both small-signal and lar ge-current gnd traces, the two ground tr aces should be routed separately but connected to a single ground at the reference point of the application board to avoid fluc tuations in the small-signal ground caused by large currents. also ens ure that the gnd traces of external components do not cause variations on the gnd voltage. the power supply and ground lines must be as short and thick as possible to reduce line impedance. (11) external capacitor when using a ceramic capacitor, determine the dielectric constant considering the change of capacitance with temperature and the decrease in nominal capacitance due to dc bias and others. (12) thermal shutdown circuit (tsd) the ic incorporates a built-in thermal shutdown circuit, which is designed to turn off the ic when the internal temperature of the ic reaches a specified value. do not continue to operate the ic after this func tion is activated. do not use the ic in conditions where this function will always be activated. (13) thermal consideration use a thermal design that allows for a sufficient margin by taking into account the permissible power dissipation (pd) in actual operating conditions. consid er pc that does not exceed pd in actual operating conditions (pc pd). package power dissipation : pd (w)=(tjmax ta ) / ja power dissipation : pc (w)=(vcc vo) io+vcc ib tjmax : maximum junction temperature=150 , ta : peripheral temperature[ ] , ja : thermal resistance of package-ambience[ /w], pd : package power dissipation [w], pc : power dissipation [w], vcc : input voltage, vo : output voltage, io : load, ib : bias current . downloaded from: http:///
18/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 ordering information b d 2 2 2 x g - l b t r part numbe r package g : ssop5 product class lb for industrial applications packaging and forming specification tr: embossed tape and reel marking diagram part number part number marking bd2220g dx bd2221g dy part number marking lot number ssop5 (top view) downloaded from: http:///
19/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 physical dimension tape and reel information package name ssop5 downloaded from: http:///
20/20 bd2220g-lb BD2221G-LB datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. tsz22111 ? 15 ? 001 tsz02201-0e3e0h300380-1-2 21.feb.2014 rev.002 revision history date revision changes 13.mar.2013 001 new release 21.feb.2014 002 delete sentence and log life cycle in general description and futures (page 1). change industrial applications to industr ial equipment in applications (page 1). applied new style (title, o rdering information and physical dimension tape and reel information). downloaded from: http:///
datasheet d a t a s h e e t notice - ss rev.002 ? 2014 rohm co., ltd. all rights reserved. notice precaution on using rohm products 1. if you intend to use our products in devices requiring extremely high reliability (such as medical equipment (note 1) , aircraft/spacecraft, nuclear power controllers, etc.) and whos e malfunction or failure may cause loss of human life, bodily injury or serious damage to property (specific applications), please consult with the rohm sales representative in advance. unless otherwise agreed in writ ing by rohm in advance, rohm shall not be in any way responsible or liable for any damages, expenses or losses in curred by you or third parties arising from the use of any rohms products for specific applications. (note1) medical equipment classification of the specific applications japan usa eu china class class class b class class class 2. rohm designs and manufactures its products subject to strict quality control system. however, semiconductor products can fail or malfunction at a certain rate. please be sure to implement, at your own responsibilities, adequate safety measures including but not limited to fail-safe desi gn against the physical injury, damage to any property, which a failure or malfunction of our products may cause. the following are examples of safety measures: [a] installation of protection circuits or other protective devices to improve system safety [b] installation of redundant circuits to reduce the impact of single or multiple circuit failure 3. our products are not designed under any special or extr aordinary environments or conditi ons, as exemplified below. accordingly, rohm shall not be in any way responsible or liable for any damages, expenses or losses arising from the use of any rohms products under an y special or extraordinary environments or conditions. if you intend to use our products under any special or extraordinary environments or conditions (as exemplified below), your independent verification and confirmation of product performance, reliability, etc, prior to use, must be necessary: [a] use of our products in any types of liquid, incl uding water, oils, chemicals, and organic solvents [b] use of our products outdoors or in places where the products are exposed to direct sunlight or dust [c] use of our products in places where the products ar e exposed to sea wind or corrosive gases, including cl 2 , h 2 s, nh 3 , so 2 , and no 2 [d] use of our products in places where the products are exposed to static electricity or electromagnetic waves [e] use of our products in proximity to heat-producing components, plastic cords, or other flammable items [f] sealing or coating our products with resin or other coating materials [g] use of our products without cleaning residue of flux (ev en if you use no-clean type fluxes, cleaning residue of flux is recommended); or washing our products by using water or water-soluble cleaning agents for cleaning residue after soldering [h] use of the products in places subject to dew condensation 4. the products are not subjec t to radiation-proof design. 5. please verify and confirm characteristics of the final or mounted products in using the products. 6. in particular, if a transient load (a large amount of load applied in a short per iod of time, such as pulse. is applied, confirmation of performance characteristics after on-boar d mounting is strongly recomm ended. avoid applying power exceeding normal rated power; exceeding the power rating under steady-state loading c ondition may negatively affect product performance and reliability. 7. de-rate power dissipation (pd) depending on ambient temper ature (ta). when used in seal ed area, confirm the actual ambient temperature. 8. confirm that operation temperat ure is within the specified range described in the product specification. 9. rohm shall not be in any way responsible or liable for fa ilure induced under deviant condi tion from what is defined in this document. precaution for mounting / circuit board design 1. when a highly active halogenous (chlori ne, bromine, etc.) flux is used, the resi due of flux may negatively affect product performance and reliability. 2. in principle, the reflow soldering method must be used; if flow soldering met hod is preferred, please consult with the rohm representative in advance. for details, please refer to rohm mounting specification downloaded from: http:///
datasheet d a t a s h e e t notice - ss rev.002 ? 2014 rohm co., ltd. all rights reserved. precautions regarding application examples and external circuits 1. if change is made to the constant of an external circuit, pl ease allow a sufficient margin considering variations of the characteristics of the products and external components, including transient characteri stics, as well as static characteristics. 2. you agree that application notes, re ference designs, and associated data and in formation contained in this document are presented only as guidance for products use. theref ore, in case you use such information, you are solely responsible for it and you must exercise your own independent verification and judgment in the use of such information contained in this document. rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of such information. precaution for electrostatic this product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. please take proper caution in your manufacturing process and storage so that voltage exceeding t he products maximum rating will not be applied to products. please take special care under dry condit ion (e.g. grounding of human body / equipment / solder iron, isolation from charged objects, se tting of ionizer, friction prevention and temperature / humidity control). precaution for storage / transportation 1. product performance and soldered connections may deteriora te if the products are stor ed in the places where: [a] the products are exposed to sea winds or corros ive gases, including cl2, h2s, nh3, so2, and no2 [b] the temperature or humidity exceeds those recommended by rohm [c] the products are exposed to di rect sunshine or condensation [d] the products are exposed to high electrostatic 2. even under rohm recommended storage c ondition, solderability of products out of recommended storage time period may be degraded. it is strongly recommended to confirm sol derability before using products of which storage time is exceeding the recommended storage time period. 3. store / transport cartons in the co rrect direction, which is indicated on a carton with a symbol. otherwise bent leads may occur due to excessive stress applied when dropping of a carton. 4. use products within the specified time after opening a humidity barrier bag. baking is required before using products of which storage time is exceeding the recommended storage time period. precaution for product label qr code printed on rohm products label is for rohms internal use only. precaution for disposition when disposing products please dispose them proper ly using an authorized industry waste company. precaution for foreign exchange and foreign trade act since our products might fall under cont rolled goods prescribed by the applicable foreign exchange and foreign trade act, please consult with rohm representative in case of export. precaution regarding intellectual property rights 1. all information and data including but not limited to application example contained in this document is for reference only. rohm does not warrant that foregoi ng information or data will not infringe any intellectual property rights or any other rights of any third party regarding such information or data. rohm shall not be in any way responsible or liable for infringement of any intellectual property rights or ot her damages arising from use of such information or data.: 2. no license, expressly or implied, is granted hereby under any intellectual property rights or other rights of rohm or any third parties with respect to the information contained in this document. other precaution 1. this document may not be reprinted or reproduced, in whol e or in part, without prior written consent of rohm. 2. the products may not be disassembled, converted, modified, reproduced or otherwise changed without prior written consent of rohm. 3. in no event shall you use in any wa y whatsoever the products and the related technical information contained in the products or this document for any military purposes, incl uding but not limited to, the development of mass-destruction weapons. 4. the proper names of companies or products described in this document are trademarks or registered trademarks of rohm, its affiliated companies or third parties. downloaded from: http:///
datasheet datasheet notice C we rev.001 ? 2014 rohm co., ltd. all rights reserved. general precaution 1. before you use our pro ducts, you are requested to care fully read this document and fully understand its contents. rohm shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny rohms products against warning, caution or note contained in this document. 2. all information contained in this docume nt is current as of the issuing date and subj ec t to change without any prior notice. before purchasing or using rohms products, please confirm the la test information with a rohm sale s representative. 3. the information contained in this doc ument is provi ded on an as is basis and rohm does not warrant that all information contained in this document is accurate an d/or error-free. rohm shall not be in an y way responsible or liable for an y damages, expenses or losses incurred b y you or third parties resulting from inaccur acy or errors of or concerning such information. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BD2221G-LB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X