Part Number Hot Search : 
DB25S LS301 TIP105 C1C100KT 1E0506 B1505 20N1T A105K
Product Description
Full Text Search
 

To Download BAV99W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30045 rev. 3 - 2 1 of 3 BAV99W www.diodes.com  diodes incorporated BAV99W dual surface mount switching diode  case: sot-323, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 3  polarity: see diagram  marking: kjg (see page 3)  weight: 0.006 grams (approx.) mechanical data a m j l e d b c h k g top view features  fast switching speed  ultra-small surface mount package  for general purpose switching applications  high conductance  available in lead free version characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current (note 1) i fm 300 ma average rectified output current (note 1) i o 150 ma non-repetitive peak forward surge current @ t = 1.0  s (note 1) @ t = 1.0s i fsm 2.0 1.0 a power dissipation (note 1) p d 200 mw thermal resistance junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j ,t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified notes: 1. device mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 75  v i r = 2.5  a forward voltage (note 2) v f  0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma reverse current (note 2) i r  2.5 50 30 25  a  a  a na v r = 75v v r = 75v, t j = 150  c v r = 25v, t j = 150  c v r = 20v total capacitance c t  2.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr  4.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm
ds30045 rev. 3 - 2 2 of 3 BAV99W www.diodes.com 0.1 1 10 100 1000 10000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) r fig. 2 typical reverse characteristics i,instantane o us reverse current (na) r t = -40oc a t=25oc a t=75oc a t = 125oc a t = 150oc a t=0oc a 0.1 1 0.01 0.001 0 1.5 1.0 0.5 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g . 1 forward characteristics t = -40oc a t = 150oc a t = 75oc a t = 25oc a t=0oc a 0 50 100 150 200 250 0 100 200 p,p o wer dissipati o n (mw) d t , ambient temperature ( c) a fig. 4 power derating curve, total package 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2 . 0 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance vs. reverse volta g e f = 1.0mhz
ds30045 rev. 3 - 2 3 of 3 BAV99W www.diodes.com ordering information (note 3 & 4) notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free terminal plating part number, please add "-f" suffix to part number above. example: BAV99W-7-f. marking information kjg ym kjg = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september month jan feb march apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code lmnprstuvw date code key device packaging shipping BAV99W-7 sot-323 3000/tape & reel


▲Up To Search▲   

 
Price & Availability of BAV99W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X