Part Number Hot Search : 
BCR133L3 SRL1060 87C405AM PB114024 MALS068X OZ812 SC146 TC4584BF
Product Description
Full Text Search
 

To Download APT10086BVRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  characteristic / test conditionsdrain-source breakdown voltage (v gs = 0v, i d = 250 a) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d[cont.] ) zero gate voltage drain current (v ds = v dss , v gs = 0v) zero gate voltage drain current (v ds = 0.8 v dss , v gs = 0v, t c = 125 c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 1.0ma) 050-5562 rev b maximum ratings all ratings: t c = 25 c unless otherwise specified. symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameterdrain-source voltage continuous drain current @ t c = 25 c pulsed drain current 1 gate-source voltage continuousgate-source voltage transient total power dissipation @ t c = 25 c linear derating factoroperating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 unit volts amps volts watts w/ c c amps mj static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) unit volts amps ohms a na volts min typ max 1000 13 0.86 25 250 100 24 apt10086bvr 1000 1352 30 40 370 2.96 -55 to 150 300 1330 1300 to-247 apt10086bvr 1000v 13a 0.860 power mos v ? is a new generation of high voltage n-channel enhancement mode power mosfets. this new technology minimizes the jfet effect,increases packing density and reduces the on-resistance. power mos v ? also achieves faster switching speeds through optimized gate layout. ? faster switching ? 100% avalanche tested ? lower leakage ? popular to-247 package g d s power mos v ? caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. usa 405 s.w. columbia street bend, oregon 97702-1035 phone: (541) 382-8028 fax: (541) 388-0364 europe avenue j.f. kennedy bat b4 parc cadra nord f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 apt website - http://www.advancedpower.com downloaded from: http:///
symbol i s i sm v sd t rr q rr dynamic characteristics symbol c iss c oss c rss q g q gs q gd t d(on) t r t d(off) t f test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 0.5 v dss i d = i d[cont.] @ 25 c v gs = 15v v dd = 0.5 v dss i d = i d[cont.] @ 25 c r g = 1.6 min typ max 3700 4440 350 490 180 270 185 275 16 24 90 135 12 24 10 20 43 65 10 20 unit pf nc ns apt10086bvr characteristicinput capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller ") charge turn-on delay time rise time turn-off delay time fall time 050-5562 rev b characteristic / test conditionscontinuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -i d[cont.] ) reverse recovery time (i s = -i d[cont.] , dl s /dt = 100a/ s) reverse recovery charge (i s = -i d[cont.] , dl s /dt = 100a/ s) source-drain diode ratings and characteristics unit amps volts ns c min typ max 1352 1.3 800 11 1 repetitive rating: pulse width limited by maximum junction 3 see mil-std-750 method 3471 temperature. 4 starting t j = +25 c, l = 15.38mh, r g = 25 , peak i l = 13a 2 pulse test: pulse width < 380 s, duty cycle < 2% apt reserves the right to change, without notice, the specifications and information contained herein. thermal characteristics symbol r jc r ja min typ max 0.34 40 unit c/w characteristicjunction to case junction to ambient z jc , thermal impedance ( c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.40.1 0.050.01 0.0050.001 note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.1 single pulse 0.02 0.05 0.2 d=0.5 0.01 downloaded from: http:///
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 2, typical output characteristics figure 3, typical output characteristics v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, typical transfer characteristics figure 5, r ds (on) vs drain current t c , case temperature ( c) t j , junction temperature ( c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature ( c) t c , case temperature ( c) figure 8, on-resistance vs. temperature figure 9, threshold voltage vs temperature r ds (on), drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) i d , drain current (amperes) (normalized) v gs (th), threshold voltage bv dss , drain-to-source breakdown r ds (on), drain-to-source on resistance i d , drain current (amperes) (normalized) voltage (normalized) 0 100 200 300 400 500 0 4 8 12 16 20 02468 051 01 52 02 5 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 apt10086bvr i d = 0.5 i d [cont.] v gs = 10v 2520 15 10 50 1.31.2 1.1 1.0 0.9 1.151.10 1.05 1.00 0.95 0.90 1.21.1 1.0 0.9 0.8 0.7 0.6 2520 15 10 50 3024 18 12 60 1412 10 86 4 2 0 2.52.0 1.5 1.0 0.5 0.0 050-5562 rev b v ds > i d (on) x r ds (on)max. 250 sec. pulse test @ <0.5 % duty cycle v gs =10v v gs =20v t j = +125 c t j = +25 c t j = -55 c 4.5v 4v v gs =5.5v, 6v, 7v, 10v & 15v 5v 4.5v v gs =15v v gs =7v & 10v 4v 5v v gs =5.5v & 6v normalized to v gs = 10v @ 0.5 i d [cont.] downloaded from: http:///
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, typical capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (volts) figure 12, gate charges vs gate-to-source voltage figure 13, typical source-drain diode forward voltage v gs , gate-to-source voltage (volts) i d , drain current (amperes) i dr , reverse drain current (amperes) c, capacitance (pf) 1 5 10 50 100 500 1000 .01 .1 1 10 50 0 50 100 150 200 250 300 350 0.2 0.4 0.6 0.8 1.0 1.2 15.49 (.610)16.26 (.640) 5.38 (.212)6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780)20.32 (.800) 20.80 (.819)21.46 (.845) 1.65 (.065)2.13 (.084) 1.01 (.040)1.40 (.055) 3.50 (.138)3.81 (.150) 2.87 (.113)3.12 (.123) 4.69 (.185)5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087)2.59 (.102) 0.40 (.016)0.79 (.031) drain drain source gate 5.45 (.215) bsc dimensions in millimeters and (inches) 2-plcs. apt10086bvr t c =+25 c t j =+150 c single pulse 6010 51 .5.1 2016 12 84 0 15,00010,000 5,0001,000 500100 5010 51 .5.1 050-5562 rev b operation here limited by r ds (on) 10 s t j =+150 c t j =+25 c c rss c oss c iss v ds =200v v ds =100v v ds =500v 1ms10ms 100ms dc 100 s apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 i d = i d [cont.] to-247 package outline downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT10086BVRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X