Part Number Hot Search : 
S1280 4HCT0 F6071K5F 180CA A510C 01089 PLCSS412 220MC
Product Description
Full Text Search
 

To Download AM4406F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-phase half-wave high voltage motor pre-driver am4406/4406f data sheet 1 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited general description the am4406/4406f are 2-phase, half-wave motor pre- drivers fabricated for fa n motors. these ics are equipped with lock shutdown and automatic restart functions. the lock shutdown function turns off the output current when the motor is under lock condition. and when the motor is unlocked, the ics will automat- ically restart and allow dc fan to run. in addition, the am4406 and AM4406F have rd and fg functions respectively. the rd function is to detect the motor status and fg function enables frequency generation. the am4406/4406f are availa ble in soic-8 package. features hall inputs with a hysteresis lock shutdown and automatic restart rotation detection (rd) output frequency generation (fg) output supply voltage: 4 to 28v output current: 70ma max. operating temperature: -40 to 95 o c applications high voltage, high current brushless dc fan power supply and switchboards communications facilities industrial equipment figure 1. package type of am4406/4406f soic-8
2-phase half-wave high voltage motor pre-driver am4406/4406f data sheet 2 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited 1 2 3 4 8 7 6 5 figure 2. pin configuration of am4406/4406f (top view) pin description pin number pin name function am4406 AM4406F 1 vcc vcc power supply 2 hs (+) hs (+) hall input (+) 3 rd fg rotation detecti on/frequency generation 4 hs (-) hs (-) hall input (-) 5 gnd gnd ground 6 ct ct timing capacitor 7 out2 out2 driver output 2 8 out1 out1 driver output 1 m package (soic-8) pin configuration vcc rd/fg hs (+) hs (-) out1 out2 ct gnd
2-phase half-wave high voltage motor pre-driver am4406/4406f data sheet 3 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited functional block diagram figure 3. functional block diagram of am4406/4406f reg lock detector hall amp control logic automatic restart pre-driver 1 pre-driver 2 vcc hs (-) rd/fg hs (+) out1 out2 ct gnd 1 2 3 4 5 6 7 8 comparator comparator
2-phase half-wave high voltage motor pre-driver am4406/4406f data sheet 4 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited package temperature range part number marking id packing type lead free green lead free green soic-8 -40 to 95 o c am4406m-e1 am4406m-g1 am4406m am4406m-g1 tube am4406mtr-e1 am4406mtr-g1 am 4406m am4406m-g1 tape & reel AM4406Fmtr-g1 AM4406Fm-g1 tape & reel bcd semiconductor's pb-free produc ts, as designated with "e1" suffix in the part number, are rohs compliant. products with "g1" suffix are available in green packages. circuit type package m: soic-8 e1: lead free am4406 - tr: tape and reel blank: tube ordering information g1: green blank: am4406 f: AM4406F
2-phase half-wave high voltage motor pre-driver am4406/4406f data sheet 5 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited parameter symbol value unit supply voltage v cc 30 v output current i out 70 ma power dissipation p d 550 (note 2) mw storage temperature range t stg -55 to 125 o c esd (human body model) esd 3000 v esd (machine model) esd 300 v note 1: stresses greater than those li sted under "absolute maximu m ratings" may cause permanen t damage to the device. these are stress ratings only, and functiona l operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. exposure to "absolut e maximum ratings" for extended periods may affect device reliability. note 2: reduced by 5.5mw/ o c when t a is over 25 o c. parameter symbol min max unit supply voltage v cc 4 28 v hall input volta ge (+) (note 3) v hs (+) 1.0 v cc -0.5 v hall input voltage (-) (note 3) v hs (-) 1.0 v cc -0.5 v operating temperature t a -40 95 o c recommended operating conditions absolute maximum ratings (note 1) note 3: hall input voltage range includes the amplitude of signal.
2-phase half-wave high voltage motor pre-driver am4406/4406f data sheet 6 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited parameter symbol conditions min typ max unit supply current i cc no load 3.2 5.0 ma hall amplifier input hysteresis (+) v hys (+) zero to peak including offset and hysteresis 315mv hall amplifier input hysteresis (-) v hys (-) zero to peak including offset and hysteresis -3 -15 mv ct charge current i chg v ct =1.5v 2 3.45 5.25 a ct discharge current i dhg v ct =1.5v 0.35 0.8 1.45 a ct charge and discharge ratio r cd i chg / i dhg 34.5 8 ct clamp voltage v cl 2.2 2.6 3 v ct comparator voltage v cp 0.4 0.6 0.8 v out1 high level voltage v oh1 i out1 =10ma 10 10.5 v out2 high level voltage v oh2 i out2 =10ma 10 10.5 v rd output low level voltage v rdl i rd =5ma 0.2 0.5 v rd current capacity i rd v rd =2v 818 ma fg output low level voltage v fgl i fg =5ma 0.2 0.5 v fg current capacity i fg v fg =2v 818 ma (v cc =12v, t a =25 o c, unless otherwise specified.) electrical characteristics
2-phase half-wave high voltage motor pre-driver am4406/4406f data sheet 7 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited typical performance characteristics figure 4. supply current vs. supply voltage fi gure 5. output voltage vs. output current figure 6. rd/fg current vs. rd/fg supply voltage figure 7. rd/fg low voltage vs. rd/fg current 0 5 10 15 20 25 30 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 supply current (ma) supply voltage (v) no load 0 20406080100 10.0 10.4 10.8 11.2 11.6 12.0 output voltage (v) output current (ma) v cc =12v 04812 0 10 20 30 40 50 rd/fg current (ma) rd/fg supply voltage (v) v cc =12v 048121620 0.0 0.5 1.0 1.5 2.0 2.5 rd/fg low voltage (v) rd/fg current (ma) v cc =12v
2-phase half-wave high voltage motor pre-driver am4406/4406f data sheet 8 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited typical performance ch aracteristics (continued) figure 8. power dissipation vs. ambient temperature 0 20406080100120 0 100 200 300 400 500 600 700 800 95 power dissipation (w) ambient temperature ( o c) package: soic-8
data sheet 9 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited 2-phase half-wave high voltage motor pre-driver am4406/4406f operating diagram figure 9. control timing diagram of am4406/4406f note 4: automatic restart is performed in the following manner. a motor lock conditi on is detected when the hall signal stops switching. the output is on when ct pin is being charged. c2 is the external capaci tor of the ct pin. output on time and off time are determined by the capacitance of c2. note 5: rd pin is on during normal opera tion, and off when the motor is locked . it is an open co llector output pin. note 6: the rd pin may maintain high level for a few hundred mil liseconds when the power is turn on. .) ( ) ( * sec i v v 2 c t chg cp cl on ? = .) ( ) ( * sec i v v 2 c t dhg cp cl off ? = a few hundred milliseconds rd power reverts to normal operation motor lock cleared on off motor locked motor lock detected high t on t off hall input motor output ct rd fg
2-phase half-wave high voltage motor pre-driver am4406/4406f data sheet 10 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited typical application figure 10. typical application of am4406/4406f vcc out1 rd/fg ct hs (-) hs (+) gnd am4406/ AM4406F hall element + rd/fg output v cc d2 d1 c1 c2 r1 r2 out2 l1 l2 q1 r4 r6 r5 q2 v rd (note 7)/v fg z11 z1n z21 z2n note 7: v rd should be equal or smaller than v cc .
data sheet 11 nov. 2009 rev. 1. 5 bcd semiconductor manufacturing limited 2-phase half-wave high voltage motor pre-driver am4406/4406f mechanical dimensions soic-8 unit: mm(inch) 0 8 1 5 r 0 . 1 5 0 ( 0 . 0 0 6 ) r0.150(0.006) 1.000(0.039) 0.330(0.013) 0.510(0.020) 1.350(0.053) 1.750(0.069) 0.100(0.004) 0.300(0.012) 0.900(0.035) 0.800(0.031) 0.200(0.008) 3.800(0.150) 4.000(0.157) 7 7 2 0 : 1 d 1.270(0.050) typ 0.190(0.007) 0.250(0.010) 8 d 5.800(0.228) 6.200(0.244) 0.675(0.027) 0.725(0.029) 0.320(0.013) 8 0.450(0.017) 0.800(0.031) 4.700(0.185) 5.100(0.201) note: eject hole, oriented hole and mold mark is optional.
important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing co., ltd. 800 yishan road, shanghai 200233, china tel: +021-6485-1491, fa x: +86-021-5450-0008 main site regional sales office shenzhen office shanghai sim-bcd semiconductor manu facturing co., ltd., shenzhen office unit a room 1203,skyworth bldg., gaoxin ave.1.s., nanshan district shenzhen 518057, china tel: +86-0755-8660-4900, fax: +86-0755-8660-4958 taiwan office (taipei) bcd semiconductor (taiwan) company limited 3f, no.17, lane 171, sec. 2, jiu-zong rd., ne i-hu dist., taipei(114), taiwan, r.o.c tel: +886-2-2656 2808 fax: +886-2-2656-2806/26562950 taiwan office (hsinchu) bcd semiconductor (taiwan) company limited 8f, no.176, sec. 2, gong-dao 5th road, east district hsinchu city 300, taiwan, r.o.c tel: +886-3-5160181, fax: +886-3-5160181 - headquarters bcd (shanghai) micro-electronics limited no. 1600, zi xing road, shanghai zizhu scie nce-based industrial park, 200241, p. r.c. tel: +86-021-2416-2266, fax: +86-021-2416-2277 usa office bcd semiconductor corp. 48460 kato road, fremont, ca 94538, usa tel: +1-510-668-1950 fax: +1-510-668-1990 korea office bcd semiconductor limited korea office. room 101-1112, digital-empire ii, 486 sin-dong, yeongtong-gu, suwon-city, gyeonggi-do, korea tel: +82-31-695-8430 important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing limited 800, yi shan road, shanghai 200233, china tel: +86-21-6485 1491, fax: +86-21-5450 0008 bcd semiconductor manufacturing limited main site regional sales office shenzhen office shanghai sim-bcd semiconductor manuf acturing co., ltd. shenzhen office advanced analog circuits (shanghai) corporation shenzhen office room e, 5f, noble center, no.1006, 3rd fuzhong road, futian district, shenzhen 518026, china tel: +86-755-8826 7951 fax: +86-755-8826 7865 taiwan office bcd semiconductor (taiwan) company limited 4f, 298-1, rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656 2808 fax: +886-2-2656 2806 usa office bcd semiconductor corporation 30920 huntwood ave. hayward, ca 94544, u.s.a tel : +1-510-324-2988 fax: +1-510-324-2788 - ic design group advanced analog circuits (shanghai) corporation 8f, zone b, 900, yi shan road, shanghai 200233, china tel: +86-21-6495 9539, fax: +86-21-6485 9673 bcd semiconductor manufacturing limited http://www.bcdsemi.com bcd semiconductor manufacturing limited important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing co., ltd. 800 yi shan road, shanghai 200233, china tel: +86-21-6485 1491, fax: +86-21-5450 0008 main site regional sales office shenzhen office shanghai sim-bcd semiconductor manuf acturing co., ltd., shenzhen office unit a room 1203, skyworth bldg., gaoxin ave.1.s., nanshan district, shenzhen, china tel: +86-755-8826 7951 fax: +86-755-8826 7865 taiwan office bcd semiconductor (taiwan) company limited 4f, 298-1, rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656 2808 fax: +886-2-2656 2806 usa office bcd semiconductor corp. 30920 huntwood ave. hayward, ca 94544, usa tel : +1-510-324-2988 fax: +1-510-324-2788 - headquarters bcd semiconductor manufacturing limited no. 1600, zi xing road, shanghai zizhu sc ience-based industrial park, 200241, china tel: +86-21-24162266, fax: +86-21-24162277 important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing limited 800, yi shan road, shanghai 200233, china tel: +86-21-6485 1491, fax: +86-21-5450 0008 bcd semiconductor manufacturing limited main site regional sales office shenzhen office shanghai sim-bcd semiconductor manuf acturing co., ltd. shenzhen office advanced analog circuits (shanghai) corporation shenzhen office room e, 5f, noble center, no.1006, 3rd fuzhong road, futian district, shenzhen 518026, china tel: +86-755-8826 7951 fax: +86-755-8826 7865 taiwan office bcd semiconductor (taiwan) company limited 4f, 298-1, rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656 2808 fax: +886-2-2656 2806 usa office bcd semiconductor corporation 30920 huntwood ave. hayward, ca 94544, u.s.a tel : +1-510-324-2988 fax: +1-510-324-2788 - ic design group advanced analog circuits (shanghai) corporation 8f, zone b, 900, yi shan road, shanghai 200233, china tel: +86-21-6495 9539, fax: +86-21-6485 9673 bcd semiconductor manufacturing limited http://www.bcdsemi.com bcd semiconductor manufacturing limited


▲Up To Search▲   

 
Price & Availability of AM4406F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X