Part Number Hot Search : 
CM3503 D452A 100MB D452A LTC18 431BC 100MB STP85N
Product Description
Full Text Search
 

To Download 2SD1280G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors 1 publication date: september 2007 sjd00340aed this product complies with the rohs directive (eu 2002/95/ec). 2SD1280G silicon npn epitaxial planar type for low-voltage type medium output power amplification features ? low collector-emitter saturation voltage v ce(sat) ? satisfactory operation performances at high efficiency with the low- voltage power supply. ? mini power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing. absolute maximum ratings t a = 25 c parameter symbol rating unit collector-base voltage (emitter open) v cbo 20 v collector-emitter voltage (base open) v ceo 20 v emitter-base voltage (collector open) v ebo 5v collector current i c 1a peak collector current i cp 2a collector power dissipation * p c 1w junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c parameter symbol conditions min typ max unit collector-emitter voltage (base open) v ceo i c = 1 ma, i b = 020v emitter-base voltage (collector open) v ebo i e = 10 a, i c = 05v collector-base cutoff current (emitter open) i cbo v cb = 10 v, i e = 01 a forward current transfer ratio h fe1 * v ce = 2 v, i c = 0.5 a 90 280 ? h fe2 v ce = 2 v, i c = 1.5 a 50 collector-emitter saturation voltage v ce(sat) i c = 1 a, i b = 50 ma 0.5 v base-emitter saturation voltage v be(sat) i c = 500 ma, i b = 50 ma 1.2 v transition frequency f t v cb = 6 v, i e = ? 50 ma, f = 200 mhz 150 mhz collector output capacitance c ob v cb = 6 v, i e = 0, f = 1 mhz 18 pf (common base, input open circuited) electrical characteristics t a = 25 c 3 c rank q r s h fe1 90 to 155 130 to 210 180 to 280 note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : rank classification note) * : printed circuit board: copper foil area of 1 cm 2 or more, and the board thickness of 1.7 mm for the collector portion package ? code minip3-f2 ? pin name 1: base 2: collector 3: emitter marking symbol: r maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
2SD1280G 2 sjd00340aed this product complies with the rohs directive (eu 2002/95/ec). i c ? i b v ce(sat) ? i c v be(sat) ? i c p c ? t a i c ? v ce i c ? v ce(sat) h fe ? i c f t ? i e c ob ? v cb 0 160 40 120 80 140 20 100 60 0 1.2 1.0 0.8 0.6 0.4 0.2 copper plate at the collector is more than 1 cm 2 in area, 1.7 mm in thickness collector power dissipation p c ( w ) ambient temperature t a ( c ) 0 2.0 1.6 0.4 1.2 0.8 0 1.2 1.0 0.8 0.6 0.4 0.2 t a = 25 c i b = 5.0 ma 4.5 ma 4.0 ma 3.5 ma 3.0 ma 2.5 ma 2.0 ma 1.5 ma 1.0 ma 0.5 ma collector current i c ( a ) collector-emitter voltage v ce ( v ) 0 0.5 0.4 0.1 0.3 0.2 0 1.2 1.0 0.8 0.6 0.4 0.2 t a = 25 c i c / i b = 10 20 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( a ) 012 10 8 26 4 0 1.2 1.0 0.8 0.6 0.4 0.2 v ce = 2 v t a = 25 c base current i b ( ma ) collector current i c ( a ) 0.01 0.1 1 10 0.01 0.1 1 10 100 i c / i b = 20 25 c ? 25 c t a = 75 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( a ) 0.01 0.1 1 10 0.01 0.1 1 10 100 i c / i b = 10 t a = ? 25 c 25 c 75 c base-emitter saturation voltage v be(sat) ( v ) collector current i c ( a ) 0.01 0.1 1 10 0 600 500 400 300 200 100 t a = 75 c 25 c ? 25 c v ce = 2 v forward current transfer ratio h fe collector current i c ( a ) ? 1 ? 10 ? 100 0 200 150 50 125 175 100 25 75 v cb = 6 v t a = 25 c transition frequency f t ( mhz ) emitter current i e ( ma ) 1 10 100 0 50 40 30 20 10 i e = 0 f = 1 mhz t a = 25 c collector-base voltage v cb ( v ) collector output capacitance (common base, input open circuited) c ob (pf) maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
2SD1280G 3 sjd00340aed this product complies with the rohs directive (eu 2002/95/ec). i cbo ? t a i ceo ? t a safe operation area 0 160 40 120 80 140 20 100 60 1 10 10 2 10 3 10 4 v cb = 10 v ambient temperature t a ( c ) i cbo ( t a ) i cbo ( t a = 25 c ) 0160 40 120 80 140 20 100 60 1 10 10 2 10 3 10 5 10 4 v ce = 18 v ambient temperature t a ( c ) i ceo ( t a ) i ceo ( t a = 25 c ) 0.1 1 10 100 0.001 0.01 0.1 1 10 single pulse t a = 25 c t = 10 ms t = 1 s dc i cp i c collector current i c ( a ) collector-emitter voltage v ce ( v ) maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
2SD1280G 4 sjd00340aed this product complies with the rohs directive (eu 2002/95/ec). minip3-f2 unit: mm 1.60 0.20 4.50 0.10 4.00 0.20 0.40 0.08 0.50 0.08 1 2 3 2.60 0.10 0.50 max. 3.00 0.15 (5 ) 1.50 0.10 2.50 0.10 0.41 0.03 1.50 0.10 1.00 0.10 (45 ) (5 ) maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/


▲Up To Search▲   

 
Price & Availability of 2SD1280G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X