Part Number Hot Search : 
1N6283A MX29F0 M61113FP SB2100 U20D20A MSLU114 332MD B3577
Product Description
Full Text Search
 

To Download 2SB1255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp darlington power transistors 2SB1255 d escription with to-3pfa package optimum for 90w hi-fi output high foward current transfer ratio h fe low collector-emitter saturation voltage complement to type 2sd1895 applications power amplification pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -160 v v ceo collector-emitter voltage open base -140 v v ebo emitter-base voltage open collector -8 v i c collector current -15 a i cp collector current-peak -12 a t c =25 100 p c collector power dissipation 3 w t j junction temperature 150 t stg storage temperature -55~150 downloaded from: http:///
savantic semiconductor product specification 2 silicon pnp darlington power transistors 2SB1255 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo collector-emitter voltage i c =-30ma ; i b =0 -140 v v cesat collector-emitter saturation voltage i c =-7a ;i b =-7ma -2.5 v v besat base-emitter saturation voltage i c =-7a ;i b =-7ma -3.0 v i cbo collector cut-off current v cb =-160v; i e =0 -100 a i ceo collector cut-off current v ce =-140v; i b =0 -100 a i ebo emitter cut-off current v eb =-5v; i c =0 -100 a h fe-1 dc current gain i c =-1a ; v ce =-5v 2000 h fe -2 dc current gain i c =-7a ; v ce =-5v 5000 30000 f t transition frequency i c =0.5a ; v ce =-10v;f=1mhz 20 mhz switching times t on turn-on time 1.0 s t stg storage time 1.5 s t f fall time i c =-7a; v cc =-50v i b1 =-i b2 =-7ma 1.2 s  h fe-2 classifications q p 5000-15000 8000-30000 downloaded from: http:///
savantic semiconductor product specification 3 silicon pnp darlington power transistors 2SB1255 package outline fig.2 outline dimensions (unindicated tolerance:0.30mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SB1255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X