Part Number Hot Search : 
MNR12 YB311S6 BT555 TC9015S 12IO7 2700000 SMA72 1239MEEE
Product Description
Full Text Search
 

To Download 2SA812-M4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sa812 -m4 pnp silicon epitaxial transistors features x high dc current gain:90  h fe  600.(v ce =-6.0v, i c =-1ma) x high voltage: v ceo =-50v maximum ratings symbol rating rating unit v ceo collector-emitter voltage -50 v v cbo collector-base voltage -60 v v ebo emitter-base voltage -5.0 v i c collector current -100 ma p c collector power dissipation 200 mw t j junction temperature -55 to +150 : t stg storage temperature -55 to +150 : electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units off characteristics i cbo collector cutoff current (v cb = - 60vdc,i e =0) --- --- -0.1 uadc i ebo emitter cutoff current (v eb = - 5.0vdc, i c =0) --- --- -0.1 uadc on characteristics h f dc current gain* (i c =-1.0madc, v ce =-6.0vdc) 90 --- 600 --- v ce(sat) collector saturation voltage* (i c =-100madc, i b =-10madc) --- --- -0.3 vdc v be base emitter voltage* (v ce =-6.0vdc, i c =-1.0madc) --- --- -0.68 vdc f t gain bandwidth product (v ce =-6.0vdc, i e =-10madc) 180 --- --- mh sot-23 suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 . 104 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 in c h es mm . 03 1 .800 .035.900 . 03 7 .950 .037 .950 k  
 omp onents 20736 marilla street chatsworth       
     m cc revision: c 20 1 3 / 1 0 / 1 1 tm micro commercial components e b c classification of h fe marking range m4 m5 m6 m7 90-180 135-270 300-600 200-400 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2sa812 -m5 2sa812 -m6 2sa812 -m7 w w w. m c c se m i .c om 1 of 4 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
typical characterisitics i h ?? static characteristic c fe -4 600 a 500 -3 8.1ua 400 7.2ua 6.3ua -2 300 200 -1 100 =-0.9ua b -0 0 -0 -2 -4 -6 -8 -1 -10 collector current i -100 (ma) collector-emitter voltage v (v) ce c v ?? i v ?? i cesat c besat c -200 -1000 -100 -800 ta=100 ta=25 -600 ta=25 ta=100 =10 =10 -10 -400 -1 -10 collector current -100 -1 -10 collector current -100 i c (ma) i (ma) c i ?? v f ?? i c be t c -100 1000 common emitter v =-6v ce t =100 t =25 a a -10 100 common emitter v =-6v ce t =25 o c a -1 10 -400 -600 base-emmiter voltage -800 -1000 -1 -10 collector current -100 i (ma) c v (mv) be collector-emitter saturation voltage v (mv) collcetor current i (ma) cesat c collector current i (ma) c base-emitter saturation voltage v (mv) dc current gain h transition frequency f (mhz) besat fe t common emitter t =25 -9ua - - - -5.4ua -4.5ua -3.6ua -2.7ua -1.8ua i ta=100 o c ta=25 o c common emitter v =-6v ce m cc tm micro commercial components revision: c 20 1 3 / 1 0 / 1 1 w w w. m c c se m i .c om 2 of 4 downloaded from: http:///
c / c ?? v / v pc ?? ta o b ib c b eb capacitance ambient temperature v (v) 150 125 100 ta ( ) 75 50 25 0 -20 -10 -1 reverse voltage -0.1 0 1 50 100 ob c 150 ib c 10 200 e c ta=25 o c i =0/ i =0 f=1mhz 20 250 collector power dissipation pc (mw) (pf) c m cc tm micro commercial components typical characterisitics revision: c 20 1 3 / 1 0 / 1 1 w w w. m c c se m i .c om 3 of 4 downloaded from: http:///
m cc revision: c 201 3 / 1 0 / 1 1 tm micro commercial components w w w. m c c se m i .c om 4 of 4 3 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- t p ta p e &re e l; 3 kp cs / re e l note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SA812-M4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X