Part Number Hot Search : 
BH6056GU CS452 R5F21324 ISL8024 TPVI65 HFM301 87C575 D1213
Product Description
Full Text Search
 

To Download TFS770H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 770h.doc version 1.0 23.09.2011 vectron international filter specification tfs 770h 1/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh & co. kg reserves the ri ght to make changes to the product(s) and/or inform ation contained herein without notice. no liability is assumed as a result of the ir use or application. no rights under any patent accompany the sale of any such product(s) or information. measurement condition ambient temperature: 23 c input power level: 0 dbm terminating impedance: input: 50  output: 50  characteristics remark: the maximum attenuation in the pass band is defined as the insertion loss a e . the nominal frequency f n is fixed at 770 mhz without any tolerance or limit . the values of absolute attenuation a abs are guaranteed for the whole operating temperature range. the frequency shift of the filter in the op erating temperature range is included in the production tol erance scheme. d a t a typ. value tolerance / limit insertion loss a e 1,9 db max. 2,5 db nominal frequency f n - 770,0 mhz passband pb - f n 7,0 mhz pass band variation 0,9 db max. 1,5 db absolute attenuation a abs 1 mhz ? 742 mhz 44 db min. 38 db 742 mhz ? 752 mhz 20 db min. 10 db 790 mhz ? 796 mhz 25 db min. 15 db 796 mhz ? 1400 mhz 48 db min. 44 db group delay ripple within pb 21 ns max. 50 ns operating temperature range otr - - 40 c ... + 85c storage temperature range - - 40 c ... + 85c temperature coefficient of frequency tc f * -42 ppm/k *) ? f(hz) =tc f (ppm/k) x(t-t 0 ) x f to (mhz) generated: checked / approved:
filename: tfs 770h.doc version 1.0 23.09.2011 vectron international filter specification tfs 770h 2/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh & co. kg reserves the ri ght to make changes to the product(s) and/or inform ation contained herein without notice. no liability is assumed as a result of the ir use or application. no rights under any patent accompany the sale of any such product(s) or information. filter characteristic construction and pin connection (all dimensions in mm) date code sq 3,81 +0,2/-0,1 1 3 7 5 1,2 max. 0,6 1,78 0,1 1,78 2,54 120% % d 1 3 5 7 50  test circuit l1 saw l2 2 6 1, 3, 4, 5, 7, 8 770h b39 1 ground 2 input 3 ground 4 ground 5 ground 6 output 7 ground 8 ground date code: year + week b 2011 c 2012 d 2013 ... 200 400 600 800 1000 1200 1400 -80 -70 -60 -50 -40 -30 -20 -10 0 frequency in mhz m a g n itu d e in d b 730 740 750 760 770 780 790 800 -80 -70 -60 -50 -40 -30 -20 -10 0 frequency in mhz m a g n itu d e in d b 730 740 750 760 770 780 790 800 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 d e la y in s
filename: tfs 770h.doc version 1.0 23.09.2011 vectron international filter specification tfs 770h 3/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh & co. kg reserves the ri ght to make changes to the product(s) and/or inform ation contained herein without notice. no liability is assumed as a result of the ir use or application. no rights under any patent accompany the sale of any such product(s) or information. stability characteristics, reliability after the following tests the filter shall meet the whole specification: 1. shock: 500g, 1 ms, half sine wave, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respe ctively, 1 octave per min, 10 cycles per plan, 3 pl ans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 1 0 cycles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow): reflow possible: three ti mes max.; for temperature conditions refer to the attached " air reflow temperature conditions" on page 4; this filter is rohs compliant (2002/95/eg, 2005/618 /eg) packing tape & reel: iec 286 ? 3, with exception of value f or n and minimum bending radius; tape type ii, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader : min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao pull off direction pin marker typ date code ko t a c n w 1 w 2 the minimum bending radius is 45 mm. tape (all dimensions in mm) w : 12,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 5,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 8,00 0,1 d1(min) : 1,50 ao : 4,30 0,1 bo : 4,30 0,1 ct : 9,2 0,1 reel (all dimensions in mm) a : 330 w1 : 12,4 +2/-0 w2(max) : 18,4 n(min) : 50 c : 13,0 +0,5/-0,2
filename: tfs 770h.doc version 1.0 23.09.2011 vectron international filter specification tfs 770h 4/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh & co. kg reserves the ri ght to make changes to the product(s) and/or inform ation contained herein without notice. no liability is assumed as a result of the ir use or application. no rights under any patent accompany the sale of any such product(s) or information. air reflow temperature conditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/ second > 100c between 300 and 600 seconds > 150c between 240 and 500 seconds > 217c between 30 and 150 seconds peak temperature max. 260c time within 5c of actual peak temperature between 10 and 30 seconds cool-down rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds temperature / c time / s max. 260c 217c 10 ... 30 s 30 ... 150 s max. 300 s chip-mount air reflow profile
filename: tfs 770h.doc version 1.0 23.09.2011 vectron international filter specification tfs 770h 5/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh & co. kg reserves the ri ght to make changes to the product(s) and/or inform ation contained herein without notice. no liability is assumed as a result of the ir use or application. no rights under any patent accompany the sale of any such product(s) or information. history version reason of changes name date 1.0 - generation of filter specification s.springfeldt 23.09.2011


▲Up To Search▲   

 
Price & Availability of TFS770H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X