Part Number Hot Search : 
2SA1516 SF3008PT SAM5270 7106Y LC66516B SBR5100 DF10H 78L08
Product Description
Full Text Search
 

To Download TFS770G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 770g .doc version 1 . 2 22.06 .2007 vi telefilter filter specification tfs 770g 1/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m measurement condition ambient tempera t ure: 23 c input po w e r level: 0 dbm terminating imp edance: input: 50 ? output: 50 ? ch ara c teristic s remark: the max i mum attenuation in the pa ss band i s de fined as the inse rtion lo ss a e . the n o minal freq uency f n is fix ed at 770 mhz w i thou t a n y tolerance or limi t. the v a lues of ab solute a ttenu ation a abs are guar antee d for the w hole operating tempera t ur e range. the fr equ ency shift o f th e fil t er in the o pera t in g tempera t ure range i s in clud ed in the pr oduction tole rance sch eme. d a t a ty p. v a lue tolerance / limit inserti on l o ss a e 2 , 2 d b m a x . 2 , 5 d b (refe rence level) nomi nal fre que nc y f n - 7 7 0 , 0 m h z passban d p b - f n 4, 5 mhz pass ban d rip p l e 0 , 5 d b m a x . 1 , 0 d b a b s o l u te atte nu ation a abs 0 , 3 m h z ? 7 5 2 m h z 3 8 d b m i n . 3 5 d b 7 9 0 m h z ? 1 4 0 0 m h z 4 4 d b m i n . 3 5 d b grou p d e la y v a r i atio n w i thin pb 2 5 n s m a x . 6 0 n s vswr w i thin pb 1,65 : 1 max. 2 : 1 inpu t p o w e r le v e l - m a x . 1 5 d b m opera t in g te mp erature ra nge otr - - 40 c . .. + 85 c storage te mper ature ra nge - - 55 c . .. + 85 c tem p erat ure co efficie n t of freq uenc y tc f * - 3 7 p p m / k - *) ? f c (hz ) = tc f (ppm/k) x (t - t o ) x f ca t (mhz ). ge ne ra te d: ch eck ed / a p p r o v ed : vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 770g .doc version 1 . 2 22.06 .2007 vi telefilter filter specification tfs 770g 2/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m f ilter ch aract eristic 140 266 392 51 8 644 770 896 1 022 1148 1274 140 0 -1 0 0 -9 0 -8 0 -7 0 -6 0 -5 0 -4 0 -3 0 -2 0 -1 0 0 f r eq u e n cy i n m h z m a g n it u d e in d b 760 762 764 766 768 770 772 774 776 778 780 -1 0 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 f r e que nc y i n m h z m a g n it u d e in d b 760 762 764 766 768 770 772 774 776 778 780 0 0. 5 1 1. 5 2 2. 5 3 3. 5 4 4. 5 5 f r e que nc y i n m h z vs w r cons truc tion a nd pi n c o n n e c t ion (all dimensions in mm) d a t e c ode s q 3, 8 1 +0, 2 / - 0, 1 1 3 7 5 1, 2 m a x . 0, 6 1, 78 0, 1 1, 78 2, 54 1 2 0 % % d 13 5 7 1 gr ound 2 input 3 gr ound 4 gr ound 5 gr ound 6 outpu t 7 gr ound 8 gr ound 770g v25 date code: y e ar + w eek v 2007 w 2008 x 2009 ... 50 oh m t est circu i t l 1 sa w l 2 6 2 1, 3, 4, 5, 7, 8 vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 770g .doc version 1 . 2 22.06 .2007 vi telefilter filter specification tfs 770g 3/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m stability characteristics, rel i ability after the follo w i n g tests the filter shall meet the w h ole specificat ion: 1. shock: 500g, 1 ms, half sine w a ve, 3 sho cks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g r e specti vely , 1 oct a ve per min, 10 c y cles pe r plan, 3 plans; din iec 68 t2 - 6 3. change o f temperatu r e: -55 c t o 125 c / 30 min. each / 1 0 c y cles din iec 68 p a rt 2 ? 14 test n 4. resistance to solder heat ( r e f low ) : reflo w possible: tw ice ma x.; for tempe r ature conditions refer to the attac hed "air reflo w tempe r at ure conditions" o n page 4; this filter is rohs compliant (2002/95/eg, 2 005/6 18/eg) packin g tape & reel: iec 286 ? 3, w i th exeption of valu e for n an d minimum bending ra dius; tape t y p e ii, emb o ssed carrier tap e w i th t op cover t ape on the u pper side; max. pieces of filters peer reel: 3000 reel of empt y co mponents at star t: min. 300 mm reel of empt y co mponents at star t including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u ll o f f d i re c t io n pin m a rk er ty p da t e c o d e ko t tape (all d i mensi o ns i n mm) w : 12,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/- 0 e : 1,75 0,1 f : 5,50 0,0 5 g(min) : 0,75 p2 : 2,00 0,0 5 p1 : 8,00 0,1 d1(min) : 1,50 a o : 4,30 0,1 bo : 4,30 0,1 ct : 9,5 0,1 a c n w 1 w 2 r eel (a l l d i men s io n s in mm) a : 330 w 1 : 12,4 +2/-0 w 2 (max ) : 18,4 n(min) : 50 c : 13,0 +0,5/- 0,2 the minimum be nding radius is 45 mm. vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 770g .doc version 1 . 2 22.06 .2007 vi telefilter filter specification tfs 770g 4/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m a i r re flo w te mpe r a t ure c onditions con d iti ons expos ure average ramp -u p rate ( 30c t o 2 17c) less than 3c/second > 100c bet w een 30 0 and 600 seconds > 150c bet w een 24 0 and 500 seconds > 217c bet w een 3 0 and 150 seconds peak temperatu r e max. 260 c time w i thin 5c of actual peak temperatu r e bet w een 10 and 30 seconds cool-do w n rate ( p eak to 50c) less than 6c/second time from 30 c t o peak temperat ure no greate r than 3 00 seconds chip -m oun t air reflo w profile temper ature / c max. 260 c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 770g .doc version 1 . 2 22.06 .2007 vi telefilter filter specification tfs 770g 5/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m histor y version reaso n o f cha n ges name date 1.0 - gen e rate development s pecifica t ion strehl 03.04.2007 1.1 - change storag e temperatu r e r a nge strehl 19.04.2007 1.2 - add t y p.values and filter charact e ristic strehl 22.06.2007 - gen e rate filter specificat ion vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.


▲Up To Search▲   

 
Price & Availability of TFS770G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X