Part Number Hot Search : 
4ACT24 LT0318S8 TP250 C5305DF STGP10N SK3002 71101 ON1934
Product Description
Full Text Search
 

To Download SVT12100V-AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 may 28,2015-rev.00 SVT12100V-AU ultra low vf schottky rectifier voltage 100 volt 12 ampere features ? ideal for automated placement ? ultra low forward voltage drop, low power loss ? high efficiency operation ? low thermal resistance ? ultra thin profile package for space constrained utilization ? package suitable for automated handling ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in compliance with eu rohs 2011/65/eu directive ? green molding compound as per iec61249 std. . (halogen free) mechanical data case : to-277, plastic terminals : solderable per mil-std-750, method 2026 weight : 0.0037 ounces, 0.1073 grams marking : svt12100v current maximum ratings(t a =25 o c unless otherwise noted) notes : 1.mounted on a fr4 pcb, single-sided copper, with 10cm*10cm*0.5mm copper pad area 2.mounted on a fr4 pcb, single-sided copper, mini pad. parameter symbol value unit maximum recurrent peak reverse voltage v rrm 100 v maximum rms voltage v rms 70 v maximum dc blocking voltage v r 100 v maximum average rectified output current i f(av) 12 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load i fsm 200 a typical j unction c apacitance ( v r =4v, f=1mhz) c j 1200 pf typical thermal resistance (note 1) (note 2) r jc r ja 3 110 o c/w operating junction temperature range and storage temperature range t j ,t stg -55 to + 150 o c 0.172(4.35) 0.167(4.25) 0.048(1.20) 0.039(1.00) 0.136(3 45) 0.128(3 25) . . 0.085(2 15) 0.076(1 95) . . 0.083(2 10) . 0.014(0.35) 0.009(0.25) 0.052(1.30) 0.044(1.10) 0.243(6.15) 0.238(6.05) 0.262(6.65) 0.250(6.35) 0.183(4.65) 0.171(4.35) 0.043(1.10) 0.035(0.90)
page . 2 may 28,2015-rev.00 SVT12100V-AU electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test c onditions min. typ. max. unit breakdown voltage v br i r =0.5ma 100 - - v instantaneous forward voltage v f i f =1a i f =5a i f =12a t j =25 o c - - - 0.38 0.48 0.61 - - 0.67 v i f =1a i f =5a i f =12a t j =125 o c - - - 0.26 0.42 0.57 - - - v reverse current i r v r =70v t j =25 o c t j =125 o c - - 10.6 7.5 - - a ma v r =100v t j =25 o c t j =125 o c - - - 14 100 - a ma 0 2 4 6 8 10 12 14 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) 0.001 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 i r , reverse current (ma) percent of rated peak reverse voltage (%) t j = 25 c t j = 75 c t j = 125 c t j = 150 c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 11 01 0 0 c j , junction capacitance (pf) v r , reverse bias voltage (v) 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 i f , forward current (a) v f , forward voltage (v) t j = 150 c t j = 125 c t j = 25 c t j = 75 c
page . 3 may 28,2015-rev.00 SVT12100V-AU mounting pad layout order information ? packing information t/r - 5k per 13" plastic reel 0.138 (3.50) 0.183 (4.65) 0.038 (0.97) 0.046 (1.18) 0.055 (1.40) 0.083 (2.10)
page . 4 may 28,2015-rev.00 SVT12100V-AU part no_packing code_version SVT12100V-AU_r2_000a1 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining. SVT12100V-AU may 28,2015-rev.00


▲Up To Search▲   

 
Price & Availability of SVT12100V-AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X