Part Number Hot Search : 
UAA2090T LTL2P NM422A TLE4268G G402U MR752 CMZ13 74150
Product Description
Full Text Search
 

To Download SN74ALVCH16245DGGR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features description/ordering information sn74alvch16245 16-bit bus transceiver with 3-state outputs sces015l ? july 1995 ? revised november 2005 member of the texas instruments widebus? family operates from 1.65 v to 3.6 v max t pd of 3 ns at 3.3 v 24-ma output drive at 3.3 v bus hold on data inputs eliminates the need for external pullup/pulldown resistors latch-up performance exceeds 250 ma per jesd 17 esd protection exceeds jesd 22 - 2000-v human-body model (a114-a) - 200-v machine model (a115-a) this 16-bit (dual-octal) noninverting bus transceiver is designed for 1.65-v to 3.6-v v cc operation. the sn74alvch16245 is designed for asynchronous communication between two data buses. the logic levels of the direction-control (dir) input and the output-enable ( oe) input activate either the b-port outputs or the a-port outputs or place both output ports into the high-impedance mode. the device transmits data from the a bus to the b bus when the b-port outputs are activated, and from the b bus to the a bus when the a-port outputs are activated. the input circuitry on both a and b ports is always active and must have a logic high or low level applied to prevent excess i cc and i ccz . xxxxxx to ensure the high-impedance state during power up or power down, oe should be tied to v cc through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. active bus-hold circuitry holds unused or undriven inputs at a valid logic state. use of pullup or pulldown resistors with the bus-hold circuitry is not recommended. please be aware that an important notice concerning availability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. widebus is a trademark of texas instruments. production data information is current as of publication date. copyright ? 1995?2005, texas instruments incorporated products conform to specifications per the terms of the texas instruments standard warranty. production processing does not necessarily include testing of all parameters. www .ti.com dgg, dgv , or dl p ackage (t op view) 12 3 4 5 6 7 8 9 10 1 1 1213 14 15 16 17 18 19 20 21 22 23 24 4847 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1dir 1b11b2 gnd 1b31b4 v c c 1b51b6 gnd 1b71b8 2b1 2b2 gnd 2b32b4 v c c 2b52b6 gnd 2b72b8 2dir 1oe 1a11a2 gnd 1a3 1a4 v c c 1a51a6 gnd 1a7 1a8 2a1 2a2 gnd 2a3 2a4 v c c 2a52a6 gnd 2a7 2a8 2oe
sn74alvch16245 16-bit bus transceiver with 3-state outputs sces015l ? july 1995 ? revised november 2005 ordering information t a package (1) orderable part number top-side marking fbga ? grd sn74alvch16245grdr tape and reel vh245 fbga ? zrd (pb-free) sn74alvch16245zrdr tube sn74alvch16245dl ssop ? dl alvch16245 tape and reel sn74alvch16245dlr SN74ALVCH16245DGGR ?40 c to 85 c tssop ? dgg tape and reel alvch16245 74alvch16245dggrg4 sn74alvch16245dgvr tvsop ? dgv tape and reel vh245 74alvch16245dgvre4 vfbga ? gql sn74alvch16245kr tape and reel vh245 vfbga ? zql (pb-free) 74alvch16245zqlr (1) package drawings, standard packing quantities, thermal data, symbolization, and pcb design guidelines are available at www.ti.com/sc/package. terminal assignments (1) (56-ball gql/zql package) 1 2 3 4 5 6 a 1dir nc nc nc nc 1 oe b 1b2 1b1 gnd gnd 1a1 1a2 c 1b4 1b3 v cc v cc 1a3 1a4 d 1b6 1b5 gnd gnd 1a5 1a6 e 1b8 1b7 1a7 1a8 f 2b1 2b2 2a2 2a1 g 2b3 2b4 gnd gnd 2a4 2a3 h 2b5 2b6 v cc v cc 2a6 2a5 j 2b7 2b8 gnd gnd 2a8 2a7 xxx k 2dir nc nc nc nc 2 oe xxx xxx (1) nc ? no internal connection terminal assignments (1) (54-ball grd/zrd package) 1 2 3 4 5 6 a 1b1 nc 1dir 1 oe nc 1a1 b 1b3 1b2 nc nc 1a2 1a3 c 1b5 1b4 v cc v cc 1a4 1a5 d 1b7 1b6 gnd gnd 1a6 1a7 e 2b1 1b8 gnd gnd 1a8 2a1 f 2b3 2b2 gnd gnd 2a2 2a3 g 2b5 2b4 v cc v cc 2a4 2a5 h 2b7 2b6 nc nc 2a6 2a7 j 2b8 nc 2dir 2 oe nc 2a8 (1) nc ? no internal connection 2 www .ti.com gql or zql p ackage (t op view) j h g f e d c b a 2 1 3 4 6 5 k grd or zrd p ackage (t op view) j h g f e d c b a 2 1 3 4 6 5
absolute maximum ratings (1) sn74alvch16245 16-bit bus transceiver with 3-state outputs sces015l ? july 1995 ? revised november 2005 function table (1) (each 8-bit section) control inputs output circuits operation oe dir a port b port l l enabled hi-z b data to a bus l h hi-z enabled a data to b bus h x hi-z hi-z isolation (1) input circuits of the data i/os always are active. logic diagram (positive logic) over operating free-air temperature range (unless otherwise noted) min max unit v cc supply voltage range ?0.5 4.6 v v i input voltage range (2) (3) ?0.5 v cc + 0.5 v v o output voltage range (2) (3) ?0.5 v cc + 0.5 v i ik input clamp current v i < 0 -50 ma i ok output clamp current v o < 0 -50 ma i o continuous output current 50 ma continuous current through each v cc or gnd 100 ma dgg package 70 dgv package 58 q ja package thermal impedance (4) dl package 63 c/w gql/zql package 42 grd/zrd package 36 t stg storage temperature range ?65 150 c (1) stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) the input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) this value is limited to 4.6 v maximum. (4) the package thermal impedance is calculated in accordance with jesd 51-7. 3 www .ti.com t o seven other channels 1dir 1a1 1b1 1oe t o seven other channels 2dir 2a1 2b1 2oe 147 2436 48 2 2513
recommended operating conditions (1) sn74alvch16245 16-bit bus transceiver with 3-state outputs sces015l ? july 1995 ? revised november 2005 min max unit v cc supply voltage 1.65 3.6 v v cc = 1.65 v to 1.95 v 0.65 v cc v ih high-level input voltage v cc = 2.3 v to 2.7 v 1.7 v v cc = 2.7 v to 3.6 v 2 v cc = 1.65 v to 1.95 v 0.35 v cc v il low-level input voltage v cc = 2.3 v to 2.7 v 0.7 v v cc = 2.7 v to 3.6 v 0.8 v i input voltage 0 v cc v v o output voltage 0 v cc v v cc = 1.65 v ?4 v cc = 2.3 v ?12 i oh high-level output current ma v cc = 2.7 v ?12 v cc = 3 v ?24 v cc = 1.65 v 4 v cc = 2.3 v 12 i ol low-level output current ma v cc = 2.7 v 12 v cc = 3 v 24 d t/ d v input transition rise or fall rate 10 ns/v t a operating free-air temperature ?40 85 c (1) all unused control inputs of the device must be held at v cc or gnd to ensure proper device operation. refer to the ti application report, implications of slow or floating cmos inputs, literature number scba004. 4 www .ti.com
electrical characteristics switching characteristics sn74alvch16245 16-bit bus transceiver with 3-state outputs sces015l ? july 1995 ? revised november 2005 over recommended operating free-air temperature range (unless otherwise noted) parameter test conditions v cc min typ (1) max unit i oh = ?100 m a 1.65 v to 3.6 v v cc ? 0.2 i oh = ?4 ma 1.65 v 1.2 i oh = ?6 ma 2.3 v 2 v oh 2.3 v 1.7 v i oh = ?12 ma 2.7 v 2.2 3 v 2.4 i oh = ?24 ma 3 v 2 i ol = 100 m a 1.65 v to 3.6 v 0.2 i ol = 4 ma 1.65 v 0.45 i ol = 6 ma 2.3 v 0.4 v ol v 2.3 v 0.7 i ol = 12 ma 2.7 v 0.4 i ol = 24 ma 3 v 0.55 i i v i = v cc or gnd 3.6 v 5 m a v i = 0.58 v 1.65 v 25 v i = 1.07 v 1.65 v ?25 v i = 0.7 v 2.3 v 45 i i(hold) v i = 1.7 v 2.3 v ?45 m a v i = 0.8 v 3 v 75 v i = 2 v 3 v ?75 v i = 0 to 3.6 v (2) 3.6 v 500 i oz (3) v o = v cc or gnd 3.6 v 10 m a i cc v i = v cc or gnd, i o = 0 3.6 v 40 m a d i cc one input at v cc ? 0.6 v, other inputs at v cc or gnd 3 v to 3.6 v 750 m a c i control inputs v i = v cc or gnd 3.3 v 4 pf c io a or b ports v o = v cc or gnd 3.3 v 8 pf (1) all typical values are at v cc = 3.3 v, t a = 25c. (2) this is the bus-hold maximum dynamic current. it is the minimum overdrive current required to switch the input from one state to another. (3) for i/o ports, the parameter i oz includes the input leakage current. over recommended operating free-air temperature range (unless otherwise noted) (see figure 1 ) v cc = 2.5 v v cc = 3.3 v v cc = 1.8 v v cc = 2.7 v from to 0.2 v 0.3 v parameter unit (input) (output) typ min max min max min max t pd a or b b or a (1) 1 3.7 3.6 1 3 ns t en oe a or b (1) 1 5.7 5.4 1 4.4 ns t dis oe a or b (1) 1 5.2 4.6 1 4.1 ns (1) this information was not available at the time of publication. 5 www .ti.com
operating characteristics sn74alvch16245 16-bit bus transceiver with 3-state outputs sces015l ? july 1995 ? revised november 2005 t a = 25 c v cc = 1.8 v v cc = 2.5 v v cc = 3.3 v parameter test conditions unit typ typ typ outputs enabled (1) 22 29 power dissipation c pd c l = 50 pf, f = 10 mhz pf capacitance outputs disabled (1) 4 5 (1) this information was not available at the time of publication. 6 www .ti.com
parameter measurement information sn74alvch16245 16-bit bus transceiver with 3-state outputs sces015l ? july 1995 ? revised november 2005 figure 1. load circuit and voltage waveforms 7 www .ti.com v m v m v m v m v m v m v m v m v o h v o l t h t s u from output under t est c l (see note a) load circuit s1 open gnd r l r l output control (low-level enabling) output w aveform 1 s1 at v l o a d (see note b) output w aveform 2 s1 at gnd (see note b) t p z l t p z h t p l z t p h z 0 v v o l + v d v o h ? v d 0 v v i 0 v0 v t w v i v i vol t age w a veforms setup and hold times vol t age w a veforms pulse dura tion vol t age w a veforms enable and disable times t iming input data input input t p d t p l z /t p z l t p h z /t p z h open v l o a d gnd test s1 notes: a. c l includes probe and jig capacitance. b. w aveform 1 is for an output with internal conditions such that the output is low , except when disabled by the output control. w aveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. c. all input pulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 w . d. the outputs are measured one at a time, with one transition per measurement. e. t p l z and t p h z are the same as t d i s . f. t p z l and t p z h are the same as t e n . g. t p l h and t p h l are the same as t p d . h. all parameters and waveforms are not applicable to all devices. 0 v v i v m t p h l v m v m v i 0 vv o h v o l input output vol t age w a veforms prop aga tion dela y times v m v m t p l h v l o a d v l o a d /2 1.8 v 2.5 v 0.2 v 2.7 v 3.3 v 0.3 v 1 k w 500 w 500 w 500 w v c c r l 2 v c c 2 v c c 6 v6 v v l o a d c l 30 pf30 pf 50 pf 50 pf 0.15 v0.15 v 0.3 v0.3 v v d v c c v c c 2.7 v2.7 v v i v c c /2 v c c /2 1.5 v1.5 v v m t r /t f 2 ns 2 ns 2.5 ns 2.5 ns input
packaging information orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish msl peak temp (3) 74alvch16245dggrg4 active tssop dgg 48 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74alvch16245dgvre4 active tvsop dgv 48 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74alvch16245dlg4 active ssop dl 48 25 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74alvch16245dlrg4 active ssop dl 48 1000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74alvch16245grdr active bga mi crosta r juni or grd 54 1000 tbd snpb level-1-240c-unlim 74alvch16245zqlr active bga mi crosta r juni or zql 56 1000 green (rohs & no sb/br) snagcu level-1-260c-unlim 74alvch16245zrdr active bga mi crosta r juni or zrd 54 1000 green (rohs & no sb/br) snagcu level-1-260c-unlim SN74ALVCH16245DGGR active tssop dgg 48 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74alvch16245dgvr active tvsop dgv 48 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74alvch16245dl active ssop dl 48 25 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74alvch16245dlr active ssop dl 48 1000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74alvch16245kr active bga mi crosta r juni or gql 56 1000 tbd snpb level-1-240c-unlim (1) the marketing status values are defined as follows: active: product device recommended for new designs. lifebuy: ti has announced that the device will be discontinued, and a lifetime-buy period is in effect. nrnd: not recommended for new designs. device is in production to support existing customers, but ti does not recommend using this part in a new design. preview: device has been announced but is not in production. samples may or may not be available. obsolete: ti has discontinued the production of the device. (2) eco plan - the planned eco-friendly classification: pb-free (rohs), pb-free (rohs exempt), or green (rohs & no sb/br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. tbd: the pb-free/green conversion plan has not been defined. pb-free (rohs): ti's terms "lead-free" or "pb-free" mean semiconductor products that are compatible with the current rohs requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, ti pb-free products are suitable for use in specified lead-free processes. pb-free (rohs exempt): this component has a rohs exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. the component is otherwise considered pb-free (rohs compatible) as defined above. green (rohs & no sb/br): ti defines "green" to mean pb-free (rohs compatible), and free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material) (3) msl, peak temp. -- the moisture sensitivity level rating according to the jedec industry standard classifications, and peak solder package option addendum www.ti.com 6-dec-2006 addendum-page 1
temperature. important information and disclaimer: the information provided on this page represents ti's knowledge and belief as of the date that it is provided. ti bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are underway to better integrate information from third parties. ti has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ti and ti suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall ti's liability arising out of such information exceed the total purchase price of the ti part(s) at issue in this document sold by ti to customer on an annual basis. package option addendum www.ti.com 6-dec-2006 addendum-page 2



mechanical data mpds006c february 1996 revised august 2000 post office box 655303 ? dallas, texas 75265 dgv (r-pdso-g**) plastic small-outline 24 pins shown 14 3,70 3,50 4,90 5,10 20 dim pins ** 4073251/e 08/00 1,20 max seating plane 0,05 0,15 0,25 0,50 0,75 0,23 0,13 112 24 13 4,30 4,50 0,16 nom gage plane a 7,90 7,70 38 24 16 4,90 5,10 3,70 3,50 a max a min 6,60 6,20 11,20 11,40 56 9,60 9,80 48 0,08 m 0,07 0,40 0  8 notes: a. all linear dimensions are in millimeters. b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side. d. falls within jedec: 24/48 pins mo-153 14/16/20/56 pins mo-194

mechanical data msso001c ? january 1995 ? revised december 2001 post office box 655303 ? dallas, texas 75265 dl (r-pdso-g**) plastic small-outline package 4040048 / e 12/01 48 pins shown 56 0.730 (18,54) 0.720 (18,29) 48 28 0.370 (9,40) (9,65) 0.380 gage plane dim 0.420 (10,67) 0.395 (10,03) a min a max 0.010 (0,25) pins ** 0.630 (16,00) (15,75) 0.620 0.010 (0,25) seating plane 0.020 (0,51) 0.040 (1,02) 25 24 0.008 (0,203) 0.0135 (0,343) 48 1 0.008 (0,20) min a 0.110 (2,79) max 0.299 (7,59) 0.291 (7,39) 0.004 (0,10) m 0.005 (0,13) 0.025 (0,635) 0 ?  8 0.005 (0,13) notes: a. all linear dimensions are in inches (millimeters). b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15). d. falls within jedec mo-118
mechanical data mtss003d january 1995 revised january 1998 post office box 655303 ? dallas, texas 75265 dgg (r-pdso-g**) plastic small-outline package 4040078 / f 12/97 48 pins shown 0,25 0,15 nom gage plane 6,00 6,20 8,30 7,90 0,75 0,50 seating plane 25 0,27 0,17 24 a 48 1 1,20 max m 0,08 0,10 0,50 0 8 56 14,10 13,90 48 dim a max a min pins ** 12,40 12,60 64 17,10 16,90 0,15 0,05 notes: a. all linear dimensions are in millimeters. b. this drawing is subject to change without notice. c. body dimensions do not include mold protrusion not to exceed 0,15. d. falls within jedec mo-153
important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to ti?s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ti?s standard warranty. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ti assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ti components. to minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any ti patent right, copyright, mask work right, or other ti intellectual property right relating to any combination, machine, or process in which ti products or services are used. information published by ti regarding third-party products or services does not constitute a license from ti to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alteration is an unfair and deceptive business practice. ti is not responsible or liable for such altered documentation. resale of ti products or services with statements different from or beyond the parameters stated by ti for that product or service voids all express and any implied warranties for the associated ti product or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. following are urls where you can obtain information on other texas instruments products and application solutions: products applications amplifiers amplifier.ti.com audio www.ti.com/audio data converters dataconverter.ti.com automotive www.ti.com/automotive dsp dsp.ti.com broadband www.ti.com/broadband interface interface.ti.com digital control www.ti.com/digitalcontrol logic logic.ti.com military www.ti.com/military power mgmt power.ti.com optical networking www.ti.com/opticalnetwork microcontrollers microcontroller.ti.com security www.ti.com/security low power wireless www.ti.com/lpw telephony www.ti.com/telephony video & imaging www.ti.com/video wireless www.ti.com/wireless mailing address: texas instruments post office box 655303 dallas, texas 75265 copyright ? 2006, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of SN74ALVCH16245DGGR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X