Part Number Hot Search : 
AT25020 00BGXC V8037QCL 54HC2 23170 AD20202 Z5234 BC847B
Product Description
Full Text Search
 

To Download SKM400GB12T4-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skm400gb12t4 ? by semikron rev. 3 C 03.09.2013 1 semitrans ? 3 gb fast igbt4 modulesskm400gb12t4 features igbt4 = 4. generation fast trench igbt (infineon) cal4 = soft switching 4. generation cal-diode isolated copper baseplate using dbc technology (direct bonded copper) increased power cycling capability with integrated gate resistor for higher switching frequenzies up to 20khz ul recognized, file no. e63532 typical applications* ac inverter drives ups electronic welders at fsw up to 20 khz remarks case temperature limited to t c = 125c max. recommended t op = -40 ... +150c product reliability results valid for t j = 150c absolute maximum ratings symbol conditions values unit igbtv ces t j =25c 1200 v i c t j = 175 c t c =25c 616 a t c =80c 474 a i cnom 400 a i crm i crm = 3xi cnom 1200 a v ges -20 ... 20 v t psc v cc = 800 v v ge 15 v v ces 1200 v t j =150c 10 s t j -40 ... 175 c inverse diode i f t j = 175 c t c =25c 440 a t c =80c 329 a i fnom 400 a i frm i frm = 3xi fnom 1200 a i fsm t p = 10 ms, sin 180, t j =25c 1980 a t j -40 ... 175 c module i t(rms) t terminal =80c 500 a t stg -40 ... 125 c v isol ac sinus 50 hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbtv ce(sat) i c =400a v ge =15v chiplevel t j =25c 1.80 2.05 v t j =150c 2.20 2.40 v v ce0 chiplevel t j =25c 0.8 0.9 v t j =150c 0.7 0.8 v r ce v ge =15v chiplevel t j =25c 2.50 2.88 m ? t j =150c 3.75 4.00 m ? v ge(th) v ge =v ce , i c = 15.2 ma 5 5.8 6.5 v i ces v ge =0v v ce = 1200 v t j =25c 5m a t j =150c ma c ies v ce =25v v ge =0v f=1mhz 24.6 nf c oes f=1mhz 1.62 nf c res f=1mhz 1.38 nf q g v ge = - 8 v...+ 15 v 2260 nc r gint t j =25c 1.9 ? t d(on) v cc = 600 v i c =400a v ge =15v r g on =1 ? r g off =1 ? di/dt on = 9700 a/s di/dt off =4300a/s t j =150c 220 ns t r t j =150c 47 ns e on t j =150c 33 mj t d(off) t j =150c 505 ns t f t j =150c 78 ns e off t j =150c 42 mj r th(j-c) per igbt 0.072 k/w
skm400gb12t4 2 rev. 3 C 03.09.2013 ? by semikron characteristics symbol conditions min. typ. max. unit inverse diode v f = v ec i f = 400 a v ge =0v chiplevel t j =25c 2.20 2.52 v t j =150c 2.15 2.47 v v f0 chiplevel t j =25c 1.3 1.5 v t j =150c 0.9 1.1 v r f chiplevel t j =25c 2.3 2.5 m ? t j =150c 3.1 3.4 m ? i rrm i f = 400 a di/dt off =8800a/s v ge =15v v cc = 600 v t j =150c 450 a q rr t j =150c 68 c e rr t j =150c 30.5 mj r th(j-c) per diode 0.14 k/w module l ce 15 20 nh r cc'+ee' terminal-chip t c =25c 0.25 m ? t c =125c 0.5 m ? r th(c-s) per module 0.02 0.038 k/w m s to heat sink m6 3 5 nm m t to terminals m6 2.5 5 nm nm w 325 g semitrans ? 3 gb fast igbt4 modulesskm400gb12t4 features igbt4 = 4. generation fast trench igbt (infineon) cal4 = soft switching 4. generation cal-diode isolated copper baseplate using dbc technology (direct bonded copper) increased power cycling capability with integrated gate resistor for higher switching frequenzies up to 20khz ul recognized, file no. e63532 typical applications* ac inverter drives ups electronic welders at fsw up to 20 khz remarks case temperature limited to t c = 125c max. recommended t op = -40 ... +150c product reliability results valid for t j = 150c
skm400gb12t4 ? by semikron rev. 3 C 03.09.2013 3 fig. 1: typ. output characteristic, inclusive r cc'+ ee' fig. 2: rated current vs. temperature i c = f (t c ) fig. 3: typ. turn-on /-off energy = f (i c ) fig. 4: typ. turn-on /-off energy = f (r g ) fig. 5: typ. transfer characteristic fig. 6: typ. gate charge characteristic
skm400gb12t4 4 rev. 3 C 03.09.2013 ? by semikron fig. 7: typ. switching times vs. i c fig. 8: typ. switching ti mes vs. gate resistor r g fig. 9: transient thermal impedance fig. 10: typ. cal diode forward charact., incl. r cc'+ ee' fig. 11: cal diode peak reverse recovery current fig. 12: typ. cal diode peak reverse recovery charge
skm400gb12t4 ? by semikron rev. 3 C 03.09.2013 5 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix * the specifications of our components may no t be considered as an assurance of component characteristics. components have to b e tested for the respective application. adjustments may be necessary. the use of semikron produc ts in life support appliances and syste ms is subject to prior specification and written approval by semikron. we therefore strongly recommend prior consultation of our staf f. semitrans 3 gb


▲Up To Search▲   

 
Price & Availability of SKM400GB12T4-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X