Part Number Hot Search : 
KA22136 Q6511 FSM17PL CS843 RE0208DA HO1065 AP161502 4ADTR
Product Description
Full Text Search
 

To Download RACV06-24-LP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l-1 rev.: 0/2016 www.recom-power.com 6 watt constant voltage single output ac/dc converter features led driver ? low profle case (11mm height max.) ? 12v and 24v constant voltage outputs ? terminal block input/output with cable clamps ? fully protected (olp, scp, ocp, otp) ? low standby power, erp conform ? low cost racv06-lp description these low profle constant voltage led drivers have been designed for cost-sensitive applications. the selv outputs are suitable for both independently supplied or built-in power-supply led luminaires. their low profle design allows them to be invisibly built into furniture, discreetly ounted under shelves or integrated in space-restricted applications such as coving lighting, strip lighting or troffer lighting sys - tems. the power supplies are short circuit and overload protected and come with a full 3-year warranty. selection guide part nom. input input output output effciency output number voltage current voltage current range typ. power max. [vac] [ma] [vdc] [ma] [%] [w] racv06-12-lp 230 70 12 0-500 77 6 RACV06-24-LP 230 70 24 0-250 79 6 3 y e a r w a r r a n t y 3 basic characteristics parameter condition min. typ. max. input voltage range 198vac 230vac 264vac inrush current 7.0a start-up time 50ms input frequency range 47hz 63hz no load power consumption 0.3w power factor full load, 230vac 0.55 internal operating frequency full load 65khz 140khz output ripple voltage (1) 12vout 24vout 500mvp-p 250mvp-p specifcations (measured @ ta= 25c, 240vac and rated load) all led drivers may not be used without a load. they must be switched on the primary side only. noncompliance may damage the led or reduce its lifetime. regulations parameter condition value output voltage accuracy 5% max. line regulation 3% max. load regulation 3% max. notes: note1: measured at 20mhz bw using 0.1f & 47f parallel capacitor. erp compliant iec/en61347-1 certifed iec/en61347-2-13 certifed enec certifed cb report en55015 compliant
protection parameter condition value input fuse external fuse is recommended t1a open circuit protection (ocp) auto recovery after fault condition is removed over load protection (olp) auto recovery after fault condition is removed over voltage protection (ovp) auto recovery after fault condition is removed over temperature protection (otp) 110c tcase auto recovery after fault condition is removed isolation voltage i/p to o/p 3.75kvac / 1 minute ac/dc converter l-2 rev.: 0/2016 www.recom-power.com specifcations (measured @ ta= 25c, 240vac and rated load) racv06-lp series environmental parameter condition value operating temperature range -20c to +50c, ambient maximum case temperature +80c operating altitude 2000m operating humidity 5% to 85% rh, non condensing ip rating ip20 pollution degree pd2 design lifetime 30 x 103 hours derating graph -20 60 50 40 30 20 10 0 -10 0 20 40 60 80 100 ambient temperature [c] output current [%] maximum loading of automatic circuit breakers circuit breaker circuit breaker current typ 10a 16a 20a 25a b 22 35 44 55 c 46 74 92 115 @ 230vac, 1ohm, 90 phase angle and max. load safety and certifications certifcate type report number standard lamp controlgear general requirments for safety 305987 + 305985 iec61347-1, 2nd edition, 2012 en61347-1, 2nd edition 2013 lamp controlgear particular requirements iec61347-2-13, 2nd edition, 2014 en61347-2-13, 2014 d.c. or a.c. controlgears for led performance requirements 305984-1 + 305984-1 iec/en62384, 1st edition, 2009 rohs 2.1 lcs1606201548r rohs-2011/65/eu + am-2015/863 continued on next page
dimension and physical characteristics parameter type value material case plastic (ul94v-2) package dimension (lxwxh) 98.0 x 46.0 x 11.0mm package weight 45g ac/dc converter l-3 rev.: 0/2016 www.recom-power.com racv06-lp series specifcations (measured @ ta= 25c, 240vac and rated load) 46.0 46.0 fc 40.0 11.0 2.0 15.5 39.5 98.0 fc 85.0 tc pri 2 1 sec 3 4 m3 screws mechanical dimensions 2 mounting screws are included wire preparation 6-7mm emi compliance standard / criterion equipment for general lighting purpose - emc immunity requirements 305984 + 305985 en61547, 2009 limits and methods of measurement of radio disturbance characteristics of electrical lighting and similar equipment en55015, 2015 assessment of lighting equipment related to human exposure to electromagnetic felds en61493, 2015 esd electrostatic discharge immunity test 8kv air discharge, 4kv contact discharge en61000-4-2, 2009, criteria b radiated, radio-frequency, electromagnetic feld immunity test 3v/m en61000-4-3, 2010, criteria a fast transient and burst immunity 0.5kv (dc output) 1kv (ac input) en61000-4-4, 2012, criteria b surge immunity 0.5kv (ac input) en61000-4-5, 2014, criteria c immunity to conducted disturbances, induced by radio-frequency felds 3v en61000-4-6, 2014, criteria a voltage dips and interuptions 95% reduction 30% reduction en61000-4-11, 2014, criteria b en61000-4-11, 2014, criteria c limits of harmonic current emissions en61000-3-2, class c, 2014 voltage fluctuations and flicker in public low-voltage systems <=16a per phase en61000-3-3, 2013 connection via screw terminal # function solid wire stranded wire (2) awg 1 vac in (n) 0.75-1.5mm2 0.75-1.5mm2 20-16 2 vac in (l) 0.75-1.5mm2 0.75-1.5mm2 20-16 3 led+ 0.5-1.5mm2 0.5-1.5mm2 21-16 4 led- 0.5-1.5mm2 0.5-1.5mm2 21-16 wire stripping length: 6-7mm recommended tightening torque: 0.25nm tc= case temperature measuring point fc = fxing centers nc= no connection tolerance: xx.x= 0.5mm xx.xx= 0.35mm notes: note2: the use of sleeve or ferrule terminations is recommended.
ac/dc converter l-4 rev.: 0/2016 www.recom-power.com specifcations (measured @ ta= 25c, 240vac and rated load) racv06-lp series the product information and specifcations are subject to change without prior notice. recom products are not authorized for use in safety-critical applications (such as life support) without recoms explicit written consent. a safety-critical application is defned as an application where a failure of a recom product may reasonably be expected to endanger or cause loss of life, infict bodily harm or damage property. the buyer shall indemnify and hold harmless recom, its affliated companies and its representatives against any damage claims in connection with the unauthorized use of recom products in such safety-critical applications. installation and application led+ led- l n connection packaging information parameter type value packaging dimension (lxwxh) cardboard box 220.0 x 109.0 x 62.0mm packaging quantity 10pcs storage temperature range -20c to +70c storage humidity 5% - 85% rh


▲Up To Search▲   

 
Price & Availability of RACV06-24-LP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X