Part Number Hot Search : 
IRFAC42R LT5538 CM421290 HMT32 0ACPZ SP4446EK AMC2344N D8272A
Product Description
Full Text Search
 

To Download PPM-2-5521L-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information, please visit the product page. ????????? ?????????????????? 06/18/2018 1 of 3 cui .com model : PPM-2-5521L-S description: dc power plug features ? designed for overmolding ? 7 a rating ? forked pin specifications parameter conditions/description min typ max units rated input voltage 20 vdc rated input current 7 a contact resistance between plug and jack 30 m? insulation resistance at 500 vdc 100 m? voltage withstand for 1 minute 500 vac insertion force when mating with a standard jack 0.3 3.0 kgf withdrawal force when mating with a standard jack 0.3 3.0 kgf operating temperature -25 70 c operating humidity 85 % life 5,000 cycles fammability rating see material table rohs yes solderability parameter conditions/description min typ max units hand soldering for maximum 1 second 380 400 420 c date page
for more information, please visit the product page. ?????????????????? cui .com cui inc model : PPM-2-5521L-S description: dc power plug date 06/18/2018 page 2 of 3 units: mm tolerance: x1.0: 0.1 mm 1.040.0: 0.5 mm unless otherwise noted mechanical drawing item description material plating/color 1 insulator pbt (ul94v-0) black 2 outer barrel brass nickel 3 center contact phosphor bronze nickel
for more information, please visit the product page. ????????? cui inc model : PPM-2-5521L-S description: dc power plug date 06/18/2018 page 3 of 3 cui ofers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to be accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use. cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to afect its safet y or efectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 06/18/2018 the revision history provided is for informational purposes only and is believed to be accurate. revision history


▲Up To Search▲   

 
Price & Availability of PPM-2-5521L-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X